Part Number Hot Search : 
AG668FT 18330351 BF197 MB85RC 48S15 HC5515CM C4120 29LV640
Product Description
Full Text Search
 

To Download IXGH20N60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VCES Low VCE(sat) IGBT High speed IGBT IXGH/IXGM 20 N60 IXGH/IXGM 20 N60A 600 V 600 V
IC25 40 A 40 A
VCE(sat) 2.5 V 3.0 V
Symbol VCES VCGR VGES VGEM I C25 I C90 I CM SSOA (RBSOA) PC TJ TJM Tstg Md Weight
Test Conditions TJ = 25C to 150C TJ = 25C to 150C; RGE = 1 M Continuous Transient TC = 25C TC = 90C TC = 25C, 1 ms VGE = 15 V, T VJ = 125C, RG = 82 Clamped inductive load, L = 100 H TC = 25C
Maximum Ratings 600 600 20 30 40 20 80 ICM = 40 @ 0.8 VCES 150 -55 ... +150 150 -55 ... +150 V V V V A A A A W C C C
TO-247 AD (IXGH)
G
C
E
TO-204 AE (IXGM)
C G = Gate, E = Emitter, C = Collector, TAB = Collector
Mounting torque (M3)
1.13/10 Nm/lb.in. TO-204 = 18 g, TO-247 = 6 g 300 C
Maximum lead temperature for soldering 1.6 mm (0.062 in.) from case for 10 s
Symbol
Test Conditions
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 600 2.5 TJ = 25C TJ = 125C 5 200 1 100 20N60 20N60A 2.5 3.0 V V A mA nA V V
Features International standard packages 2nd generation HDMOSTM process Low VCE(sat) - for low on-state conduction losses High current handling capability MOS Gate turn-on - drive simplicity Voltage rating guaranteed at high temperature (125C)
l l l l l l
BVCES VGE(th) ICES I GES VCE(sat)
IC IC
= 250 A, VGE = 0 V = 250 A, VCE = VGE
VCE = 0.8 * VCES VGE = 0 V VCE = 0 V, VGE = 20 V IC = IC90, VGE = 15 V
Applications AC motor speed control DC servo and robot drives DC choppers Uninterruptible power supplies (UPS) Switch-mode and resonant-mode power supplies
l l l l l
l
l
Advantages Easy to mount with 1 screw (TO-247) (isolated mounting screw hole) High power density
(c) 1996 IXYS All rights reserved
91511F (3/96)
IXGH 20N60 IXGM 20N60 IXGH 20N60A IXGM 20N60A
Symbol Test Conditions Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 6 14 1500 VCE = 25 V, VGE = 0 V, f = 1 MHz 200 40 100 IC = IC90, VGE = 15 V, VCE = 0.5 VCES Inductive load, T J = 25C IC = IC90 , VGE = 15 V, L = 300 H VCE = 0.8 VCES, RG = Roff = 82 Switching times may increase for VCE (Clamp) > 0.8 * V CES, 20N60A higher TJ or increased RG 20N60A Inductive load, TJ = 25C IC = IC90, VGE = 15 V, L = 300 H VCE = 0.8 VCES, RG = R off = 82 Remarks: Switching times may increase for VCE (Clamp) > 0.8 * V CES, higher TJ or increased RG 20N60 20N60A 20N60 20N60A 20 60 100 200 600 200 1.5 100 200 2 900 530 250 3.2 2.0 1500 2000 600 120 30 90 S pF pF pF nC nC nC ns ns ns ns mJ ns ns mJ ns ns ns mJ mJ 0.83 K/W 0.25 K/W TO-204AE Outline
1 = Gate 2 = Collector 3 = Emitter Tab = Collector
TO-247 AD Outline
gfs Cies Coes Cres Qg Qge Qgc td(on) tri td(off) tfi Eoff td(on) tri Eon td(off) tfi Eoff RthJC RthCK
I C = IC90; VCE = 10 V, Pulse test, t 300 s, duty cycle 2 %
IXGH 20N60 and IXGH 20N60A characteristic curves are located on the IXGH 20N60U1 and IXGH 20N60AU1 data sheets.
1 = Gate 2 = Emitter Case = Collector
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents: 4,835,592 4,850,072 4,881,106 4,931,844 5,017,508 5,034,796 5,049,961 5,063,307 5,187,117 5,237,481 5,486,715 5,381,025


▲Up To Search▲   

 
Price & Availability of IXGH20N60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X