Part Number Hot Search : 
ECH8655 BU4S01 8800A LTC24 4ADTR SD526 EM57001 1N6358
Product Description
Full Text Search
 

To Download ISL3690 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ISL3690
Data Sheet March 2003 FN8046
Dual Band Direct Conversion Transceiver
The Intersil ISL3690 is a highly integrated UHF2 process, DUAL BAND direct conversion transceiver and is part of a 2.4/5.2GHz, IEEE802.11a/b/g compliant radio chipset. The ISL3690 directly interfaces with Intersil's ISL3890 Medium Access Controller with Integrated Baseband processor. The addition of Intersil's ISL3990 power amplifier and ISL3090 10GHz VCO completes a WLAN transceiver application.
Features
* Highly integrated Dual Band RF to baseband solution * Frequency of operation . 2.4 to 2.5GHz or 5.15 to 5.35GHz * Low supply operation . . . . . . . . . . . . . . . . . . . . 2.7 to 3.3V * Noise figure . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.4dB * TX OFDM Output Power . . . . . . . . . . . . . . . . . . . . .-5dBm * TX I/Q MTPR, PAR=12 . . . . . . . . . . . . . . . . . . . . . . -45dB * RX Voltage gain . . . . . . . . . . . . . . . . . . . . . . . . . 0 to 74dB * RX I/Q MTPR, PAR=12, High Gain . . . . . . . . . . . . . -35dB
Pinout
ISL3690 (QFN) TOP VIEW
BB_GND/RREF_2
* TX/RX switching speed . . . . . . . . . . . . . . . . . . . . . . . <1s * Direct simple interface to ISL3890 * QFN Package: - Compliant to JEDEC PUB95 MO-220 QFN - Quad Flat No Leads - Package Outline - Near Chip Scale Package footprint, which improves PCB efficiency and has a thinner profile
MIXER_GND_2
BB_GND/RREF
MIXER_GND
Q_OFFSET+
MIXER_VCC
Q_OFFSET-
I_OFFSET+
I_OFFSET-
BB_AGC+
14 PE1
13
12
11
16
15
10
9
8
7
6
5
4
3
2
LNA_VCC 17 LNA_GND 18 LB_SHIELD 19 BB_OVLD LB_LNA_IN+ 20 LB_LNA_IN- 21 HB_SHIELD 22 HB_LNA_IN+ 23 HB_LNA_IN- 24 HB_SHIELD_2 25 LB_TX_OUT+ 26 Q SELECT LB_TX_OUT- 27 HB_TX_OUT+ 28 HB_TX_OUT- 29 TX_GND 30 TX_VCC2 31 TX_VCC1 32 33 34 35 36 TX_DET TX_DET 37 38 39 40 41 LB TX_I TX Q RX Q 10GHz LO I 2 Q I SELECT I 2 Q RX I TX I VREF RX_Q LB RX_I
1 64 63 62 61 60 59 58
BB_OVLD
BB_AGC-
LNA_H/L
HB_LB
PE2
RX_I+ RX_IRX_AGC_GND RX_AGC_VCC RX_Q+ RX_Q1.2V_REF
Applications
* PC card wireless LAN adapters * High data rate wireless LAN systems targeting IEEE802.11 a/b/g standards * Spread spectrum Dual Band WLAN RF modems * TDMA or CSMA packet protocol Dual Band radios * PCI wireless LAN cards * ISA, ISA PnP WLAN cards
57 DATA 56 55 54 53 52 SYNTHESIZER TX_Q 2 CP REF IN 42 43 44 45 46 47 48 SERIAL INTER. 49 LD/RREF 51 50 TX_I+ TX_ILE TX_Q+ TX_QPRE_GND PRE_VDD
Ordering Information
PART NUMBER ISL3690IR ISL3690IR-TK TEMP. RANGE (oC) -40 to 85 Tape and Reel PACKAGE 64 Ld QFN PKG. NO. L64.9x9
TX_AGC
TX_BB_VCC
TX_BB_GND
QLO_VCC
QLO_GND
LO_IN+
LO_IN-
1
QLO_GND_2
REF_IN
CLK
CP_VDD
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 2002. All Rights Reserved. PRISM(R) is a registered trademark of Intersil Corporation. PRISM logo is a trademark of Intersil Corporation. Microsoft(R) and Windows(R) are registered trademarks of Microsoft Corporation.
CP_DO
CP_GND
SYNTH_GND
SYNTH_VDD


▲Up To Search▲   

 
Price & Availability of ISL3690

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X