Part Number Hot Search : 
HV83007 AEVKIT 65A603ML ZTX301 2SA1327 XRN740 824DH 01209
Product Description
Full Text Search
 

To Download ISC-1210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ISC-1210
Vishay Dale
Surface Mount, Molded, Shielded Inductor
FEATURES
* Molded construction provides superior strength and moisture resistance. * Tape and reel packaging for automatic handling, 2000/ reel, EIA 481. * Compatible with vapor phase, infrared and wave soldering methods. * Shielded construction minimizes coupling to other components.
STANDARD ELECTRICAL SPECIFICATIONS
IND. (H) 0.010 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10.0 12.0 15.0 18.0 22.0 27.0 33.0 39.0 47.0 56.0 68.0 82.0 100.0 TEST SELFRATED FREQ. RESONANT DCR DC Q L & Q FREQ. MIN. MAX. CURRENT TOL. MIN. (MHz) (MHz) (Ohms) (mA) 20% 50 50 1000 0.10 810 20% 50 50 1000 0.11 750 20% 50 50 1000 0.12 720 20% 50 50 1000 0.13 690 20% 45 50 1000 0.15 640 20% 45 50 1000 0.17 610 20% 45 50 1000 0.18 585 20% 40 50 1000 0.24 530 20% 40 50 1000 0.26 495 20% 40 50 1000 0.28 485 20% 40 50 1000 0.35 475 20% 38 50 900 0.45 460 20% 36 50 700 0.50 450 20% 40 25.2 500 0.20 630 20% 40 25.2 470 0.20 600 20% 40 25.2 400 0.24 580 20% 40 25.2 330 0.30 565 20% 40 25.2 310 0.33 500 20% 40 25.2 280 0.36 475 20% 40 25.2 230 0.40 465 20% 40 25.2 220 0.44 460 20% 40 25.2 200 0.46 455 20% 40 25.2 180 0.48 450 20% 40 25.2 160 0.50 450 10% 30 7.96 120 0.60 400 10% 30 7.96 110 0.65 390 10% 30 7.96 90.0 0.75 370 10% 30 7.96 85.0 0.85 350 10% 30 7.96 65.0 0.90 320 10% 30 7.96 60.0 1.00 290 10% 30 7.96 60.0 1.10 270 10% 30 7.96 58.0 1.20 250 10% 30 7.96 52.0 1.25 220 10% 30 7.96 50.0 1.40 210 10% 30 7.96 40.0 1.60 205 10% 30 7.96 35.0 1.65 195 10% 30 2.52 30.0 2.00 185 10% 30 2.52 24.0 2.30 175 10% 30 2.52 20.0 2.50 165 10% 30 2.52 17.0 2.70 155 10% 30 2.52 16.0 3.10 150 10% 30 2.52 14.5 3.30 125 10% 30 2.52 14.5 5.10 115 10% 30 2.52 14.0 5.90 105 10% 30 2.52 13.0 8.00 100 10% 30 2.52 11.5 10.0 95 10% 30 2.52 11.0 10.0 90 10% 30 2.52 11.0 11.0 85 10% 30 0.796 6.0 12.0 80
ELECTRICAL SPECIFICATIONS
Inductance Range: .01H to 100H. Inductance Tolerance: 20% for 0.01H to 0.82H. 10% for 1.0H to 100H standard. 2%, 3% and 5% (also 1% on some values) tolerances available. Temperature Range: - 55C to + 125C. Coilform Material: Non-magnetic for 0.01H to 0.10H. Powdered Iron for 0.12H to 100H.
TEST EQUIPMENT
* H/P 4342A Q meter with Vishay Dale test fixture or equivalent. * H/P 4191A RF Impedance Analyzer (for SRF measurements). * Wheatstone Bridge.
DIMENSIONS in inches [millimeters]
0.087 0.008 [2.21 0.203] 0.126 0.008 [3.20 0.203]
0.006 [0.152] Ref. Typ.
0.030 [0.762] Typ. 0.040 [1.02] 0.098 0.008 [2.49 0.203] 0.118 [3.0]
0.028 0.004 [0.711 0.102] Typ. 0.073 [1.85] Ref.
0.138 [3.5] 0.118
Guidelines for 0.020* [3.0] [0.508] Parallel Component Printed Circuit 0.039 0.039 Mounting Pads on [1.0] [1.0] ISC-1210 0.070 [1.8] Chip Inductors *Recommended minimum spacing between components.
PART MARKING
-- Dale -- Inductance value -- Date code
DESCRIPTION
ISC-1210 MODEL 10H INDUCTANCE VALUE
10% INDUCTANCE TOLERANCE
SAP PART NUMBERING GUIDELINES (INTERNAL)
I S C 1 2
SIZE
1
0
S
Y
1
0
0
K
TOL.
PRODUCT FAMILY See the end of this data book for conversion tables
PACKAGE CODE
INDUCTANCE VALUE
www.vishay.com 58
For technical questions, contact Magnetics@vishay.com
Document Number 34060 Revision 28-Aug-02


▲Up To Search▲   

 
Price & Availability of ISC-1210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X