Part Number Hot Search : 
NJM2146 GI01N60 SMD05 IW1692 SMA220CA UNH0115 SMD05 A2300
Product Description
Full Text Search
 

To Download ISB35000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ISB35000 SERIES
HCMOS STRUCTURED ARRAY
PRELIMINARY DATA
FEATURES 0.5 micron triple layer metal HCMOS process featuring retrograde well technology, low resistance salicided active areas, polysilicide gates and thin metal oxide. 3.3 V optimized transistor with 5 V I/O interface capability 2 - input NAND delay of 0.210 ns (typ) with fanout = 2. Broad I/O functionality including LVCMOS, LVTTL, GTL, PECL, and LVDS. High drive I/O; capability of sinking up to 48 mA with slew rate control, current spike suppression and impedance matching. Metallised generators to support SPRAM and DPRAM, plus an extensive embedded function library. Combines Standard Cell Features with Sea of Gates time to market. Table 1. Product range
Internal Device Name ISB35083 ISB35130 ISB35166 ISB35208 ISB35279 ISB35389 ISB35484 ISB35666 ISB35832 Total Sites1 124,416 194,400 249,696 311,904 418,176 584,064 726,624 998,784 1,247,616 Estimated 2 Gates 82,944 129,600 166,464 207,936 278,784 389,376 484,416 665,856 831,744
F u l ly i n de p en d en t p o we r an d g roun d configurations for inputs, core and outputs. Programmable I/O ring capability up to 1000 pads. Output buffers capable of driving ISA, EISA, PCI, MCA, and SCSI interface levels. Active pull up and pull down devices. Buskeeper I/O functions. Oscillators for wide frequency spectrum. Broad range of 400 SSI cells. 300 element macrofunction library. Design For Test includes LSSD macro library option and IEEE 1149.1 JTAG Boundary Scan architecture built in. Cadence and Mentor based design system with interfaces from multiple workstations. Broad ceramic and plastic package range. Latchup trigger current +/- 500 mA. ESD protection +/- 4000 volts.
Total Usable3 Gates 58,060 90,720 116,524 145,555 195,148 253,094 314,870 399,513 499,046
Maximum4 Device Pads 188 232 260 288 332 388 432 504 560
Maximum5 I/O 172 216 244 272 316 372 416 488 544
Notes : 1. Internal sites is based on the number of placement sites available to the route and place software 2. A factor of 1.5 is used to derive the gate complexity from the total available sites. This number is in Nand2 equivalents 3. Factors of 70%, 65%, and 60% have been used to calculate the routing efficiency. This number may vary depending on the design. 4. 16 corner pads are dedicated to internal and external power supplies. I/O pads may be configured for additional power. 5. Maximum I/O = total device pads minus power pads.
May 1994
1/15
ISB35000 SERIES
GENERAL DESCRIPTION The ISB35000 array series uses a high performance, low voltage, triple level metal, HCMOS 0.5 micron process to achieve sub-nanosecond internal speeds while offering very low power dissipation and high noise immunity. The potential total gate count ranges above 1 million equivalent usable gates. The array operates over a Vdd voltage range of 2.7 to 3.6 volts. The I/O count for this array family ranges to over 600 signals and 1000 pins dependent upon the package technology utilized. A Sea of I/O approach has been followed to give a solution to today's problems of drive levels and specialized interface standards. The array does not utilize a set bond pad spacing but allows for pad spacings from 80 microns upwards. The I/O can be configured for circuits ranging from low voltage CMOS and TTL to 200 mHz plus low swing differential circuits. Standards like GTL, SCSI-2, 3.3 Volt PCI, CTI, and a limited set of 5.0 Volt interfaces are currently being addressed. A specialized set of impedance matched transmission line driver LVTTL type circuits are also available with 25, 35, 45, and 55 Ohm output impedance. These buffers sacrifice direct current capabilities for matching positive and negative voltage and current waveforms.
Figure 1. Advantages of stacked contacts and vias
CONVENTIONAL VIA LAYOUT
2nd VIA
METAL 3
STACKED VIA LAYOUT
1st VIA
METAL 2
3rd DIELECTRIC 2nd DIELECTRIC
METAL 1
CONTACT GATE ISOLATION SUBSTRATE
CONTACT/VIA PLUGS
1st DIELECTRIC
- STACKABLE CONTACTS + VIAs ALLOW MUCH HIGHER DENSITY (AREA SAVINGS UP TO 20% FOR R.L.) - SIMPLIFIED ROUTING AND DESIGN RULE CHECKING
ISB35_VA
2/15
ISB35000 SERIES
gates, while the outer two pairs have separate gates for the polysilicon transistors. The cell was configured to allow extremely high density macro design for internal macro cell counts over one million gates while enabling paralleling of transistors to allow high drive capability and the symmetry of the rise and fall of macro outputs hence the DOUBLE BUFFER name. Each cell has twelve horizontal wiring channels on first metal, four vertical wiring channels on second metal and a further twelve channels on third metal. The HCMOS5 process technology allows for adjacent vias and stacked via1, via2 with or without silicon contacts. The transistor width utilized by the DOUBLE BUFFER cell is very small as compared to previous technologies. Even though the basic cell consists of eight transistors adjacent macros share transistors across the cell borders allowing high density usage of the resources. Macros are constructed using resources from one half cell to tens of cells dependent upon the complexity of the function. The transistors within and between cells are placed adjacent to each other sharing source and drain regions. All isolation is achieved by cutting off adjacent source drain regions with turned off transistors. A further feature of the Double Buffer cell that helps allow it to obtain very high density usage is the proprietary (patent pending) method of localized power distribution. A major feature of the HCMOS5 process is salicided active areas. This results in source drain areas that are of one to two ohms resistance as opposed to the hundreds or thousands of ohms of source drain resistance in previous technologies. This very low resistance is one reason that very low transistor widths could be utilized in the cell design since drive is not lost due to source drain resistance. This use of low width transistors results in lower capacitance loading of the gates due to the smaller areas utilized. Low resistance, low capacitance, and small gates results in low power usage for inverters as compared to previous ISB technologies. This reduction in power allows the use of salicided active stripes for power distribution replacing the first level metal buses used in previous technologies. This removal of the metal one power buses simplified macro layout allowing additional wiring resources to be left for the router allowing a higher density usage of the array than would be achievable with previous power distribution techniques. One other gain in the performance of the array and its usability for the customer was derived from the use of the salicided
TECHNOLOGY OVERVIEW The design of ISB35000 internal cell is a proprietary design variation of the CONTINUOUS ARRAY architecture previously used in ISB12000, 18000, and 24000 array families. This proprietary (patent pending) configuration has been named THE DOUBLE BUFFER CELL. This configuration provides a core that is completely filled with potently active transistors. Surrounding the core are configurational specialized transistors forming a Sea of I/O giving a high degree of flexibility to the system designer. The ISB35000 supports the routing of signals over unused transistors as needed. Three levels of metal are utilized, intracell and intercell wiring are limited to first metal with second and third metal levels dedicated to interconnect wiring and power distribution. The basic cell is made up of four N and four P type transistors that are vertically arranged. The centre two pairs of transistor have common polysilicon Figure 2. Internal Core Cell
10 m
30 m
ISB35_PA
3/15
ISB35000 SERIES
active power distribution. Since the power distribution serves as the well ties the inherent capacitance of the reversed biased well junctions is closely coupled into the power distribution and functions as localized decoupling capacitance helping to keep high frequency noise from being coupled from one macro to the other through the power distribution. The salicided active local distribution of the DOUBLE BUFFER cell is supplied its power by a screen grid of power bused on both second and third metal. The second metal buses run every nine cells and are two wiring tracks wide. Vss and Vdd is interleaved every other bus. The third level buses run every thirty six tracks and are three tracks wide. This grid is sufficient to power all but the largest arrays though the use of custom structured cores or gate counts above 500,000 usable cells along with high clock rates may result in the need for supplemental power. The overall die power distribution is broken down into a minimum of three Vdd and three Vss distributions. Optionally other distributions for specialized I/O may be inserted. The standard distributions are Internal Vdd and Vss, serving the internal cells and the prebuffer sections of the I/O, External Vdd and Vss serving the output transistors only, and Receiver Vdd and Vss serving the first stages of the receiver cells. Optional distributions for 5.0V interface, GTL, CTL, and other standards can be utilized as necessary. LIBRARY The following section details the elements which make up the ISB35000 Series library. The elements are organised into three categories: 1. Macrocell library with Input, Output, Bidirectional Buffers including JTAG macrocells and Core cells. 2. Macrofunctions 3. Module generators 4. Embedded Functions I/O BUFFERS ISB35000 technology does not utilize a standard type I/O cell but is a leader in the emerging Sea of I/O approach to handling the chip interface problem. This approach starts at the bond pad area of the I/O where the pad size and pitch is not determined until the customers choice of packaging, signal interface standards and I/O count is considered. Wire bond pad spacings for 80 micron centres are available where large signal counts are most important. Pad spacing can be increased incrementally. It is expected that most designs will use 100 or 120 micron spacings. It is also possible to use different spacings for different width output sections when needed within the same device. Along with the variable bond pad spacing the I/O output transistor section does not have a fixed width. Previous technologies utilized a design approach where the desired full function buffer was designed for a maximum current taking one pad location with the usual current in the range of twenty four milliamps. The approach followed in ISB35000 is to have identical twenty micron wide output transistor slices stepped around the die. Each slice contains one set of protection diodes to the external power rails and eight P and eight N transistors. The transistors are specifically laid out and selectively non salicided for ESD protection and latch up prevention. These slices are paralleled to meet the current needs of the user, for example, to construct a 24mA sink and 12mA source LVTTL buffer, a number of slices would be used. The next group of devices that makes up the I/O circuits is again a 20 u wide slice of specialized transistors that are utilized to form the slew rate control sections of the I/O. Each of these slices has circuits to control the switching of up two sections of P and N output transistors. These sections are of course created from the output transistor slice above the slew rate section and can be connected as desired by the designer. Many configurations of circuits can be created to supply the desired results with slew rate slices paralleled with multiple output sections. A further function of the scan circuits is current spike suppression during switching of the I/O transistors. The logic utilized causes the conducting transistors to turn off before the opposing set of transistors turn on. Inside the slew rate sections the next slices of specialized designed components step on a 40 micron wide pattern. The first of these 40 micron wide sections is utilized for predriver circuits; these include specialized built in test functions for the I/O. The predriver of course interfaces the core signals controlling tristate and switching functions with the slew rate and output transistor sections but it also allows all Output Buffers to be driven high, low or put into tristate regardless of the state of the internal logic greatly simplifying parametric testing of the part and also assisting customers who wish to use this feature during board testing. Note that all output
4/15
ISB35000 SERIES
buffers can be tristated by this function including buffers that normally do not tristate. This test function also turns off all pull up or down devices and shuts down all differential receivers and converts them into standard CMOS receivers. Inside the predriver is a section of specialized transistors used to create the receiver functions. This section includes specialized non salicide protection resistor diodes to further protect the gates of the receiver devices from ESD and latch up. Also present in this section are devices that can be utilized to form various parameteriseable pull up, pull down and buskeeper functions. A full set of standard receivers with pull up and pull down devices is present in the library. The technologies supported match the output buffer capabilities and include, LVCMOS, LVTTL, GTL, CTL, Differential, etc. and a five volt interface capability. The last section of devices that make up the I/O ring is a set of custom designed (for compactness) scan latches and supporting circuits that can be utilized to form various types of scan circuits conforming to the standard that the customer is utilizing in his systems. These circuits can be combined with internal transistors if needed.
Figure 3. ISB35000 I/O Technology
Edge of Die
Guardring Programmable Pitch Bond Pad 4mA selected Segmented Output River of Drive Transistors Input & Control SlewRate Tristate Buskeeper Level Shifter JTAG
Die Core
ISB35_PB
5/15
ISB35000 SERIES
Figure 4a. D.C. Specifications for LVCMOS Input Receivers MPUL Vdd + 0.3 Volts 0.8 * Vdd
LPUL
Trip Level = 0.5* Vdd
Typical Current from all Vdd supplies at LPUL or MPDL 25 A per receiver
0.2* Vdd Vss - 0.3 Volts
MPDL LPDL
Figure 4b. D.C. Specifications for LVTTL Input Receivers MPUL Vdd + 0.3 Volts Vss + 2.0 Volts
LPUL
Trip Level = 1.4 Volts (nominal)
Typical Current from all Vdd supplies at LPUL or MPDL 25 A per receiver
Vss + 0.8 Volts Vss - 0.3 Volts
MPDL LPDL
Table 2. I/O Drive Capacity for LVCMOS and LVTTL Slew Rate Buffers
Current Drive (mA) 2.0 4.0 8.0 12.0 16.0 24.0 Maximum Capacitance (pF) 50 100 200 300 400 800
Table 3. I/O Drive Capacity for LVCMOS and LVTTL Non Slew Rate Buffers
Current Drive (mA) 2.0 4.0 8.0 12.0 16.0 24.0 Maximum Capacitance (pF) 50 100 200 300 400 800
6/15
ISB35000 SERIES
variation. This multiplier has a minimum of 0.6 and a maximum of 1.6. MACROCELLS AND MACROFUNCTIONS The ISB35000 series has internal macrocells that are robust in variety and performance. The cell selection has been driven by the need of Synthesis and HDL based design techniques. This offering is rich in buffers, complex combinatorial cells and multi power drive cells, which allow the Synthesis tool to create a netlist compatible with the requirements of Place and Route tools. Macrofunctions are a series of soft-macros facilitating quick capture of large functional blocks and are available for such functions as counters, shift register and adders. Macrofunctions are implemented at layout by utilizing macrocells and interconnecting to create the logic function. MODULE GENERATORS A series of module generators are available to support a range of megafunctions. These modules enable the designer to choose individual parameters in order to create a compiled cell, which meets the specific application requirements. Generators are available for megafunctions such as single port RAM and dual port RAM. These are constructed utilising the existing base array transistors, and are also referred to as metallised megafunctions. EMBEDDED FUNCTIONS In addition to the metallised functions described above, embedded megafunction generators are also available. These include single port RAM, dual port RAM and ROM. The compiled cell generators construct custom cells, which are implemented using a special leaf cell technique, ensuring predictable layout and accurate module characteristics. In choosing megafunctions the designer can consider the trade-offs between speed and area to generate a fully customized cell which meets their specific device requirements. These megafunction generators are complemented by a group of embedded megacells.
Table 4. Temperature (Junction) and Voltage Multipliers
Temperature C -55 -40 25 70 85 125 VDD 2.7 3.0 3.3 3.6 KT 0.77 0.83 1.00 1.13 1.17 1.27 KV 1.20 1.11 1.00 0.94
All pads except the sixteen corner pads can be configured as power or I/O pads. The configured power pads are known as placeable pads and have an associated current handling capability. Their placement is dependent on the types of output buffers used in the design. For rules governing the placement of pads, please contact your local SGSTHOMSON design centre. CORE LOGIC The propagation delays shown in the ISB35000 data book are given for nominal processing, 3.3V operation, and 25 C temperature conditions. However there are additional factors that affect the delay characteristics of the macrocells. These include loading due to fanout and interconnect routing, voltage supply, junction temperature of the device, processing tolerance and input signal transition time. Prior to physical layout, the design system can estimate the delays associated with any critical path. The impact of the placement and routing can be accurately RC back annotated from the layout for final simulations of critical timing. The effects of junction temperature, (KT) and voltage supply (KV) on the delay numbers are summarized in Table 4. A third factor, is associated with process
7/15
ISB35000 SERIES
Table 5. Module Generator Library
Cell Description 8K bits max 2048 word max 64 bit max Zero static current Tristate output 256K bits max 16K word max 64 bit max Zero static current Tristate outputs 4K bits max 1024 word max 64 bit max Zero static current Separate read/write ports Tristate outputs 128K bits max 8K word max 64 bit max Zero static current Tristate outputs 2M bits max 32K word max 64 bit max Diffusion programmable Tristate outputs
SPRAM
Metallised
Embedded
DPRAM
Metallised
Embedded
ROM
Embedded
These allow access to technologies that have been hitherto the domain of standard products. Examples include mixed mode cells for graphics, DAC/ADC's (4-9 bit), PLL applications, and Digital Signal Processor functions for cellular comms, fax and high-speed modem.which initially consist of a Triple 8-bit DAC, Graphics RAM, Clock Multiplier PLL and Frequency Synthesis PLL. 100 Mbps serial transputer links coupled with large and fast memory can be used for pipelining, caching and synchro circuits in modern RISC computing architectures. Viterbi and Reed Solomon cores aim at the HDTV and satellite transmission markets. To support telecom needs for CCITT standard applications, ADPCM cells supporting CT2 protocol have been developed. DESIGN FOR TESTABILITY The time and cost for ASIC testing increases exponentially as the complexity and size of the ASIC grows. Using a design for testability methodology allows large, more complex ASICs to be efficiently and economically tested. ISB35000 supports the JTAG boundary Scan and both edge and level sensitive scan design techniques by providing the necessary macrocells. Scan testing aids device testability by permitting access to internal nodes without requiring a separate external connection for each node accessed. Testability is assured at device level with the close coupling of LSSD latch elements, Automatic Test Pattern Generation (ATPG) and high pattern depth tester architecture. At system level, SGS-THOMSON fully supports IEEE 1149.1, within the I/O structure utilised in this family. Several types of core scan cells are provided in the ISB35000 Series library. Examples include FDxS/FJKxS cells which are edge sensitive and LSxx cells which are true LSSD cells.
8/15
ISB35000 SERIES
EVALUATION DEVICE An evaluation device is used to demonstrate the performance of the ISB35000 series as well as verify the effectiveness of the design system. The device has path delays, latches, a host of macrocells and embedded functions which were used to
verify the simulated characteristics that are supplied in the data book. Characterization of the path delays including interconnect shows typical delays of 210 ps for a 2 input NAND with receivers/drivers operating at frequencies of 200 MHz. The evaluation device is available in a 208 pin plastic quad flat pack.
Figure 5. Evaluation Device
9/15
ISB35000 SERIES
Pin counts for through board mounting range up to 299. For higher pin counts the range is compatible with the industry standard JEDEC and EIA-J Guardring Quad Flatpack (GQPF) with pin counts from 186 to 304. The diversity in pin count and package style gives the designer the opportunity to find the best compromise for system size, cost and performance requirements. All packages for the military market are hermetically sealed to meet MIL-STD-883 Method. Prototypes are developed in ceramic packages for fast turnaround evaluation.
PACKAGE AVAILABILITY The ISB28000 Series is designed to be compatible with QFP, BGA and SBC package types, in addition to the more traditional types found. The options include Plastic Leaded Chip Carriers (PLCC) from 28 to 84 pins, while the Metric Quad Flat Pack (xQFP) offering ranges up to 304 pins. Both high performance and high power variants are available as well as the TQFP thin types. Ball Grid Array (BGA) packages are available from 160 to 500 pins and SBC types allow the pin count to reach the area of 1000 pins.
Figure 6. Packaging Capability
Lead Pitch Guardring Quad GQFP Plastic Quad Flatpack Thin Quad Flatpack BGA and HP BGA
44 84 44 44 144 208 304 304
0.5mm 0.5&0.65 mm 0.5mm
225
700+
Large Large
64 447 80 304
Plastic Chip Carrier Pin Grid Array Power QFP Spreader and Slug based
Large 0.5&0.65 mm
0
100
200
300
400
500
600
NOW
700
PLANNED
PIN COUNT
ISB35_VB
10/15
ISB35000 SERIES
DESIGN ENVIRONMENT Several interface levels are possible between SGSTHOMSON and the customer in the undertaking of an ASIC design. The four levels of interface are shown in Figure 7. Level 1 is characterized by SGS-THOMSON receiving the system specification and taking the design through to validation and fabrication. At level 2 interface the designer supplies a complete logic design implemented in a standard generic logic family. SGS-THOMSON then takes the design through to layout, validation and fabrication. Level 3 is the most common and preferred interface level. Logic capture and pre-layout simulation are
performed by the designer using an SGS-THOMSON supported design kit. The design is then taken through layout, validation and fabrication by SGSTHOMSON. The SGS-THOMSON design system validates all designs before fabrication. Design kits are provided that allow schematic capture entry via Mentor Graphics and Cadence Amadeus. Simulation is supported on Cadence Amadeus and Mentor Graphics. Full support is also provided for Cadence Verilog, Synopsys VSS and System Hilo simulators. Figure 8 shows the SGS-THOMSON Design Flow.
Figure 7. Customer/SGS-THOMSON Interface Levels
SYSTEM SYSTEM SPECIFICATION
LOGIC DESIGN
SCHEMATIC CAPTURE
DESIGN VERIFICATION
PRE-LAYOUT LAYOUT SIMULATION
POST-LAYOUT SIMULATION
MANUFACTURE AND TEST
CUSTOMER LEVEL 1
CUSTOMER
INTERFACE LEVELS
LEVEL 2
CUSTOMER
LEVEL 3
CUSTOMER
LEVEL 4
ISB35_VC
11/15
ISB35000 SERIES
Figure 8. SGS-THOMSON Design Flow
12/15
ISB35000 SERIES
Table 6. Absolute Maximum Ratings (note1)
Supply Voltage, Vdd Input or Output Voltage DC Forward Bias Current, Input or Output Storage Temperature Ceramic Storage Temperature Plastic -0.5 V to +6.0 V -0.5 V to (Vdd + 0.5V) -24mA source, +24mA sink -65 to 150 degrees Centigrade -40 to 125 degrees Centigrade
Note 1. Referenced to Vss. Stresses above those listed under "absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect the device reliability.
Table 7. Recommended DC Operating Conditions
Normal Operating Supply Voltage Vdd (note 1) Extended Operating Supply Voltage Vdd (notes 1,2) Operating Ambient Temperature Commercial (note 3) Industrial (note 3) Military (note 4) 3.3 V +/- 10% (3.0 V to 3.6 V) 3.3 V + 0.3V/-0.6V (2.7V to 3.6V) 0 to 70 degrees Centigrade -40 to +85 degrees Centigrade -55 to +125 degrees Centigrade
Note 1. Commercial, Industrial, and Military Conditions Note 2. Low Voltage TTL Circuits are NOT functional to specifications below 3.0 Volts Note 3. All circuits will operate to full specifications with a V DD of 3.0V to 3.6V and a junction temperature of -40 to +125 degrees centigrade. These junction temperatures are compatible with the Commercial and Industrial Temperature Ranges. Note 4. All circuits will be functional from -55 to +150 degrees centigrade junction temperature (military Ambient Temperature Range) but will not necessary operate to published specifications. Only circuits specified as operational to extended temperature range may be used when operating to Military temperature conditions.
Table 8. Special Voltages (Vcc) Operating Conditions
FVI (Five Volt Interface) Supply Voltage (notes 1,2) GTL (Gunning Transistor Logic) Supply Voltage (notes 1,3) CTT (Center Tap Terminated) Supply Voltage (notes 1,4) 5.0V +/- 10% (4.5 V to 5.5 V) 1.2V +/- 5% (1.14 V to 1.26 V) 1.5V +/- 10% (1.35 V to 1.65 V)
Note 1. Commercial, and Industrial Use Only -40 +85 degrees Centigrade Note 2. I/O Circuits Only takes Special External Power Distribution and May NOT be mixed with GTL or CTL circuits on any one side of the die. Only a very limited buffer set is available. Note 3. I/O Circuits Only takes Special External Power Distribution and May NOT be mixed with FVI or CTL circuits on any one side of the die. Only a very limited buffer set is available. Note 4. I /O Circuits Only takes Special External Power Distribution and May NOT be mixed with FVI or GTL circuits on any one side of the die. Only a very limited buffer set is available.
13/15
ISB35000 SERIES
Table 9. LVTTL Interface DC Electrical Characteristics (Note 1)
Symbol VIL VIH VOL VOH Vt + Vt Parameter Low Level Input Voltage High Level Input Voltage Low Level Output Voltage High Level Output Voltage Schmitt Trigger +Ve Threshold Schmitt Trigger -Ve Threshold 0.9 IOL = Rated Buffer Current IOH = Rated Buffer Current 2.4 2.0 0.2 3.0 1.7 1.1 1.9 0.4 Conditions Min Typ Max 0.8 Unit Volts Volts Volts Volts Volts Volts Notes 2,3 2,3 2,3,4 2,3,4 2,3 2,3
Note 1. These are normal Voltage and extended temperature specifications VDD from 3.0 V to 3.6 V Temperature Ambient from -55 to 125 degrees Centigrade Note 2. Adherence to rules in Power Pin / Pad Specifications Required Note 3. Refer to the ISB35000 Gate Array Specification for full Testing Levels and Conditions Note 4. Buffers offered in 2, 4, 8, 12, 16, and 24 mA TTL options
Table 10. LVCMOS Interface DC Electrical Characteristics (Note 1)
Symbol VIL VIH VOL VOH Parameter Low Level Input Voltage High Level Input Voltage Low Level Output Voltage High Level Output Voltage IOL = Rated Buffer Current IOH = Rated Buffer Current 0.85 x VDD 0.8xVDD 0.2 0.9 x VDD 1.7 0.9 1.1 1.9 0.4 Conditions Min Typ Max 0.2xVDD Unit Volts Volts Volts Volts Notes 2,3,4 2,3,4 2,3,4,5,6 2,3,4,5,6
Vt + Vt -
Schmitt Trigger +Ve Threshold Schmitt Trigger -Ve Threshold
Volts Volts
2,3 2,3
Note 1. These are extended voltage and temperature specifications VDD from 2.7 V to 3.6 V Temperature Ambient from -55 to 125 degrees Centigrade Note 2. Adherence to rules in Power Pin / Pad Specifications Required Note 3. Refer to the ISB35000 Gate Array Specification for full Testing Levels and Conditions Note 4. Buffers offered in 2, 4, and 8 mA CMOS options Note 5. Note only one CMOS buffer may sink or source DC current when parametric measurements are taken due to the reason that the power supply specifications for CMOS product are not written to support DC current. If more than one buffer is active voltage drops in the supply may cause false failure readings. Note 6. If no buffers are sinking or sourcing current and all internal pull up or pull down resistors in bidi buffers have been disabled by having the T2 Test Pin positive V OL (max) = 0.05 Volts and VOH (min)=VDD-0.05 Volts
14/15
ISB35000 SERIES
Table 11. General Interface DC Electrical Characteristics (Note 1)
Symbol IIL IIH IOZ CIN CO CIO IKLU VESD Parameter Low Level Input Current High Level Input Current Tri-State Output Leakage Input Capacitance Output Capacitance Bidi, I/O Capacitance I/O Latch Up Current Electrostatic Protection Conditions VI =Vss VI = Vdd VO = 0V or Vdd Freq=1MHz Freq=1MHz Freq=1MHz VVDD HBM 0.9 200 2000 2.0 4.0 1.1 500 4000 Min Typ Max +/-10 +/-10 +/-10 4.0 Unit uA uA uA pF pF Volts mA V 5 Notes 2 2 2 3,4 3,4 3,4
Note 1. These are extended voltage and temperature specifications VDD from 2.7 V to 3.6 V Temperature Ambient from -55 to 125 degrees Centigrade Note 2. Adherence to rules in Power Pin / Pad Specifications Required Note 3. Excluding Package Note 4. At 0.0 Volts Note 5. Human Body Model
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without the express written approval of SGS-THOMSON Microelectronics. (c) 1994 SGS-THOMSON Microelectronics - All rights reserved. Purchase of I2C Components by SGS-THOMSON Microelectronics conveys a license under the Philips I2C Patent. Rights to use these components in an I2C system is granted provided that the system conforms to the I2C Standard Specification as defined by Philips. SGS-THOMSON Microelectronics Group of Companies Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
15/15


▲Up To Search▲   

 
Price & Availability of ISB35000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X