Part Number Hot Search : 
MEM806 12C10 70001 R5F211A4 BU920 B39212B 70001 3406A
Product Description
Full Text Search
 

To Download HEF4502B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
For a complete data sheet, please also download:
* The IC04 LOCMOS HE4000B Logic Family Specifications HEF, HEC * The IC04 LOCMOS HE4000B Logic Package Outlines/Information HEF, HEC
HEF4502B buffers Strobed hex inverter/buffer
Product specification File under Integrated Circuits, IC04 January 1995
Philips Semiconductors
Product specification
Strobed hex inverter/buffer
DESCRIPTION The HEF4502B consists of six inverter/buffers with 3-state outputs. When the output enable input (EO) is HIGH all six outputs (O1 to O6) are in the high impedance OFF-state. When the enable input (E) is HIGH all six outputs are switched to LOW. The outputs have a 2-TTL load drive capability.
HEF4502B buffers
Fig.2 Pinning diagram.
HEF4502BP(N): HEF4502BD(F): HEF4502BT(D):
16-lead DIL; plastic (SOT38-1) 16-lead DIL; ceramic (cerdip) (SOT74) 16-lead SO; plastic (SOT109-1)
( ): Package Designator North America PINNING D1 to D6 E EO O1 to O6 data inputs enable input output enable input 3-state outputs
Fig.1 Functional diagram. TRUTH TABLE INPUTS Dn L H X X Notes 1. H = HIGH state (the more pos. voltage) L = LOW state (the less pos. voltage) X = state is immaterial Z = high impedance off state January 1995 2 E L L H X EO L L L H OUTPUT On H L L Z FAMILY DATA, IDD LIMITS category BUFFERS See Family Specifications Fig.3 Logic diagram.
Philips Semiconductors
Product specification
Strobed hex inverter/buffer
DC CHARACTERISTICS VSS = 0 V Tamb (C) VDD V Output current HIGH Output current HIGH Output current LOW 5 4,75 10 15 2,5 0,4 0,5 1,5 IOL -IOH 3,8 3,5 12,0 24,0 3,2 2,9 10,0 20,0 5 10 15 VOH V 4,6 9,5 13,5 -IOH VOL V SYMBOL MIN. 1,2 3,8 12,0 -40 MAX. MIN. 1,0 3,2 10,0 + 25 MAX.
HEF4502B buffers
+ 85 MIN. 0,8 2,5 8,0 2,5 2,3 8,0 16,0 MAX. mA mA mA mA mA mA mA
AC CHARACTERISTICS VSS = 0 V; Tamb = 25 C; input transition times 20 ns VDD V Dynamic power dissipation per package (P) 5 10 15 TYPICAL FORMULA FOR P (W) 5 000 fi + (foCL) x VDD2 25 000 fi + (foCL) x VDD2 85 000 fi + (foCL) x VDD2 where fi = input freq. (MHz) fo = output freq. (MHz) CL = load capacitance (pF) (foCL) = sum of outputs VDD = supply voltage (V)
January 1995
3
Philips Semiconductors
Product specification
Strobed hex inverter/buffer
AC CHARACTERISTICS VSS = 0 V; Tamb = 25 C; CL = 50 pF; input transition times 20 ns VDD V Propagation delays Dn, E On HIGH to LOW 5 10 15 5 LOW to HIGH Output transition times HIGH to LOW 10 15 5 10 15 5 LOW to HIGH 3-state propagation delays Output disable times EO On HIGH 5 10 15 5 LOW Output enable times EO On HIGH 5 10 15 5 LOW 10 15 tPZL tPZH 60 35 30 55 25 20 120 ns 70 ns 60 ns 110 ns 50 ns 40 ns 10 15 tPLZ tPHZ 60 55 55 50 35 30 160 ns 140 ns 140 ns 100 ns 70 ns 60 ns 10 15 tTLH tTHL tPLH tPHL 85 40 35 80 35 30 25 12 8 30 15 12 170 ns 80 ns 70 ns 160 ns 70 ns 60 ns 50 ns 24 ns 15 ns 60 ns 30 ns 24 ns SYMBOL TYP. MAX.
HEF4502B buffers
TYPICAL EXTRAPOLATION FORMULA 77 ns + (0,17 ns/pF) CL 37 ns + (0,06 ns/pF) CL 33 ns + (0,04 ns/pF) CL 66 ns + (0,28 ns/pF) CL 28 ns + (0,13 ns/pF) CL 25 ns + (0,10 ns/pF) CL 10 ns + (0,30 ns/pF) CL 7 ns + (0,11 ns/pF) CL 5 ns + (0,07 ns/pF) CL 5 ns + (0,50 ns/pF) CL 3 ns + (0,24 ns/pF) CL 3 ns + (0,18 ns/pF) CL
January 1995
4


▲Up To Search▲   

 
Price & Availability of HEF4502B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X