Part Number Hot Search : 
3035D RD27JSAB 04A15 YH200 G0906 CM7272 MTN44 04815
Product Description
Full Text Search
 

To Download HCF4076B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HCC4076B HCF4076B
4 BIT D TYPE REGISTERS
.THREESTATEOUTPUTS .I .GATEDOUTPUTCONTROLLI .QUI .5V,10VAND15VPARAMETRI .I .100%TESTEDFORQUI .MEETSALLREQUI
NPUT DISABLE WITHOUT GATING THE CLOCK NES FOR ENABLING OR DISABLING THE OUTPUTS ESCENT CURRENT SPECIFIED TO 20V FOR HCC DEVICE C RATINGS o NPUT CURRENT OF 100nA AT 18V AND 25 C FOR HCC DEVICE ESCENT CURRENT REMENTS OF JEDEC TENTATIVE STANDARD N. 13A, " STANDARD SPECIFICATIONS FOR DESCRIPTION OF B SERIES CMOS DEVICES "
EY (Plastic Package)
F (Ceramic Package)
M1 (Micro Package)
C1 (Chip Carrier)
ORDER CODES : HCC4076BF HCF4076BM1 HCF4076BEY HCF4076BC1
PIN CONNECTIONS DESCRIPTION The HCC4076B (extended temperature range) and HCC4076B (intermediate temperature range) are monolithic integrated circuit, available in 16 lead dual in line plastic or ceramic package and plastic micropackage. The HCC/HCF4076B types are four-bit registers consisting of D-type flip-flops that feature threestate outputs. Data Disable inputs are provided to control the entry of data into theflip-flops. When both Data Disable inputs are low, data at the D inputs are loaded into their respective flip-flops on the next positive transition of the click input. Output Disable inputs are also provided. When the Output Disable inputs are both low, the normal logic states of the four outputs are available to the load. The outputs are disabled independently of the clock by a high logic level at either Output Disable input, and present a high impedance.
September 1988 1/13
HCC/HCF4076B
FUNCTIONAL DIAGRAM
ABSOLUTE MAXIMUM RATING
Symbol VDD * Vi II Ptot Parameter Supply Voltage: HCC Types HCF Types Input Voltage DC Input Current (any one input) Total Power Dissipation (per package) Dissipation per Output Transistor for Top = Full Package Temperature Range Operating Temperature: HCC Types HCF Types Storage Temperature Value -0.5 to +20 -0.5 to +18 -0.5 to VDD + 0.5 10 200 100 -55 to +125 -40 to +85 -65 to +150 Unit V V V mA mW mW
o o o
Top Tstg
C C C
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress ratingonly and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for external periods may affect device reliability. * All voltage values are referred to VSS pin voltage.
RECOMMENDED OPERATING CONDITIONS
Symbol VDD VI Top Parameter Supply Voltage: HCC Types HCF Types Input Voltage Operating Temperature: HCC Types HCF Types Value 3 to 18 3 to 15 0 to VDD -55 to +125 -40 to +85 Unit V V V
o o
C C
2/13
HCC/HCF4076B
LOGIC DIAGRAM
TRUTH TABLE
RESET 1 0 0 0 0 0 0 0 1 CLOCK X 0 DATA INPUT DISABLE G1 G2 X X 1 X 0 0 X X X X X 1 0 0 X X DATA D X X X X 1 0 X X NEXT STATE OUTPUT G 0 Q Q Q 1 0 Q Q NC NC NC NC NC
When either Output DisableM or Nis high, theoutputs aredisablesd (high impedance state): however sequential operation of the flip-flopisnot affected. 1 = High Level, 0 = Low Level, X = Don't Care, NC = No Change
3/13
HCC/HCF4076B
STATIC ELECTRICAL CHARACTERISTICS (over recommended operating conditions)
Test Conditios Symbol IL Parameter Quiescent Current VI (V) 0/5 HCC Types 0/10 0/15 0/20 HCF Types V OH Output High Voltage Output Low Voltage Input High Voltage Input Low Voltage Output Drive Current 0/5 HCC Types 0/5 0/10 0/15 0/5 HCF Types 0/5 0/10 0/15 IOL Output Sink Current HCC Types HCF Types IIH, IIL IOH, IOL Input Leakage Current Input Leakage Current HCC Types HCF Types 0/5 0/10 0/15 0/5 0/10 0/15 0/18 0/15 0/18 0/15 0/5 0/10 0/15 0/5 0/10 0/15 5/0 10/0 15/0 VIH 0.5/4.5 1/9 1.5/13.5 4.5/0.5 9/1 13.5/1.5 2.5 4.6 9.5 13.5 2.5 4.6 9.5 13.5 0.4 0.5 1.5 0.4 0.5 1.5 Any Input 0/18 0/15 Any Input <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 VO (V) |IO| VDD (A) (V) 5 10 15 20 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 5 5 10 15 5 5 10 15 5 10 15 5 10 15 18 15 18 15 -2 -0.64 -1.6 -4.2 -1.53 -0.52 -1.3 -3.6 0.64 1.6 4.2 0.61 1. 3.6 0.1 0.3 0.4 1.0 3.5 7 11 1.5 3 4 -1.6 -0.51 -1.3 -3.4 -1.36 -0.44 -1.1 -3.0 0.51 1.3 3.4 0.44 1.1 3.0 -3.2 -1 -2.6 -6.8 -3.2 -1 -2.6 -6.8 1 2.6 6.8 1 2.6 6.8 10-5 10-5 10-4 10-4 5 0.1 0.3 0.4 1.0 7.5 4.95 9.95 14.95 0.05 0.05 0.05 3.5 7 11 1.5 3 4 -1.15 -0.36 -0.9 -2.4 -1.1 -0.36 -0.9 -2.4 0.36 0.9 2.4 0.36 0.9 2.4 1 1 12 7.5 A A A A pF mA mA TLOW * Min. Max. 5 10 20 100 20 40 80 4.95 9.95 14.95 0.05 0.05 0.05 3.5 7 11 1.5 3 4 V V Value 25 oC Min. Typ. Max. 0.04 0.04 0.04 0.08 0.04 0.04 0.04 5 10 20 100 20 40 80 4.95 9.95 14.95 0.05 0.05 0.05 V V THIGH * Min. Max. 150 300 600 3000 150 300 600 A Unit
VOL
V IL
IOH
CI
Input Capacitance
* TLOW = -55 oC for HCC device: -40 oC for HCF device. * THIGH = +125 oC for HCC device: +85 oC for HCF device. The Noise Margin for both "1" and "0" level is: 1V min. with VDD = 5 V, 2 V min. with VDD = 10 V, 2.5 V min. with VDD = 15 V
4/13
HCC/HCF4076B
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25 o C, C L = 50 pF, RL = 200 K, o typical temperature coefficent for all VDD values is 03 %/ C, all input rise and fall times= 20 ns)
Symbol tPLH tPHL tPHL(R) Parameter Propagation Delay Time (Clock to Q Output) Propagation Delay Time (Reset) 3-State Output 1 or 0 to High Impedance Test Conditions VDD (V) 5 10 15 5 10 15 RL = 1K 5 10 15 RL = 1K 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 Min. Value Typ. 300 125 90 230 100 75 150 75 60 150 75 60 100 50 40 60 25 20 100 40 30 90 50 35 6 12 16 Max. 600 250 180 460 200 150 300 150 120 300 150 120 Unit
ns
ns
tP(1-H) tP(0-H) tP(H-1) tP(L-1) tW
ns
3-State High Impedance to 1 or 0 Output
ns
Clock Pulse Width
tW
Reset Pulse Width
tsetup
Data Setup Time
tsetup
Data Input Disable Setup Time
fmax
Maximum Clock Frequency
tr, tf
Clock Input Rise or Fall Time
200 100 80 120 50 40 200 80 60 180 100 70 3 6 8 15 5 5
ns
ns
ns
ns
MHz s
5/13
HCC/HCF4076B
Typical Output Low (sink) Current Characteristics Minimum Output Low (sink) Current Characteristics
Typical Output High (source) Current Characteristics
Minimum Output High (source) Current Characteristics
Typical Maximum Clock Input Frequency vs Supply Voltage
Typical Dynamic Power Dissipation vs Frequency
6/13
HCC/HCF4076B
Typical Propagation Delay Time vs Capacitance Typical Transition Time vs Load Capacitance
WAVEFORMS
7/13
HCC/HCF4076B
TEST CIRCUITS Quiescent Device Current. Noise Immunity.
Input Leakage Current.
8/13
HCC/HCF4076B
Plastic DIP16 (0.25) MECHANICAL DATA
mm MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.27 8.5 2.54 17.78 7.1 5.1 0.130 0.050 0.51 0.77 0.5 0.25 20 0.335 0.100 0.700 0.280 0.201 1.65 TYP. MAX. MIN. 0.020 0.030 0.020 0.010 0.787 0.065 inch TYP. MAX.
DIM.
P001C
9/13
HCC/HCF4076B
Ceramic DIP16/1 MECHANICAL DATA
mm MIN. A B D E e3 F G H L M N P Q 7.8 2.29 0.4 1.17 0.22 0.51 0.38 17.78 2.79 0.55 1.52 0.31 1.27 10.3 8.05 5.08 0.307 0.090 0.016 0.046 0.009 0.020 3.3 0.015 0.700 0.110 0.022 0.060 0.012 0.050 0.406 0.317 0.200 TYP. MAX. 20 7 0.130 MIN. inch TYP. MAX. 0.787 0.276
DIM.
P053D
10/13
HCC/HCF4076B
SO16 (Narrow) MECHANICAL DATA
DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 9.8 5.8 1.27 8.89 4.0 5.3 1.27 0.62 8 (max.) 0.149 0.181 0.019 10 6.2 0.35 0.19 0.5 45 (typ.) 0.385 0.228 0.050 0.350 0.157 0.208 0.050 0.024 0.393 0.244 0.1 mm TYP. MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.004 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
P013H
11/13
HCC/HCF4076B
PLCC20 MECHANICAL DATA
mm MIN. A B D d1 d2 E e e3 F G M M1 1.27 1.14 7.37 1.27 5.08 0.38 0.101 0.050 0.045 9.78 8.89 4.2 2.54 0.56 8.38 0.290 0.050 0.200 0.015 0.004 TYP. MAX. 10.03 9.04 4.57 MIN. 0.385 0.350 0.165 0.100 0.022 0.330 inch TYP. MAX. 0.395 0.356 0.180
DIM.
P027A
12/13
HCC/HCF4076B
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use ascritical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A
13/13


▲Up To Search▲   

 
Price & Availability of HCF4076B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X