Part Number Hot Search : 
N3906 1N5401 1N5820 473ML C1938R BU90T82 MA3Z080E 85EPS08
Product Description
Full Text Search
 

To Download HA2-2541883 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HA-2541/883
July 1994
Wideband, Fast Settling, Unity Gain Stable, Operational Amplifier
Description
The HA-2541/883 is the first unity gain stable monolithic operational amplifier to achieve 40MHz unity gain bandwidth. A major addition to the Intersil series of high speed, wideband op amps, the HA-2541/883 is designed for video and pulse applications requiring stable amplifier response at low closed loop gains. The uniqueness of the HA-2541/883 is that its slew rate and bandwidth characteristics are specified at unity gain. Historically, high slew rate, wide bandwidth and unity gain stability have been incompatible features for a monolithic operational amplifier. But features such as 250V/s slew rate and 40MHz unity gain bandwidth clearly show that this is not the case for the HA-2541/883. These features, along with 90ns settling time to 0.1%, make this product an excellent choice for high speed data acquisition systems.
Features
* This Circuit is Processed in Accordance to MIL-STD883 and is Fully Conformant Under the Provisions of Paragraph 1.2.1. * Unity Gain Bandwidth . . . . . . . . . . . . . . . . 40MHz (Min) * High Slew Rate . . . . . . . . . . . . . . . . . . . . . 200V/s (Min) 250V/s (Typ) * Low Offset Voltage. . . . . . . . . . . . . . . . . . . . . 2mV (Max) * Fast Settling Time (0.1%) . . . . . . . . . . . . . . . 90ns (Typ) * Power Bandwidth. . . . . . . . . . . . . . . . . . . . . 3MHz (Min) 4MHz (Typ) * Output Voltage Swing . . . . . . . . . . . . . . . . . . 10V (Min) * Unity Gain Stability * Monolithic Bipolar Dielectric Isolation Construction
Ordering Information Applications
* Pulse and Video Amplifiers * Wideband Amplifiers * High Speed Sample and Hold Circuits * Fast, Precise D/A Converters * High Speed A/D Input Buffer
PART NUMBER HA2-2541/883 TEMPERATURE RANGE -55oC to +125oC PACKAGE 12 Pin Can
Pinout
HA-2541/883 (METAL CAN) TOP VIEW
V+ NC 1 NC BAL BAL -IN +IN CASE TIED TO V3 4 5 6 NC 7 2 + 8 NC OUTPUT 12 11 10 9 VNC
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Copyright (c) Intersil Corporation 1999
Spec Number
3-28
511026-883 File Number 3698
Specifications HA-2541/883
Absolute Maximum Ratings
Voltage Between V+ and V- Terminals . . . . . . . . . . . . . . . . . . . . 35V Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V Voltage at Either Input Terminal . . . . . . . . . . . . . . . . . . . . . . V+ to VPeak Output Current (< 10% Duty Cycle) . . . . . . . . . . . . . . . . 50mA Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC Storage Temperature Range . . . . . . . . . . . . . . . . . -65oC to +150oC ESD Rating. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <2000V Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . +300oC
Thermal Information
Thermal Resistance JA JC Metal Can Package . . . . . . . . . . . . . . . . . 65oC/W 34oC/W Package Power Dissipation Limit at +75oC for TJ +175oC Metal Can Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.54W Package Power Dissipation Derating Factor Above +75oC Metal Can Package . . . . . . . . . . . . . . . . . . . . . . . . . . . 15.4mW/oC
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Operating Conditions
Operating Temperature Range . . . . . . . . . . . . . . . . -55oC to +125oC Operating Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 12V to 15V VINCM 1/2 (V+ - V-) RL 1k
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS Device Tested at: VSUPPLY = 15V, RSOURCE = 100, RLOAD = 100k, VOUT = 0V, Unless Otherwise Specified. LIMITS PARAMETERS Input Offset Voltage SYMBOL VIO CONDITIONS VCM = 0V GROUP A SUBGROUPS 1 2, 3 Input Bias Current +IB VCM = 0V, +RS = 1.1k, -RS = 100 VCM = 0V, +RS = 100, -RS = 1.1k VCM = 0V, +RS = 1.1k, -RS = 1.1k V+ = 5V, V- = -25V 1 2, 3 1 2, 3 1 2, 3 1 2, 3 -CMR V+ = 25V, V- = -5V 1 2, 3 Large Signal Voltage Gain +AVOL VOUT = 0V and +10V, RL = 1k VOUT = 0V and -10V, RL = 1k VCM = +10V, V+ = +5V, V- = -25V, VOUT = -10V VCM = -10V, V+ = +25V, V- = -5V, VOUT = +10V RL = 1k 4 5, 6 4 5, 6 1 2, 3 1 2, 3 1 2, 3 -VOUT RL = 1k 1 2, 3 TEMPERATURE +25oC +125oC, -55oC +25oC +125oC, -55oC +25oC +125oC, -55oC +25oC +125oC, -55oC MIN -2 -6 -35 -50 -35 -50 -7 -9 10 10 10 5 10 5 70 70 70 70 10 10 MAX 2 6 35 50 35 50 7 9 -10 -10 -10 -10 UNITS mV mV A A A A A A V V V V kV/V kV/V kV/V kV/V dB dB dB dB V V V V
-IB
Input Offset Current
IIO
Common Mode Range
+CMR
+25oC +125oC, -55oC +25oC +125oC, -55oC +25oC +125oC, -55oC
-AVOL
+25oC +125oC, -55oC +25oC +125oC, -55oC +25oC +125oC, -55oC
Common Mode Rejection Ratio
+CMRR
-CMRR
Output Voltage Swing
+VOUT
+25oC +125oC, -55oC +25oC +125oC, -55oC
Spec Number 3-29
511026-883
Specifications HA-2541/883
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued) Device Tested at: VSUPPLY = 15V, RSOURCE = 100, RLOAD = 100k, VOUT = 0V, Unless Otherwise Specified. LIMITS PARAMETERS Output Current SYMBOL +IOUT CONDITIONS VOUT = -10V GROUP A SUBGROUPS 1 1, 3 -IOUT VOUT = +10V 1 1, 3 Quiescent Power Supply Current +ICC VOUT = 0V, IOUT = 0mA 1 2, 3 -ICC VOUT = 0V, IOUT = 0mA 1 2, 3 Power Supply Rejection Ratio +PSRR VSUP = 10V, V+ = +5V, V- = -15V, V+ = +15V, V- = -15V VSUP = 10V, V+ = +15V, V- = -5V, V+ = +15V, V- = -15V Note 1 Note 1 1 2, 3 1 2, 3 1 1 TEMPERATURE +25oC +125oC, -55oC +25 C +125oC, -55oC +25oC +125 C, -55 C +25oC +125oC, -55oC
o o o
MIN 10 10 -39 -39 70 70 70 70 VIO-1 VIO+1
MAX -10 -10 39 39 -
UNITS mA mA mA mA mA mA mA mA dB dB dB dB mV mV
+25oC +125oC, -55oC +25oC +125oC, -55oC
-PSRR
Offset Voltage Adjustment NOTE:
+VIOAdj -VIOAdj
+25oC +25oC
1. Offset adjustment range is [VIO (Measured) 1mV] minimum referred to output. This test is for functionality only to assure adjustment through 0V.
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS Table 2 Intentionally Left Blank. See A.C. Specifications in Table 3
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS Device Characterized at: VSUPPLY = 15V, RLOAD = 1k, CLOAD = 10pF, AV = 1V/V, Unless Otherwise Specified. LIMITS PARAMETERS Differential Input Resistance Unity Gain Bandwidth Slew Rate SYMBOL RIN UGBW +SR -SR Full Power Bandwidth Minimum Closed Loop Stable Gain Rise and Fall Time FPBW CLSG CONDITIONS VCM = 0V VO = 90mV VOUT = -3V to +3V VOUT = +3V to -3V VPEAK = 10V RL = 1k, CL = 10pF VOUT = 0V to +200mV VOUT = 0V to -200mV NOTES 1 1 1 1 1, 2 1 TEMPERATURE +25oC +25oC +25oC +25oC +25oC -55oC to +125oC +25oC +25oC MIN 40 40 200 200 3 1 MAX UNITS k MHz V/s V/s MHz V/V
TR TF
1, 4 1, 4
-
20 20
ns ns
Spec Number 3-30
511026-883
Specifications HA-2541/883
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued) Device Characterized at: VSUPPLY = 15V, RLOAD = 1k, CLOAD = 10pF, AV = 1V/V, Unless Otherwise Specified. LIMITS PARAMETERS Overshoot SYMBOL +OS -OS Output Resistance Quiescent Power Consumption NOTES: 1. Parameters listed in Table 3 are controlled via design or process parameters and are not directly tested at final production. These parameters are lab characterized upon initial design release, or upon design changes. These parameters are guaranteed by characterization based upon data from multiple production runs which reflect lot to lot and within lot variation. 2. Full Power Bandwidth guarantee based on Slew Rate measurement using FPBW = Slew Rate/(2VPEAK). 3. Quiescent Power Consumption based upon Quiescent Supply Current test maximum. (No load on outputs.) 4. Measured between 10% and 90% points. ROUT PC CONDITIONS VOUT = 0V to +200mV VOUT = 0V to -200mV Open Loop VOUT = 0V, IOUT = 0mA NOTES 1 1 1 1, 3 TEMPERATURE +25oC +25oC +25oC -55oC to +125oC MIN MAX 50 50 25 1.17 UNITS % % W
TABLE 4. ELECTRICAL TEST REQUIREMENTS MIL-STD-883 TEST REQUIREMENTS Interim Electrical Parameters (Pre Burn-In) Final Electrical Test Parameters Group A Test Requirements Groups C and D Endpoints NOTE: 1. PDA applies to Subgroup 1 only. SUBGROUPS (SEE TABLE 1) 1 1 (Note 1), 2, 3, 4, 5, 6 1, 2, 3, 4, 5, 6 1
Spec Number 3-31
511026-883
HA-2541/883 Die Characteristics
DIE DIMENSIONS: 80 x 90 x 19 mils 1 mils 2020 x 2280 x 483m 25.4m METALLIZATION: Type: Al, 1% Cu Thickness: 16kA 2kA GLASSIVATION: Type: Nitride(Si3N4) over Silox (SiO2, 5% Phos.) Silox Thickness: 12kA 2kA Nitride Thickness: 3.5kA 1.5kA WORST CASE CURRENT DENSITY: 5.3 x 104 A/cm2 SUBSTRATE POTENTIAL (Powered Up): VTRANSISTOR COUNT: 41 PROCESS: Bipolar Dielectric Isolation
Metallization Mask Layout
HA-2541/883
-IN +IN
BAL
V-
NC
BAL
OUTPUT
V+
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries. For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Spec Number 3-32
511026-883


▲Up To Search▲   

 
Price & Availability of HA2-2541883

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X