Part Number Hot Search : 
PT2821C KRA122S STP5NK50 EUP3290 TC9134P RT9602GS EUP3290 MHW6172
Product Description
Full Text Search
 

To Download FB1006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FB1000........ FB1010 FB1000L ....... FB1010L
10 Amp. Glass Passivated Bridge Rectifier
Dimensions in mm.
0.8 0.05 O 1 0.05 6.35 0.05
Voltage 50 to 1000 V
Current 10 A
(R)
O 2.5
Metal heat sink Epoxy case Metal heat sink Epoxy case
18.1
* Glass Passivated Junction * UL recognized under component index file number E130180 * Terminals: FASTON * Terminals: WIRE LEADS
18.1
0.5
O
0.1 5.21 + 0 -
16.6
11.4 0.5
* Max. Mounting Torque: 25 Kg x cm Lead and polarity identifications High surge current capability
Maximum Ratings, according to IEC publication No. 134
FB1000 FB1000L FB1001 FB1001L 100 70 40 FB1002 FB1002L 200 140 80 FB1004 FB1004L 400 280 125 FB1006 FB1006L 600 420 250 FB1008 FB1008L 800 560 380 FB1010 FB1010L 1000 700 500
VRRM VRMS VR IF(AV)
Peak Recurrent ReverseVoltage (V) Maximum RMS Voltage (V) Recommended Input Voltage (V) Max. forward current R-load: At T case = 55 C Max. forward current R-load: At T case = 90 oC With Al Square Chassis (200 cm2 x 3 mm.) Tamb = 45 oC Recurrent peak forward current 10 ms. peak forward current I2t value for fusing (t = 10 ms) Operating temperature range Storage temperature range
o
50 35 20
10 A 7.5 A 5A 50 A 200 A 200 A2sec - 55 to + 150 C - 55 to + 150 C
IFRM IFSM I2t Tj Tstg
Electrical Characteristics at Tamb = 25 C
VF IR Rthj-c Max. forward voltage drop per element at IF = 5 A Max. reverse current per element at VRRM d.c. Typical thermal resistance junction to case Isolation voltage from case to leads 1.1 V 5A 2 oC/W 2500 Vac Jan - 00
FB10 Characteristic Curves
TYPICAL FORWARD CHARACTERISTIC MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
100 50 20
Tamb = 25C
500 450 400 350 300
10 5
250 2 1 0.5 0.2 0.1 0 0.5 1 1.5 2
1 2 4 6 10 20 40 60 100
200 150 100 50
VF ' instantaneous forward voltage (V)
Number of cycles at 50Hz
60 50 40 60 30 20 10 80 100 120 Rthc-a = 0C/W 20 40
0
4
8 10 12
16
20 0
20
40
60 80 100 120 140 150
IF (AV) average forward current (A)
Tamb, ambient temperature (C)
Jan - 00


▲Up To Search▲   

 
Price & Availability of FB1006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X