Part Number Hot Search : 
613FIP7 5545G L6100241 150200 MC13190D MAX1742 C4024ERW BZX84C3V
Product Description
Full Text Search
 

To Download DL4750 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
DL4728 THRU DL4764
1 Watt Zener Diode 3.3 to 100 Volts
GLASS MELF
Cathode Mark
* * * *
Wide Voltage Range Available Glass Package High Temp Soldering: 260C for 10 Seconds At Terminals For Surface Mount Applications
* * * * *
Maximum Ratings
Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C 1 Watt DC Power Dissipation Power Derating: 10.0mW/C above 100C Maximum Forward Voltage @ 200mA: 1.2 Volts
Figure 1 - Typical Temperature Coefficient
C
B
40
A
mV/C 20
INCHES MIN .190 --.095 MM MIN 4.80 --2.40
0 0 20 VZ Typical Temperature Coefficient (mV/C) - versus - Zener Voltage (VZ) Figure 2 - Derating Curve 40
DIM A B C
MAX .205 .022 .105
MAX 5.20 .55 2.67
NOTE Nominal
SUGGESTED SOLDER PAD LAYOUT
.210"
1.0
W 0.5
.115"
.035"
100 150 200 Temperature C Power Dissipation (W) - Versus - Temperature C 25
www.mccsemi.com
DL4728 thru DL4764
ELECTRICAL CHARACTERISTICS @25C
MCC PART NUMBER ZENER VOLTAGE VZ TEST CURRENT I ZT MAXIMUM DYNAMIC IMPEDANCE Z ZT @ IZT OHMS 10 10 9 9 8 7 5 2 3.5 4.0 4.5 5.0 7 8 9 10 14 16 20 22 23 25 35 40 45 50 60 70 80 95 110 125 150 175 200 250 350 MAXIMUM REVERSE CURRENT I R @ VR A 100 100 50 10 10 10 10 10 10 10 10 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 TEST VOLTAGE VR MAXIMUM REGULATOR CURRENT IZM TA = 50C mA 276 252 234 217 193 178 162 146 133 121 110 100 91 83 76 69 61 57 50 45 41 38 34 30 27 25 23 22 19 18 16 14 13 12 11 10 9
MCC
MAXIMUM KNEE IMPEDANCE Z ZK @ IZK OHMS 400 400 400 400 500 550 600 700 700 700 700 700 700 700 700 700 700 700 750 750 750 750 750 1000 1000 1000 1000 1500 1500 1500 2000 2000 2000 2000 3000 3000 3000 TEST CURRENT I ZK MAXIMUM SURGE CURRENT IS mA 1380 1260 1190 1070 970 890 810 730 660 605 550 500 454 414 380 344 304 285 250 225 205 190 170 150 135 125 115 110 95 90 80 70 65 60 55 50 45
VOLTS DL4728 DL4729 DL4730 DL4731 DL4732 DL4733 DL4734 DL4735 DL4736 DL4737 DL4738 DL4739 DL4740 DL4741 DL4742 DL4743 DL4744 DL4745 DL4746 DL4747 DL4748 DL4749 DL4750 DL4751 DL4752 DL4753 DL4754 DL4755 DL4756 DL4757 DL4758 DL4759 DL4760 DL4761 DL4762 DL4763 DL4764 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100
mA 76 69 64 58 53 49 45 41 37 34 31 28 25 23 21 19 17 15.5 14 12.5 11.5 10.5 9.5 8.5 7.5 7.0 6.5 6.0 5.5 5.0 4.5 4.0 3.7 3.3 3.0 2.8 2.5
VOLTS 1 1 1 1 1 1 2 3 4 5 6 7 7.6 8.4 9.1 9.9 11.4 12.2 13.7 15.2 16.7 18.2 20.6 22.8 25.1 27.4 29.7 32.7 35.8 38.8 42.6 47.1 51.7 56.0 62.2 69.2 76.0
mA 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
NOTE 1 The JEDEC type numbers shown have A 5% tolerance on nominal zener voltage. No suffix signifies A 10% tolerance, C signifies 2%, and D signifies 1% tolerance. NOTE 2 The zener impedance is derived from the 60Hz AC voltage, which results when an AC current having an rms value equal to 10% of the DC zener current (Izt or Izk) is superimposed on Izt or Izk. Zener impedance is measured at two points to insure a sharp knee on the breakdown curve and eliminate unstable units. NOTE 3 The reverse surge current is measured at 25oC ambient using a 1/2 square wave or equivalent sine wave pulse 1/120 second duration superimposed on Izt NOTE 4 Voltage measurements to be performed 90 seconds after application of DC current.
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of DL4750

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X