Part Number Hot Search : 
23362 M51946A 00211 RF540 HZD2C2N UPB554C EDZ27B 05351
Product Description
Full Text Search
 

To Download DF100AA160 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DIODE(THREE PHASES BRIDGE TYPE)
DF100AA120/160
UL;E76102 M Power Diode Module DF100AA is designed for three phase full wave rectification, which has six diodes connected in a three phase bridge configuration. The mounting base of the module is electrically isolated from semiconductor elements for simple heatsink Repetitive peak reverse construction. Output DC current is 100Amp Tc 102 voltage is up to 1,600V. TjMax 150 Isolated mounting base High reliability by unique glass passivation Applications AC, DC Motor Drive/AVR/Switching -for three phase rectification
Unit a
Maximum Ratings
Symbol VRRM VRSM Symbol ID IFSM I2t Tj Tstg VISO Item Repetitive Peak Reverse Voltage Non-Repetitive Peak Reverse Voltage Item Output Current D.C. Surge Forward Current I2t Operating Junction Temperature Storage Temperature Isolation Breakdown Voltage R.M.S. Mounting Torque Mass Mounting M5 Terminal M5 A.C. 1 minute Recommended Value 1.5 2.5 15 25 Recommended Value 1.5 2.5 15 25 Typical Value Ratings DF100AA120 1200 1300 Conditions Three phase full wave. TC 102 1cycle, 50/60HZ, peak value, non-repetitive Value for one cycle of surge current DF100AA160 1600 1700 Ratings 100 910/1000 4100 40 150 40 125 2500 2.7 28 2.7 28 160
Tj 25 Unit V V Unit A A A2S
V Nm fB g
Electrical Characteristics
Symbol IRRM VFM Rth j-c Item Repetitive Peak Reverse Current Forward Voltage Drop Thermal Impedance Tj 150 Conditions at VRRM Ratings Min. Typ. Max. 15 1.2 0.2 Unit mA V /W
Tj 25 IFM 100A, Inst. measurement Junction to case
143
DF100AA120/160
144


▲Up To Search▲   

 
Price & Availability of DF100AA160

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X