Part Number Hot Search : 
PG781 EF4013B CLS0402 2A122K 4HC451 4HC451 GP10M 4HC451
Product Description
Full Text Search
 

To Download D10SC6M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
Schottky Rectifiers (SBD)
Dual
D10SC6M
60V 10A
FEATURES *oe Tj150*Z *oe PRRSM avalanche guaranteed *oe Fully Isolated Molding APPLICATION
*oe Switching
OUTLINE DIMENSIONS
Case : ITO-220 Unit : mm
power supply *oe DC/DC converter *oe Home Appliances, Office Equipment *oe Telecommunication
RATINGS
*oeAbsolute Maximum Ratings (If not specified Tc=25*Z) Item Symbol Conditions Ratings Unit Storage Temperature Tstg -40*150 *Z Operating Junction Temperature Tj 150 *Z Maximum Reverse Voltage VRM 60 V VRRSM Repetitive Peak Surge Reverse Voltage width 0.5ms, duty 1/40 Pulse 65 V Average Rectified Forward Current IO 50Hz sine wave, R-load, Rating for each diode Io/2, 10 Tc=120*Z A Peak Surge Forward CurrentFSM 50Hz sine wave, Non-repetitive 1 cycle peak value, 100 I Tj=125*Z A Repetitive Peak Surge Reverse Power width 10Es, Rating of per diode, Tj= 25*Z 330 PRRSM Pulse W Dielectric Strength Vdis Terminals to case, AC 1 minute 1.5 kV Mounting Torque F TOR (Recommended torque*0.3Nm) 0.5 Nm *oeElectrical Characteristics (If not specified Tc=25*Z) Item Symbol Conditions Ratings Unit VF I =5A, Pulse measurement, Rating of per diode Forward Voltage F Max.0.58 V IR V=V Pulse measurement, Rating of per diode Max.4.5 mA Reverse Current R RM, =10V, Rating of per diode Junction Capacitance Cj f=1MHz,R V Typ.200 pF Thermal Resistance AEjc junction to case Max.3.3 AEcf case to heatsink, Mounting torque=0.5Nm Max.1.5 *Z/W AEjf junction to heatsink, Mounting torque=0.5Nm Max.4.8
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
D10SC6M
Forward Voltage
10
Forward Current IF [A]
1
Tc=150C [MAX] Tc=150C [TYP] Tc=25C [MAX] Tc=25C [TYP]
Pulse measurement per diode
0.1
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Forward Voltage VF [V]
D10SC6M
Junction Capacitance
f=1MHz Tc=25C TYP per diode
1000
Junction Capacitance Cj [pF]
100
0.1
1
10
Reverse Voltage VR [V]
D10SC6M
1000
Reverse Current
Tc=150C [MAX]
100
Tc=150C [TYP]
Tc=125C [TYP]
Reverse Current IR [mA]
10
Tc=100C [TYP]
Tc=75C [TYP] 1
0.1
Pulse measurement per diode
0.01
0
10
20
30
40
50
60
Reverse Voltage VR [V]
D10SC6M
30
Reverse Power Dissipation
DC D=0.05 0.1 0.2
Reverse Power Dissipation PR [W]
25
20
0.3
15
0.5
10 SIN 5 0.8
0
0
10
20
30
40
50
60
70
Reverse Voltage VR [V]
Tj = 150C
0 VR tp D=tp /T T
D10SC6M
10
Forward Power Dissipation
DC D=0.8
Forward Power Dissipation PF [W]
8 0.3
0.5 SIN 0.2
6 0.05 4
0.1
2
0
0
2
4
6
8
10
12
14
16
Average Rectified Forward Current IO [A]
Tj = 150C IO 0 tp D=tp /T T
D10SC6M
20
Derating Curve
Average Rectified Forward Current IO [A]
DC 15 D=0.8
0.5 10 SIN 0.3 0.2 5 0.1 0.05
0
0
20
40
60
80
100
120
140
160
Case Temperature Tc [C]
VR = 30V 0 0
IO
VR tp D=tp /T T
D10SC6M
20
Derating Curve
Average Rectified Forward Current IO [A]
DC 15 D=0.8
0.5 10 SIN 0.3 0.2 5 0.1 0.05
0
0
20
40
60
80
100
120
140
160
Heatsink Temperature Tf [C]
VR = 30V 0 0
IO
VR tp D=tp /T T
D10SC6M
200
Peak Surge Forward Capability
IFSM
10ms 10ms
1 cycle
Peak Surge Forward Current IFSM [A]
150
non-repetitive, sine wave, Tj=125C before surge current is applied
100
50
0
1
2
5
10
20
50
100
Number of Cycles [cycles]
SBD
120
Repetitive Surge Reverse Power Derating Curve
100
PRRSM Derating [%]
80
60
40
20
0
0
50
100
150
Junction Temperature Tj [C]
IRP IR 0.5IRP 0 tp PRRSM = IRP x VRP VR VRP
SBD
10
Repetitive Surge Reverse Power Capability
PRRSM p) / PRRSM p=10s) Ratio (t (t
1
0.1
1
10
100
Pulse Width t p [s]
IRP IR 0.5IRP 0 tp PRRSM = IRP x VRP VR VRP


▲Up To Search▲   

 
Price & Availability of D10SC6M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X