Part Number Hot Search : 
ICM72 CPZRL7 MAX809S NTE6810 54123 MC100H6 MGFC3 MM1381
Product Description
Full Text Search
 

To Download CXK5T81000ATN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CXK5T81000ATN/AYN -10LLX/12LLX
131072-word x 8-bit High Speed CMOS Static RAM
Description The CXK5T81000ATN/AYN is a high speed CMOS static RAM organized as 131072-words by 8-bits. Special feature are low power consumption and high speed. The CXK5T81000ATN/AYN is a suitable RAM for portable equipment with battery back up. Features * Extended operating temperature range: -25 to +85C * Wide supply voltage range operation: 2.7 to 3.6V * Fast access time: (Access time) 3.0V operation -10LLX 100ns (Max.) -12LLX 120ns (Max.) 3.3V operation -10LLX 85ns (Max.) -12LLX 100ns (Max.) * Low standby current: 28A (Max.) * Low data retention current: 24A (Max.) * Low power data retention: 2.0V (Min.) * Package 8mm x 13.4mm 32 pin TSOP package Function 131072-word x 8-bit static RAM Structure Silicon gate CMOS IC CXK5T81000ATN 32 pin TSOP (Plastic)
Preliminary
CXK5T81000AYN 32 pin TSOP (Plastic)
For the availability of this product, please contact the sales office.
Block Diagram
A10 A11 A9 A8 A13 A15 A16 A14 A12 A7
Buffer
Row Decoder
Memory Matrix 1024 x 1024
VCC
GND
A6 A5 A4 A3 A2 A1 A0 OE
Buffer
I/O Gate Column Decoder
Buffer WE CE1 CE2 I/O Buffer I/O1 I/O8
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
-1-
PE96726-PS
CXK5T81000ATN/AYN
Pin Configuration (Top View)
A11 A9 A8 A13 WE CE2 A15 VCC NC A16 A14 A12 A7 A6 A5 A4
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17
Pin Description
OE A10 CE1 I/O8 I/O7 I/O6 I/O5 I/O4 GND I/O3 I/O2 I/O1 A0 A1 A2 A3
Symbol A0 to A16 I/O1 to I/O8 CE1, CE2 WE OE VCC GND NC
Description Address input Data input output Chip enable 1, 2 input Write enable input Output enable input Power supply Ground No connection
CXK5T81000ATN (Standard Pinout)
A4 A5 A6 A7 A12 A14 A16 NC VCC A15 CE2 WE A13 A8 A9 A11
16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
CXK5T81000AYN (Mirror Image Pinout)
A3 A2 A1 A0 I/O1 I/O2 I/O3 GND I/O4 I/O5 I/O6 I/O7 I/O8 CE1 A10 OE
Absolute Maximum Ratings Item Supply voltage Input voltage Input and output voltage Allowable power dissipation Operating temperature Storage temperature Symbol VCC VIN VI/O PD Topr Tstg
(Ta = 25C, GND = 0V) Rating -0.5 to +4.6 -0.51 to VCC + 0.5 -0.51 to VCC + 0.5 0.7 -25 to +85 -55 to +150 Unit V V V W C C C * s
Soldering temperature * time Tsolder 235 * 10 1 VIN, VI/O = -3.0V Min. for pulse width less than 50ns. Truth Table CE1 CE2 H x L L L x L H H H OE x x H L x WE x x H H L Mode Not selected Not selected Output disable Read Write I/O pin High Z High Z High Z Data out Data in
VCC Current ISB1, ISB2 ISB1, ISB2 ICC1, ICC2, ICC3 ICC1, ICC2, ICC3 ICC1, ICC2, ICC3
x : "H" or "L" DC Recommended Operating Conditions Item Supply voltage Input high voltage Input low voltage Symbol VCC VIH VIL VCC = 2.7 to 3.6V Min. 2.7 2.4 -0.32 Typ. 3.3 -- -- Max. 3.6 VCC + 0.3 0.4 Min. 3.0 2.2 -0.32 (Ta = -25 to +85C, GND = 0V) VCC = 3.3V 0.3V Typ. 3.3 -- -- Max. 3.6 VCC + 0.3 0.6 V Unit
2 VIL = -3.0V Min. for pulse width less than 50ns. -2-
CXK5T81000ATN/AYN
Electrical Characteristics * DC Characteristics Item Input leakage current Output leakage current Symbol ILI ILO (VCC = 2.7 to 3.6V, GND = 0V, Ta = -25 to +85C) Test conditions VIN = GND to VCC CE1 = VIH or CE2 = VIL or OE = VIH or WE = VIL VI/O = GND to VCC CE1 = VIL, CE2 = VIH VIN = VIH or VIL IOUT = 0mA Min. cycle duty = 100% IOUT = 0mA Cycle time 1s duty = 100% IOUT = 0mA CE1 0.2V CE2 Vcc - 0.2V VIL 0.2V VIH Vcc - 0.2V -25 to +85C CE2 0.2V CE1 Vcc - 0.2V -25 to +70C or CE2 Vcc - 0.2V +25C 10LLX 12LLX Min. -1 -1 Typ.1 -- -- Max. +1 +1 Unit A A
Operating power supply current
ICC1
-- -- --
1 252 25
3 353 35
mA
ICC2
mA
Average operating current ICC3
--
5
10
mA
-- -- -- -- 2.4 --
-- -- 0.48 0.12 -- --
28 14 -- 1.4 -- 0.4 mA V V A
Standby current
ISB1
{
ISB2 Output high voltage Output low voltage VOH VOL
CE1 = VIH or CE2 = VIL IOH = -2.0mA IOL = 2.0mA
1 VCC = 3.3V, Ta = 25C 2 ICC2 = 30mA for 3.3V operation (VCC = 3.3V 0.3V) 3 ICC2 = 40mA for 3.3V operation (VCC = 3.3V 0.3V)
I/O capacitance Item Input capacitance I/O capacitance Symbol Test conditions CIN CI/O VIN = 0V VI/O = 0V Min. -- --
(Ta = 25C, f = 1MHz) Typ. -- -- Max. 8 10 Unit pF pF
Note) This parameter is sampled and is not 100% tested.
-3-
CXK5T81000ATN/AYN
AC Characteristics * AC test conditions Item Input pulse high level Input pulse low level Input rise time Input fall time Input and output reference level Output load conditions -10LLX -12LLX VIH = 2.4V VIL = 0.4V (Ta = -25 to +85C) Conditions VCC = 2.7 to 3.6V VCC = 3.3V 0.3V VIH = 2.2V VIL = 0.6V
TTL * Test circuit
tr = 5ns tf = 5ns
tr = 5ns tf = 5ns
CL
1.4V 1.4V CL1 = 100pF, 1TTL CL1 = 30pF, 1TTL CL1 = 100pF, 1TTL CL1 = 100pF, 1TTL
1 CL includes scope and jig capacitances.
-4-
CXK5T81000ATN/AYN
* Read cycle (WE = "H") VCC = 2.7 to 3.6V Item Symbol -10LLX Min. Read cycle time Address access time Chip enable access time (CE1) Chip enable access time (CE2) Output enable to output valid Output hold from address change Chip enable to output in low Z (CE1, CE2) Output enable to output in low Z (OE) Chip disable to output in high Z (CE1, CE2) Output disable to output in high Z (OE) Max. -- 100 100 100 50 -- -- -- 40 35 -12LLX Min. 120 -- -- -- -- 10 10 5 -- -- Max. -- 120 120 120 60 -- -- -- 40 35 VCC = 3.3V 0.3V -10LLX Min. Max. 85 -- -- -- -- 10 10 5 -- -- -- 85 85 85 40 -- -- -- 35 30 -12LLX Min. 100 -- -- -- -- 10 10 5 -- -- Max. -- 100 100 100 50 -- -- -- 40 35 ns ns ns ns ns ns ns ns ns ns Unit
tRC tAA tCO1 tCO2 tOE tOH tLZ1 tLZ2 tOLZ tHZ11 tHZ21 tOHZ1
100 -- -- -- -- 10 10 5 -- --
1 tHZ1, tHZ2 and tOHZ are defined as the time required for outputs to turn to high impedance state and are not referred to as output voltage levels.
* Write cycle VCC = 2.7 to 3.6V Item Symbol -10LLX Min. Write cycle time Address valid to end of write Chip enable to end of write Data to write time overlap Data hold from write time Write pulse width Address setup time Write recovery time (WE) Write recovery time (CE1, CE2) Output active from end of write Write to output in high Z 100 tWC 80 tAW 80 tCW 40 tDW 0 tDH 70 tWP 0 tAS 0 tWR 0 tWR1 5 tOW tWHZ2 -- Max. -- -- -- -- -- -- -- -- -- -- 40 -12LLX Min. 120 100 100 50 0 70 0 0 0 5 -- Max. -- -- -- -- -- -- -- -- -- -- 40 VCC = 3.3V 0.3V -10LLX Min. Max. 85 70 70 35 0 60 0 0 0 5 -- -- -- -- -- -- -- -- -- -- -- 35 -12LLX Min. 100 80 80 40 0 70 0 0 0 5 -- Max. -- -- -- -- -- -- -- -- -- -- 40 ns ns ns ns ns ns ns ns ns ns ns Unit
2 tWHZ is defined as the time required for outputs to turn to high impedance state and is not referred to as output voltage level.
-5-
CXK5T81000ATN/AYN
Timing Waveform * Read cycle (1) : CE1 = OE = VIL, CE2 = VIH, WE = VIH
tRC Address tAA tOH Data out Previous data valid Data valid
* Read cycle (2) : WE = VIH
tRC Address tAA CE1 tCO1 tHZ1 tHZ tLZ1 CE2 tCO2 tLZ2 tHZ2
OE tOE tOLZ Data out Data valid High impedance tOHZ
-6-
CXK5T81000ATN/AYN
* Write cycle (1) : WE control
tWC Address tAW OE tCW CE1 tCW CE2 tAS WE tDW Data in tWHZ tOW Data out High impedance Data valid tDH tWP tWR
(1)
(2)
( 2 )
* Write cycle (2) : CE1 control
tWC Address tAW OE tAS CE1 tCW CE2 tCW tWR1
(3)
tWP WE tDW Data in Data valid tDH
Data out
High impedance
-7-
CXK5T81000ATN/AYN
* Write cycle (3) : CE2 control
tWC Address tAW OE tCW CE1 tAS CE2 tCW tWR1
(3)
tWP WE tDW Data in Data valid tDH
Data out
High impedance
1 Write is executed when both CE1 and WE are at low and CE2 is at high simultaneously. 2 Do not apply the data input voltage of the opposite phase to the output while I/O pin is in output condition. 3 tWR1 is tested from either the rising edge of CE1 or the falling edge of CE2, whichever comes earlier, until the end of the write cycle.
-8-
CXK5T81000ATN/AYN
Data retention waveform * Low supply voltage data retention waveform (1) (CE1 contol)
tCDRS VCC 2.7V VIH VDR CE1 GND CE1 VCC - 0.2V Data retention mode tR
* Low supply voltage data retention waveform (2) (CE2 contol)
Data retention mode VCC 2.7V CE2 VDR VIL GND CE2 0.2V tCDRS tR
Data Retention Characteristics Item Data retention voltage Symbol VDR 1 -25 to +85C Data retention current ICCDR1 VCC = 3.0V1 VCC = 2.0 to 3.6V1 Chip disable to data retention mode -25 to +70C +25C ICCDR2 Data retention setup time tCDRS Recovery time tR Test conditions Min. 2.0 -- -- -- -- 0 5
(Ta = -25 to +85C) Typ. -- -- -- 0.4 0.482 -- -- Max. 3.6 24 12 -- 28 -- -- A ns ns A Unit V
1 CE1 Vcc - 0.2V, CE2 Vcc - 0.2V (CE1 control) or CE2 0.2V (CE2 control) 2 VCC = 3.3V, Ta = 25C
-9-
CXK5T81000ATN/AYN
Package Outline
Unit: mm
CXK5T81000ATN
32PIN TSOP (PLASTIC)
8.0 0.1 32 17
1.2 MAX 0.1
11.8 0.1
13.4 0.3
A
1
16
0.145
0.2
0.08 M
0.5
+ 0.1 0.05 - 0.05
0 to 10 DETAIL A NOTE: Dimension "" does not include mold protrusion.
PACKAGE STRUCTURE
PACKAGE MATERIAL SONY CODE EIAJ CODE JEDEC CODE TSOP-32P-L02 TSOP032-P-0813.4-C LEAD TREATMENT LEAD MATERIAL PACKAGE MASS EPOXY RESIN SOLDER PLATING 42 ALLOY 0.2g
CXK5T81000AYN
32PIN TSOP (PLASTIC)
8.0 0.1 17 32
0.5 1.2 MAX 0.1 11.8 0.1 13.4 0.3 A 16 1
0.145
0.2
0.08 M
0.5
+ 0.1 0.05 - 0.05
0 to 10 DETAIL A NOTE: Dimension "" does not include mold protrusion.
PACKAGE STRUCTURE
PACKAGE MATERIAL SONY CODE EIAJ CODE JEDEC CODE TSOP-32P-L02R TSOP032-P-0813.4-D LEAD TREATMENT LEAD MATERIAL PACKAGE MASS EPOXY RESIN SOLDER PLATING 42 ALLOY 0.2g
- 10 -
0.5


▲Up To Search▲   

 
Price & Availability of CXK5T81000ATN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X