Part Number Hot Search : 
8XXXCX TS864IPT TN800A FS10SM PE9904 167BZC BD683 D1866
Product Description
Full Text Search
 

To Download CMKT3904 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMKT3904 NPN CMKT3906 PNP CMKT3946 NPN/PNP ULTRAminiTM DUAL SMALL SIGNAL SWITCHING TRANSISTOR
Central
FEATURES:
TM
Semiconductor Corp.
* * *
SPACE SAVING ULTRAminiTM FAMILY TWO NPN OR TWO PNP TRANSISTORS IN A SINGLE PACKAGE COMPLEMENTARY, ONE NPN AND ONE PNP TRANSISTOR IN A SINGLE PACKAGE Marking Codes: CMKT3904 K40 CMKT3906 K60 CMKT3946 K46
SOT-363
DESCRIPTION: The Central Semiconductor CMKT3904 (two single NPN), CMKT3906 (two single PNP), and CMKT3946 (one each NPN and PNP complementary) are combinations of transistors in a space saving SOT-363 ULTRAminiTM package, designed for small signal general purpose amplifier and switching applications. MAXIMUM RATINGS: (TA=25C) SYMBOL Collector-Base Voltage VCBO Collector-Emitter Voltage VCEO Emitter-Base Voltage VEBO Collector Current IC Power Dissipation PD Operating and Storage Junction Temperature TJ,Tstg Thermal Resistance JA NPN 60 40 6.0 200 350 -65 to +150 357 PNP MAX 50 PNP 40 40 5.0 UNITS V V V mA mW C C/W
ELECTRICAL CHARACTERISTICS: (TA=25C unless otherwise noted) NPN SYMBOL TEST CONDITIONS MIN MAX ICEV VCE=30V, VEB=3.0V 50 IBL VCE=30V, VEB=3.0V 50 BVCBO IC=10A 60 BVCEO IC=1.0mA 40 BVEBO IE=10A 6.0 VCE(SAT) IC=10mA, IB=1.0mA 0.20 VCE(SAT) IC=50mA, IB=5.0mA 0.30 VBE(SAT) IC=10mA, IB=1.0mA 0.65 0.85 VBE(SAT) IC=50mA, IB=5.0mA 0.95 hFE VCE=1.0V, IC=0.1mA 40 hFE VCE=1.0V, IC=1.0mA 70 hFE VCE=1.0V, IC=10mA 100 300 hFE VCE=1.0V, IC=50mA 60 hFE VCE=1.0V, IC=100mA 30
MIN
40 40 5.0 0.25 0.40 0.85 0.95
0.65 60 80 100 60 30
UNIT nA nA V V V V V V V
300
R0 ( 11-October 2001)
Central
SYMBOL fT Cob Cib hie hre hfe hoe NF td tr ts tf
TM
Semiconductor Corp.
CMKT3904 NPN CMKT3906 PNP CMKT3946 NPN/PNP ULTRAminiTM DUAL SMALL SIGNAL SWITCHING TRANSISTOR
NPN MIN MAX 300 4.0 8.0 1.0 10 0.5 8.0 100 400 1.0 40 5.0 35 35 200 50 PNP MIN MAX 250 4.5 10 2.0 12 0.1 10 100 400 3.0 60 4.0 35 35 225 75 UNIT MHz pF pF k x10-4 mhos dB ns ns ns ns
TEST CONDITIONS VCE=20V, IC=10mA, f=100MHz VCB=5.0V, IE=0, f=1.0MHz VBE=0.5V, IC=0, f=1.0MHz VCE=10V, IC=1.0mA, f=1.0kHz VCE=10V, IC=1.0mA, f=1.0kHz VCE=10V, IC=1.0mA, f=1.0kHz VCE=10V, IC=1.0mA, f=1.0kHz VCE=5.0V, IC=100A, RS=1.0k f=10Hz to 15.7kHz VCC=3.0V, VBE=0.5V, IC=10mA, IB1=1.0mA VCC=3.0V, VBE=0.5V, IC=10mA, IB1=1.0mA VCC=3.0V, IC=10mA, IB1=IB2=1.0mA VCC=3.0V, IC=10mA, IB1=IB2=1.0mA
SOT-363 - MECHANICAL OUTLINE
CMKT3904
CMKT3906
CMKT3946
LEAD CODE 1) Emitter Q1 2) Base Q1 3) Collector Q2 4) Emitter Q2 5) Base Q2 6) Collector Q1
R0 ( 11-October 2001)


▲Up To Search▲   

 
Price & Availability of CMKT3904

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X