Part Number Hot Search : 
LTP2157 74HC020 36MT140 HT1625 CPH5812 XXXXXX LTC455EU STK4140
Product Description
Full Text Search
 

To Download CMKT2907A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMKT2907A ULTRAminiTM SURFACE MOUNT DUAL PNP SILICON TRANSISTOR
Central
DESCRIPTION:
TM
Semiconductor Corp.
SOT-363 CASE MAXIMUM RATINGS: (TA=25C) SYMBOL Collector-Base Voltage VCBO Collector-Emitter Voltage VCEO Emitter-Base Voltage VEBO Collector Current IC Power Dissipation PD Operating and Storage Junction Temperature TJ,Tstg Thermal Resistance JA
The CENTRAL SEMICONDUCTOR CMUT2907A type is a Dual PNP silicon transistor manufactured by the epitaxial planar process, epoxy molded in an ULTRAminiTM surface mount package, designed for small signal general purpose and switching applications. Marking Code is K07. UNITS V V V mA mW C C/W
60 60 5.0 600 350 -65 to +150 357
ELECTRICAL CHARACTERISTICS PER TRANSISTOR: (TA=25C unless otherwise noted) SYMBOL ICBO ICBO ICEV BVCBO BVCEO BVEBO VCE(SAT) VCE(SAT) VBE(SAT) VBE(SAT) hFE hFE hFE hFE hFE TEST CONDITIONS VCB=50V VCB=50V, TA=125C VCE=30V, VBE=0.5V IC=10A IC=10mA IE=10A IC=150mA, IB=15mA IC=500mA, IB=50mA IC=150mA, IB=15mA IC=500mA, IB=50mA VCE=10V, IC=0.1mA VCE=10V, IC=1.0mA VCE=10V, IC=10mA VCE=10V, IC=150mA VCE=10V, IC=500mA MIN MAX 10 10 50 UNITS nA A nA V V V V V V V
60 60 5.0 0.4 1.6 1.3 2.6 75 100 100 100 50
300
R0 ( 9 -October 2001)
Central
SYMBOL fT Cob Cib ton td tr toff ts tf
TM
Semiconductor Corp.
CMKT2907A ULTRAminiTM SURFACE MOUNT DUAL PNP SILICON TRANSISTOR
ELECTRICAL CHARACTERISTICS: Continued TEST CONDITIONS VCE=20V, IC=50mA, f=100MHz VCB=10V, IE=0, f=1.0MHz VBE=2.0V, IC=0, f=1.0MHz VCC=30V, VBE=0.5V, IC=150mA, IB1=15mA VCC=30V, VBE=0.5V, IC=150mA, IB1=15mA VCC=30V, VBE=0.5V, IC=150mA, IB1=15mA VCC=6.0V, IC=150mA, IB1=IB2=15mA VCC=6.0V, IC=150mA, IB1=IB2=15mA VCC=6.0V, IC=150mA, IB1=IB2=15mA
MECHANICAL OUTLINE - SOT-363
MIN 200
MAX 8.0 30 45 10 40 100 80 30
UNITS MHz pF pF ns ns ns ns ns ns
TR2
LEAD CODE:
TR1
1) TR1 2) TR1 3) TR2 4) TR2 5) TR2 6) TR1
Emitter Base Collector Emitter Base Collector
R0 ( 9 -October 2001)


▲Up To Search▲   

 
Price & Availability of CMKT2907A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X