Part Number Hot Search : 
AAMDA ISP1103 CS9DB102 D361K 74HC15 SMV2565A SMV2565A 50005
Product Description
Full Text Search
 

To Download CMKD7000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMKD7000 SURFACE MOUNT ULTRAminiTM DUAL PAIR OF SERIES CONFIGURED ULTRA-HIGH SPEED SILICON SWITCHING DIODES
Central
TM
Semiconductor Corp.
DESCRIPTION: The CENTRAL SEMICONDUCTOR CMKD7000 consists of two pair of electrically isolated series configured ultra-high speed switching diodes in an ULTRAminiTM SOT-363 surface mount package, designed for ESD protection and high speed switching applications. MARKING CODE: K00
SOT-363 CASE
MAXIMUM RATINGS:
(TA=25C)
SYMBOL VRRM IO IFM PD TJ,Tstg JA 100 200 500 250 -65 to +150 500
UNITS V mA mA mW C C/W
Peak Repetitive Reverse Voltage Average Forward Current Peak Forward Current Power Dissipation Operating and Storage Junction Temperature Thermal Resistance
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25C unless otherwise noted) SYMBOL BVR IR IR IR VF VF VF CT trr TEST CONDITIONS IR=100A VR=50V VR=50V, TA=125 C VR=100V IF=1.0mA IF=10mA IF=100mA VR=0, f =1.0 MHz IR=IF=10mA, RL=100, Rec. to 1.0mA 0.55 0.67 0.75 2.0 MIN 100 TYP MAX 300 100 500 0.70 0.82 1.10 1.5 4.0 UNITS V nA A nA V V V pF ns
R1 (13-November 2002)
Central
TM
CMKD7000 SURFACE MOUNT ULTRAminiTM DUAL PAIR OF SERIES CONFIGURED ULTRA-HIGH SPEED SILICON SWITCHING DIODES
Semiconductor Corp.
SOT-363 CASE - MECHANICAL OUTLINE
Pin Configuration
LEAD CODE: 1) ANODE D1 2) CATHODE D2 3) ANODE D3, CATHODE D4 4) ANODE D4 5) CATHODE D3 6) CATHODE D1, ANODE D2 MARKING CODE: K00
R1 (13-November 2002)


▲Up To Search▲   

 
Price & Availability of CMKD7000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X