Part Number Hot Search : 
2001834 SMS120 RG82845E 1N5236A 244MT AD8004 EL5120 BD63874
Product Description
Full Text Search
 

To Download CD9013 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company
NPN SILICON PLANAR TRANSISTOR
CD9013
TO-92 Plastic Package
BC
E
General Purpose Audio Amplifier Applications
ABSOLUTE MAXIMUM RATINGS (Ta=25C Unless Otherwise Specified) VALUE DESCRIPTION SYMBOL VCEO 30 Collector Emitter Voltage VCBO 40 Collector Base Voltage VEBO 5 Emitter Base Voltage Collector Current Continuous Collector Power Dissipation Operating And Storage Junction Temperature Range IC PC Tj, Tstg 500 625 -55 to +150 UNITS V V V mA mW C
ELECTRICAL CHARACTERISTICS (Ta=25C Unless Otherwise Specified) TEST CONDITION DESCRIPTION SYMBOL IC=1mA, IB=0 VCEO Collector Emitter Voltage VCBO IC=100A, IE=0 Collector Base Voltage Emitter Base Voltage Collector Cut off Current Emitter Cut off Current DC Current Gain Collector Emitter Saturation Voltage Base Emitter Saturation Voltage DYNAMIC CHARACTERISTICS Output Capacitance Transition Frequency Noise Figure *hFE CLASSIFICATION VEBO ICBO IEBO *hFE hFE VCE(sat) VBE(sat) IE=100A, IC=0 VCB=25V, IE = 0 VBE=3V, IC = 0 VCE=1V, IC=50mA VCE=1V, IC=500mA IC=150mA, IB=15mA IC=500mA, IB=50mA IC=150mA, IB=15mA IC=500mA, IB=50mA
MIN 30 40 5
MAX
UNITS V V V
100 100 64 40 0.2 0.6 1.0 1.2 10 6.0 J: 278 - 465 465
nA nA
V V V V pF MHz dB
VCB=10V, f=1MHz Cob IC=50mA, VCE=10V, f=100MHz fT 200 VCE =10V,IC=1mA, f=1KHz NF D/E/F:64 - 135 G/H/I: 118 - 305
CD9013Rev_1170603D
Continental Device India Limited
Data Sheet
Page 1 of 4
CD9013
TO-92 Plastic Package TO-92 Plastic Package
B
Dimension With 'L' Uncontrolled
L
DIM A B C D E F G H K L
MIN. 4.32 4.45 3.18 0.41 0.35
MAX. 5.33 5.20 4.19 0.55 0.50
A
Beyond 'L'
2 3 D G F F AA
K
1
D E
SEC AA
5 DEG 1.14 1.40 1.20 1.40 12.70 -- 1.982 2.082 1.03 1.20 M All dimensions are in mm
M
Solderability Ensured
321 Mold Parting Line
H
C
PIN CONFIGURATION 1. COLLECTOR 2. BASE 3. EMITTER
321
The TO-92 Package, Tape and Ammo Pack Drawings are correct as on the date of issue/revision of this Data Sheet. The currently valid dimensions and information, may please be confirmed from the TO-92 Drawing in the Packages and Packing Section of the Product Catalogue.
Packing Details
PACKAGE Details TO-92 Bulk TO-92 T&A 1K/ polybag 2K/ ammo box STANDARD PACK Net Weight/ Qty 200 gm/ pcs 1K 645 gm/ pcs 2K Size 3" x 7.5" x 7.5" 12.5" x 8" x 1.8" INNER CARTON BOX Qty 5K 2K Size 17" x 15" x 13.5" 17" x 15" x 13.5" OUTER CARTON BOX Qty 80K 32K Gr Wt 23 kgs 12.5 kgs
CD9013Rev_1170603D
Continental Device India Limited
Data Sheet
Page 2 of 4
CD9013
TO-92 Plastic Package TO-92 Tape and Ammo Pack
Tape Mechanical Data
T h h A H3 H1 Ho L H2 C1 C2 W2 Wo A1 P (p) h1 h1
Ammo Pack Style Adhesive Tape on Top Side Flat side Label
D FEE
Carrier Strip
186 (7.3")
W1 W
F1 t1 t P2 Po F
F2
Do
332
") (1 3
(1. 43 7")
Flat Side of Transistor and Adhesive Tape Visible 2000 pcs./Ammo Pack
All dimensions are in mm
ITEM BODY WIDTH BODY HEIGHT BODY THICKNESS PITCH OF COMPONENT * 1 FEED HOLE PITCH * 2 FEED HOLE CENTRE TO COMPONENT CENTRE DISTANCE BETWEEN OUTER LEADS SPECIFICATION SYMBOL A1 A T P Po P2 F h h1 W Wo W1 W2 Ho H1 L Do t F1, F2 H2 H3 | C1 - C2 | (p) 0.45 MIN. NOM. MAX. 4.0 4.8 3.9 12.7 12.7 6.35 5.08 0 0 18 6 9 0.5 16 23.25 11.0 4 1.2 2.54 1.45 3.0 0.22 + 0.4 - 0.1 0.2 REMARKS 1.0 1.3 0.5 0.2 + 0.7 - 0.5 0.2 0.5 4.8 5.2 4.2 1.0 0.3 0.4 + 0.6 - 0.2 TOL . NOTES 1. Maximum alignment deviation between leads will not to be greater than 0.2mm. 2. Maximum non-cumulative variation between tape feed holes shall not exceed 1 mm in 20 pitches. 3. Holddown tape will not exceed beyond the edge(s) of carrier tape and there shall be no exposure of adhesive. 4. There will be no more than three (3) consecutive missing components in a tape. 5. A tape trailer, having at least three feed holes are provided after the last component in a tape. 6. Splices should not interfere with the sprocket feed holes.
* 3 COMPONENT ALIGNMENT SIDE VIEW * 4 COMPONENT ALIGNMENT FRONT VIEW
TAPE WIDTH HOLD-DOWN TAPE WIDTH HOLE POSITION HOLD-DOWN TAPE POSITION LEAD WIRE CLINCH HEIGHT COMPONENT HEIGHT LENGTH OF SNIPPED LEADS FEED HOLE DIAMETER * 5 TOTAL TAPE THICKNESS LEAD - TO - LEAD DISTANCE STAND OFF CLINCH HEIGHT LEAD PARALLELISM PULL - OUT FORCE
6N
* 1 Cumulative pitch error 1.0 mm/20 pitch * 2 To be measured at bottom of clinch * 3 At top of body * 4 At top of body * 5 t1 0.3 - 0.6 mm
CD9013Rev_1170603D
Continental Device India Limited
Data Sheet
Page 3 of 4
Notes
CD9013
TO-92 Plastic Package
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished in the Data Sheet and on the CDIL Web Site/CD are believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-2579 6150, 5141 1112 Fax + 91-11-2579 5290, 5141 1119 email@cdil.com www.cdilsemi.com
CD9013Rev_1170603D
CDIL is a registered Trademark of
Continental Device India Limited
Data Sheet
Page 4 of 4


▲Up To Search▲   

 
Price & Availability of CD9013

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X