Part Number Hot Search : 
TS820 LT3483 LT3483 C5001 MMBT55 2SK1466 SR305 ADJ15005
Product Description
Full Text Search
 

To Download CD2025B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicore
2.3W DUAL AUDION POWER AMP
DESCRIPTION
The CD2025B is a monolithic integrated circuit consisting of a 2-channel po wer amplifier. It is suitable for stereo and bridge amplifier application of radio cassette tape recorder.
CD2025B
Outline Drawing
FEATURES
High ou tput power Stereo: Po=2.3W (Typ) at Vcc=9V, RL=4 Bridge: Po=4.7W (Typ) at Vcc=9V, RL=8 Low switching distortion at high frequency. Small shock noise at th e time of power on/off due to a built-in mu ting circuit Good ripple rejection due to a built-in ripple filter. Good ch annel separation. Soft tone at the time of output saturation. Closed loop voltage gain fixed 45 d B (Bridge: 51dB) but availability with external resistor added. Minimu m nu mb er of external parts required. Easy to design radiator fin.
BLOCK DIAGRAM AND PIN CONNECTION
PRE GND 7 IN1 8 NF1 POWER GND 9 Fin INPUT AMP 1 + BS1 10 OUT1 11 Vcc 12
SHOCK NOISE REJECTOR
OUT AMP 1 RIPPLE FILTER
INPUT AMP 2 + 6 R.R 5 IN2
OUT AMP 2
4 Fin 3 NF2 POWER GND BS2
2 OUT2
1 BTL OUT
SHAOXING SILICORE TECHNOLOGY CO.,LTD www. Silicore. com. cn
1/3
CHMC
Silicore
ABSOLUTE MAXIMUM RATINGS (Ta=25C)
Characteristic Supply Vo ltage Power Diss ipation Operating Te mperature Storage Temp erature *Fin is soldering on the PCB Symbol Vcc PD Topr Tstg
CD2025B
Value 15 4* -20~70 -40~150
Unit V W C C
ELECTRICAL CHARACTERISTICS
(unless otherwise specified: Ta=2 5C, Vcc=9V; Rg=6 00 ,f=1kHz) Characteristics Operating Supply Vo ltage Quiescent circuit current Closed loop Vo ltage Gain Channel Balance Output Power Stereo Vi=0V, Stereo Stereo Bridge Stereo THD=10%, RL=4 THD=10%, RL=8 Po Vi=-45dBm Test conditions Symbol Min. Typ. Max. Unit Vcc ICC Q Gvc CB 43 49 -1 1.7 9 40 45 51 0 2.3 1.3 4.7 THD Ri Stereo, Rg =0, Vi=150mW f=100Hz Stereo Rg=0 Stereo Rg=10k Stereo Rg=10k Vo =0d B m RR VNO CT 40 21 40 0.3 0.5 30 46 0.3 0.5 55 1.0 2.0 1.5 % k dB mV dB W 11 55 47 53 +1 V mA dB dB dB
Bridge THD=10%, RL=8 Total Harmonic Distortion Input Resistance Ripple Rejection Ratio Output Noise Vo ltage Cross Talk Stereo Bridge Po=250 mW RL=4
SHAOXING SILICORE TECHNOLOGY CO.,LTD www. Silicore. com. cn
2/3
CHMC
Silicore
BRIDGE AMPLIFIER TEST AND APPLICATION CIRCUIT
INPUT 100uF 100uF 0.15uF Vcc 470uF 1000uF
CD2025B
7
8
9
Fin
10
11
12
CD2025B
RL 6 100uF 5 4 Fin 3 2 1 0.15uF 470uF
100uF
100uF
APPLICATION INFORMATION 1. Stereo application
(1) Fixed Vo ltag e gain
8 R2 + CH1 R1 Rf C1 11
(Pin 9 connected to GND directly ) Gv=20 log( R1/R2) (2) Variable voltage gain (Rf and C, Connected with pin 9) Gv=20 log (R1/(R2+Rf)
9
2.Bridge application
INPUT 8 R2 + CH1 R1 Rf 5K C1 10K 11 2 1 + CH2 R4 R3 4 C2 5
9
C4
RL
C6
(1) Fixed voltage gain (pin 9 connected to GND directly) Gv=2 0log (R1 /R2 ) (2)Variable voltage gain Rf and C1 connected with pin 9 Gv=20 log (R1/(R2+Rf)) SHAOXING SILICORE TECHNOLOGY CO.,LTD www. Silicore. com. cn
3/3
CHMC


▲Up To Search▲   

 
Price & Availability of CD2025B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X