Part Number Hot Search : 
DA332M M30620F SMCJ1 23A10 DSB1A40 204153C 40007 23A10
Product Description
Full Text Search
 

To Download CA3102 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CA3102
Data Sheet November 1999 File Number 611.6
Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz
The CA3102 consists of two independent differential amplifiers with associated constant current transistors on a common monolithic substrate. The six transistors which comprise the amplifiers are general purpose devices which exhibit low 1/f noise and a value of fT in excess of 1GHz. These features make the CA3102 useful from DC to 500MHz. Bias and load resistors have been omitted to provide maximum application flexibility. The monolithic construction of the CA3102 provides close electrical and thermal matching of the amplifiers. This feature makes this device particularly useful in dual channel applications where matched performance of the two channels is required. The CA3102 has a separate substrate connection for greater design flexibility.
Features
* Power Gain 23dB (Typ). . . . . . . . . . . . . . . . . . . . . 200MHz * Noise Figure 4.6dB (Typ) . . . . . . . . . . . . . . . . . . . 200MHz * Two Differential Amplifiers on a Common Substrate * Independently Accessible Inputs and Outputs * Full Military Temperature Range . . . . . . . -55oC to 125oC
Applications
* VHF Amplifiers * VHF Mixers * Multifunction Combinations - RF/Mixer/Oscillator; Converter/IF * IF Amplifiers (Differential and/or Cascode) * Product Detectors * Doubly Balanced Modulators and Demodulators * Balanced Quadrature Detectors
Ordering Information
PART NUMBER (BRAND) CA3102E CA3102M (3102) TEMP. RANGE (oC) -55 to 125 -55 to 125 PACKAGE 14 Ld PDIP 14 Ld SOIC PKG. NO. E14.3 M14.15
* Cascade Limiters * Synchronous Detectors * Balanced Mixers * Synthesizers * Balanced (Push-Pull) Cascode Amplifiers * Sense Amplifiers
Pinout
CA3102 (PDIP, SOIC) TOP VIEW
1 2 3 4 SUBSTRATE 5 6 7
14 13 12 SUBSTRATE 11 10 9 8
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 407-727-9207 | Copyright (c) Intersil Corporation 1999
CA3102
Absolute Maximum Ratings
Collector-to-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . 15V Collector-to-Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . 20V Collector-to-Substrate Voltage, VCIO (Note 1) . . . . . . . . . . . . . . 20V Emitter-to-Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . 5V Collector Current, IC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
Thermal Information
Thermal Resistance (Typical, Note 2) JA (oC/W) PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 110 SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 205 Maximum Power Dissipation (Any One Transistor) . . . . . . . 300mW Maximum Junction Temperature (Plastic Package) . . . . . . . 150oC Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC (SOIC - Lead Tips Only)
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES: 1. The collector of each transistor of the CA3102 is isolated from the substrate by an integral diode. The substrate (Terminal 9) must be connected to the most negative point in the external circuit to maintain isolation between transistors and to provide for normal transistor action. 2. JA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
PARAMETER
TA = 25oC SYMBOL TEST CONDITIONS MIN TYP MAX UNITS
DC CHARACTERISTICS FOR EACH DIFFERENTIAL AMPLIFIER Input Offset Voltage (Figures 1, 4) Input Offset Current (Figure 1) Input Bias Current (Figures 1, 5) Temperature Coefficient Magnitude of Input Offset Voltage VIO IIO IB I3 = I9 = 2mA 0.25 0.3 13.5 1.1 5.0 3.0 33 mV A A V/oC
V IO ---------------T DC CHARACTERISTICS FOR EACH TRANSISTOR DC Forward Base-to-Emitter Voltage (Figure 6) Temperature Coefficient of Base-to-Emitter Voltage (Figure 6) Collector Cutoff Current (Figure 7) Collector-to-Emitter Breakdown Voltage Collector-to-Base Breakdown Voltage Collector-to-Substrate Breakdown Voltage Emitter-to-Base Breakdown Voltage VBE V BE -------------T ICBO V(BR)CEO V(BR)CBO V(BR)CIO V(BR)EBO VCE = 6V, IC = 1mA VCE = 6V, IC = 1mA
674 -
774 -0.9
874 -
mV mV/oC
VCB = 10V, IE = 0 IC = 1mA, IB = 0 IC = 10A, IE = 0 IC = 10A, IB = IE = 0 IE = 10A, IC = 0
15 20 20 5
0.0013 24 60 60 7
100 -
nA V V V V
DYNAMIC CHARACTERISTICS FOR EACH DIFFERENTIAL AMPLIFIER 1/f Noise Figure (For Single Transistor) (Figure 12) Gain Bandwidth Product (For Single Transistor) (Figure 11) Collector-Base Capacitance (Figure 8) NF fT CCB f = 100kHz, RS = 500, IC = 1mA VCE = 6V, IC = 5mA IC = 0, VCB = 5V IC = 0, VCI = 5V I3 = I9 = 2mA Bias Voltage = -6V Bias Voltage = -4.2V, f = 10MHz Note 3 Note 4 18 1.5 1.35 0.28 0.15 1.65 100 75 22 dB GHz pF pF pF dB dB dB
Collector-Substrate Capacitance (Figure 8) Common Mode Rejection Ratio AGC Range, One Stage (Figure 2) Voltage Gain, Single-Ended Output (Figures 2, 9, 10)
CCI CMRR AGC A
2
CA3102
Electrical Specifications
PARAMETER Insertion Power Gain (Figure 3) Noise Figure (Figure 3) Input Admittance TA = 25oC (Continued) SYMBOL GP NF Y11 TEST CONDITIONS VCC = 12V, for Cascode Configuration I3 = I9 = 2mA. For Diff. Amp. Configuration I3 = I9 = 4mA (Each Collector IC 2mA) f = 200MHz Cascode Cascode Cascode (Figures 14, 16, 18) Diff. Amp. (Figures 15, 17, 19) Cascode Diff. Amp. Forward Transfer Admittance Y21 Cascode (Figures 26, 28, 30) Diff. Amp. (Figures 27, 29, 31) Output Admittance Y22 Cascode (Figures 20, 22, 24) Diff. Amp. (Figures 21, 23, 25) NOTES: 3. Terminals 1 and 14 or 7 and 8. 4. Terminals 13 and 4 or 6 and 11. MIN TYP 23 4.6 1.5 + j2.45 0.878 + j1.3 0.0 - j0.008 0.0 - j0.013 17.9 - j30.7 -10.5 + j13 -0.503 - j15 0.071 + j0.62 MAX UNITS dB dB mS mS mS mS mS mS mS mS
Reverse Transfer Admittance
Y12
Schematic Diagram
CA3102E, CA3102M
1
14
13
4
12
8
7
6
11
Q2 2 Q3
Q1 10
Q6 Q4
Q5
3
5 SUBSTRATE
9
3
CA3102 Test Circuits
+6V V+ (+6V) 1k VOUT +1V 1k VO S1 -1V BIAS VOLTAGE 5 VX M I3 or I9 12 1k 10F S2 M S1 (10) 2 Q3 (Q4) 3 (9) 500 VIN (8) 1 100 (7) 14 S2 1k M Q2 (Q6) 13 (6) Q1 (Q5) 100
4
(11)
V- (-6V)
-6V
FIGURE 1. DC CHARACTERISTICS TEST CIRCUIT FOR CA3102
FIGURE 2. AGC RANGE AND VOLTAGE GAIN TEST CIRCUIT FOR CA3102
1/2 CA3102 14(7) Q2 (Q6) Q1 (Q5)
0.005F 5(12)
1(8)
SUBSTRATE Q3 (Q4) 2 (10) 5.6pF 3 (9) 4 (11) 13 (6) 2.7pF 5F 100 6V 2+ 0.001 F 5pF C2 L2 0.001F 0.001F OUTPUT RL = 50
INPUT RG = 50 L1 C1
0.001F
MA 2k 1k FERRITE BEADS 5k
13k 0.001F 100pF
NOTES: 5. Numbers in parentheses refer to the other half of the CA3102. 6. L1, L2 - Approximately 1/2 Turn #18 Tinned Copper Wire, 5/8" Diameter.
100pF
100pF
470pF 10k +12V 0.001F
7. C1, C2 - 15pF Variable Capacitors (Hammarlund, MAC-15; or Equivalent).
FIGURE 3. 200MHz CASCODE POWER GAIN AND NOISE FIGURE TEST CIRCUIT
4
CA3102 Typical Performance Curves
0.5 TA = 25oC INPUT OFFSET VOLTAGE (mV) INPUT BIAS CURRENT (A) 100
0.4
10 TA = -40oC TA = 25oC TA = 85oC 1.0
0.3
0.2 0.1
1 EMITTER CURRENT (mA)
10
0.1 0.1
1.0 EMITTER CURRENT (mA)
10
FIGURE 4. INPUT OFFSET VOLTAGE vs EMITTER CURRENT
FIGURE 5. INPUT BIAS CURRENT vs EMITTER CURRENT
1000 COLLECTOR CUTOFF CURRENT (pA) BASE-TO-EMITTER VOLTAGE (V) VCB = 15V 100 VCB = 10V VCB = 5V 10 1.0
TA = 85oC
0.9
TA = 25oC TA = -40oC
0.8
1.0
0.7
0.6
0.1
0.5 0.1
1.0 COLLECTOR CURRENT (mA)
10
0.01 -100
-75
-50
-25 0 25 TEMPERATURE (C)
50
75
100
FIGURE 6. BASE-TO-EMITTER VOLTAGE vs COLLECTOR CURRENT
FIGURE 7. COLLECTOR CUTOFF CURRENT vs TEMPERATURE
3
TA = 25oC
70 60 50 VOLTAGE GAIN (dB) 40 30 20 10 0 -10 -20 -30 -40 -50 12 13 14 0
TA = 25oC V+ = 6V, V- = -6V f = 1kHz
CAPACITANCE (pF)
2
CCI 1 TERMINALS 14 AND 1; 7 AND 8 TERMINALS 13 AND 4; 6 AND 11 CCB 0 0 1 2 3 4 5 67 89 BIAS VOLTAGE (V) 10 11
-1
-2
-3
-4
-5
-6
-7
BIAS VOLTAGE ON TERMINALS 2 AND 10 (V)
FIGURE 8. CAPACITANCE vs DC BIAS VOLTAGE
FIGURE 9. VOLTAGE GAIN vs DC BIAS VOLTAGE
5
CA3102 Typical Performance Curves
40 35 VOLTAGE GAIN (dB) 30 25 20 15 10 5 0 0.01 GAIN BANDWIDTH PRODUCT (GHz) TA = 25oC
(Continued)
2.0 1.9 1.8 1.7 1.6 1.5 1.4 1.3 1.2 1.1 1.0 0.9 0.8 0 1 2 3 45 6 78 9 10 11 12 13 COLLECTOR CURRENT (mA) 14 TA = 25oC
0.1
1.0 FREQUENCY (MHz)
10
100
FIGURE 10. VOLTAGE GAIN vs FREQUENCY
FIGURE 11. GAIN BANDWIDTH PRODUCT vs COLLECTOR CURRENT
30
TA = 25oC RSOURCE = 500
f = 10Hz 30 NOISE FIGURE (dB)
TA = 25oC RSOURCE = 1k
f = 10Hz f = 100Hz
NOISE FIGURE (dB)
f = 100Hz 20
20 f = 10kHz 10
f = 1kHz
f = 1kHz 10 f = 10kHz f = 100kHz
f = 100kHz 0 0.01 0.1 1.0 COLLECTOR CURRENT (mA) 0 0.01 0.1 1.0 COLLECTOR CURRENT (mA)
FIGURE 12. 1/f NOISE FIGURE vs COLLECTOR CURRENT
FIGURE 13. 1/f NOISE FIGURE vs COLLECTOR CURRENT
2.5 INPUT CONDUCTANCE (g11) (mS) CASCODE AMPLIFIER VCC = 12V I3 = I9 = 2mA TA = 25oC
25 INPUT SUSCEPTANCE (b11) (mS)
6 DIFFERENTIAL AMPLIFIER VCC = 12V I3 = I9 = 4mA TA = 25oC
2.0
20
OR SUSCEPTANCE (b11) (mS)
INPUT CONDUCTANCE (g11)
5
4 b11
1.5
15
3
1.0
g11
10
2 g11 1
0.5 b11 0 10 102 FREQUENCY (MHz)
5
0 103
0 10
102 FREQUENCY (MHz)
103
FIGURE 14. INPUT ADMITTANCE (Y11) vs FREQUENCY
FIGURE 15. INPUT ADMITTANCE (Y11) vs FREQUENCY
6
CA3102 Typical Performance Curves
(Continued)
3 INPUT CONDUCTANCE OR SUSCEPTANCE (mS)
b11 2
INPUT CONDUCTANCE OR SUSCEPTANCE (mS)
CASCODE AMPLIFIER I3 = I9 = 2mA f = 200MHz TA = 25oC
3
DIFFERENTIAL AMPLIFIER I3 = I9 = 4mA f = 200MHz TA = 25oC
2
g11 1
1
b11 g11
0 0 10 20 30 40 COLLECTOR SUPPLY VOLTAGE (V)
0 0 10 20 30 40 COLLECTOR SUPPLY VOLTAGE (V)
FIGURE 16. INPUT ADMITTANCE (Y11) vs COLLECTOR SUPPLY VOLTAGE
FIGURE 17. INPUT ADMITTANCE (Y11) vs COLLECTOR SUPPLY VOLTAGE
7 6 INPUT CONDUCTANCE OR SUSCEPTANCE (mS) 5 4 3 b11 2 1 0 0 2 4 6 8 EMITTER CURRENT (I3 OR I9) (mA) g11 CASCODE AMPLIFIER VCC = 12V f = 200MHz TA = 25oC 3 INPUT CONDUCTANCE OR SUSCEPTANCE (mS)
DIFFERENTIAL AMPLIFIER VCC = 12V f = 200MHz TA = 25oC g11 b11
2
1
0 0 5 10 15 20 EMITTER CURRENT (I3 OR I9) (mA)
FIGURE 18. INPUT ADMITTANCE (Y11) vs EMITTER CURRENT
FIGURE 19. INPUT ADMITTANCE (Y11) vs EMITTER CURRENT
3 2 OUTPUT CONDUCTANCE OR SUSCEPTANCE (mS) 1 0 g22 -1 -2 -3 -4 -5 -6 10 102 FREQUENCY (MHz) 103 b22 CASCODE AMPLIFIER VCC = 12V I3 = I9 = 2mA TA = 25oC
4 3 2 1 0 -1 g22 -2 10 102 FREQUENCY (MHz) 103 b22 DIFFERENTIAL AMPLIFIER VCC = 12V I3 = I9 = 4mA TA = 25oC
FIGURE 20. OUTPUT ADMITTANCE (Y22) vs FREQUENCY
7
OUTPUT CONDUCTANCE OR SUSCEPTANCE (mS)
FIGURE 21. OUTPUT ADMITTANCE (Y22) vs FREQUENCY
CA3102 Typical Performance Curves
(Continued)
0 OUTPUT CONDUCTANCE OR SUSCEPTANCE (mS) g22 -1 b22 -2
OUTPUT CONDUCTANCE OR SUSCEPTANCE (mS)
CASCODE AMPLIFIER I3 = I9 = 2mA f = 200MHz TA = 25oC
0.6 b22
DIFFERENTIAL AMPLIFIER I3 = I9 = 4mA f = 200MHz TA = 25oC
0.4
0.2 g22 0
-3 0 10 20 30 40 COLLECTOR SUPPLY VOLTAGE (V)
0
10
20
30
40
COLLECTOR SUPPLY VOLTAGE (V)
FIGURE 22. OUTPUT ADMITTANCE (Y22) vs COLLECTOR SUPPLY VOLTAGE
FIGURE 23. OUTPUT ADMITTANCE (Y22) vs COLLECTOR SUPPLY VOLTAGE
OUTPUT CONDUCTANCE OR SUSCEPTANCE (mS)
0 -1 -2 -3
g22
OUTPUT CONDUCTANCE OR SUSCEPTANCE (mS)
CASCODE AMPLIFIER VCC = 12V f = 200MHz TA = 25oC
DIFFERENTIAL AMPLIFIER VCC = 12V f = 200MHz TA = 25oC
1 b22 0 g22
b22
-1 0 2 4 6 8 0 5 10 15 20 EMITTER CURRENT (I3 OR I9) (mA) EMITTER CURRENT (I3 OR I9) (mA)
FIGURE 24. OUTPUT ADMITTANCE (Y22) vs EMITTER CURRENT
FIGURE 25. OUTPUT ADMITTANCE (Y22) vs EMITTER CURRENT
FORWARD TRANSFER CONDUCTANCE (mS)
FORWARD TRANSFER SUSCEPTANCE (mS)
60 50 40 30 20 10 0 -10 -20 10 b21 g21
CASCODE AMPLIFIER VCC = 12V I3 = I9 = 2mA TA = 25oC
FORWARD TRANSFER CONDUCTANCE OR SUSCEPTANCE (mS)
70
50 40 30 20 10 0 -10 -20 -30 -40 10 102 FREQUENCY (MHz) 103 b21 g21 DIFFERENTIAL AMPLIFIER VCC = 12V I3 = I9 = 4mA TA = 25oC
0 -20 102 FREQUENCY (MHz) -40 103
FIGURE 26. FORWARD TRANSFER ADMITTANCE (Y21) vs FREQUENCY
FIGURE 27. FORWARD TRANSFER ADMITTANCE (Y21) vs FREQUENCY
8
CA3102 Typical Performance Curves
FORWARD TRANSFER CONDUCTANCE OR SUSCEPTANCE (mS) 20 g21 10 CASCODE AMPLIFIER I3 = I9 = 2mA f = 200MHz TA = 25oC
(Continued)
20 FORWARD TRANSFER CONDUCTANCE OR SUSCEPTANCE (mS) 15 b21 10 5 0 -5 -10 -15 g21 DIFFERENTIAL AMPLIFIER I3 = I9 = 4mA f = 200MHz TA = 25oC
0
-10
-20
-30 0 5
b21 10 15 20 25 30 COLLECTOR SUPPLY VOLTAGE (V) 35
0
10
20
30
40
COLLECTOR SUPPLY VOLTAGE (V)
FIGURE 28. FORWARD TRANSFER ADMITTANCE (Y21) vs COLLECTOR SUPPLY VOLTAGE
FIGURE 29. FORWARD TRANSFER ADMITTANCE (Y21) vs COLLECTOR SUPPLY VOLTAGE
40 FORWARD TRANSFER CONDUCTANCE OR SUSCEPTANCE (mS) FORWARD TRANSFER CONDUCTANCE OR SUSCEPTANCE (mS) 30 20 10 0 -10 -20 -30 -40 -50 -60 -70 -80 0 2 4 6 8 10 EMITTER CURRENT (I3 OR I9) (mA) 12 14 b21 CASCODE AMPLIFIER VCC = 12V f = 200MHz TA = 25oC g21
50 40 30 20 10 0 -10 -20 0 4 8 12 16 EMITTER CURRENT (I3 OR I9) (mA) g21 DIFFERENTIAL AMPLIFIER VCC = 12V f = 200MHz TA = 25oC
b21
FIGURE 30. FORWARD TRANSFER ADMITTANCE (Y21) vs EMITTER CURRENT
FIGURE 31. FORWARD TRANSFER ADMITTANCE (Y21) vs EMITTER CURRENT
9
CA3102 Dual-In-Line Plastic Packages (PDIP)
N E1 INDEX AREA 12 3 N/2
E14.3 (JEDEC MS-001-AA ISSUE D)
14 LEAD DUAL-IN-LINE PLASTIC PACKAGE INCHES SYMBOL
-B-
MILLIMETERS MIN 0.39 2.93 0.356 1.15 0.204 18.66 0.13 7.62 6.10 MAX 5.33 4.95 0.558 1.77 0.355 19.68 8.25 7.11 NOTES 4 4 8 5 5 6 5 6 7 4 9 Rev. 0 12/93
MIN 0.015 0.115 0.014 0.045 0.008 0.735 0.005 0.300 0.240
MAX 0.210 0.195 0.022 0.070 0.014 0.775 0.325 0.280
-AD BASE PLANE SEATING PLANE D1 B1 B 0.010 (0.25) M D1 A1 A2 L A C L E
A A1 A2 B B1 C D D1 E
-C-
eA eC
C
e
C A BS
eB
NOTES: 1. Controlling Dimensions: INCH. In case of conflict between English and Metric dimensions, the inch dimensions control. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication No. 95. 4. Dimensions A, A1 and L are measured with the package seated in JEDEC seating plane gauge GS-3. 5. D, D1, and E1 dimensions do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.010 inch (0.25mm). 6. E and eA are measured with the leads constrained to be perpendicular to datum -C- . 7. eB and eC are measured at the lead tips with the leads unconstrained. eC must be zero or greater. 8. B1 maximum dimensions do not include dambar protrusions. Dambar protrusions shall not exceed 0.010 inch (0.25mm). 9. N is the maximum number of terminal positions. 10. Corner leads (1, N, N/2 and N/2 + 1) for E8.3, E16.3, E18.3, E28.3, E42.6 will have a B1 dimension of 0.030 - 0.045 inch (0.76 1.14mm).
E1 e eA eB L N
0.100 BSC 0.300 BSC 0.115 14 0.430 0.150 -
2.54 BSC 7.62 BSC 10.92 3.81 14
2.93
10
CA3102 Small Outline Plastic Packages (SOIC)
N INDEX AREA E -B1 2 3 SEATING PLANE -AD -CA h x 45o H 0.25(0.010) M BM
M14.15 (JEDEC MS-012-AB ISSUE C)
14 LEAD NARROW BODY SMALL OUTLINE PLASTIC PACKAGE INCHES SYMBOL A
L
MILLIMETERS MIN 1.35 0.10 0.33 0.19 8.55 3.80 MAX 1.75 0.25 0.51 0.25 8.75 4.00 NOTES 9 3 4 5 6 7 8o Rev. 0 12/93
MIN 0.0532 0.0040 0.013 0.0075 0.3367 0.1497
MAX 0.0688 0.0098 0.020 0.0098 0.3444 0.1574
A1 B C D E
A1 0.10(0.004) C
e
B 0.25(0.010) M C AM BS
e H h L N
0.050 BSC 0.2284 0.0099 0.016 14 0o 8o 0.2440 0.0196 0.050
1.27 BSC 5.80 0.25 0.40 14 0o 6.20 0.50 1.27
NOTES: 1. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication Number 95. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Dimension "D" does not include mold flash, protrusions or gate burrs. Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side. 4. Dimension "E" does not include interlead flash or protrusions. Interlead flash and protrusions shall not exceed 0.25mm (0.010 inch) per side. 5. The chamfer on the body is optional. If it is not present, a visual index feature must be located within the crosshatched area. 6. "L" is the length of terminal for soldering to a substrate. 7. "N" is the number of terminal positions. 8. Terminal numbers are shown for reference only. 9. The lead width "B", as measured 0.36mm (0.014 inch) or greater above the seating plane, shall not exceed a maximum value of 0.61mm (0.024 inch). 10. Controlling dimension: MILLIMETER. Converted inch dimensions are not necessarily exact.
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries. For information regarding Intersil Corporation and its products, see web site www.intersil.com
Sales Office Headquarters
NORTH AMERICA Intersil Corporation P. O. Box 883, Mail Stop 53-204 Melbourne, FL 32902 TEL: (407) 724-7000 FAX: (407) 724-7240 EUROPE Intersil SA Mercure Center 100, Rue de la Fusee 1130 Brussels, Belgium TEL: (32) 2.724.2111 FAX: (32) 2.724.22.05 ASIA Intersil (Taiwan) Ltd. 7F-6, No. 101 Fu Hsing North Road Taipei, Taiwan Republic of China TEL: (886) 2 2716 9310 FAX: (886) 2 2715 3029
11


▲Up To Search▲   

 
Price & Availability of CA3102

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X