Part Number Hot Search : 
AO9926B 02111 L4448 AD76881 73CB06 SK156 SA160 LX5514LL
Product Description
Full Text Search
 

To Download BZG03C20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BZG03C...
Vishay Telefunken
Silicon Z-Diodes
Features
D D D D D
Glass passivated junction High reliability Voltage range 10V to 270V Fits onto 5 mm SMD footpads Wave and reflow solderable
15 811
Applications
Voltage stabilization
Absolute Maximum Ratings
Tj = 25_C Parameter Power dissipation Non repetitive peak surge power dissipation Junction temperature Storage temperature range Test Conditions RthJA<25K/W, Tamb=100C RthJA<100K/W, Tamb=50C tp=100ms sq.pulse, Tj=25C prior to surge Type Symbol PV PV PZSM Tj Tstg Value 3 1.25 600 175 -65...+150 Unit W W W
C C
Maximum Thermal Resistance
Tj = 25_C Parameter Test Conditions Junction lead Junction ambient mounted on epoxy-glass hard tissue, Fig. 1a mounted on epoxy-glass hard tissue, Fig. 1b mounted on Al-oxid-ceramic (Al2O3), Fig. 1b Symbol RthJL RthJA RthJA RthJA Value 25 150 125 100 Unit K/W K/W K/W K/W
Electrical Characteristics
Tj = 25_C Parameter Forward voltage Test Conditions IF=0.5A Type Symbol VF Min Typ Max 1.2 Unit V
Document Number 85593 Rev. 5, 01-Apr-99
www.vishay.de * FaxBack +1-408-970-5600 1 (5)
BZG03C...
Vishay Telefunken
Type y BZG03C... 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 180 200 220 240 270 Min. 9.4 10.4 11.4 12.4 13.8 15.3 16.8 18.8 20.8 22.8 25.1 28 31 34 37 40 44 48 52 58 64 70 77 85 94 104 114 124 138 158 168 188 208 228 251 VZ V Typ. 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 180 200 220 240 270 rzj and Max. 4 7 7 10 10 15 15 15 15 15 15 15 15 40 40 45 45 60 60 80 80 100 100 200 200 250 250 300 300 350 400 500 750 850 1000 TKVZ at %/K Typ. Max. 0.05 0.09 0.05 0.10 0.05 0.10 0.05 0.10 0.05 0.10 0.06 0.11 0.06 0.11 0.06 0.11 0.06 0.11 0.06 0.11 0.06 0.11 0.06 0.11 0.06 0.11 0.06 0.11 0.06 0.11 0.07 0.12 0.07 0.12 0.07 0.12 0.07 0.12 0.08 0.13 0.08 0.13 0.08 0.13 0.08 0.13 0.09 0.13 0.09 0.13 0.09 0.13 0.09 0.13 0.09 0.13 0.09 0.13 0.09 0.13 0.09 0.13 0.09 0.13 0.09 0.13 0.09 0.13 0.09 0.13 IZ mA 50 50 50 50 50 25 25 25 25 25 25 25 25 10 10 10 10 10 10 10 10 10 10 5 5 5 5 5 5 5 5 5 2 2 2 IR at VR mA V Max. 10 7.5 4 8.2 3 9.1 2 10 1 11 1 12 1 13 1 15 1 16 1 18 1 20 1 22 1 24 1 27 1 30 1 33 1 36 1 39 1 43 1 47 1 51 1 56 1 62 1 68 1 75 1 82 1 91 1 100 1 110 1 120 1 130 1 150 1 160 1 180 1 200
W
Max. 10.6 11.6 12.7 14.1 15.6 17.1 19.1 21.2 23.3 25.6 28.9 32 35 38 41 46 50 54 60 66 72 79 87 96 106 116 127 141 156 171 191 212 233 256 289 Typ. 2 4 4 5 5 6 6 6 6 7 7 8 8 21 21 24 24 25 25 25 25 30 30 60 60 80 80 110 130 150 180 200 350 400 450
www.vishay.de * FaxBack +1-408-970-5600 2 (5)
Document Number 85593 Rev. 5, 01-Apr-99
BZG03C...
Vishay Telefunken Characteristics (Tj = 25_C unless otherwise specified)
a) b) 5.0 2.0 1.5 10.0 2.0 I F - Forward Current ( A ) 3.0 2.5 2.0 1.5 1.0 0.5 25.0
94 9313
1.0 25.0
94 9581
0 0 0.5 1.0 1.5 2.0 VF - Forward Voltage ( V )
Figure 1. Boards for RthJA definition (copper overlay 35m)
PZSM - Non-Repetitive Surge Power Dissipation ( W )
Figure 4. Forward Current vs. Forward Voltage
10000
1000
2.6
100
2.4
2.2 7.0
2.4
94 9314 94 9582
10 0.01
0.1
1
10
100
tp - Pulse Length ( ms )
Figure 2. Recommended foot pads (in mm)
4 Ptot - Total Power Dissipation ( W )
Figure 5. Non Repetitive Surge Power Dissipation vs. Pulse Length
3 RthJA=25K/W 2 RthJA=100K/W 1
0 0
94 9580
40
80
120
160
200
Tamb - Ambient Temperature ( C )
Figure 3. Total Power Dissipation vs. Ambient Temperature
Document Number 85593 Rev. 5, 01-Apr-99
www.vishay.de * FaxBack +1-408-970-5600 3 (5)
BZG03C...
Vishay Telefunken
Z thp - Thermal Resistance for Pulse Cond. (K/W) 1000
100 tp/T=0.5 10 tp/T=0.2 tp/T=0.1 tp/T=0.05 tp/T=0.02 1 10-5 10-4 10-3
tp/T=0.01 10-2 10-1 100 101 102
94 9583
tp - Pulse Length ( s )
Figure 6. Thermal Response
Dimensions in mm
14275
www.vishay.de * FaxBack +1-408-970-5600 4 (5)
Document Number 85593 Rev. 5, 01-Apr-99
BZG03C...
Vishay Telefunken Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
Document Number 85593 Rev. 5, 01-Apr-99
www.vishay.de * FaxBack +1-408-970-5600 5 (5)


▲Up To Search▲   

 
Price & Availability of BZG03C20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X