Part Number Hot Search : 
SWB403B SA2003 2SB370A 4G2404 UZ13BSB 2SA103 TA4018F CHT44PT
Product Description
Full Text Search
 

To Download BU508F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Continental Device India Limited
An IS/ISO 9002 and IECQ Certified Manufacturer
IS/ISO 9002 Lic# QSC/L- 000019.2
NPN POWER TRANSISTORS
BU508F, BU508AF, BU508DF TO- 3P Fully Isolated Plastic Package
B
C
E
Fast Switching, High Voltage Devices for use in Horizontal Deflection Circuits of Colour TV
ABSOLUTE MAXIMUM RATINGS DESCRIPTION Collector -Emitter Voltage Collector -Emitter Voltage Emitter Base Voltage Collector Current Collector Peak Current Total Power Dissipation upto Ta=25 C Tc=25 C Storage Temperature Range Max Operating Junction Temperature THERMAL RESISTANCE Thermal Resistance Junction - Case SYMBOL VCES VCEO VEBO IC ICM Ptot Tstg Tj VALUE 1500 700 5 8 15 34 60 - 65 to +150 150 UNIT V V V A W C C
Rth (j-c)
2.08
C/W
ELECTRICAL CHARACTERISTICS (TC=25C unless specified otherwise) . TEST CONDITIONS DESCRIPTION SYMBOL ICES VCE=VCES, VBE=0 Collector Cut off Current VCEO (sus)* IB =0, IC=100mA Collector Emitter Sustaining Voltage VEBO IE=10mA, IC =0 Emitter Base Voltage BU508F, AF IEBO VEB=5V, IC=0 Emitter Cut-off Current BU508DF hFE IC=4.5A, VCE=5V DC Current Gain VF IF=4.0A Diode forward Voltage BU508DF VCE(sat) * IC=4.5A, IB=2.0A Collector Emitter Saturation Voltage BU508AF, DF IC=4.5A, IB=2.0A BU508F Base Emitter Saturation Voltage VBE(sat) * IC=4.5A, IB=2.0A SWITCHING TIME Storage Time Fall Time
MIN 700 5.0
TYP
MAX 1.0
UNIT mA V V mA
300 2.25 2.0 1.0 5.0 1.5
V V V V
ts tf
IC=4.5A,hFE=2.5,VCC=140V LC=0.9mH, LB=3H
7.0 0.5
s s
* Pulse test: Pulse Duration <300s , Duty cycle < 1.5%.
Continental Device India Limited
Data Sheet
Page 1 of 3
BU508F, BU508AF, BU508DF TO- 3P Fully Isolated Plastic Package TO-3P (TO-218) Plastic Package
A D B C
DIM A B C
MIN 15.80 5.20 3.80 O 3.30 14.50 33.25 20.75 11.50 1.00 18.75 0.40 3.15
MAX 16.40 5.70 4.20 O 3.60 15.10 36.75 21.25 12.25 1.30 21.65 0.60 3.45
G S E H
D E F G H
F 1 2 3 K P P M N L
K L M N
5.21 5.72 P S 18.75 19.25 All diminsions in mm.
1
2
3
Pin Configuration 1. Base 2. Collector 3. Emitter
Packing Detail
PACKAGE Details TO-3P STANDARD PACK Net Weight/ Qty Size 3" x 7.5" x 7.5" INNER CARTO BOX N Qty 0.3K Size 17" x 15" x 13.5" OUTER CARTON BOX Qty 4.8K Gr Wt 42 kgs 100 pcs/ polybag 628 gm/ 100 pcs
Continental Device India Limited
Data Sheet
Page 2 of 3
Notes
BU508F, BU508AF, BU508DF TO- 3P Fully Isolated Plastic Package
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished in the Data Sheet and on the CDIL Web Site/CD is believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-579 6150 Fax + 91-11-579 9569, 579 5290 e-mail sales@cdil.com www.cdil.com
BU508F_BU508DFRev230202E
Continental Device India Limited
Data Sheet
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of BU508F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X