Part Number Hot Search : 
ADR30Z MMA7340L PIC16F MAX1344 2S0765 KJ01RTT GL211 MAX6006B
Product Description
Full Text Search
 

To Download BU34675 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optical disc ICs
Single-chip 4-bit microcontroller for CD-DA
BU34675
The BU34675 is a compact 4-bit, single-chip microcontroller that includes all the I / O required for CD system control. Circuits on the chip include a pulse width measurement counter (PWC), SIO, and an LCD controller / driver for a 28-segment display. The LCD segments can all be switched in software to CMOS output, and the extensive I / O allows many functions with a low pin count.
FApplications Portable CD-DA, CD / radio / cassette players
FFeatures 1) Low-voltage, high-speed operation (VDD = 2.3 to 5.5V at 4.4MHz). 2) Pulse width measurement counter on chip (for remote control reception). 3) SIO provided for communication with the DSP.
4) Seven-segment, four-common LCD controller / driver on chip. 5) All segments of the LCD controller / driver output can be switched to CMOS output using software.
FAbsolute maximum ratings (Ta = 25_C)
FRecommended operating conditions (Ta = 25_C)
569
Optical disc ICs
FBlock diagram
BU34675
570
Optical disc ICs
FPin descriptions
BU34675
571
Optical disc ICs
FInput / output circuits
BU34675
572
Optical disc ICs
FElectrical characteristics (unless otherwise noted, Ta = 25_C and VDD = 5V)
BU34675
573
Optical disc ICs
FElectrical characteristics (unless otherwise noted, Ta = 25_C and VDD = 3V)
BU34675
574
Optical disc ICs
FExplanation of the hardware (1) Operates of a single power supply (VDD = 2.3 to 5.5V). (2) Memory size ROM: 6144 8 bits RAM: 256 4 bits LCD display RAM : 7 4 bits (3) Instruction time (one cycle instruction) 1.5sec (at 4 MHz) (4) Sub-routine nesting: . . . . . . . . . . . . . . . . . 8 levels (5) Interrupts: 5 External . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Internal (timer counter, serial I / O) . . . . . . . . . 2 (6) ROM data table function (6k data table region) (7) Two power save modes STOP / HALT
BU34675
(8) On-chip 7-segment LCD driver that can drive a wide variety of display types Bias . . . . . . . . . . . . . . 1 / 3 Duty variation . . . . . . 1 / 3, 1 / 4 (programmable) Internal bias resistors (approximately 50k 3 stages) (9) LCD segment output can be switched to CMOS output by software. The COM3 pin and upper three segments are one-bit units, and the lower four segments are all selected together. At reset, switches to CMOS low-current output port with low level polarity. (10) Remote control receiver circuit (pulse width measurement) (11) On-chip 8-bit timer counter (12) On-chip I / O system makes interfacing with external LSI easy (LSB first). (13) 8 I / O lines that can be pulled up by software (14) 4 input lines that can be pulled up by software
FExternal dimensions (Units: mm)
575


▲Up To Search▲   

 
Price & Availability of BU34675

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X