|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
BCM5324M (R) SINGLE-CHIP L2+ MANAGED SWITCH WITH 24 10/100 PORTS + 2 GbE PORTS FEATURES * Seventh-generation ROBO L2+ 24FE + 2GE switch with two GMII/RGMII/TBI interfaces SUMMARY OF BENEFITS * The BCM5324M includes: - * Twenty-four fully integrated 10/100 PHYs with support of * QoS packet classification supports four priority queues * Port-based VLAN and 802.1Q VLAN with 4k entries * Supports traffic aggregation via double tagging * Spanning Tree (IEEE 802.1D/1s/1w) * MAC-based Trunking with automatic link failover * Port mirroring * IGMP snooping Layer2/3 * Over 70 MIB counters for per port management statistics * Up to 24 Static Secure MAC addresses per port Advanced Cable Diagnostics in the Broadcom PHY technology Twenty-four 10/100 transceivers for TX/FX Twenty-four media access controllers Two Gigabit media access controllers 3 Mb total of packet buffer and control memory Non-blocking switch fabric supports up to 24 FE+2 GE ports * Advanced Cable Diagnostics minimize the need for expensive cable troubleshooting equipment. * Enables a new generation of lower cost FE switches with the highest integration of enhanced L2+ features and maximum connectivity. * Optimized for WebSmart managed switch design. * 802.1Q VLAN allows segmentation of network into smaller broadcast domains to preserve bandwidth and increase network security. * Programmable Broadcast, Multicast, and Unknown Unicast storm control * Four flexible Class of Service (CoS) queues per port assures * Per port Bandwidth/Rate Control * 8K MAC addresses with automatic learning and aging * Protected Port * Multicast Address table for 256 entries th * 25 FE port via MII or Reversed MII mode for management the lowest latency to high-priority traffic. This enables the switch to support a wide variety of delay sensitive video and audio multicast applications. and provides redundancy of a link. * IEEE 802.3ad link aggregation increases effective bandwidth * IEEE 802.1X Extensive Authentication Protocol over LAN * Storm and Bandwidth/Rate Control provide better traffic profile management. interfaces. (EAPOL) plus MAC address locking enhances network port security. * MDC/MDIO and SPI interfaces * Internal oscillator simplifies design and reduces cost * JTAG * Embedded 2.5V and 1.2V regulator, typical power consumption: 3.5W * Access to all internal registers through SPI or MDC/MDIO * Hardware support for implementing SNMP and RMON. * Low-power consumption and small package allow simple PCB design. * 400-pin PBGA package |
Price & Availability of BCM5324M |