Part Number Hot Search : 
D1440 P2504BD CED20N06 3EHQ8M SCA100 P2504BD VT1060 SMBJ33A
Product Description
Full Text Search
 

To Download BA6438 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BA6438S
Motor driver ICs
3-phase motor driver
BA6438S
The BA6438S is a 3-phase, full-wave, pseudo-linear motor driver suited for VCR capstan motors. The IC has a torque ripple cancellation circuit to reduce wow and flutter, and an output transistor saturation prevention circuit that provides superb motor control over a wide range of current. The built-in motor power switching regulator allows applications with low power consumption
!Applications 3-phase VCR capstan motors
!Features 1) 3-phase, full-wave, pseudo-linear drive system. 2) Torque ripple cancellation circuit. 3) Reversal brake based on the detection of motor direction. 4) Output transistor (high-and low-sides) saturation prevention circuit
5) Motor power switching regulator with oscillation circuit. 6) Output-to-GND short-circuit detection. 7) Available in SDIP 24-pin power package (with radiation fins).
!Absolute maximum ratings (Ta = 25C)
Parameter
Applied voltage Applied voltage Power dissipation Operating temperature Storage temperature Allowable output current
Symbol VCC VM Pd Topr Tstg IOpeak
Limits 7 24 2000 1 -10 +75 -40 +150 1.7 2
Unit V V mW C C A
1 2
Reduced by 16mW for each increase in Ta of 1C over 25C. Should not exceed the ASO value.
!Recommended operating conditions (Ta = 25C)
Parameter Operating power supply voltage Operating power supply voltage Symbol VCC VM Min. 4 3 Typ. 5 12 Max. 6 23 Unit V V
BA6438S
Motor driver ICs
!Block diagram
SIGNAL VCC MOTOR VCC
CONTROL SIGNAL 11
MOTOR DIRECTION DET
ED / S
VCC
19 VM 24
H1+ Hall 10 9 Hall 8 7 Hall 6 5 4 PCH VCC 17 16 H1- H2+ H2- H3+ H3-
MOTOR DIRECTION SETTING
MOTOR DIRECTION SWITCHING
Hall Amp.
P SIGNAL COMBINER
A1
23
A2
3
A3
AGC TSD
1 ATC 2
EC
SHORT CIRCUIT DET.
SWITCHING REGULATOR
13 14
REG VS
ECR OSC 15
OUTPUT SATURATION
OUTPUT RIPPLE SATURATION CANCELLATION 12 PCV PCI TL CS GND 20 22 18 21
OSC
VCC TORQUE COMMAND
BA6438S
Motor driver ICs
!Pin descriptions
Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
Pin name Function Motor output Driver ground Motor output Hall amplifier AGC phase compensation Hall signal input Hall signal input Hall signal input Hall signal input Hall signal input Hall signal input Forward when LOW; stop when MEDIUM; reverse when HIGH Signal ground Switching regulator output (sink output) High-side saturation detection output Oscillator capacitor connection Torque control reference voltage input Torque control signal input Phase compensation for preventing driver high-side saturation Signal power supply Torque limiter Phase compensation for preventing driver low-side saturation Current sensing input Motor output Motor power supply
A3 ATC A2 PCH H3 - H3
+
H2 - H2
+
H1 - H1
+
ED / S GND REG VS OSC ECR EC PCV VCC TL PCI CS A1 VM
!Electrical characteristics (unless otherwise noted, Ta = 25C, VCC = 5V, VM = 12V)
Parameter
Torque control input / output gain Ripple cancel ratio Output high level voltage Output low level voltage Oscillator frequency Saturation detection output gain Regulator current capacity
Not designed for radiation resistance.
Symbol Gio VRCC VOH VOL fOSC Gus IREGO
Min. 0.25 4.6 1.1 0.95 100 5.0 30
Typ. 0.31 6.4 1.5 1.3 135 6.5 -
Max. 0.36 7.2 1.9 1.65 160 8.0 -
Unit - % V V kHz - mA VO = 5V
Conditions EC = 2.22.1V, Input = L, L, H Input = L, L, HL, M, H IO = 0.8A IO = 0.8A C = 470pF -
BA6438S
Motor driver ICs
!Circuit operation (1) Pseudo-linear output and torque ripple cancellation The IC generates a trapezoidal (pseudo-linear) output current, whose waveform phase is 30 degrees ahead of that of the Hall input voltage (Fig. 1). .
30 Hall input
Output current
A brake is applied to the motor as described in the following.When the motor is running, pin 17 is given a negative potential with respect to the reference potential. If the pin 17 potential becomes positive, the IC detects the rise of pin 17 potential above the reference potential and activates the motor direction detecting circuit. The motor direction detecting circuit sends a signal to the motor direction setting circuit to reverse the motor direction. This causes a braking torque that depends on the pin 17 potential, so that the motor quickly reduces its speed. At the same time, the positive pin 17 potential is shifted to the reference potential, so that the motor stops smoothly. (3) Output current sensing and torque limitation Pin 2 is the ground pin for the output stage. To sense the output current, a resistor (0.5 recommended) is connected between pin 2 and the ground. The output current is sensed by applying the voltage developed across this resistor to pin 22 as a feedback. The output current can be limited by adjusting the voltage applied to pin 20. The current is limited when pin 20 reaches the same potential as pin 22. The output current (IMAX. ) under this condition is given by:
V20P(TL-CSofs) R2P
Fig. 1
The trapezoidal waveform of output current would create intermittence in the magnetic field generated by the 3phase motor, and would result in an irregular rotation of the motor. To prevent this, the output waveform is obtained by superimposing a triangular wave on the trapezoidal wave (Fig. 2). This process is called torque ripple cancellation.
IMAX.=
Fig. 2
(2) Torque control and reversal brake The output current can be controlled by adjusting the voltage applied to the torque control pins (pins 16 and 17). These pins are the inputs to a differential amplifier. A reference voltage between 2.3 ~ 3.0V (2.5V recommended) is applied to pin 16.
Output current Pin 16 reference voltage (2.5 V)
where R2P is the value of the resistor connected between pin 2 and the ground, V20P is the voltage applied to pin 20, and (TL-CSofs ) is the offset between the TL and CS pins.
VM 24pin
1pin ATC 2pin
3pin
23pin
Offset
Fig.4 Output circuit
0
Pin 17 voltage
Dead zone (100 mV typically)
Fig. 3
BA6438S
Motor driver ICs
(4) Motor direction control (pin 11) The motor mode is : Forward when the pin 11 voltage is less than 0.9V, Stop when the voltage is between 1.3 ~ 3.0V, Reverse when the voltage is above 3.5V. In the stop mode, high-and low-side output transistors are turned off, resulting in a high impedance state. (5) Output transistor saturation prevention circuit This circuit monitors the output voltage and maintain the operation of the output transistors below their saturation levels. Operating the transistors in the linear characteristic range provides good control over a wide range of current and good torque characteristics even during overloading.
0 800mA Output current Output saturation voltage
VM 24
HIGH level voltage monitor Oscillator
Driver
+
13 REG
15 OSC
14 VS
Fig. 7
1.5V HIGH level voltage
Fig.5 High level output voltage vs. output current (reference curves)
LOW level voltage 1.3V Output saturation voltage
ATC-pin voltage
Output current 800mA
0
As shown in Fig. 7, the switch regulator circuit reduces the power consumed by the IC by reducing the collector-toemitter (C-E) voltage of the driver transistors. Nearly all the power dissipated by the IC is dissipated between the collectors and emitters of the output transistors. More power is consumed as the C-E voltage increases and as the output current increases. The output transistor C-E voltage is equal to the difference between the supply voltage and the voltage applied to the motor. Because the voltage across the motor decreases with decreasing drive current, the C-E voltage must increase if the supply voltage is fixed. Therefore, to improve the efficiency of the driver and to prevent the power rating of the IC being exceeded, the supply voltage must be varied in response to changes in the output current. The supply voltage is decreased at low current and increased at high current so that no excessive voltage is applied between the transistor collectors and emitters . (7) Output-to-ground short-circuit detection The motor output pins of the IC may be short-circuited to the ground by some fault conditions. A short-circuited output can destroy the output transistors because of excessive current, excessive voltage, or both. Even when a short-circuit condition does not completely destroy the device, it can still cause extreme overheating. To prevent this, the BA6438S contains a short-circuit detection circuit that turns off the motor drive current if the output-to-ground potential becomes abnormally low.
HIGH level output voltage
Fig.6 Low level output voltage vs. output current (reference curves)
(6) Switching regulator The BA6438S has a switching regulator output pin. The IC outputs a PWM signal by comparing the output of the internal oscillator with the HIGH level output voltage monitored.
LOW level output voltage
BA6438S
Motor driver ICs
!Application example
Motor direction control signal 11
Motor direction detection
Signal power supply ED / S VCC 19 24 VM
Motor power supply
Motor direction setting
H1+ Hall amp
Motor direction switching
Hall
10 H1- H2+
23
A1
Hall
8 7 H2- H3+
P signal combiner
9
3
A2
Hall
6 5 H3- 4 PCH AGC
1 2
A3 ATC 0.5 REG
TSD
VCC
0.033 F
EC 17 16 ECR
Ripple cancellation
Short-circuit detection
Switching regulator
13 14 VS 0.1F
Output saturation prevention
Oscillator
12 GND VCC
Output saturation detector
TL
20
CS
22
PCV
18
PCI
21
15
OSC
0.033 F Torque control signal 0.1F
470PF
Fig. 8
!Operation notes The BA6438S has two thermal shutdown circuits (TSD1 and TSD2) to protect the IC. The typical shutdown temperatures are 175C for TSD1 and 215C for TSD 2. When the TSD1 is activated at an elevated chip temperature, the output pins (pins 1, 3, and 23) are set to the open state. TSD1 is functional against excessive power dissipation, output short-circuiting, and other irregularities in the output current, but does not work against overheating caused by high internal currents due to externally caused IC damage or pin-to-pin short-circuiting. When TSD2 is activated at a higher chip temperature, the high-and low-side output transistors are turned on, and the internal resistance between the motor power supply pin (pin 24) and the output ground pin (pin 2) drops to less
than 3. The motor power supply current (IM) is then given by VM[V] IM= RM+R2P+3[] where IM is the motor supply current, VM is the motor supply voltage, RM is the motor power supply output resistance, R2P is the pin-2 resistance. In your application, make sure to connect between the motor power supply and pin 24 a circuit breaker that operates at currents less than IM .
BA6438S
Motor driver ICs
!Electrical characteristic curves
0.7 0.6
ATC VOLTAGE : ATC (V)
160
VCC=5V, VM=12V, RATC=0.5 (H1+ , H2+ , H3+ ) = (LMH)
ATC VOLTAGE : ATC (mV)
30
140 120 100 80 60 40 20
+ (H1+ , H2+, H3 ) = (LLH)
0.5 0.4 0.3 0.2 0.1 0 0
(H1+ , H2+, H3+) = (LMH)
ATC VOLTAGE : ATC (mV)
VCC=5V VM=12V RATC=0.5
VCC=5V,VM=12V,RATC=0.5 (H1+ , H2+ , H3+) = (LMH) 25 20 15 10 5 0 -120
1.0
2.0
3.0
4.0 (V)
5.0
0 -800
-600
-400
-200
0
200
400
-80
-40
ECR
+40
+80
TORQUE CONTROL : EC
TORQUE CONTROL : EC (mV)
(2.5V) TORQUE CONTROL : EC (mV)
Fig.9 Output current vs. torque control voltage ()
Fig.10 Output current vs. torque control voltage ()
Fig.11 Output current vs. torque control voltage ()
1.8
(V)
1.8
OUTPUT LOW VOLTAGE : VOL (V)
70
1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 200 400 600 800 1000 HIGH level output voltage (1, 3, 23pin)
1.6
TL - CS OFFSET (mV)
OUTPUT HIGH VOLTAGE : VOH
1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0
LOW level output voltage (1, 3, 23pin)
60 50 40 30 20 10 0 0
VCC=5V, VM=12V, RATC=0.5 EC=OV, ECR=2.5V
ATC(2pin) Pin voltage (RATC = 0.5) 400 800 1200
0.2
0.4
0.6
OUTPUT CURRENT : IOH (mA)
OUTPUT CURRENT : IOL (mA)
TORQUE LIMIT VOLTAGE : TL(V)
Fig.12 Output high level voltage vs. output current
Fig.13 Output low level voltage vs. output current
Fig.14 TL-CS offset vs. torque limit voltage
5
OSCILLATION FREQUENCY(Hz)
6 5
OUTPUT VOLTAGE (V)
VCC=5V
OUTPUT VOLTAGE (V)
1M 500k 300k 200k
VCC=5V
4 Ec=2.3V 2V 1.5V 2 1.0V 0.5V
4 3 2 1
3
100k 50k 50 100 200 300 500 1000
VS
1
0 0
0.5
1.0
1.5 VM -VOH
2.0 (V)
2.5
3.0
0
10
20
30
40
50
60
OSC PIN CAPACITANCE(PF)
SINK CURRENT(13pin) (mA)
Fig.15 Capacitance of the capacitor connected to the OSC pin vs. oscillation frequency
Fig.16 High-side saturation detection output voltage (pin 14) vs. output voltage
Fig.17 Switching regulator sink current vs. output voltage
BA6438S
Motor driver ICs
3.0
POWER DISSIPATION : Pd (W)
2.5 2 1.5 1 0.5 0 0
40
80
120
160
AMBIENT TEMPERATURE : Ta(C)
Fig.18 Thermal derating curve
!External dimensions (Units : mm)
23.80.3 18.8 24 13 R1.8
0.51Min.
1
12
12.00.3
13.8
5.30.3
3.20.2
0.40.1
1.778 0.550.1 015
SDIP-M24


▲Up To Search▲   

 
Price & Availability of BA6438

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X