Part Number Hot Search : 
61099 TFS70H11 4127YME 74HC08AP L2000 ZX84C5 4SURC L200C
Product Description
Full Text Search
 

To Download BA5801FS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 99W138A
6-channel Driver with 3.3V Regulator
BA5801FS
Description The BA5801FS is a 6-channel BTL driver for the actuator and motor driver of a CD player. Three channels include internal filters which allow for direct coupling of the digital servo LSI PWM output, without the need for any external components. Since power supply terminals of 2-channel Loading driver are separated, It can be operated by only Loading driver.
Dimension (Units:mm)
22.00.2
54 28
13.40.3 11.40.2
4.00.2
0.15 0.1
1 27
2.20.1
6.00.2 0.1
0.150.1
Features 0.8 0.360.1 1) 6-channel BTL driver (2-channels Loading Driver.) includes 3.3V regulator (PNP-Tr is needed outside.) 2) Three channels include internal filters which allow for SSOP-A54 direct coupling of PWM output. 3) Filter constant can be variable by external RC. 4) 1-channel includes operational amplifier (input) 5) Loading driver can be operated by only LDVcc(Pin.51,Isolated power supply) since its structure is different from other blocks. 6) Loading driver output can be set up by voltage establishment terminal. 7) By separating Vcc into Pre and Power makes for improved power efficiency. 8) Driver mute function(4-channels except loading and regulator mute) 9) Thermal protection circuit built-in Applications CD, Video-CD Absolute Maximum Ratings (Ta=25C)
Parameter Supply voltage Power dissipation Operating temperature range Storage temperature range Symbol VCC Pd Topr Tstg Limits 18 1.92 -35 ~
*
0.1
Unit V W
+85
C C
-55 ~ +150
*Derating: 15.36mW/C for operation above Ta=25 C.
Recommended Operating Conditions (Ta=25C)
Parameter Power supply voltage Symbol PreVcc LDVcc PowVcc Min. 6 4.5 6 Typ. -- -- -- Max. 13.5 13.5 PreVcc Unit V V V
January, 2000
0.3Min.
Electrical characteristics (Unless otherwise noted, Ta=25C, Vcc=8V, R
Parameter Quiescent current ( Pre ) Quiescent current (Loading) FWD Maximum output voltage REV tr Smooth time constant of output voltage tf Maximum output voltage Voltage gain Common mode input voltage range Output voltage range HIGH Symbol IQ IQLD VOMF VOMR Ttr Ttf VOMS GVC VICM VOHOP VOLOP IOSO IOSI VOL1F VOL1R VOL2F VOL2R VOL1F VOL1R VREG V ILR VVSR Min. Typ. 28 5 5.0 Max. 38 13 5.6
L=8)
Unit mA mA V
Conditions No load, LDVCC=0V No load, VCC=PowVCC=0V
- -
4.4
-5.6 - -
5.0 10 0
-5.0
2 1.5 5.6 12
-4.4 - - -
14 PreVcc
INF=H, INR=L INF=L, INR=H V V/S Leading edge V/S Trading edge V dB V V V
- -0.1
0.1 800
PreVcc PreVcc
LOW SOURCE Maximum output current SINK FWD Output voltage 1 REV (Setting time) FWD Output voltage 2 REV (Maximum) FWD Load regulation 1 REV Output voltage Load regulation Line regulation
-0.3 -
500 1 2.4
-2 - - -
0.3
A
mA V V V V mV mV V mV mV LDCONT=1.7V LDCONT=4.5V LDCONT=1.7V IL=100~500mA IL=50mA IL=0~200mA Vcc=6~13V LDINF=H, LDINR=L LDINF=L, LDINR=H LDINF=H, LDINR=L LDINF=L, LDINR=H
-
3.0
3.6
-3.6
5.0
-3.0
5.6
- - -
3.15
-5.6
100 100 3.3 0 0
-2.4 - -5.0
500 500 3.45 20 50
-50 -20
Application circuit
Vcc 3.3V Reg TRAY2 M TRAY1 SPINDLE M M PowG PowG PowG TRACKING FOCUS M
54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 N.C N.C REG(3.3V) TSD 1/2 PowVcc F FOCUS (CH1) TRACKING (CH2) SLED (CH3) SPINDLE F F Driver MUTE Reg ON/OFF R R R 4 5 Logic Logic FRFR 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27
PreG
1/2 LDVcc
BA5801FS
INTER INTER INTER FACE FACE FACE FRFRFR
1
2
3
R
R
R
R
R
-COM
F
F TRAY1
Reg MUTE
F
F
F
Driver MUTE
BIAS
SPINDLE
TRAY2
TRACKIN
SLED
FOCUS
DSP


▲Up To Search▲   

 
Price & Availability of BA5801FS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X