Part Number Hot Search : 
AN238 Y7C14 PM0027A TK65427 NTE2502 MAX893L CS5102A 74HC366
Product Description
Full Text Search
 

To Download AT89S4051 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* Compatible with MCS(R)51 Products * 2K/4K Bytes of In-System Programmable (ISP) Flash Program Memory
- Serial Interface for Program Downloading - Endurance: 10,000 Write/Erase Cycles 2.7V to 5.5V Operating Range Fully Static Operation: 0 Hz to 24 MHz Two-level Program Memory Lock 256 x 8-bit Internal RAM 15 Programmable I/O Lines Two 16-bit Timer/Counters Six Interrupt Sources Programmable Serial UART Channel Direct LED Drive Outputs On-chip Analog Comparator with Selectable Interrupt 8-bit PWM (Pulse-width Modulation) Low Power Idle and Power-down Modes Brownout Reset Enhanced UART Serial Port with Framing Error Detection and Automatic Address Recognition Internal Power-on Reset Interrupt Recovery from Power-down Mode Programmable and Fuseable x2 Clock Option Four-level Enhanced Interrupt Controller Power-off Flag Flexible Programming (Byte and Page Modes) - Page Mode: 32 Bytes/Page User Serviceable Signature Page (32 Bytes)
* * * * * * * * * * * * * * * * * * * * *
8-bit Microcontroller with 2K/4K Bytes Flash AT89S2051 AT89S4051 Preliminary
1. Description
The AT89S2051/S4051 is a low-voltage, high-performance CMOS 8-bit microcontroller with 2K/4K bytes of In-System Programmable (ISP) Flash program memory. The device is manufactured using Atmel's high-density nonvolatile memory technology and is compatible with the industry-standard MCS-51 instruction set. By combining a versatile 8-bit CPU with Flash on a monolithic chip, the Atmel AT89S2051/S4051 is a powerful microcontroller which provides a highly-flexible and cost-effective solution to many embedded control applications. Moreover, the AT89S2051/S4051 is designed to be function compatible with the AT89C2051/C4051 devices, respectively. The AT89S2051/S4051 provides the following standard features: 2K/4K bytes of Flash, 256 bytes of RAM, 15 I/O lines, two 16-bit timer/counters, a six-vector, fourlevel interrupt architecture, a full duplex enhanced serial port, a precision analog comparator, on-chip and clock circuitry. Hardware support for PWM with 8-bit resolution and 8-bit prescaler is available by reconfiguring the two on-chip timer/counters. In addition, the AT89S2051/S4051 is designed with static logic for operation down to zero frequency and supports two software-selectable power saving modes. The Idle Mode stops the CPU while allowing the RAM, timer/counters, serial port and interrupt system to continue functioning. The power-down mode saves the RAM contents but freezes the disabling all other chip functions until the next external interrupt or hardware reset.
3390C-MICRO-7/05
The on-board Flash program memory is accessible through the ISP serial interface. Holding RST active forces the device into a serial programming interface and allows the program memory to be written to or read from, unless one or more lock bits have been activated.
2. Pin Configuration
2.1 20-lead PDIP/SOIC
RST/VPP (RXD) P3.0 (TXD) P3.1 XTAL2 XTAL1 (INT0) P3.2 (INT1) P3.3 (T0) P3.4 (T1) P3.5 GND 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 VCC P1.7 (SCK) P1.6 (MISO) P1.5 (MOSI) P1.4 P1.3 P1.2 P1.1 (AIN1) P1.0 (AIN0) P3.7
3. Block Diagram
2
AT89S2051/S4051
3390C-MICRO-7/05
AT89S2051/S4051
4. Pin Description
4.1 VCC
Supply voltage.
4.2
GND
Ground.
4.3
Port 1
Port 1 is an 8-bit bi-directional I/O port. Port pins P1.2 to P1.7 provide internal pull-ups. P1.0 and P1.1 require external pull-ups. P1.0 and P1.1 also serve as the positive input (AIN0) and the negative input (AIN1), respectively, of the on-chip precision analog comparator. The Port 1 output buffers can sink 20 mA and can drive LED displays directly. When 1s are written to Port 1 pins, they can be used as inputs. When pins P1.2 to P1.7 are used as inputs and are externally pulled low, they will source current (IIL) because of the internal pull-ups. Port 1 also receives code data during Flash programming and verification.
Port Pin P1.5 P1.6 P1.7 Alternate Functions MOSI (Master data output, slave data input pin for ISP channel) MISO (Master data input, slave data output pin for ISP channel) SCK (Master clock output, slave clock input pin for ISP channel)
4.4
Port 3
Port 3 pins P3.0 to P3.5, P3.7 are seven bi-directional I/O pins with internal pull-ups. P3.6 is hard-wired as an input to the output of the on-chip comparator and is not accessible as a general-purpose I/O pin. The Port 3 output buffers can sink 20 mA. When 1s are written to Port 3 pins they are pulled high by the internal pull-ups and can be used as inputs. As inputs, Port 3 pins that are externally being pulled low will source current (IIL) because of the pull-ups. Port 3 also serves the functions of various special features of the AT89S2051/S4051 as listed below:
Port Pin P3.0 P3.1 P3.2 P3.3 P3.4 P3.5 Alternate Functions RXD (serial input port) TXD (serial output port) INT0 (external interrupt 0) INT1 (external interrupt 1) T0 (timer 0 external input) T1 (timer 1 external input)/ PWM output
Port 3 also receives some control signals for Flash programming and verification.
3
3390C-MICRO-7/05
4.5
RST
Reset input. Holding the RST pin high for two machine cycles while the is running resets the device. Each machine cycle takes 6 or clock cycles.
4.6
XTAL1
Input to the inverting amplifier and input to the internal clock operating circuit.
4.7
XTAL2
Output from the inverting amplifier.
5.
Characteristics
XTAL1 and XTAL2 are the input and output, respectively, of an inverting amplifier which can be configured for use as an on-chip , as shown in Figure 5-1. Either a quartz crystal or ceramic resonator may be used. To drive the device from an external clock source, XTAL2 should be left unconnected while XTAL1 is driven as shown in Figure 5-2. There are no requirements on the duty cycle of the external clock signal, since the input to the internal clocking circuitry is through a divide-by-two flip-flop, but minimum and maximum voltage high and low time specifications must be observed. Figure 5-1. Connections
Note:
C1, C2 = 30 pF 10 pF for Crystals = 40 pF 10 pF for Ceramic Resonators
Figure 5-2.
External Clock Drive Configuration
4
AT89S2051/S4051
3390C-MICRO-7/05
AT89S2051/S4051
6. X2 Mode Description
The clock for the entire circuit and peripherals is normally divided by 2 before being used by the CPU core and peripherals. This allows any cyclic ratio (duty cycle) to be accepted on XTAL1 input. In X2 mode this divider is bypassed. Figure 6-1 shows the clock generation block diagram. Figure 6-1. Clock Generation Block Diagram
X2 Mode (XTAL1)/2
State Machine: 6 Clock Cycles CPU Control
XTAL1 FXTAL
/2
FOSC
7. Special Function Registers
A map of the on-chip memory area called the Special Function Register (SFR) space is shown in Table 7-1. Note that not all of the addresses are occupied, and unoccupied addresses may not be implemented on the chip. Read accesses to these addresses will in general return random data, and write accesses will have an indeterminate effect. User software should not write 1s to these unlisted locations, since they may be used in future products to invoke new features. In that case, the reset or inactive values of the new bits will always be 0.
5
3390C-MICRO-7/05
Table 7-1.
0F8H 0F0H 0E8H 0E0H 0D8H 0D0H 0C8H
AT89S2051/S4051 SFR Map and Reset Values
0FFH
B 00000000
0F7H 0EFH
ACC 00000000
0E7H 0DFH
PSW 00000000
0D7H 0CFH 0C7H
0C0H 0B8H 0B0H 0A8H 0A0H SCON 00000000 P1 11111111 TCON 00000000 TMOD 00000000 SP 00000111 TL0 00000000 DPL 00000000 TL1 00000000 DPH 00000000 TH0 00000000 TH1 00000000 SBUF XXXXXXXX ACSR XXX00000 CLKREG XXXXXX0X PCON 000X0000 IP X0X00000 P3 11111111 IE 00X00000 SADDR 00000000 SADEN 00000000 IPH X0X00000
0BFH 0B7H 0AFH 0A7H 9FH 97H 8FH 87H
98H 90H 88H 80H
6
AT89S2051/S4051
3390C-MICRO-7/05
AT89S2051/S4051
8. Restrictions on Certain Instructions
The AT89S2051/S4051 is an economical and cost-effective member of Atmel's family of microcontrollers. It contains 2K/4K bytes of Flash program memory. It is fully compatible with the MCS-51 architecture, and can be programmed using the MCS-51 instruction set. However, there are a few considerations one must keep in mind when utilizing certain instructions to program this device. All the instructions related to jumping or branching should be restricted such that the destination address falls within the physical program memory space of the device, which is 2K/4K for the AT89S2051/S4051. This should be the responsibility of the software programmer. For example, LJMP 7E0H would be a valid instruction for the AT89S2051 (with 2K of memory), whereas LJMP 900H would not.
8.1
Branching Instructions
LCALL, LJMP, ACALL, AJMP, SJMP, JMP @A+DPTR. These unconditional branching instructions will execute correctly as long as the programmer keeps in mind that the destination branching address must fall within the physical boundaries of the program memory size (locations 00H to 7FFH/FFFH for the AT89S2051/S4051). Violating the physical space limits may cause unknown program behavior. CJNE [...], DJNZ [...], JB, JNB, JC, JNC, JBC, JZ, JNZ. With these conditional branching instructions, the same rule above applies. Again, violating the memory boundaries may cause erratic execution. For applications involving interrupts, the normal interrupt service routine address locations of the 80C51 family architecture have been preserved.
8.2
MOVX-related Instructions, Data Memory
The AT89S2051/S4051 contains 256 bytes of internal data memory. External DATA memory access is not supported in this device, nor is external PROGRAM memory execution. Therefore, no MOVX [...] instructions should be included in the program. A typical 80C51 assembler will still assemble instructions, even if they are written in violation of the restrictions mentioned above. It is the responsibility of the user to know the physical features and limitations of the device being used and adjust the instructions used accordingly.
9. Program Memory Lock Bits
On the chip are two lock bits which can be left unprogrammed (U) or can be programmed (P) to obtain the additional features listed in Table 9-1: Table 9-1. Lock Bit Protection Modes(1)
Program Lock Bits LB1 1 2 3 Note: U P P LB2 U U P Protection Type No program lock features. Further programming of the Flash is disabled. Same as mode 2, also verify is disabled.
1. The Lock Bits can only be erased with the Chip Erase operation.
7
3390C-MICRO-7/05
10. Reset
During reset, all I/O Registers are set to their initial values, the port pins are weakly pulled to VCC, and the program starts execution from the Reset Vector, 0000H. The AT89S2051/S4051 has three sources of reset: power-on reset, brown-out reset, and external reset.
10.1
Power-On Reset
A Power-On Reset (POR) is generated by an on-chip detection circuit. The detection level is nominally 1.4V. The POR is activated whenever VCC is below the detection level. The POR circuit can be used to trigger the start-up reset or to detect a supply voltage failure in devices without a brown-out detector. The POR circuit ensures that the device is reset from power-on. When VCC reaches the Power-on Reset threshold voltage, the Pierce Oscillator is enabled (if the XTAL Oscillator Bypass fuse is OFF). Only after VCC has also reached the BOD (brown-out detection) level (see Section 10.2 "Brown-out Reset"), the BOD delay counter starts measuring a 2-ms delay after which the Internal Reset is deasserted and the microcontroller starts executing. The built-in 2-ms delay allows the VCC voltage to reach the minimum 2.7V level before executing, thus guaranteeing the maximum operating clock frequency. The POR signal is activated again, without any delay, when VCC falls below the POR threshold level. A Power-On Reset (i.e. a cold reset) will set the POF flag in PCON. Refer to Figure 10-1 for details on the POR/BOD behavior.
Figure 10-1. Power-up and Brown-out Detection Sequence
VCC
Min VCC Level 2.7V BOD Level 2.3V POR Level 1.4V
t POR
t 2.4V XTAL1 1.2V t BOD t Internal RESET
tPOR (2 ms) 0
tPOR (2 ms)
tPOR (2 ms) t
8
AT89S2051/S4051
3390C-MICRO-7/05
AT89S2051/S4051
10.2 Brown-out Reset
The AT89S2051/S4051 has an on-chip Brown-out Detection (BOD) circuit for monitoring the VCC level during operation by comparing it to a fixed trigger level. The trigger level for the BOD is nominally 2.2V. The purpose of the BOD is to ensure that if VCC fails or dips while executing at speed, the system will gracefully enter reset without the possibility of errors induced by incorrect execution. When VCC decreases to a value below the trigger level, the Brown-out Reset is immediately activated. When VCC increases above the trigger level, the BOD delay counter starts the microcontroller after the timeout period has expired in approximately 2 ms.
10.3
External Reset
The RST pin functions as an active-high reset input. The pin must be held high for at least two machine cycles to trigger the internal reset. RST also serves as the In-System Programming (ISP) enable input. ISP mode is enabled when the external reset pin is held high and the ISP Enable fuse is set.
11. Clock Register
.
Table 11-1.
CLKREG - Clock Register Reset Value = XXXX XX0XB
CLKREG = 8FH Not Bit Addressable - Bit Symbol PWDEX 7 Function - 6 - 5 - 4 - 3 - 2
PWDEX 1
X2 0
Power-down Exit Mode. When PWDEX = 1, wake up from Power-down is externally controlled. When PWDEX = 0, wake up from Power-down is internally timed. When X2 = 0, the frequency (at XTAL1 pin) is internally divided by 2 before it is used as the device system frequency. When X2 = 1, the divide by 2 is no longer used and the XTAL1 frequency becomes the device system frequency. This enables the user to use a 6 MHz crystal instead of a 12 MHz crystal in order to reduce EMI. The X2 bit is initialized on power-up with the value of the X2 user fuse and may be changed at runtime by software.
X2
9
3390C-MICRO-7/05
12. Power Saving Modes
The AT89S2051/S4051 supports two power-reducing modes: Idle and Power-down. These modes are accessed through the PCON register.
12.1
Idle Mode
Setting the IDL bit in PCON enters idle mode. Idle mode halts the internal CPU clock. The CPU state is preserved in its entirety, including the RAM, stack pointer, program counter, program status word, and accumulator. The Port pins hold the logical states they had at the time that Idle was activated. Idle mode leaves the peripherals running in order to allow them to wake up the CPU when an interrupt is generated. Timer 0, Timer 1, and the UART will continue to function during Idle mode. The analog comparator is disabled during Idle. Any enabled interrupt source or reset may terminate Idle mode. When exiting Idle mode with an interrupt, the interrupt will immediately be serviced, and following RETI, the next instruction to be executed will be the one following the instruction that put the device into Idle. P1.0 and P1.1 should be set to "0" if no external pull-ups are used, or set to "1" if external pullups are used.
12.2
Power-down Mode
Setting the PD bit in PCON enters Power-down mode. Power-down mode stops the and powers down the Flash memory in order to minimize power consumption. Only the power-on circuitry will continue to draw power during Power-down. During Power-down the power supply voltage may be reduced to the RAM keep-alive voltage. The RAM contents will be retained; however, the SFR contents are not guaranteed once VCC has been reduced. Power-down may be exited by external reset, power-on reset, or certain interrupts. The user should not attempt to enter (or re-enter) the power-down mode for a minimum of 4 s until after one of the following conditions has occurred: Start of code execution (after any type of reset), or Exit from power-down mode.
12.3
Interrupt Recovery from Power-down
Two external interrupts may be configured to terminate Power-down mode. External interrupts INT0 (P3.2) and INT1 (P3.3) may be used to exit Power-down. To wake up by external interrupt INT0 or INT1, the interrupt must be enabled and configured for level-sensitive operation. When terminating Power-down by an interrupt, two different wake up modes are available. When PWDEX in CLKREG.2 is zero, the wake up period is internally timed. At the falling edge on the interrupt pin, Power-down is exited, the is restarted, and an internal timer begins counting. The internal clock will not be allowed to propagate and the CPU will not resume execution until after the timer has counted for nominally 2 ms. After the timeout period the interrupt service routine will begin. To prevent the interrupt from re-triggering, the ISR should disable the interrupt before returning. The interrupt pin should be held low until the device has timed out and begun executing. When PWDEX = 1 the wakeup period is controlled externally by the interrupt. Again, at the falling edge on the interrupt pin, Power-down is exited and the is restarted. However, the internal clock will not propagate and CPU will not resume execution until the rising edge of the interrupt pin. After the rising edge on the pin, the interrupt service routine will begin. The interrupt should be held low long enough for the to stabilize.
10
AT89S2051/S4051
3390C-MICRO-7/05
AT89S2051/S4051
12.4 Reset Recovery from Power-down
Wakeup from Power-down through an external reset is similar to the interrupt with PWDEX = 0. At the rising edge of RST, Power-down is exited, the is restarted, and an internal timer begins counting. The internal clock will not be allowed to propagate to the CPU until after the timer has counted for nominally 2 ms. The RST pin must be held high for longer than the timeout period to ensure that the device is reset properly. The device will begin executing once RST is brought low. It should be noted that when idle is terminated by a hardware reset, the device normally resumes program execution, from where it left off, up to two machine cycles before the internal reset algorithm takes control. On-chip hardware inhibits access to internal RAM in this event, but access to the port pins is not inhibited. To eliminate the possibility of an unexpected write to a port pin when Idle is terminated by reset, the instruction following the one that invokes Idle should not be one that writes to a port pin or to external memory. P1.0 and P1.1 should be set to "0" if no external pull-ups are used, or set to "1" if external pullups are used.
.
Table 12-1.
PCON - Power Control Register Reset Value = 000X 0000B
PCON = 87H Not Bit Addressable SMOD1 Bit Symbol SMOD1 SMOD0 PWMEN POF GF1, GF0 PD IDL 7 Function Double Baud Rate bit. Doubles the baud rate of the UART in modes 1, 2, or 3. SMOD0 6 PWMEN 5 POF 4 GF1 3 GF0 2
PD 1
IDL 0
Frame Error Select. When SMOD0 = 0, SCON.7 is SM0. When SMOD0 = 1, SCON.7 is FE. Note that FE will be set after a frame error regardless of the state of SMOD0. Pulse Width Modulation Enable. When PWMEN = 1, Timer 0 and Timer 1 are configured as an 8-bit PWM counter with 8-bit auto-reload prescaler. The PWM outputs on T1 (P3.5). Power Off Flag. POF is set to "1" during power up (i.e. cold reset). It can be set or reset under software control and is not affected by RST or BOD (i.e. warm resets). General-purpose Flags Power Down bit. Setting this bit activates power down operation. Idle Mode bit. Setting this bit activates idle mode operation
11
3390C-MICRO-7/05
13. Interrupts
The AT89S2051/S4051 provides 6 interrupt sources: two external interrupts, two timer interrupts, a serial port interrupt, and an analog comparator interrupt. These interrupts and the system reset each have a separate program vector at the start of the program memory space. Each interrupt source can be individually enabled or disabled by setting or clearing a bit in the interrupt enable register IE. The IE register also contains a global disable bit, EA, which disables all interrupts. Each interrupt source can be individually programmed to one of four priority levels by setting or clearing bits in the interrupt priority registers IP and IPH. An interrupt service routine in progress can be interrupted by a higher priority interrupt, but not by another interrupt of the same or lower priority. The highest priority interrupt cannot be interrupted by any other interrupt source. If two requests of different priority levels are pending at the end of an instruction, the request of higher priority level is serviced. If requests of the same priority level are pending at the end of an instruction, an internal polling sequence determines which request is serviced. The polling sequence is based on the vector address; an interrupt with a lower vector address has higher priority than an interrupt with a higher vector address. Note that the polling sequence is only used to resolve pending requests of the same priority level. The External Interrupts INT0 and INT1 can each be either level-activated or transition-activated, depending on bits IT0 and IT1 in Register TCON. The flags that actually generate these interrupts are the IE0 and IE1 bits in TCON. When the service routine is vectored to, hardware clears the flag that generated an external interrupt only if the interrupt was transition-activated. If the interrupt was level activated, then the external requesting source (rather than the on-chip hardware) controls the request flag. The Timer 0 and Timer 1 Interrupts are generated by TF0 and TF1, which are set by a rollover in their respective Timer/Counter registers (except for Timer 0 in Mode 3). When a timer interrupt is generated, the on-chip hardware clears the flag that generated it when the service routine is vectored to. The Serial Port Interrupt is generated by the logical OR of RI and TI in SCON. Neither of these flags is cleared by hardware when the service routine is vectored to. In fact, the service routine normally must determine whether RI or TI generated the interrupt, and the bit must be cleared in software. The CF bit in ACSR generates the Comparator Interrupt. The flag is not cleared by hardware when the service routine is vectored to and must be cleared by software. Most of the bits that generate interrupts can be set or cleared by software, with the same result as though they had been set or cleared by hardware. That is, interrupts can be generated and pending interrupts can be canceled in software.
Interrupt System Reset External Interrupt 0 Timer 0 Overflow External Interrupt 1 Timer 1 Overflow Serial Port Analog Comparator Source RST or POR or BOD IE0 TF0 IE1 TF1 RI or TI CF Vector Address 0000H 0003H 000BH 0013H 001BH 0023H 0033H
12
AT89S2051/S4051
3390C-MICRO-7/05
AT89S2051/S4051
14. Interrupt Registers
Table 14-1.
IE - Interrupt Enable Register Reset Value = 00X0 0000B EA Bit Symbol EA EC ES ET1 EX1 ET0 EX0 7 Function Global enable/disable. All interrupts are disabled when EA = 0. When EA = 1, each interrupt source is enabled/disabled by setting/clearing its own enable bit. Comparator Interrupt Enable Serial Port Interrupt Enable Timer 1 Interrupt Enable External Interrupt 1 Enable Timer 0 Interrupt Enable External Interrupt 0 Enable
.
IE = A8H Bit Addressable EC 6 - 5 ES 4 ET1 3 EX1 2
ET0 1
EX0 0
Table 14-2.
IP = B8H
IP - Interrupt Priority Register Reset Value = X0X0 0000B - PC 6 - 5 PS 4 PT1 3 PX1 2 PT0 1 PX0 0
Bit Addressable Bit Symbol PC PS PT1 PX1 PT0 PX0 7 Function Comparator Interrupt Priority Low Serial Port Interrupt Priority Low Timer 1 Interrupt Priority Low External Interrupt 1 Priority Low Timer 0 Interrupt Priority Low External Interrupt 0 Priority Low
.
Table 14-3.
IPH - Interrupt Priority High Register Reset Value = X0X0 0000B - PCH 6 - 5 PSH 4 PT1H 3 PX1H 2 PT0H 1 PX0H 0
IPH = B7H Not Bit Addressable Bit Symbol PCH PSH PT1H PX1H PT0H PX0H 7 Function Comparator Interrupt Priority High Serial Port Interrupt Priority High Timer 1 Interrupt Priority High External Interrupt 1 Priority High Timer 0 Interrupt Priority High External Interrupt 0 Priority High
13
3390C-MICRO-7/05
15. Timer/Counters
The AT89S2051/S4051 have two 16-bit Timer/Counters: Timer 0 and Timer 1. The Timer/Counters are identical to those in the AT89C2051/C4051. For more detailed information on the Timer/Counter operation, please click on the document link below: http://www.atmel.com/dyn/resources/prod_documents/DOC4316.PDF
16. Pulse Width Modulation
Timer 0 and Timer 1 may be configured as an 8-bit pulse width modulator by setting the PWMEN bit in PCON. The generated waveform is output on the Timer 1 input pin, T1. In PWM mode Timer 0 acts as an 8-bit prescaler to select the PWM timebase. Timer 0 is forced into Mode 2 (8bit auto-reload) by PWMEN and the value in TH0 will determine the clock division from 0 (FFh) to 256 (00h). Timer 1 acts as the 8-bit PWM counter. TL1 counts once on every overflow from TL0. TH1 stores the 8-bit pulse width value. On the FFh-->00h overflow of TL1, the PWM output is set high. When the count in TL1 matches the value in TH1, the PWM output is set low. Therefore, the output pulse width is proportional to the value in TH1. To prevent glitches, writes to TH1 only take effect on the FFh-->00h overflow of TL1. However, a read from TH1 will read the new value at any time after a write to TH1. See Figure 16-1 for PWM waveform example. Figure 16-1. Pulse Width Modulation (PWM) Output Waveform
Counter Value (TL1)
Compare Value (TH1)
PWM Output (T1)
Figure 16-2. Timer 0/1 Pulse Width Modulation Mode
TH1
TH0
OCR =? PWM P3.5
OSC
/12
TL0
TL1
TL0 counts once every machine cycle (1 machine cycle = 12 clocks in X1 mode) and TH0 is the reload value for when TL0 overflows. Every time TL0 overflows TL1 increments by one, with TL0 overflowing after counting 256 minus TH0 machine cycles. To calculate the pulse width for the PWM output on pin T1, users should use the following formula: TH1 * (256 - TH0) * (1/clock_freq) * 12 = Pulse Width
14
AT89S2051/S4051
3390C-MICRO-7/05
AT89S2051/S4051
TL1 will always count from 00h to FFh. The output on the Timer 1 (T1) pin will be high from when TL1 equals 00h until TL1 equals TH1 (see Figure 16-3). TH1 does not act as the reload value for TL1 on overflow. Instead, TH1 is used strictly as a compare value (see Figure 16-2). Figure 16-3. Example of a PWM Output
TL1 Count 00 T1
01
10 . . . TH1
. . . FF
00
...
17. UART
The UART in the AT89S2051/S4051 oper ates the same way as the UART in the AT89C2051/C4051. For more detailed information on the UART operation, please click on the document link below: http://www.atmel.com/dyn/resources/prod_documents/DOC4316.PDF
17.1
Enhanced UART
In addition to all of its usual modes, the UART can perform framing error detection by looking for missing stop bits, and automatic address recognition. The UART also fully supports multiprocessor communication as does the standard 80C51 UART. When used for framing error detect, the UART looks for missing stop bits in the communication. A missing bit will set the FE bit in the SCON register. The FE bit shares the SCON.7 bit with SM0 and the function of SCON.7 is determined by PCON.6 (SMOD0). If SMOD0 is set then SCON.7 functions as FE. SCON.7 functions as SM0 when SMOD0 is cleared. When used as FE, SCON.7 can only be cleared by software.
17.2
Automatic Address Recognition
Automatic Address Recognition is a feature which allows the UART to recognize certain addresses in the serial bit stream by using hardware to make the comparisons. This feature saves a great deal of software overhead by eliminating the need for the software to examine every serial address which passes by the serial port. This feature is enabled by setting the SM2 bit in SCON. In the 9-bit UART modes, mode 2 and mode 3, the Receive Interrupt flag (RI) will be automatically set when the received byte contains either the "Given" address or the "Broadcast" address. The 9-bit mode requires that the 9th information bit is a 1 to indicate that the received information is an address and not data. The 8-bit mode is called mode 1. In this mode the RI flag will be set if SM2 is enabled and the information received has a valid stop bit following the 8 address bits and the information is either a Given or Broadcast address. Mode 0 is the Shift Register mode and SM2 is ignored. Using the Automatic Address Recognition feature allows a master to selectively communicate with one or more slaves by invoking the given slave address or addresses. All of the slaves may be contacted by using the Broadcast address. Two special Function Registers are used to define the slave's address, SADDR, and the address mask, SADEN. SADEN is used to define which bits in the SADDR are to be used and which bits are "don't care". The SADEN mask can 15
3390C-MICRO-7/05
be logically ANDed with the SADDR to create the "Given" address which the master will use for addressing each of the slaves. Use of the Given address allows multiple slaves to be recognized while excluding others. The following examples will help to show the versatility of this scheme: Slave 0 SADDR = 1100 0000 SADEN = 1111 1101 Given Slave 1 = 1100 00X0
SADDR = 1100 0000 SADEN = 1111 1110 Given = 1100 000X
In the previous example SADDR is the same and the SADEN data is used to differentiate between the two slaves. Slave 0 requires a 0 in bit 0 and it ignores bit 1. Slave 1 requires a 0 in bit 1 and bit 0 is ignored. A unique address for slave 0 would be 1100 0010 since slave 1 requires a 0 in bit 1. A unique address for slave 1 would be 1100 0001 since a 1 in bit 0 will exclude slave 0. Both slaves can be selected at the same time by an address which has bit 0 = 0 (for slave 0) and bit 1 = 0 (for slave 1). Thus, both could be addressed with 1100 0000. In a more complex system the following could be used to select slaves 1 and 2 while excluding slave 0: Slave 0 SADDR = 1100 0000 SADEN = 1111 1001 Given Slave 1 = 1100 0XX0
SADDR = 1110 0000 SADEN = 1111 1010 Given = 1110 0X0X
Slave 2
SADDR = 1110 0000 SADEN = 1111 1100 Given = 1110 00XX
In the above example the differentiation among the 3 slaves is in the lower 3 address bits. Slave 0 requires that bit 0 = 0 and it can be uniquely addressed by 1110 0110. Slave 1 requires that bit 1 = 0 and it can be uniquely addressed by 1110 and 0101. Slave 2 requires that bit 2 = 0 and its unique address is 1110 0011. To select Slaves 0 and 1 and exclude Slave 2, use address 1110 0100, since it is necessary to make bit 2 = 1 to exclude slave 2. The Broadcast Address for each slave is created by taking the logical OR of SADDR and SADEN. Zeros in this result are trended as don't cares. In most cases, interpreting the don't cares as ones, the broadcast address will be FF hexadecimal. Upon reset SADDR (SFR address 0A9H) and SADEN (SFR address 0B9H) are loaded with 0s. This produces a given address of all "don't cares" as well as a Broadcast address of all "don't cares". This effectively disables the Automatic Addressing mode and allows the microcontroller to use standard 80C51-type UART drivers which do not make use of this feature. 16
AT89S2051/S4051
3390C-MICRO-7/05
AT89S2051/S4051
Table 17-1. SCON - Serial Port Control Register
Reset Value = 0000 0000B SCON Address = 98H Bit Addressable SM0/FE Bit 7 (SMOD = 0/1)(1) Symbol FE SM0 Function Framing error bit. This bit is set by the receiver when an invalid stop bit is detected. The FE bit is not cleared by valid frames but should be cleared by software. The SMOD0 bit must be set to enable access to the FE bit. FE will be set regardless of the state of SMOD. Serial Port Mode Bit 0, (SMOD must = 0 to access bit SM0) Serial Port Mode Bit 1 SM0 0 SM1 0 1 1 SM1 0 1 0 1 Mode 0 1 2 3 Description shift register 8-bit UART 9-bit UART 9-bit UART Baud Rate(2) fosc/12 variable fosc/64 or fosc/32 variable SM1 6 SM2 5 REN 4 TB8 3 RB8 2 TI 1 RI 0
SM2
Enables the Automatic Address Recognition feature in modes 2 or 3. If SM2 = 1 then Rl will not be set unless the received 9th data bit (RB8) is 1, indicating an address, and the received byte is a Given or Broadcast Address. In mode 1, if SM2 = 1 then Rl will not be activated unless a valid stop bit was received, and the received byte is a Given or Broadcast Address. In Mode 0, SM2 should be 0.
REN TB8 RB8 TI RI Notes:
Enables serial reception. Set by software to enable reception. Clear by software to disable reception. The 9th data bit that will be transmitted in modes 2 and 3. Set or clear by software as desired. In modes 2 and 3, the 9th data bit that was received. In mode 1, if SM2 = 0, RB8 is the stop bit that was received. In mode 0, RB8 is not used. Transmit interrupt flag. Set by hardware at the end of the 8th bit time in mode 0, or at the beginning of the stop bit in the other modes, in any serial transmission. Must be cleared by software. Receive interrupt flag. Set by hardware at the end of the 8th bit time in mode 0, or halfway through the stop bit time in the other modes, in any serial reception (except see SM2). Must be cleared by software.
1. SMOD is located at PCON.7. 2. fosc = frequency.
17
3390C-MICRO-7/05
18. Analog Comparator
A single analog comparator is provided in the AT89S2051/S4051. The comparator operation is such that the output is a logical "1" when the positive input AIN0 (P1.0]) is greater than the negative input AIN1 (P1.1). Otherwise the output is a zero. Setting the CEN bit in ACSR enables the comparator. When the comparator is first enabled, the comparator output and interrupt flag are not guaranteed to be stable for 10 microseconds. The corresponding comparator interrupt should not be enabled during that time, and the comparator interrupt flag must be cleared before the interrupt is enabled in order to prevent an immediate interrupt service. The comparator may be configured to cause an interrupt under a variety of output value conditions by setting the CM bits in ACSR. The comparator interrupt flag CF in ACSR is set whenever the comparator output matches the condition specified by CM. The flag may be polled by software or may be used to generate an interrupt and must be cleared by software. The analog comparator is always disabled during Idle or Power-down modes.
19. Comparator Interrupt with Debouncing
The comparator output is sampled at every State 4 (S4) of every machine cycle. The conditions on the analog inputs may be such that the comparator output will toggle excessively. This is especially true if applying slow moving analog inputs. Three debouncing modes are provided to filter out this noise. In debouncing mode, the comparator uses Timer 1 to modulate its sampling time. When a relevant transition occurs, the comparator waits until two Timer 1 overflows have occurred before resampling the output. If the new sample agrees with the expected value, CF is set. Otherwise, the event is ignored. The filter may be tuned by adjusting the timeout period of Timer 1. Because Timer 1 is free running, the debouncer must wait for two overflows to guarantee that the sampling delay is at least 1 timeout period. Therefore after the initial edge event, the interrupt may occur between 1 and 2 timeout periods later. See Figure 19-1. Figure 19-1. Example of Negative Edge Comparator Interrupt with Debouncing
Comparator Out Timer 1 Overflow CF
START
COMPARE START COMPARE
18
AT89S2051/S4051
3390C-MICRO-7/05
AT89S2051/S4051
20. Analog Comparator Register
.
Table 20-1.
ACSR - Analog Comparator Control & Status Register Reset Value = XXX0 0000B
ACSR = 97H Not Bit Addressable - Bit Symbol CF CEN 7 Function - 6 - 5 CF 4 CEN 3 CM2 2
CM1 1
CM0 0
Comparator Interrupt Flag. Set when the comparator output meets the conditions specified by the CM [2:0] bits and CEN is set. The flag must be cleared by software. The interrupt may be enabled/disabled by setting/clearing bit 6 of IE. Comparator Enable. Set this bit to enable the comparator. Clearing this bit will force the comparator output low and prevent further events from setting CF. Comparator Interrupt Mode 210 Interrupt Mode --- ---- -----------------------------------------000 Negative (Low) level 001 Positive edge 010 Toggle with debounce 011 Positive edge with debounce 100 Negative edge 101 Toggle 110 Negative edge with debounce 111 Positive (High) level
CM [2:0]
19
3390C-MICRO-7/05
21. Parallel Programming Specification
Atmel's AT89S2051/S4051 offers 2K/4K bytes of In-System Programmable Flash code memory. In addition, the device contains a 32-byte User Signature Row and a 32-byte read-only Atmel Signature Row. Table 21-1.
Device # AT89S2051 AT89S4051
Memory Organization
Page Size 32 bytes 32 bytes # Pages 64 128 Address Range 0000H - 07FFH 0000H - 0FFFH Page Range 00H - 3FH 00H - 7FH
Figure 21-1. Flash Parallel Programming Device Connections
AT89S2051/S4051
2.7V to 5.5V
VCC RDY/BSY (1) PROG TestCode P3.1 P3.2 P3.7-3 P1.7 - P1.0 DATA IN/OUT
INC
XTAL1
RST
VPP
GND
Note:
1. Sampling of pin P3.1 (RDY/BSY) is optional. In Parallel Mode, P3.1 will be pulled low while the device is busy. However, it requires an external passive pull-up to VCC. Also, note that P3.6 does not exist, so TestCode connects to P3.7, P3.5, P3.4, and P3.3.
20
AT89S2051/S4051
3390C-MICRO-7/05
AT89S2051/S4051
Table 21-2. Parallel Programming Mode Command Summary
Test Control P3.2
Mode
Test Selects INC
Data I/O
RST(1)
(5) (2)
P3.3 L 0.1 s 0.1 s 0.1 s 0.1 s 0.1 s L L H H L L L L H H
P3.4 L L H L L L H H
P3.5 L H H H L L H L
P3.7 L H H H L H H L
P1.7-0 XX DIN DIN DOUT DIN DOUT DIN DOUT
Chip Erase
1.0 s H Code Memory Code Memory Sig. Row Sig. Row
(5)(9)
12V 12V 12V 12V 12V 12V 12V 12V
Load X-Address Page Write
(3)(4)(6)
1.0 s H 1.0 s H 1.0 s H
Page Read(3) Page Write
(3)(4)(6)(7) (3)(8)(10)
Page Read
Write Fuse/Lock Bit
Read Fuse/Lock Bit(9) Notes: 1. 2. 3. 4.
5. 6. 7. 8. 9. Fuse/Lock Bit Definitions:
Bit 7 Bit 6 Bit 5 Bit 4 Bit 1 Bit 0
The internal Y-address counter is reset to 00H on the rising/falling edge of RST. A positive pulse on XTAL1 loads the address data on Port P1 into the X-address (page) register and resets the Y-address. A positive pulse on XTAL1 advances the Y-address counter. A low pulse on P3.2 loads data from Port P1 for the current address. If another P3.2 low pulse does not arrive within 150 s, programming starts. Internally timed for 4 ms. Internally timed for 2 ms. 00H must be loaded into the X-address before executing this command. Will read User Signature if X-address is 00H, will read Atmel Signature if X-address is 01H.
XTAL Osc Bypass User Row Programming x2 Clock Serial Programming Lock Bit 2 Lock Bit 1
Enable = 0/Disable = 1 Enable = 0/Disable = 1 Enable = 0/Disable = 1 Enable = 0/Disable = 1 Locked = 0/Unlocked = 1 Locked = 0/Unlocked = 1
10. Atmel Signature Bytes:
AT89S2051: Address 00H = 1EH 01H = 23H 02H = FFH AT89S4051: Address 00H = 1EH 01H = 43H 02H = FFH
21
3390C-MICRO-7/05
22. Power-up Sequence
Execute the following sequence to power-up the device before programming. 1. Apply power between VCC and GND pins. 2. After VCC has settled, wait 10 s and bring RST to "H". 3. Wait 4 ms for the internal Power-on Reset to timeout. 4. Bring P3.2 to "H" and drive P3.7, P3.5, P3.4, and P3.3 to known values, then wait 10 s. 5. Raise RST/VPP to 12V to enable the parallel programming modes. 6. After VPP has settled, wait an additional 10 s before programming. Figure 22-1. Power-up Operation
VCC RST/VPP P3.2
XTAL1 P3.3 - P3.7 P1.0 - P1.7 RDY/BSY
High Z High Z High Z
23. Power-down Sequence
Execute the following sequence to power-down the device after programming. 1. Tri-state Port P1. 2. Bring RST/VPP down from 12V to VCC and wait 10 s. 3. Bring XTAL and P3.2 to "L" and tri-state P3.7, P3.5, P3.4, and P3.3. 4. Bring RST to "L" and wait 10 s. 5. Power off VCC. Figure 23-1. Power-down Operation
VCC RST/VPP P3.2
XTAL1 P3.3 - P3.7 P1.0 - P1.7 RDY/BSY
High Z High Z High Z
22
AT89S2051/S4051
3390C-MICRO-7/05
AT89S2051/S4051
24. Chip Erase
Function: 1. FFH programmed to every address location. 2. FFH programmed to User Signature Row if User Row Fuse bit is enabled. 3. Lockbit1 and Lockbit2 programmed to "unlock" state. Usage: 1. Apply "0001" TestCode to P3.7, P3.5, P3.4, P3.3. 2. Pulse P3.2 low for 1 s. 3. Wait 4 ms, monitor P3.1, or poll data.
Note: This and the following waveforms are not to scale.
Figure 24-1. Chip Erase Sequence
P3.2
XTAL1 P3.3 - P3.7 P1.0 - P1.7 RDY/BSY
0001
High Z
25. Load X-Address
Function: 1. Loads the X-Address register with data on Port P1. The loaded address will select the page for subsequent write/read commands. The X-Address is equivalent to bits [11:5] of the full byte address. 2. Resets the Y-Address counter to 00H. The Y-Address is equivalent to bits [4:0] of the full byte address and selects a byte within a page. Usage: 1. Apply "1101" TestCode to P3.7, P3.5, P3.4, P3.3. 2. Drive Port P1 with 8-bit X-address data. 3. Pulse XTAL1 high for at least 100 ns. The address is latched on the falling edge of XTAL1. Figure 25-1. Load X-Address Sequence
P3.2
XTAL1 P3.3 - P3.7
1101
P1.0 - P1.7
High Z
XADDR
High Z
RDY/BSY
23
3390C-MICRO-7/05
26. Page Write 4K Code
Function: 1. Programs 1 page (1 to 32 bytes) of data into the Code Memory array. 2. X-address (page) determined by previous Load-X command. 3. Y-address (offset) incremented by positive pulse on XTAL1. 4. 1 byte of data is loaded from Port P1 for the current X- and Y-address by a low pulse on P3.2. Usage: 1. Execute the Load-X command to set the page address and reset the offset. 2. Apply "1110" TestCode to P3.7, P3.5, P3.4, P3.3. 3. Drive Port P1 with 8-bit data. 4. Pulse P3.2 low for 1 s to load the data from Port P1. 5. For additional bytes (up to 32), pulse XTAL1 high for at least 100 ns to increment the Y-address and repeat steps 3 and 4 within 150 s. 6. Wait 2 ms, monitor P3.1, or poll data.
Note: It is possible to skip bytes by pulsing XTAL1 high multiple times before pulsing P3.2 low.
Figure 26-1. Page Write 4K Code Programming Sequence
P3.2
XTAL1 P3.3 - P3.7 1101 1110
P1.0 - P1.7 RDY/BSY
XADDR
DIN0
DIN1
DIN N-1
High Z
24
AT89S2051/S4051
3390C-MICRO-7/05
AT89S2051/S4051
27. Read 4K Code
Function: 1. Read 1 page (1 to 32 bytes) of data from the Code Memory array. 2. X-address (page) determined by previous Load-X command. 3. Y-address (offset) incremented by positive pulse on XTAL1. Usage: 1. Execute the Load-X command to set the page address and reset the offset. 2. Apply "1100" TestCode to P3.7, P3.5, P3.4, P3.3. 3. Read 8-bit data on Port P1. 4. For additional bytes (up to 32), pulse XTAL1 high for at least 100 ns to increment the Y-address and repeat step 3. The address will change on the falling edge of XTAL1. Figure 27-1. Read 4K Code Programming Sequence
P3.2
XTAL1 P3.3 - P3.7 1101 1100
P1.0 - P1.7 RDY/BSY
XADDR
DOUT0
DOUT1
DOUT N-1
25
3390C-MICRO-7/05
28. Page Write User Signature Row
Function: 1. Programs 1 to 32 bytes of data into the User Signature Row. 2. X-address (page) should be 00H from a previous Load-X command. 3. Y-address (offset) incremented by positive pulse on XTAL1. 4. 1 byte of data is loaded from Port P1 for the current Y-address by a low pulse on P3.2. 5. Disabled if User Row Fuse bit is disabled. Usage: 1. Execute the Load-X command to set the page to 00H and reset the offset. 2. Apply "0000" TestCode to P3.7, P3.5, P3.4, P3.3. 3. Drive Port P1 with 8-bit data. 4. Pulse P3.2 low for 1 s to load the data from Port P1. 5. For additional bytes (up to 32), pulse XTAL1 high for at least 100 ns to increment the Yaddress and repeat steps 3 and 4 within 150 s. 6. Wait 2 ms, monitor P3.1, or poll data.
Note: It is possible to skip bytes by pulsing XTAL1 high multiple times before pulsing P3.2 low.
Figure 28-1. Page Write User Signature Row Sequence
P3.2
XTAL1 P3.3 - P3.7 1101 0000
P1.0 - P1.7 RDY/BSY
00H
DIN0
DIN1
DIN N-1
26
AT89S2051/S4051
3390C-MICRO-7/05
AT89S2051/S4051
29. Read User Signature Row
Function: 1. Reads 1 to 32 bytes of data from the User Signature Row. 2. X-address (page) should be 00H from a previous Load-X command. 3. Y-address (offset) incremented by positive pulse on XTAL1. Usage: 1. Execute the Load-X command to set the page to 00H and reset the offset. 2. Apply "1000" TestCode to P3.7, P3.5, P3.4, P3.3. 3. Read 8-bit data on Port P1. 4. For additional bytes (up to 32), pulse XTAL1 high for at least 100 ns to increment the Yaddress and repeat step 3. The address will change on the falling edge of XTAL1. Figure 29-1. Read User Signature Row Sequence
P3.2
XTAL1 P3.3 - P3.7 1101 1000
P1.0 - P1.7
00H
DOUT0
DOUT1
DOUT N-1
RDY/BSY
27
3390C-MICRO-7/05
30. Read Atmel Signature Row
Function: 1. Reads 1 to 32 bytes of data from the Atmel Signature Row. 2. X-address (page) should be 01H from a previous Load-X command. 3. Y-address (offset) incremented by positive pulse on XTAL1. Usage: 1. Execute the Load-X command to set the page to 01H and reset the offset. 2. Apply "1000" TestCode to P3.7, P3.5, P3.4, P3.3. 3. Read 8-bit data on Port P1. 4. For additional bytes (up to 32), pulse XTAL1 high for at least 100 ns to increment the Yaddress and repeat step 3. The address will change on the falling edge of XTAL1. Figure 30-1. Read Atmel Signature Row Sequence
P3.2
XTAL1 P3.3 - P3.7 1101 1000
P1.0 - P1.7 RDY/BSY
01H
DOUT0
DOUT1
DOUT N-1
28
AT89S2051/S4051
3390C-MICRO-7/05
AT89S2051/S4051
31. Write Lock Bits/User Fuses
Function: 1. Program Lock Bits 1 and 2. 2. Program user fuses. Usage: 1) Apply "1111" TestCode to P3.7, P3.5, P3.4, P3.3. 3. Drive Port P1 with fuse data, bits [7:4] for fuses and bits [1:0] for lock bits. 4. Pulse P3.2 low for 1 s. 5. Wait 4 ms, monitor P3.1, or poll data. Figure 31-1. Write Lock Bits/User Fuses
P3.2
XTAL1 P3.3 - P3.7
1111
P1.0 - P1.7 RDY/BSY
High Z
DATA
High Z
32. Read Lock Bits/User Fuses
Function: 1. Read status of Lock Bits 1 and 2. 2. Read status of user fuses. Usage: 1. Apply "0011" TestCode to P3.7, P3.5, P3.4, P3.3. 2. Read fuse data from Port P1, bits [7:4] for fuses and bits [1:0] for lock bits. Figure 32-1. Read Lock Bits/User Fuses
P3.2
XTAL1 P3.3. - P3.7 0011
P1.0 - P1.7
High Z
DOUT
High Z
RDY/BSY
29
3390C-MICRO-7/05
VCC
t
HSTL
Figure 32-2. Flash Programming and Verification Waveforms in Parallel Mode
tHSTL
tPWRUP
RST/VPP
tPWRDN
tPOR
P3.2/PROG
tPSTP tMSTP
LOADX
tPGW
tBLT
P3.3...P3.7
PAGE WRITE
LOADX
PAGE READ
t
PORT0 XADDR
DSTP
tDHLD
DATA1 DATAN XADDR DATA0 DATA1
DATA0
DATAN
tASTP
XTAL1
tAHLD
tXLP
tPHX
tMSTP
tMHLD tRDT
tVFY
P3.1 (RDY/BSY)
tXTW tPHBL tWC
30
AT89S2051/S4051
3390C-MICRO-7/05
AT89S2051/S4051
Table 32-1.
Symbol VPP IPP tPWRUP tPOR tPSTP tHSTL tMSTP tMHLD tXTW tASTP tAHLD tPGW tDSTP tDHLD tXLP tPHX tBLT tPHBL tWC tRDT tVFY tPWRDN
Parallel Flash Programming and Verification Parameters
Parameter Programming Enable Voltage Programming Enable Current Power-on to RST High Power-on Reset Time PROG Setup to VPP High High Voltage Setting time Mode Setup to PROG or XTAL1 Mode Hold after PROG or XTAL2 XTAL1 High Width Address Setup to XTAL1 High Address Hold after XTAL1 Low PROG Low Width Data Setup to PROG Low Data Hold after PROG High XTAL1 Low to PROG Low PROG High to XTAL1 High Byte Load Period PROG High to BUSY Low Wire Cycle Time Read Byte Time XTAL1 Low to Data Verify Valid RST Low to Power Off 1 1 0.25 10 2 10 10 1 1 0.5 0.5 0.5 1 0.5 0.5 0.5 0.5 150 256 4.5
Min Max Units
11.5
12.5 1.0
V mA s ms s s s s s s s s s s s s s s ms s s s
31
3390C-MICRO-7/05
33. In-System Programming (ISP) Specification
Atmel's AT89S2051/S4051 offers 2K/4K bytes of In-System Programmable Flash code memory. In addition, the device contains a 32-byte User Signature Row and a 32-byte read-only Atmel Signature Row. Table 33-1.
Device # AT89S2051 AT89S4051
Memory Organization
Page Size 32 bytes 32 bytes # Pages 64 128 Address Range 0000H - 07FFH 0000H - 0FFFH Page Range 00H - 3FH 00H - 7FH
Figure 33-1. ISP Programming Device Connections
AT89S2051/S4051
2.7V to 5.5V
VCC SCK(1) SERIAL IN (MOSI) P1.7 P1.5 P1.6 SERIAL OUT (MISO)
XTAL1
RST
VCC
GND
Note:
1. SCK frequency should be less than (XTAL frequency)/8.
32
AT89S2051/S4051
3390C-MICRO-7/05
AT89S2051/S4051
34. Serial Programming Command Summary
Command Program Enable(1) Chip Erase Write Code Byte Read Code Byte Write Code Page(2) Read Code Page(2) Write User Fuses(3) Read User Fuses(3) Write Lock Bits(4) Read Lock Bits(4) Write User Signature Byte Read User Signature Byte Write User Signature Page(2) Read User Signature Page
(2)
Byte 1 1010 1100 1010 1100 0100 0000 0010 0000 0101 0000 0011 0000 1010 1100
Byte 2 0101 0011 100x xxxx
A11 A10 A9 A8
Byte 3 xxxx xxxx xxxx xxxx
A7 A6 A5 A4 A3 A2 A1 A0
Byte 4 xxxx xxxx xxxx xxxx
D7 D6 D5 D4 D3 D2 D1 D0
Byte ...
xxxx xxxx xxxx xxxx
A11 A10 A9 A8
A7 A6 A5 A4 A3 A2 A1 A0
A11 A10 A9 A8
A11 A10 A9 A8
A7 A6 A5
A7 A6 A5
0 0000 0 0000
0001
F3 F2 F1 F0
xxxx xxxx xxxx xxxx xxxx xxxx xxxx xxxx
A4 A3 A2 A1 A0
0010 0001 1010 1100 0010 0100 0100 0010 0010 0010 0101 0010 0011 0010 0010 1000
xxxx xxxx 1110 0x
LB2 LB1
xxxx xxxx
LB2 LB1
xxxx xxxx xxxx xxxx xxxx xxxx xxxx xxxx xxxx xxxx xxxx xxxx
xxxx xx
xxx xxx
A4 A3 A2 A1 A0
xxxx xxxx xxxx xxxx
A4 A3 A2 A1 A0
xxx
Notes:
1. Program Enable must be the first command issued after entering into the serial programming mode. 2. All 32 Data bytes must be written/read. 3. Fuse Bit Definitions:
Bit 0 Bit 1 Bit 2 Bit 3 ISP Enable* x2 Clock User Row Programming XTAL Osc Bypass** Enable = 0/Disable = 1 Enable = 0/Disable = 1 Enable = 0/Disable = 1 Enable = 0/Disable = 1
*The ISP Enable Fuse must be enabled before entering ISP mode. When disabling the ISP fuse during ISP mode, the current fuse state will remain active until RST is brought low. **Any change will only take effect after the next power-down/power-up cycle event. 4. Lock Bit Definitions:
Bit 0 Bit 1 Lock Bit 1 Lock Bit 2 Locked = 0/Unlocked = 1 Locked = 0/Unlocked = 1
5. Atmel Signature Bytes:
AT89S2051: Address 00H = 1EH 01H = 23H 02H = FFH AT89S4051: Address 00H = 1EH 01H = 43H 02H = FFH
D7 D6 D5 D4 D3 D2 D1 D0
Read Atmel Signature Byte(5)
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 D5 D4 D3 D2 D1 D0
F3 F2 F1 F0
xxxx
D7 D6 D5 D4 D3 D2 D1 D0
Data 0 ... Data 31 Data 0 ... Data 31 xxxx xxxx
Data 0 ... Data 31 Data 0 ... Data 31
33
3390C-MICRO-7/05
35. Power-up Sequence
Execute this sequence to power-up the device before programming. 1. Apply power between VCC and GND pins. 2. Keep SCK (P1.7) at GND. 3. Wait 10 s and bring RST to "H". 4. If a crystal is connected between XTAL1 and XTAL2, wait at least 10 ms; otherwise, apply a 3 - 24 MHz clock to XTAL1 and wait 4 ms. Figure 35-1. ISP Power-up Sequence
VCC RST XTAL1
P1.7/SCK P1.6/MISO P1.5/MOSI
High Z
36. ISP Start Sequence
Execute this sequence to enter ISP when the device is already operational. 1. Bring SCK (P1.7) to GND. 2. Tri-state MISO (P1.6). 3. Bring RST to "H". Figure 36-1. ISP Start Sequence
VCC
RST
XTAL1
P1.7/SCK
P1.6/MISO
High Z
P1.5/MOSI
34
AT89S2051/S4051
3390C-MICRO-7/05
AT89S2051/S4051
37. Power-down Sequence
Execute this sequence to power-down the device after programming. 1. Set XTAL1 to "L" if a crystal is not used. 2. Bring RST to "L". 3. Tri-state MOSI (P1.5). Figure 37-1. ISP Power-down Sequence
VCC RST
XTAL1
P1.7/SCK P1.6/MISO P1.5/MOSI High Z High Z
38. ISP Byte Sequence
1. Data shifts in/out MSB first. 2. MISO changes at rising of SCK. 3. MOSI is sampled at falling edge of SCK. Figure 38-1. ISP Byte Sequence
P1.7/SCK P1.6/MISO 7 6 5 4 3 2 1 0
data is sampled
P1.5/MOSI 7 6 5 4 3 2 1 0
39. ISP Command Sequence
1. Byte Format: 4 byte packet (3 header bytes + 1 data byte) 2. Page Format: 35 byte packet (3 header bytes + 32 data bytes) 3. All bytes are required, even if they are don't care. Figure 39-1. ISP Command Sequence
SCK SO 7 SI 7 OPCODE 0 7 ADDRH 0 7 ADDRL 0 7 DATAIN 0 ??? 07 ??? 07 ??? 07 DATAOUT 0
35
3390C-MICRO-7/05
40. Absolute Maximum Ratings*
Operating Temperature ................................. -55C to +125C Storage Temperature ..................................... -65C to +150C Voltage on Any Pin with Respect to Ground......-0.7V to +6.2V Maximum Operating Voltage ............................................ 5.5V DC Output Current............. 25.0 mA (15.0 mA for AT89S4051) *NOTICE: Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
41. DC Characteristics
TA = -40C to 85C, VCC = 2.7V to 5.5V (unless otherwise noted)
Symbol VIL VIH VIH1 VOL VOH Parameter Input Low-voltage Input High-voltage Input High-voltage Output Low-voltage
(1)
Condition
Min -0.5
Max 0.2 VCC - 0.1 VCC + 0.5 VCC + 0.5 0.5
Units V V V V V V V
(Except XTAL1, RST) (XTAL1, RST) (Ports 1, 3) IOL = 10 mA, VCC = 2.7V, TA = 85C IOH = -80 A, VCC = 5V 10%
0.2 VCC + 0.9 0.7 VCC 2.4 0.75 VCC 0.9 VCC
Output High-voltage (Ports 1, 3)
IOH = -30 A IOH = -12 A
IIL ITL ILI VOS VCM RRST CIO
Logical 0 Input Current (Ports 1, 3) Logical 1 to 0 Transition Current (Ports 1, 3) Input Leakage Current (Port P1.0, P1.1) Comparator Input Offset Voltage Comparator Input Common Mode Voltage Reset Pull-down Resistor Pin Capacitance Power Supply Current (without the )
VIN = 0.45V VIN = 2V, VCC = 5V 10% 0 < VIN < VCC VCC = 5V 0 50 Test Freq. = 1 MHz, TA = 25C Active Mode, 24/12 MHz, VCC = 5V/3V Idle Mode, 24/12 MHz, VCC = 5V/3V P1.0 & P1.1 = 0V or VCC VCC = 5V, P1.0 & P1.1 = 0V or VCC(3) VCC = 3V, P1.0 & P1.1 = 0V or VCC
(3)
-50 -350 10 20 VCC 150 10 10.5/3.5 4.5/2.5 10 5
A A A mV V K pF mA mA A A
ICC Power-down Mode(2) Notes:
1. Under steady state (non-transient) conditions, IOL must be externally limited as follows: Maximum IOL per port pin: 10 mA Maximum total IOL for all output pins: 25 mA (15 mA for AT89S4051) If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater than the listed test conditions. 2. Minimum VCC for Power-down is 2V. 3. P1.0 and P1.1 are comparator inputs and have no internal pullups. They should not be left floating.
36
AT89S2051/S4051
3390C-MICRO-7/05
AT89S2051/S4051
42. External Clock Drive Waveforms
43. External Clock Drive
VCC = 2.7V to 5.5V Symbol 1/tCLCL tCLCL tCHCX tCLCX tCLCH tCHCL Parameter Frequency Clock Period High Time Low Time Rise Time Fall Time Min 0 41.6 12 12 5 5 Max 24 Units MHz ns ns ns ns ns
37
3390C-MICRO-7/05
44. Serial Port Timing: Shift Register Mode Test Conditions
The values in this table are valid for VCC = 2.7V to 5.5V and Load Capacitance = 80 pF.
Variable Symbol tXLXL tQVXH tXHQX tXHDX tXHDV Parameter Serial Port Clock Cycle Time Output Data Setup to Clock Rising Edge Output Data Hold after Clock Rising Edge Input Data Hold after Clock Rising Edge Input Data Valid to Clock Rising Edge Min 12tCLCL -15 10tCLCL -15 2tCLCL -15 tCLCL 0 Max Units s ns ns ns ns
45. Shift Register Mode Timing Waveforms
46. AC Testing Input/Output Waveforms(1)
Note:
1. AC Inputs during testing are driven at VCC - 0.5V for a logic 1 and 0.45V for a logic 0. Timing measurements are made at VIH min. for a logic 1 and VIL max. for a logic 0.
47. Float Waveforms(1)
Note:
1. For timing purposes, a port pin is no longer floating when a 100 mV change from load voltage occurs. A port pin begins to float when 100 mV change from the loaded VOH/VOL level occurs.
38
AT89S2051/S4051
3390C-MICRO-7/05
AT89S2051/S4051
48. ICC Test Condition, Active Mode, All Other Pins are Disconnected
VCC ICC RST VCC VCC P1, P3 (NC) CLOCK SIGNAL XTAL2 XTAL1 VSS
49. ICC Test Condition, Idle Mode, All Other Pins are Disconnected
VCC ICC RST VCC VCC P1, P3 (NC) CLOCK SIGNAL XTAL2 XTAL1 VSS
50. Clock Signal Waveform for ICC Tests in Active and Idle Modes, tCLCH = tCHCL = 5 ns
VCC - 0.5V 0.45V 0.7 VCC 0.2 VCC - 0.1V tCHCL tCHCX tCLCL tCHCX tCLCH
51. ICC Test Condition, Power-down Mode, All Other Pins are Disconnected, VCC = 2V to 5.5V
VCC ICC RST VCC VCC P1, P3 (NC) XTAL2 XTAL1 VSS
39
3390C-MICRO-7/05
52. ICC (Active Mode) Measurements
ICC Active @ 25 C
4.00 ICC Active (mA) 3.50 3.00 2.50 2.00 1.50 1 2 3 4 5 6 7 8 9 10 11 12 Frequency (MHz) 3.0V 4.0V 5.0V
o
ICC Active @ 90 C
4.00 ICC Active (mA) 3.50 3.00 2.50 2.00 1.50 1 2 3 4 5 6 7 8 9 10 11 12 Frequency (MHz) 3.0 V 4.0 V 5.0 V
o
40
AT89S2051/S4051
3390C-MICRO-7/05
AT89S2051/S4051
53. ICC (Idle Mode) Measurements
ICC Idle vs. Frequency T = 25C
3 2.5
ICC (mA)
2
1.5 1
Vcc=3V Vcc=4V Vcc=5v
0.5 0 0 5 10 15 20 25
Frequency (MHz)
54. ICC (Power Down Mode) Measurements
ICC in Power-down
2.5 ICC Pwd (uA) 2 1.5 1 0.5 0 1 2 3 4 VCC (V) 5 6 7 0 deg C 25 deg C 90 deg C
41
3390C-MICRO-7/05
55. Ordering Information
55.1 Standard Package
Power Supply Ordering Code AT89S2051/S4051-24PC AT89S2051/S4051-24SC 24 2.7V to 5.5V AT89S2051/S4051-24PI AT89S2051/S4051-24SI 20P3 20S2 Industrial (-40C to 85C) Package 20P3 20S2 Operation Range Commercial (0C to 70C)
Speed (MHz)
55.2
Green Package Option (Pb/Halide-free)
Power Supply 2.7V to 5.5V Ordering Code AT89S2051/S4051-24PU AT89S2051/S4051-24SU Package 20P3 20S2 Operation Range Industrial (-40C to 85C)
Speed (MHz) 24
Package Type 20P3 20S2 20-lead, 0.300" Wide, Plastic Dual In-line Package (PDIP) 20-lead, 0.300" Wide, Plastic Gull Wing Small Outline (SOIC)
42
AT89S2051/S4051
3390C-MICRO-7/05
AT89S2051/S4051
56. Package Information
56.1 20P3 - PDIP
D
PIN 1
E1
A
SEATING PLANE
L B1 e E B
A1
C eC eB
SYMBOL A A1 D E E1 B Notes: 1. This package conforms to JEDEC reference MS-001, Variation AD. 2. Dimensions D and E1 do not include mold Flash or Protrusion. Mold Flash or Protrusion shall not exceed 0.25 mm (0.010"). B1 L C eB eC e
COMMON DIMENSIONS (Unit of Measure = mm) MIN - 0.381 24.892 7.620 6.096 0.356 1.270 2.921 0.203 - 0.000 NOM - - - - - - - - - - - MAX 5.334 - 26.924 8.255 7.112 0.559 1.551 3.810 0.356 10.922 1.524 Note 2 Note 2 NOTE
2.540 TYP
1/23/04 2325 Orchard Parkway San Jose, CA 95131 TITLE 20P3, 20-lead (0.300"/7.62 mm Wide) Plastic Dual Inline Package (PDIP) DRAWING NO. 20P3 REV. D
R
43
3390C-MICRO-7/05
56.2
20S2 - SOIC
C
1
EH
N
Top View
A1
End View
COMMON DIMENSIONS (Unit of Measure = inches)
e
b A D
SYMBOL
MIN
L
NOM
MAX
NOTE
A A1 b C D
0.0926 0.0040 0.0130 0.0091 0.4961 0.2914 0.3940 0.0160 0.050 BSC
0.1043 0.0118 0.0200 0.0125 0.5118 0.2992 0.4190 0.050 3 1 2 4
Side View
E H L e
Notes: 1. This drawing is for general information only; refer to JEDEC Drawing MS-013, Variation AC for additional information. 2. Dimension "D" does not include mold Flash, protrusions or gate burrs. Mold Flash, protrusions and gate burrs shall not exceed 0.15 mm (0.006") per side. 3. Dimension "E" does not include inter-lead Flash or protrusion. Inter-lead Flash and protrusions shall not exceed 0.25 mm (0.010") per side. 4. "L" is the length of the terminal for soldering to a substrate. 5. The lead width "b", as measured 0.36 mm (0.014") or greater above the seating plane, shall not exceed a maximum value of 0.61 mm 1/9/02 (0.024") per side.
R
2325 Orchard Parkway San Jose, CA 95131
TITLE 20S2, 20-lead, 0.300" Wide Body, Plastic Gull Wing Small Outline Package (SOIC)
DRAWING NO. 20S2
REV. A
44
AT89S2051/S4051
3390C-MICRO-7/05


▲Up To Search▲   

 
Price & Availability of AT89S4051

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X