Part Number Hot Search : 
HZ4LL AD835AN 62004 D2002UK HT9312AT 24128 BZT5243B 31213
Product Description
Full Text Search
 

To Download AP9926EO Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP9926EO
Advanced Power Electronics Corp.
Low on-resistance Capable of 2.5V gate drive Low drive current Surface mount package
D2 S2 G2 S2
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
BVDSS RDS(ON)
S1 D1 G1 S1
20V 28m 4.6A
TSSOP-8
ID
Description
The Advanced Power MOSFETs from APEC provide the designer with the best combination of fast switching, ruggedized device design, ultra low on-resistance and cost-effectiveness.
D1 G1 G2 D2
S1
S2
Absolute Maximum Ratings
Symbol VDS VGS ID@TA=25 ID@TA=70 IDM PD@TA=25 TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Continuous Drain Current Pulsed Drain Current
1 3 3
Rating 20 12 4.6 3.7 20 1 0.008 -55 to 150 -55 to 150
Units V V A A A W W/
Total Power Dissipation Linear Derating Factor Storage Temperature Range Operating Junction Temperature Range
Thermal Data
Symbol Rthj-amb Parameter Thermal Resistance Junction-ambient
3
Value Max. 125
Unit /W
Data and specifications subject to change without notice
20112502
AP9926EO
Electrical Characteristics@Tj=25oC(unless otherwise specified)
Symbol BVDSS
BVDSS/Tj
Parameter Drain-Source Breakdown Voltage
2
Test Conditions VGS=0V, ID=250uA
Min. 20 0.5 -
Typ. 0.1 9.7 12.5 1 6.5 5 9 26.2 6.8 355 190 85
Max. Units 28 40 1 25 10 V V/ m m V S uA uA uA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25, ID=1mA
RDS(ON)
Static Drain-Source On-Resistance
VGS=4.5V, ID=4A VGS=2.5V, ID=2A
VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=70 C)
o o
VDS=VGS, ID=250uA VDS=10V, ID=4.6A VDS=20V, VGS=0V VDS=20V ,VGS=0V VGS= 10 V ID=4.6A VDS=20V VGS=5V VDS=10V ID=1A RG=3.3,VGS=5V RD=10 VGS=0V VDS=20V f=1.0MHz
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
2
Source-Drain Diode
Symbol IS VSD Parameter
Continuous Source Current ( Body Diode )
Test Conditions VD=VG=0V,VS=1.2V Tj=25,IS=1.25A,VGS=0V
Min. -
Typ. -
Max. Units 0.83 1.2 A V
Forward On Voltage
2
Notes:
1.Pulse width limited by Max. junction temperature. 2.Pulse width <300us , duty cycle <2%. 3.Surface mounted on 1 in2 copper pad of FR4 board ; 208/W when mounted on Min. copper pad.
AP9926EO
25
24
T C =25 C
20
o
4.5V 4.0V 3.5V 3.0V
18
T C =150 o C
4.5V 4.0V 3.5V 3.0V
ID , Drain Current (A)
15
2.5V
ID , Drain Current (A)
2.5V
12
10
V GS =2.0V
6
V GS =2.0V
5
0 0 0.5 1 1.5 2 2.5
0 0 0.5 1 1.5 2 2.5
V DS , Drain-to-Source Voltage (V)
V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
45
1.8
I D = 4A T C =25 o C
1.6
40
I D = 4A V GS =4.5V
RDS(ON) (m )
35
Normalized R DS(ON)
1.4
1.2
30
1.0
25
0.8
20 1 2 3 4 5 6
0.6 -50 0 50 100 150
V GS (V)
T j , Junction Temperature ( o C)
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
AP9926EO
6
1.2
5
1
ID , Drain Current (A)
4
0.8
PD (W)
25 50 75 100 125 150
3
0.6
2
0.4
1
0.2
0
0 0 50 100 150
T c , Case Temperature (
o
C)
T c , Case Temperature (
o
C)
Fig 5. Maximum Drain Current v.s.
Fig 6. Typical Power Dissipation
Case Temperature
100
1
Duty Factor=0.5
10
100us 1ms
Normalized Thermal Response (R thja)
0.2
0.1
0.1
0.05
ID (A)
10ms
1
0.02
100ms 1s
0.1
0.01
PDM
0.01
Single Pulse
t T
T C =25 C Single Pulse
0.01 0.1 1 10 100
o
DC
Duty Factor = t/T Peak Tj = P DM x Rthja + Ta Rthja=208 oC/W
0.001 0.0001 0.001 0.01 0.1 1 10 100
V DS (V)
t , Pulse Width (s)
Fig 7. Maximum Safe Operating Area
Fig 8. Effective Transient Thermal Impedance
AP9926EO
12
1000
f=1.0MHz
I D =4.6A
10
VGS , Gate to Source Voltage (V)
8
V DS =10V V DS =15V V DS =20V C (pF)
100
Ciss
Coss
6
Crss
4
2
0 0 5 10 15 20 25
10 1 5 9 13 17 21 25 29
Q G , Total Gate Charge (nC)
V DS (V)
Fig 9. Gate Charge Characteristics
Fig 10. Typical Capacitance Characteristics
100
1.6
1.4
10 1.2
VGS(th) (V)
T j =150 o C
T j =25 o C
1
IS (A)
1
0.8
0.6 0.1
0.4
0.01 0 0.4 0.8 1.2 1.6
0.2 -50 0 50 100 150
Junction Temperature ( o C )
V SD (V)
Fig 11. Forward Characteristic of
Reverse Diode
Fig 12. Gate Threshold Voltage v.s. Junction Temperature


▲Up To Search▲   

 
Price & Availability of AP9926EO

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X