Part Number Hot Search : 
XXXEH SM2233 2SB1401 AD8618AR 1N400 00201 SC101 95108
Product Description
Full Text Search
 

To Download AP9435K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP9435K
Advanced Power Electronics Corp.
Simple Drive Requirement Low On-resistance Fast Switching
SOT-223 G D D
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
BVDSS RDS(ON)
S
-30V 50m -6A
ID
Description
The Advanced Power MOSFETs from APEC provide the designer with the best combination of fast switching, low on-resistance and cost-effectiveness.
D
G S
Absolute Maximum Ratings
Symbol VDS VGS ID@TA=25 ID@TA=70 IDM PD@TA=25 TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Pulsed Drain Current
1 3 3
Rating -30 25 -6 -4.8 -20 2.7 0.02 -55 to 150 -55 to 150
Units V V A A A W W/
Continuous Drain Current Total Power Dissipation Linear Derating Factor
Storage Temperature Range Operating Junction Temperature Range
Thermal Data
Symbol Rthj-amb Parameter Thermal Resistance Junction-ambient
3
Value Max. 45
Unit /W
Data and specifications subject to change without notice
200708031
AP9435K
Electrical Characteristics@Tj=25oC(unless otherwise specified)
Symbol BVDSS
BVDSS/Tj
Parameter Drain-Source Breakdown Voltage Static Drain-Source On-Resistance2
Test Conditions VGS=0V, ID=-250uA
Min. Typ. Max. Units -30 -1 -0.02
50 100 -3 -1 -25 100 16 912 -
V V/ m m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25, ID=-1mA
RDS(ON)
VGS=-10V, ID=-5.3A VGS=-4.5V, ID=-4.2A
10 9.2 2.8 5.2 11 8 25 17 507 222 158
VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=70 C)
o o
VDS=VGS, ID=-250uA VDS=-10V, ID=-5.3A VDS=-30V, VGS=0V VDS=-24V, VGS=0V VGS= 25V ID=-5.3A VDS=-24V VGS=-4.5V VDS=-15V ID=-1A RG=6,VGS=-10V RD=15 VGS=0V VDS=-15V f=1.0MHz
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
2
Source-Drain Diode
Symbol VSD Parameter Forward On Voltage
2
Test Conditions IS=-2.3A, VGS=0V IS=-5.3A, VGS=0V, dI/dt=100A/s
Min. Typ. Max. Units 29 20 -1.2 V ns nC
trr
Qrr
Reverse Recovery Time Reverse Recovery Charge
Notes:
1.Pulse width limited by Max. junction temperature. 2.Pulse width <300us , duty cycle <2%. 3.Surface mounted on 1 in2 copper pad of FR4 board ; 120 /W when mounted on Min. copper pad.
AP9435K
30
30
25
-ID , Drain Current (A)
-ID , Drain Current (A)
20
-10V -8.0V T A =25 o C -6.0V -5.0V V G =-4.0V
25
T A =150 o C
20
-10V -8.0V -6.0V -5.0V V G =-4.0V
15
15
10
10
5
5
0 0 1 2 3 4 5
0 0 1 2 3 4 5 6 7
-V DS , Drain-to-Source Voltage (V)
-V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
110
1.8
100
I D =5.3A T A =25 Normalized RDS(ON)
1.6
I D =-5.3A V G =10V
90 1.4
RDS(ON) (m )
80
70
1.2
60
1.0
50 0.8 40
30 3 4 5 6 7 8 9 10 11
0.6 -50 0 50 100 150
-V GS , Gate-to-Source Voltage (V)
T j , Junction Temperature ( o C)
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
4
100.00
10.00
3
T j =150 o C -IS(A)
1.00
T j =25 o C
VGS(th) (V)
2
0.10
1
0 0.01 0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 -50 0 50 100 150
-V SD , Source-to-Drain Voltage (V)
T j , Junction Temperature (
o
C)
Fig 5. Forward Characteristic of
Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature


▲Up To Search▲   

 
Price & Availability of AP9435K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X