Part Number Hot Search : 
SM6800AB SMBJ11 KF13277 HD74LS1 SK154 VCO55 232EC 01460
Product Description
Full Text Search
 

To Download AO4405 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Rev 3: Nov 2004
AO4405, AO4405L ( Green Product ) P-Channel Enhancement Mode Field Effect Transistor
General Description
The AO4405 uses advanced trench technology to provide excellent RDS(ON) with low gate charge. This device is suitable for use as a load switch or in PWM applications. AO4405L( Green Product ) is offered in a lead-free package.
Features
VDS (V) = -30V ID = -6.0A RDS(ON) < 50m (VGS = -10V) RDS(ON) < 85m (VGS = -4.5V)
SOIC-8 Top View S S S G D D D D
D
G S
Absolute Maximum Ratings TA=25C unless otherwise noted Parameter Symbol VDS Drain-Source Voltage VGS Gate-Source Voltage Continuous Drain Current A Pulsed Drain Current B TA=25C Power Dissipation A TA=70C Junction and Storage Temperature Range Thermal Characteristics Parameter Maximum Junction-to-Ambient Maximum Junction-to-Ambient Maximum Junction-to-Lead C TA=25C TA=70C ID IDM PD TJ, TSTG
Maximum -30 20 -6.0 -5.1 -30 3 2.1 -55 to 150
Units V V A
W C
Symbol
A A
t 10s Steady-State Steady-State
RJA RJL
Typ 31 59 16
Max 40 75 24
Units C/W C/W C/W
Alpha & Omega Semiconductor, Ltd.
AO4405, AO4405L
Electrical Characteristics (T J=25C unless otherwise noted) Symbol Parameter Conditions ID=-250A, VGS=0V VDS=-24V, VGS=0V TJ=55C VDS=0V, VGS=20V VDS=VGS ID=-250A VGS=-10V, VDS=-5V VGS=-10V, I D=6A RDS(ON) gFS VSD IS Static Drain-Source On-Resistance VGS=-4.5V, I D=-4A Forward Transconductance VDS=-5V, ID=-6A 6 IS=-1A,VGS=0V Diode Forward Voltage Maximum Body-Diode Continuous Current TJ=125C -1 -30 40 55 65 9.5 -0.78 -1 -4.2 700 VGS=0V, VDS=-15V, f=1MHz VGS=0V, VDS=0V, f=1MHz 112 78 10 14.7 VGS=-10V, VDS=-15V, I D=-6A 7.6 2 3.8 8.6 VGS=-10V, VDS=-15V, RL=2.5, RGEN=3 IF=-6A, dI/dt=100A/s IF=-6A, dI/dt=100A/s 5 28.2 13.5 24 14.7 30 15 18 840 50 70 85 -1.8 Min -30 -1 -5 100 -3 Typ Max Units V A nA V A m m S V A pF pF pF nC nC nC nC ns ns ns ns ns nC
STATIC PARAMETERS BVDSS Drain-Source Breakdown Voltage IDSS IGSS VGS(th) ID(ON) Zero Gate Voltage Drain Current Gate-Body leakage current Gate Threshold Voltage On state drain current
DYNAMIC PARAMETERS Ciss Input Capacitance Coss Crss Rg Output Capacitance Reverse Transfer Capacitance Gate resistance
SWITCHING PARAMETERS Qg (10V) Total Gate Charge (10V) Qg (4.5V) Total Gate Charge (4.5V) Qgs Qgd tD(on) tr tD(off) tf trr Qrr Gate Source Charge Gate Drain Charge Turn-On DelayTime Turn-On Rise Time Turn-Off DelayTime Turn-Off Fall Time Body Diode Reverse Recovery Time Body Diode Reverse Recovery Charge
A: The value of R JA is measured with the device mounted on 1in2 FR-4 board with 2oz. Copper, in a still air environment with TA =25C. The value in any a given application depends on the user's specific board design. The current rating is based on the t 10s thermal resistance rating. B: Repetitive rating, pulse width limited by junction temperature. C. The R JA is the sum of the thermal impedence from junction to lead RJL and lead to ambient. D. The static characteristics in Figures 1 to 6,12,14 are obtained using 80s pulses, duty cycle 0.5% max. E. These tests are performed with the device mounted on 1 in2 FR-4 board with 2oz. Copper, in a still air environment with TA=25C. The SOA curve provides a single pulse rating.
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN, FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Alpha & Omega Semiconductor, Ltd.
AO4405, AO4405L
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
20 -10V 10 -6V -5V -4.5V 8 -4V 6 10 -3.5V -ID(A) 4 2 0 5.00 0 1 2 3 4 -VGS(Volts) Figure 2: Transfer Characteristics 1.6 Normalized On-Resistance VDS=-5V
15 -ID (A)
125C
5
VGS=-3V -2.5V 1.00 2.00 3.00 4.00
25C
0 0.00
-VDS (Volts) Figure 1: On-Region Characteristics 100
80 RDS(ON) (m)
VGS=-4.5V
1.4
VGS=-10V VGS=-4.5V
60 VGS=-10V
1.2
40
1
ID=-5A
20 0 2 4 6 8 10 -ID (A) Figure 3: On-Resistance vs. Drain Current and Gate Voltage 160 140 120 RDS(ON) (m) -IS (A) 100 ID=-5A
0.8 0 25 50 75 100 125 150 175 Temperature (C) Figure 4: On-Resistance vs. Junction Temperature 1E+01 1E+00 1E-01 1E-02 125C
125C 1E-03 80 THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL 25C COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING 1E-04 60 OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN, 25C FUNCTIONS AND RELIABILITY WITHOUT NOTICE. 40 20 2 4 6 8 10 -VGS (Volts) Figure 5: On-Resistance vs. Gate-Source Voltage 1E-05 1E-06 0.0 0.2 0.4 0.6 0.8 1.0 1.2 -VSD (Volts) Figure 6: Body-Diode Characteristics
Alpha & Omega Semiconductor, Ltd.
AO4405, AO4405L
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
10 9 8 7 -VGS (Volts) 6 5 4 3 2 1 0 0 2 4 6 8 10 12 14 16 -Qg (nC) Figure 7: Gate-Charge Characteristics 1200 VDS=-15V ID=-6A Capacitance (pF) 1000 800 600 400 Coss 200 0 0 Crss 5 10 15 20 25 30
Ciss
-VDS (Volts) Figure 8: Capacitance Characteristics
100
TJ(Max)=150C TA=25C RDS(ON) limited 0.1s
40 10s 100s 1ms 10ms Power (W) 30
TJ(Max)=150C TA=25C
-ID (Amps)
10
20
1
1s 10s DC
10
0.1 0.1 1 -VDS (Volts) Figure 9: Maximum Forward Biased Safe Operating Area (Note E) 10 100
0 0.001
0.01
0.1
1
10
100
1000
Pulse Width (s) Figure 10: Single Pulse Power Rating Junction-toAmbient (Note E)
10 ZJA Normalized Transient Thermal Resistance
D=Ton/T TJ,PK=TA+PDM.ZJA.RJA RJA=40C/W
In descending order D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
1
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL PD COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING 0.1 OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN, Ton FUNCTIONS AND RELIABILITY WITHOUT NOTICE. T Single Pulse 0.01 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000
Pulse Width (s) Figure 11: Normalized Maximum Transient Thermal Impedance
Alpha & Omega Semiconductor, Ltd.


▲Up To Search▲   

 
Price & Availability of AO4405

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X