Part Number Hot Search : 
WSL1506E 2SB869 2SC2983 E13005D 74HC574 SP563 FM2100 MUR3020W
Product Description
Full Text Search
 

To Download AN7124 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ICs for Audio Common Use
AN7124
Dual 3.1 W Audio Power Amplifier
s Overview
The AN7124 is a monolithic integrated circuit designed for dual audio power amplifier of portable radio cassette.
(10.0)
7.70.3
Unit : mm
12
3.6
+0.10 0.25 -0.05 2.54
(12.5)
(1.2) 19.10.3 21.90.3
HSIP012-P-0000A
s Block Diagram
45 dB
45 dB
Mute STB Ripple filter
Over current thermal protection circuit
10
11
GND
GND
s Pin Descriptions
Pin No. 1 2 3 4 5 6 Stand-by Muting ch.2 input ch.1 input Input GND Ripple filter Description Pin No. 7 8 9 10 11 12 ch.1 output ch.1 bootstrap Output GND VCC ch.2 bootstrap ch.2 output 1 Description
VCC
12
1
2
3
4
5
6
7
8
9
1.800.15
* Radio-cassette
1.20.1
3.50.3
s Applications
1.450.15
* Audio output : 3.1 W x 2 channel * Built-in standby and muting circuit * Built-in thermal shut down protection circuit * Low pop noise during standby and mute ON/OFF * No negative feedback pin
29.750.30 28.00.3
20.00.3
(1.27)
s Features
(1.3)
R1.8
0.6
1
0.6 -0.05 (1.27)
(10.0)
+0.15
29.60.3
AN7124
s Absolute Maximum Ratings
Parameter Supply voltage Supply current Power dissipation Operating ambient temperature Storage temperature Symbol VCC ICC PD Topr Tstg
ICs for Audio Common Use
Rating 24 4.0 37.5 -25 to +75 -55 to +150
Unit V A W C C
s Recommended Operating Range
Parameter Supply voltage Symbol VCC Range 6.0 to 18.0 Unit V
s Electrical Characteristics at VCC = 12 V, RL = 3 , f = 1 kHz, Ta = 25 C
Parameter Quiescent current Output noise voltage Voltage gain Total harmonic distortion Maximum output 1 Channel balance Ripple rejection Standby current Muting effects
*1 *3 *1 *2 *1
Symbol ICQ VNO GV THD PO1 CB RR ISTB Mut PO2 CT VIN = 0 mV
Conditions VIN = 0 mV,PG = 10 k VIN = 3 mV VIN = 3 mV THD = 10 % VIN = 3 mV RG = 0 ,VR = 280 mVrms,fR = 120 Hz VIN = 0 mV VIN = 10 mV THD = 10 %,VCC = 9 V RG = 10 k,VIN = 10 mV,f = 1 kHz
Min 12 43 4.3 -1 45 60 2.5 50
Typ 19 0.27 45 0.05 5.0 0 50 1 80 3.0 64
Max 26 0.5 47 0.5 1 10
Unit mA mVrms dB % W dB dB A dB W dB
Maximum output 2 Crosstalk
*1,*3
Note) *1 : With a filter band from 20 Hz to 20 kHz (12 dB/OCT) used. *2 : With a filter band from 400 Hz to 30 kHz used. *3 : Reference data for design.
2
ICs for Audio Common Use
s Application Circuit Example
AN7124
10
11
1 F 22 F 3.9 k (Off)5 V 33 F 8.2 k 5 V(On)
1 F 100 F 47 nF 2.2 RL 3
47 F 1 000 F 1 000 F 2.2 VCC = 9 V/12 V
47 F 47 nF RL 3 1 000 F
VIN2
VIN1
STB
(On)0 V
Mute
0 V(Off)
s Characteristics Curve
PD Ta
70 62.5 W 60
Power dissipation PD (W)
50 (1) 40
30 20.8 W 20 15.6 W 10 3.0 W 0 0 40 80 120 160 (4)
(2)
(3)
Ambient temperature Ta (C)
1. TC = Ta (j-c = 2 C/W) 2. 20.83 W (f = 4.0 C/W) With a 100 cm2 x 3 mm Al heat sink (black colour coated) or a 200 cm 2 x 2 mm Al heat sink (not lacquered) 3. 15.63 W (f = 6.0 C/W) With a 100 cm2 x 2 mm Al heat sink(not lacquered) 4. 3.0 W at Ta = 25 C (j-a = 42 C/W) Without heat sink
12
1
2
3
4
5
6
7
8
9
3
AN7124
s Application Note
1.Voltage gain The close loop gain of AN7124 is fixed at 45 dB(typ.)
ICs for Audio Common Use
R1 R2 84 15 k
GV = 20 log(
R1 R2
)
2.Standby function Standby is ON when Pin1 is set to "L". By applying a 5 V to the standby pin, transistor Q1 will be turned ON to provide a constant current (I) for driving other parts of the circuit. The RC is to create a TIME CONSTANT for the standby pulse during charging and discharging.
ZSTBY 1 C On Q1 I VCC
Off
5V
R Stb
Threshold voltage (at Pin1) : ON<2.8 V3.Muting By controlling Pin2 from "H" to "L", the mute function is set from ON to OFF. When Pin2 is floating, DC 0.02 V. The threshold is set 2.8 V. The RC is to create a TIME CONSTANT for the mute pulse during charging and discharging.
Bias R Mute C On ZMUTE 2
Off
5V
Threshold voltage (at Pin2) : 10 % mute = 1.5 V 90 % mute = 2.8 V Impedance, ZMUTE 45 k
4
ICs for Audio Common Use
s Application Note (continued)
4.Oscillation
AN7124
To prevent oscillation, it is advisable to use C (Zobel network capacitor). Using polyester film capacitor has small characteristic fluctuation with temperature and the frequency.The resistor R connected in series with C is effective for phase correction at high frequency, as a result, it improves the oscillation allowance.
Pin7,12 C R 1 000 F 47 nF 2.2
5.Bootstrap The capacitor C connected between the output and bootstrap pin helps to increase the output dynamic range and hence increases the output power of the IC.
pp VCC Pin8,11
47 F
C
Pin7,12
5


▲Up To Search▲   

 
Price & Availability of AN7124

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X