Part Number Hot Search : 
66000 ICOND TFS1080 SM3P2 AS3024 F052306 AT48802 MC9S12
Product Description
Full Text Search
 

To Download ALD1101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ADVANCED LINEAR DEVICES, INC.
ALD1101A/ALD1101B ALD1101 DUAL N-CHANNEL MATCHED MOSFET PAIR
(c) 1998 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, California 94089 -1706 Tel: (408) 747-1155 Fax: (408) 747-1286 http://www.aldinc.com
GENERAL DESCRIPTION The ALD1101 is a monolithic dual N-channel matched transistor pair intended for a broad range of analog applications. These enhancementmode transistors are manufactured with Advanced Linear Devices' enhanced ACMOS silicon gate CMOS process. The ALD1101 offers high input impedance and negative current temperature coefficient. The transistor pair is matched for minimum offset voltage and differential thermal response, and it is designed for switching and amplifying applications in +2V to +12V systems where low input bias current, low input capacitance and fast switching speed are desired. Since these are MOSFET devices, they feature very large (almost infinite) current gain in a low frequency, or near DC, operating environment. When used with an ALD1102, a dual CMOS analog switch can be constructed. In addition, the ALD1101 is intended as a building block for differential amplifier input stages, transmission gates, and multiplexer applications. The ALD1101 is suitable for use in precision applications which require very high current gain, beta, such as current mirrors and current sources. The high input impedance and the high DC current gain of the Field Effect Transistors result in extremely low current loss through the control gate. The DC current gain is limited by the gate input leakage current, which is specified at 50pA at room temperature. For example, DC beta of the device at a drain current of 5mA at 25C is = 5mA/50pA = 100,000,000.
APPLICATIONS * * * * * * * * * Precision current mirrors Precision current sources Analog switches Choppers Differential amplifier input stage Voltage comparator Data converters Sample and Hold Analog inverter
PIN CONFIGURATION
SOURCE 1 GATE 1 DRAIN 1 NC
1 2 3 4 TOP VIEW DA, PA, SA PACKAGE
8 7 6 5
SUBSTRATE SOURCE 2 GATE 2 DRAIN 2
FEATURES * Low threshold voltage of 0.7V * Low input capacitance * Low Vos grades -- 2mV, 5mV, 10mV * High input impedance -- 1012 typical * Negative current (IDS) temperature coefficient * Enhancement-mode (normally off) * DC current gain 109
BLOCK DIAGRAM
ORDERING INFORMATION
Operating Temperature Range* -55C to +125C 0C to +70C 0C to +70C 8-Pin CERDIP Package 8-Pin Plastic Dip Package ALD1101A PA ALD1101B PA ALD1101 PA 8-Pin SOIC Package
DRAIN 1 (3)
GATE 1 (2)
SOURCE 1 (1) SUBSTRATE (8)
DRAIN 2 (5)
SOURCE 2 (7)
GATE 2 (6)
ALD1101 DA
ALD1101 SA
* Contact factory for industrial temperature range.
(c) 1998 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, California 94089 -1706 Tel: (408) 747-1155 Fax: (408) 747-1286 http://www.aldinc.com
ABSOLUTE MAXIMUM RATINGS
Drain-source voltage, VDS Gate-source voltage, VGS Power dissipation Operating temperature range Storage temperature range Lead temperature, 10 seconds 13.2V 13.2V 500 mW 0C to +70C -55C to +125C -65C to +150C +260C
PA, SA package DA package
OPERATING ELECTRICAL CHARACTERISTICS TA = 25C unless otherwise specified
Parameter Gate Threshold Voltage Offset Voltage VGS1 - VGS2 Symbol VT VOS -1.2 ALD 1101A Min Typ Max 0.4 0.7 1.0 2 -1.2 ALD1101B Min Typ Max 0.4 0.7 1.0 5 -1.2 ALD1101 Min Typ Max 0.4 0.7 1.0 10 Unit V mV mV/C Test Conditions IDS = 10A VGS = V DS IDS = 100A VGS = V DS
Gate Threshold TCVT Temperature Drift On Drain Current IDS (ON) 25 5
40 10 0.5 200 50 75
25 5
40 10 0.5 200 50 75
25 5
40 10 0.5 200 50 75
mA mmho % mho
VGS = VDS = 5V VDS = 5V IDS= 10mA
Transconductance Gfs Mismatch Output Conductance Drain Source ON Resistance Drain Source ON Resistance Mismatch Drain Source Breakdown Voltage Off Drain Current Gfs GOS RDS(ON)
VDS = 5V IDS = 10mA VDS = 0.1V VGS = 5V
RDS(ON)
0.5
0.5
0.5
%
VDS = 0.1V VGS = 5V
BVDSS IDS(OFF) IGSS CISS
12
12
12
V
IDS = 10A VGS =0V VDS =12V VGS = 0V TA = 125C VDS =0V VGS =12V TA = 125C
0.1
4 4 50 10 10
0.1
4 4 50 10 10
0.1
4 4 50 10 10
nA A pA nA pF
Gate Leakage Current Input Capacitance
1
1
1
6
6
6
ALD1101A/ALD1101B ALD1101
Advanced Linear Devices
2
TYPICAL PERFORMANCE CHARACTERISITCS
OUTPUT CHARACTERISTICS
8
LOW VOLTAGE OUTPUT CHARACTERISTICS
DRAIN-SOURCE CURRENT (mA)
VBS = 0V TA = 25C 4 VGS = 12V 6V 4V 2V 0
DRAIN -SOURCE CURRENT (mA)
160
VBS = 0V TA = 25C
VGS = 12V 10V 8V
120
80
6V 4V 2V
40
-4
0 0 2 4 6 8 10 12 DRAIN-SOURCE VOLTAGE (V)
-8 -160
-80
0
80
160
DRAIN -SOURCE VOLTAGE (mV)
FORWARD TRANSCONDUCTANCE (mho)
1 x105 5 x104 2 x104
FORWARD TRANSCONDUCTANCE vs. DRAIN-SOURCE VOLTAGE
20
TRANSFER CHARACTERISTIC WITH SUBSTRATE BIAS
DRAIN-SOURCE CURRENT (A)
VGS = VDS TA = 25C 15 VBS = 0V 10 -2V -4V -6V -8V -10V 5 -12V
VBS = 0V f = 1KHz TA = +125C TA = +25C
IDS = 10mA
1 x104 5 x103 2 x103 1 x103 0 2 4 IDS = 1mA
0
6
8
10
12
0
0.8
1.6
2.4
3.2
4.0
DRAIN -SOURCE VOLTAGE (V)
GATE - SOURCE VOLTAGE (V)
RDS (ON) vs. GATE - SOURCE VOLTAGE
DRAIN - SOURCE ON RESISTANCE ()
OFF - DRAIN SOURCE CURRENT (A)
10000 VDS = 0.2V VBS = 0V 1000 TA = +125C 100
10X10-6
OFF DRAIN - CURRENT vs. TEMPERATURE
VDS = +12V VGS = VBS = 0V
10X10-9
10 0
TA = +25C 2 4 6 8 10 12
10X10-12 -50 -25 0 +25 +50 +75 +100 +125
GATE SOURCE VOLTAGE (V)
TEMPERATURE (C)
ALD1101A/ALD1101B ALD1101
Advanced Linear Devices
3
ALD1101A/ALD1101B ALD1101
Advanced Linear Devices
4


▲Up To Search▲   

 
Price & Availability of ALD1101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X