Part Number Hot Search : 
B3011 MC33501 0100P LA1S1 LA1S1 221520 LA1S1 SPJ100F
Product Description
Full Text Search
 

To Download AD7861 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
11-Bit Resolution Simultaneous Sampling A/D Converter AD7861
FUNCTIONAL BLOCK DIAGRAM
REF IN REF OUT 2.5V REFERENCE BUSY A0 A1 12 OUTPUT REGISTERS D0 D11 RD CS CLKIN SGND AGND DGND VDD
FEATURES 11-Bit Resolution Analog-to-Digital Converter Seven Single-Ended Analog Inputs Four Input Channels Simultaneously Sampled Expansion with 4 Multiplexed Inputs Internal 2.5 V Reference 3.2 s Conversion Time per Channel User Definable Channel Sequencing Single Supply +5 V Operation Double Buffered Register Outputs 6.25 MHz to 12.5 MHz Operating Clock Range APPLICATIONS Motor Control 3-Phase Power Measurement Cellular Phones Data Acquisition GENERAL DESCRIPTION
VIN1 VIN2 VIN3
SHA
11-BIT ADC
AUX0 AUX1 AUX2 AUX3 S0 S1
4-1 MUX
AD7861
CONVST RESET
M0
M1
The AD7861 is a multichannel simultaneous sampling A/D Converter (ADC) configured for the acquisition of voltage inputs in a motor control solution or three-phase power system. The AD7861 combined with Analog Devices' 16-bit fixedpoint digital signal processor (DSP) provides a low cost 16-bit fixed-point microcontroller solution. The input stage has been designed to accommodate the types of signals frequently found in motor drives. The VIN1, VIN2, and VIN3 channels are simultaneously sampled inputs suitable for stator current acquisition. The AUX0-AUX3 channels are multiplexed and are suitable for slower moving inputs such as temperature and bus voltage of the diode rectifier output in a motor control application.
PRODUCT HIGHLIGHTS Simultaneous Sampling of Four Inputs
Four channel sample and hold amplifier (SHA) allows out of phase input signals to be sampled simultaneously, preserving the relative phase information. Sample-and-hold acquisition time is 1.6 s and conversion time per channel is 3.2 s (using a 12.5 MHz system clock).
Flexible Analog Channel Sequencing
AD7861 supports acquisition of 2, 3 or 4 channels per group. Converted channel results are stored in registers and the data can be read in any order. The sampling and conversion time for two channels is 8 s, three channels is 11.2 s, and four channels is 14.4 s (using a 12.5 MHz system clock).
Single 5 V dc Operation
Low power, digital process.
REV. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 World Wide Web Site: http://www.analog.com Fax: 781/326-8703 (c) Analog Devices, Inc., 2000
AD7861-SPECIFICATIONS otherwise noted)
Parameter DC ACCURACY Resolution Relative Accuracy Differential Nonlinearity Bias Offset Error Bias Offset Error Match Full-Scale Error Full-Scale Error Match DYNAMIC PERFORMANCE Signal-to-Noise Ratio (SNR) Total Harmonic Distortion (THD) Peak Harmonic or Spurious Noise Channel-to-Channel Isolation M1 = 0 M1 = 1 REFERENCE Input Voltage Range (REF IN) Input Current Onboard Reference Output (REF OUT) Reference Tolerance Reference Drive Capability SAMPLE-AND-HOLD Acquisition Time Aperture Delay Time Aperture Delay Time Match Droop Rate LOGIC Input High Voltage (VIH) Input Low Voltage (VIL) Input Leakage Current Input Capacitance (VOH) (VOL) Three-State Leakage Current CONVERSION RATE Conversion Time/Channel CONVST Pulsewidth ANALOG INPUTS Nominal Input Level Input Current Input Capacitance SYSTEM CLOCK POWER REQUIREMENTS VDD IDD AD7861AP 11 2 2.5 9 4 13 4 60 -60 -60 -58 -53 2.5 50 2.5 5 100 1.6 200 20 5 2 0.8 1 20 4.5 0.4 1 40 2 0-5 100 10 6.25-12.5 5 10 Units
(VDD = 5 V
5%; TA = -40 C to +85 C; REFIN = 2.5 V; Ext CLK @ 12.5 MHz, unless
Conditions/Comments Twos Complement Data Format Integral Nonlinearity Any Channel Between Channels Any Channel Between Channels fIN = 1 kHz Sine Wave, fSAMPLE = 75 kHz fIN = 1 kHz Sine Wave, fSAMPLE = 75 kHz fIN = 1 kHz Sine Wave, fSAMPLE = 75 kHz 1 kHz Sine Wave Applied to Unselected Channels 1 kHz Sine Wave Applied to Unselected Channels
Bits LSB max LSB max LSB max LSB max LSB max LSB max dB min dB max dB max dB max dB max V A max V % A max s ns max ns max mV/ms max V min V max A max pF typ V min V max A max CLK Cycles CLK Cycles min V A pF MHz V dc mA max
20 CLK Cycles @ 12.5 MHz
ISOURCE Current = 20 A, VDD = 5 V ISINK Current = 400 A, VDD = 5 V
VIN1, VIN2, VIN3, AUX0-AUX3
-2-
REV. B
AD7861
Table I. AD7861 Timing Parameters (TA = -40 C to +85 C and VDD = +5 V unless otherwise noted)
Number 1 2 3 4 5 6 7 8 9 10 11 12 Symbol tsucsb_rdb tsuaddr_rdb tdlyrdb_data tpwlrdb tpwhrdb thdrdb_data thdrdb_addr thdrdb_csb tperclk tpwhclk tpwlclk tpwlresetb AD7861 Timing Requirements CS Low Before Falling Edge of RD ADDR Valid Before Falling Edge of RD DATA Valid After Falling Edge of RD RD Pulsewidth, Low RD Pulsewidth, High DATA Hold After Rising Edge of RD ADDR Hold After Rising Edge of RD CS Hold After Rising Edge of RD CLK Period CLK Pulsewidth, High CLK Pulsewidth, Low RESET Pulsewidth, Low Min 0 0 - 25 25 10 0 0 80 20 20 2 x tperclk Max - - 25 - - - - - 160 - - - Units ns ns ns ns ns ns ns ns ns ns ns ns
ABSOLUTE MAXIMUM RATINGS*
CLK 1, 2 CS 7, 8 A0-A1 4 RD 3 DATA BUS 6 5
Supply Voltage (VDD) . . . . . . . . . . . . . . . . . . -0.3 V to +7.0 V Digital Input Voltage . . . . . . . . . . . . . . . . . . . . . -0.3 V to VDD Analog Input Voltage . . . . . . . . . . . . . . . . . . . . . -0.3 V to VDD Analog Reference Input Voltage . . . . . . . . . . . -0.3 V to VDD Digital Output Voltage Swing . . . . . . . . . . . . . . -0.3 V to VDD Analog Reference Output Swing . . . . . . . . . . . -0.3 V to VDD Operating Temperature . . . . . . . . . . . . . . . . . -40C to +85C Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . +280C
*
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Figure 1. Clock and Reset Timing
9 10 CLK 11
ORDERING GUIDE
Model
CLK 12 RESET
Temperature Range -40C to +85C
Package Option P-44A
AD7861AP
Figure 2. Write Cycle Timing Diagram
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD7861 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
REV. B
-3-
AD7861
PIN DESCRIPTION
Pin
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33-34 35 36 37 38-39 40 41 42 43 44
PIN CONFIGURATION
Mnemonic Type
AUX0 REFIN AGND REFOUT S0 S1 D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 D11 DGND DGND VDD M0 M1 CONVST CS RD RESET A1 A0 NC BUSY CLK DGND SGND VDD VIN1 NC VIN2 VIN3 AUX3 AUX2 AUX1 I/P I/P GND O/P I/P I/P O/P O/P O/P O/P O/P O/P O/P O/P O/P O/P O/P O/P GND GND SUP I/P I/P I/P I/P I/P I/P I/P I/P NC O/P I/P GND GND SUP I/P NC I/P I/P I/P I/P I/P
Description
Auxiliary Input 0 Analog Reference Input Analog Ground Internal 2.5 Analog Reference Aux Channel Select 0 Aux Channel Select 1 Data Bit 0 LSB (Tied Low) Data Bit 1 Data Bit 2 Data Bit 3 Data Bit 4 Data Bit 5 Data Bit 6 Data Bit 7 Data Bit 8 Data Bit 9 Data Bit 10 Data Bit 11, MSB Logic Ground Logic Ground +5 V Digital Supply Conversion Mode Select 0 Conversion Mode Select 1 A/D Conversion Start Chip Select Read Input Chip Reset Register Address Select 1 Register Address Select 0 No Connect Busy, Conversion in Process External Clock Input 6.25 MHz-12.5 MHz Logic Ground Signal Ground +5 V Analog Supply Analog Input 1 No Connect Analog Input 2 Analog Input 3 Auxiliary Input 3 Auxiliary Input 2 Auxiliary Input 1
REFOUT AGND REFIN AUX0 AUX1 AUX2 AUX3 VIN3 VIN2
S1
6 D0 7 D1 8 D2 9 D3 10 D4 11 D5 12 D6 13 D7 14 D8 15 D9 16 D10 17
5
S0
4
3
2
1
44 43 42 41 40
PIN 1 IDENTIFIER
39 NC 38 NC 37 VIN1 36 VDD
AD7861
TOP VIEW (Not to Scale)
35 SGND 34 DGND 33 DGND 32 CLK 31 BUSY 30 NC 29 A0
18 19 20 21 22 23 24 25 26 27 28
RESET DGND D11 DGND VDD M0 CONVST
NC = NO CONNECT
Pin Types I/P = Input Pin O/P = Output Pin
Pin Types GND = Ground Pin SUP = Supply Pin
CS
RD
M1
A1
-4-
REV. B
AD7861
ANALOG INPUT BLOCK
The AD7861 is an 11-bit resolution, successive approximation analog-to-digital (A/D) converter with twos complement output data format. The analog input range is 0 V-5 V with a 2.5 V reference as defined by the reference input pin (REFIN). The AD7861 has an internal 2.5 V 5% reference, which is utilized by connecting the reference output pin (REFOUT) to the REFIN pin. The A/D conversion time is determined by the system clock frequency, which can range from 6.25 MHz to 12.5 MHz. Forty clock cycles are required to complete each conversion. There is a 4-channel simultaneous sample and hold amplifier (SHA) at the AD7861 input stage. This allows up to 4 channels to be simultaneously held and sequentially digitized. The SHA acquisition time is 20 clock cycles and is independent of the number of channels sampled. The minimum throughput time can be calculated as follows: t AA = t SHA + (n x tCONV ) where tAA = analog acquisition time, tSHA = SHA acquisition time, n = # channels, tCONV = conversion time per channel (40 clock cycles). A/D conversions are initiated by an external analog sample clock pin (CONVST). The CONVST input can be run asynchronous to the AD7861 system clock. When CONVST is run asynchronous from CLK, the falling edge of CLK subsequent to CONVST high initiates the conversion.
BUSY
The user must select which channels to convert using M0/M1, a minimum of two clock cycles before the start of conversion. The AD7861 provides 4 auxiliary input channels which can be individually multiplexed into the auxiliary ADC channel. Pins S0/ S1 are used to multiplex these auxiliary channels according to the following table. It is important to note that the ADC performs a series of conversions based on the input voltage on each pin (including the AUX pin) at the start of the CONVST conversion pulse. The user must select the auxiliary channel using S0/S1 a minimum of two clock cycles before the start of the conversion sequence. S1 0 0 1 1 S0 0 1 0 1 Channel Selected AUX0 AUX1 AUX2 AUX3
DIGITAL INTERFACE
The AD7861 is designed to interface with the ADSP-21xx family of DSPs. The 12-bit parallel interface can also be used with other DSPs and microcontrollers. The 11-bit A/D conversion output occupies the 11 most significant bits of the 12-bit interface. The LSB (Data Bit 0) is tied low.
REGISTER BASED INPUT/OUTPUT
The AD7861 BUSY pin goes low at the start of conversion, and remains low for 40 clock cycles per channel. When BUSY goes high, this indicates that the output data buffers have been updated. Data from the previous conversion can be read up to (n x 40 - 1) clock cycles after the start of conversion (n = number of channels converted). Refer to Figure 3.
t = 1 CLOCK CYCLE
CLK (n x 40 -1) CLOCK CYCLES BUSY
To facilitate integration into most designs, a register based input/output structure is provided. These registers can be memory mapped into the user's system along with other memory mapped peripherals.
REGISTER ADDRESSING
t = (n x 40 -1) CLOCK CYCLES t = n x 40 CLOCK CYCLES
Two address lines (A0 through A1) are used in conjunction with control lines (CS, RD) to select registers VIN1, VIN2, VIN3, or AUX. These control lines are active low. Timing and logical sense is as for the ADSP-2100 family. Pin CS RD Function Enables the AD7861 Register Interface Places the Internal Register on the Data Bus
CONVST
REGISTER LISTING
DATA
OLD DATA VALID
NEW DATA VALID
The output of each channel is stored in its respective register. The symbolic names and address locations are listed in the following table. Name
VIN1 VIN2 VIN3 AUX
Figure 3. Busy Pulse Timing
CHANNEL SELECTION
A1
0 0 1 1
A0
0 1 0 1
Register Function
A/D Conversion Result Channel VIN1 A/D Conversion Result Channel VIN2 A/D Conversion Result Channel VIN3 A/D Conversion Result Channel AUX
Determining which channels are converted is dependent on the settings of M0 and M1. The available channel combinations are: M1 0 0 1 1 M0 0 1 0 1 Channels Converted VIN2, VIN3 VIN2, VIN3, AUX VIN1, VIN2, VIN3 VIN1, VIN2, VIN3, AUX
REV. B
-5-
AD7861
DESCRIPTION OF THE REGISTERS DIGITAL SIGNAL PROCESSOR INTERFACING
VIN1, VIN2, VIN3 AUX
These registers contain the results from the conversion of the analog input voltages. In the AD7861, this register contains the conversion result of the auxiliary channel which had been selected by S0, S1.
The A/D conversion results for channels VIN1, VIN2, VIN3 and AUX are stored in the VIN1, VIN2, VIN3 and AUX registers respectively. The twos complement data is left justified and the LSB (Data Bit 0) is set to zero. The relationship between input voltage and output coding is shown in Figure 4.
OUTPUT CODE FULL-SCALE TRANSITION
01 1 1 1 1 1 1 1 1 1 0
FS = 5V 000000000000 LSB = 5V 2048
The AD7861 can operate with a clock frequency in the range of 6.25 MHz to 12.5 MHz. For the ADSP-2101/2105/2115 the CLKOUT frequency is the system clock frequency. In the case of the ADSP-2171/2181, the system clock is internally scaled, a 10 MHz system clock will result in a 20 MHz CLKOUT frequency. If CLKOUT from the ADSP-2171/2181 is above 12.5 MHz, then an external clock divide down circuit will be necessary.
ADDRESS BUS
100000000000 0V 5V-1LSB 2.5 INPUT VOLTAGE
A0-A13 DMS
Figure 4. AD7861 Transfer Function
Power Supply Connections and Setup
ADDRESS DECODE EN CS BUSY
A0-A1
The nominal power supply level (VDD) is +5 V 5%. The positive power supply (VDD) should be connected to Pins 21 and 36. The SGND and DGND pins should be star point connected to AGND at a point close to the AD7861. Power supplies should be bypassed at the power pins using a 0.1 F capacitor. A 200 nF capacitor should also be connected between REFIN and SGND.
ADSP-2101/ ADSP-2105/ ADSP-2115-12MHz ADSP-2171-10MHz
IRQ2 FLAGOUT RD
AD7861
CONVST RD CLK M0 M1
ADSP-2181-10MHz CLKOUT
D0-D23
D0-D11*
DATA BUS
Figure 5. ADI Digital Signal Processor/Microcomputer Interface
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
44-Lead Plastic Leadless Chip Carrier (P-44A)
PRINTED IN U.S.A.
0.180 (4.57) 0.165 (4.19) 0.048 (1.21) 0.042 (1.07) 0.048 (1.21) 0.042 (1.07)
6 7 PIN 1 IDENTIFIER
0.056 (1.42) 0.042 (1.07)
40 39
0.025 (0.63) 0.015 (0.38)
0.050 (1.27) BSC
0.63 (16.00) 0.59 (14.99)
TOP VIEW
(PINS DOWN)
0.021 (0.53) 0.013 (0.33) 0.032 (0.81) 0.026 (0.66) 0.040 (1.01) 0.025 (0.64) 0.110 (2.79) 0.085 (2.16)
17 18
29 28
0.020 (0.50) R
0.656 (16.66) 0.650 (16.51) SQ 0.695 (17.65) 0.685 (17.40) SQ
-6-
REV. B
C2073a-1.5-3/00 (rev. B)
Reading Results
The AD7861 A/D converter is designed to be easily interfaced to Analog Devices' family of Digital Signal Processors (DSPs). Figure 5 shows the interface between the AD7861 and the ADSP-2101/2105/2115 16-bit fixed point DSP, and the ADSP2171 and ADSP-2181 DSP Microcomputers. FLAGOUT from the DSP is used to initiate the AD7861 conversion and is also used in conjunction with the BUSY signal to provide an end of conversion interrupt for the DSP. With M0 and M1 tied low, the AD7861 is set up in the VIN2, VIN3 channel conversion mode. By mapping the 12-bit AD7861 data bus into the top 12 bits of the DSP data bus (D12-D23), full-scale outputs from the AD7861 can be represented as 1.0 in fixed point arithmetic.


▲Up To Search▲   

 
Price & Availability of AD7861

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X