Part Number Hot Search : 
DB105 MAA4868K 1212S 278BZC 1012S 14490 T93C46 AC180
Product Description
Full Text Search
 

To Download 2SJ605 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
MOS FIELD EFFECT TRANSISTOR
2SJ605
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
DESCRIPTION
The 2SJ605 is P-channel MOS Field Effect Transistor designed for high current switching applications.
ORDERING INFORMATION
PART NUMBER 2SJ605 2SJ605-S 2SJ605-ZJ 2SJ605-Z PACKAGE TO-220AB TO-262 TO-263 TO-220SMDNote
FEATURES
* Super low on-state resistance: RDS(on)1 = 20 m MAX. (VGS = -10 V, ID = -33 A) RDS(on)2 = 31 m MAX. (VGS = -4.0 V, ID = -33 A) * Low input capacitance ! Ciss = 4600 pF TYP. (VDS = -10 V, VGS = 0 A) * Built-in gate protection diode
Note TO-220SMD package is produced only in Japan.
(TO-220AB)
ABSOLUTE MAXIMUM RATINGS (TA = 25C)
Drain to Source Voltage (VGS = 0 V) Gate to Source Voltage (VDS = 0 V) Drain Current (DC) (TC = 25C) Drain Current (pulse)
Note1
VDSS VGSS ID(DC) ID(pulse) PT PT Tch Tstg
-60
m 20 m 65 m 200
V V A A W W C C A mJ (TO-262)
Total Power Dissipation (TC = 25C) Total Power Dissipation (TA = 25C) Channel Temperature Storage Temperature Single Avalanche Current Single Avalanche Energy
Note2 Note2
100 1.5 150 -55 to +150 -45 203
IAS EAS
!
Notes 1. PW 10 s, Duty cycle 1% 2. Starting Tch = 25C, VDD = -30 V, RG = 25 , VGS = -20 0 V
(TO-263, TO-220SMD)
The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for availability and additional information.
Document No. D14650EJ2V0DS00 (2nd edition) Date Published May 2001 NS CP(K) Printed in Japan
The mark ! shows major revised points.
(c)
2000
2SJ605
ELECTRICAL CHARACTERISTICS (TA = 25C)
CHARACTERISTICS Zero Gate Voltage Drain Current Gate Leakage Current SYMBOL IDSS IGSS VGS(off) | yfs | RDS(on)1 RDS(on)2 Input Capacitance Output Capacitance Reverse Transfer Capacitance Ciss Coss Crss td(on) tr td(off) tf QG QGS QGD VF(S-D) trr Qrr VDD= -48 V VGS = -10 V ID = -65 A IF = 65 A, VGS = 0 V IF = 65 A, VGS = 0 V di/dt = 100 A / s TEST CONDITIONS VDS = -60 V, VGS = 0 V VGS = m 20 V, VDS = 0 V VDS = -10 V, ID = -1 mA VDS = -10 V, ID = -33 A VGS = -10 V, ID = -33 A VGS = -4.0 V, ID = -33 A VDS = -10 V VGS = 0 V f = 1 MHz VDD = -30 V, ID = -33 A VGS = -10 V RG = 0 -1.5 30 -2.0 59 17 22 4600 820 330 15 14 100 58 87 15 22 1.0 53 110 20 31 MIN. TYP. MAX. -10
m 10
UNIT
A A
V S m m pF pF pF ns ns ns ns nC nC nC V ns nC
!
Gate Cut-off Voltage Forward Transfer Admittance Drain to Source On-state Resistance
-2.5
!
Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Total Gate Charge Gate to Source Charge Gate to Drain Charge
! ! !
Body Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge
TEST CIRCUIT 1 AVALANCHE CAPABILITY
D.U.T. RG = 25 PG VGS = -20 V 0 V - ID VDD BVDSS VDS 50 L VDD
!
TEST CIRCUIT 2 SWITCHING TIME
D.U.T. RL PG. RG VDD VDS (-)
90% 90% 10% 10%
VGS (-) VGS
Wave Form
90% 0 10%
IAS
VGS (-) 0 = 1 s Duty Cycle 1%
VDS VDS
Wave Form
0
td(on) ton
tr
td(off) toff
tf
Starting Tch
TEST CIRCUIT 3 GATE CHARGE
D.U.T. IG = -2 mA 50 RL VDD
PG.
2
Data Sheet D14650EJ2V0DS
2SJ605
!
TYPICAL CHARACTERISTICS (TA = 25C)
DERATING FACTOR OF FORWARD BIAS SAFE OPERATING AREA 120 TOTAL POWER DISSIPATION vs. CASE TEMPERATURE
dT - Percentage of Rated Power - %
PT - Total Power Dissipation - W
0 20 40 60 80 100 120 140 160
100 80 60 40 20 0
100 80 60 40 20 0
0
20
40
60
80
100
120 140
160
Tch - Channel Temperature - C
TC - Case Temperature - C
FORWARD BIAS SAFE OPERATING AREA -1000 ID(pulse)
ID - Drain Current - A
PW =1
-100
(on )
10
0
0
s
Lim
d ite
ID(DC)
Po Lim wer ite Dis d
1m
s
-10
R
DS
10
sip ati
DC
s
ms
on
-1 TC = 25C Single Pulse -1 -10 -100
-0.1 -0.1
VDS - Drain to Source Voltage - V
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH 1000
rth(t) - Transient Thermal Resistance - C/W
100
Rth(ch-A) = 83.3C/W
10
1
Rth(ch-C) = 1.25C/W
0.1 Single Pulse 0.01 10 100 1m 10 m 100 m 1 10 100 1000
PW - Pulse Width - s
Data Sheet D14650EJ2V0DS
3
2SJ605
FORWARD TRANSFER CHARACTERISTICS -1000
DRAIN CURRENT vs. DRAIN TO SOURCE VOLTAGE -200
ID - Drain Current - A
-10
ID - Drain Current - A
-100
-150
VGS = -10 V
-1
TA = -55C 25C 75C 125C
-100
-4.5 V
-50
-4.0 V Pulsed
-0.1 -1
-2
-3
VDS = -10 V Pulsed -5 -4
0
0
-1
-2
-3
-4
-5
VGS - Gate to Source Voltage - V
VDS - Drain to Source Voltage - V
FORWARD TRANSFER ADMITTANCE vs. DRAIN CURRENT
| yfs | - Forward Transfer Admittance - S
RDS(on) - Drain to Source On-state Resistance - m
DRAIN TO SOURCE ON-STATE RESISTANCE vs. GATE TO SOURCE VOLTAGE 40 Pulsed 30 ID = -65 A 20 ID = -13 A ID = -33 A 10
1000
100
10 TA = 125C 75C 25C -50C VDS = -10 V Pulsed -0.1 -1 -10 ID - Drain Current - A -100
1
0.1 -0.01
0
0
-5
-10
-15
-20
VGS - Gate to Source Voltage - V
RDS(on) - Drain to Source On-state Resistance - m
DRAIN TO SOURCE ON-STATE RESISTANCE vs. DRAIN CURRENT 100 Pulsed
VGS(off) - Gate Cut-off Voltage - V
GATE CUT-OFF VOLTAGE vs. CHANNEL TEMPERATURE -4.0 VDS = -10 V ID = -1 mA
80 VGS = -4.0 V -4.5 V -10 V
-3.0
60
-2.0
40
20
-1.0
0
0 -1 -10 -100 -1000 ID - Drain Current - A
-50
0
50
100
150
Tch - Channel Temperature - C
4
Data Sheet D14650EJ2V0DS
2SJ605
RDS(on) - Drain to Source On-state Resistance - m
DRAIN TO SOURCE ON-STATE RESISTANCE vs. CHANNEL TEMPERATURE 50 Pulsed
SOURCE TO DRAIN DIODE FORWARD VOLTAGE -1000
ISD - Diode Forward Current - A
Pulsed
40 VGS = -4.0 V -4.5 V -10 V
-100 VGS = -10 V -10 -4 V 0V
30
20
10 ID= -33A -50 0 50 100 150
-1
0
-0.1
0
-0.5
-1.0
-1.5
-2.0
Tch - Channel Temperature - C
VSD - Source to Drain Voltage - V
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE 100000
Ciss, Coss, Crss - Capacitance - pF td(on), tr, td(off), tf - Switching Time - ns
SWITCHING CHARACTERISTICS 1000 VDD = -30 V RG = 0 VGS = -10 V td(off) 100 tf td(on) 10 tr
VGS = 0 V f = 1 MHz
10000 Ciss
1000 Coss Crss 100 -0.1 -1 -10 -100
1 -0.1
-1
-10
-100
VDS - Drain to Source Voltage - V
ID - Drain Current - A
DYNAMIC INPUT/OUTPUT CHARACTERISTICS -60
VDS - Drain to Source Voltage - V
SINGLE AVALANCHE CURRENT vs. INDUCTIVE LOAD -1000
ID = -65 A VDD = -48 V -30 V -12 V VGS
-12
VGS - Gate to Source Voltage - V
-50 -40 -30 -20 -10 0
-10 -8 -6 -4
IAS - Single Avalanche Current - A
-100
IAS = -45 A
EAS
-10 VDD = -30 V RG = 25 VGS = -20 0 V 100
= 20
3m
J
VDS
-2 0 100
0
20
40
60
80
-1 10
1m
10 m
QG - Gate Charge - nC
L - Inductive Load - H
Data Sheet D14650EJ2V0DS
5
2SJ605
SINGLE AVALANCHE ENERGY DERATING FACTOR 160 140
VDD = -30 V RG = 25 VGS = -20 0 V IAS -45 A
Energy Derating Factor - %
120 100 80 60 40 20 0 25
50
75
100
125
150
Starting Tch - Starting Channel Temperature - C
6
Data Sheet D14650EJ2V0DS
2SJ605
!
PACKAGE DRAWINGS(Unit: mm)
1) TO-220AB(MP-25) 2) TO-262(MP-25 Fin Cut)
1.00.5
3.00.3
10.6 MAX. 10.0 TYP.
4.8 MAX.
4.8 MAX. 1.30.2
3.60.2
5.9 MIN.
10 TYP. 1.30.2
15.5 MAX.
4 1 2 3
4 123
1.30.2
6.0 MAX.
1.30.2
12.7 MIN.
12.7 MIN.
8.50.2
0.750.3 2.54 TYP. 0.50.2 2.80.2
0.50.2 2.54 TYP. 1.Gate 2.Drain 3.Source 4.Fin (Drain)
2.80.2
0.750.1 2.54 TYP.
2.54 TYP. 1.Gate 2.Drain 3.Source 4.Fin (Drain)
3)
TO-263 (MP-25ZJ)
4) TO-220SMD(MP-25Z)
Note
10 TYP. 4
4.8 MAX. 1.30.2
10 TYP. 4
4.8 MAX. 1.30.2
1.00.5
8.50.2
1.00.5
1 1.40.2 0.70.2 2.54 TYP.
2
3
1
TY P.
P TY .
2
3
1.10.4
5.70.4
3.00.5
8.50.2
P. TY P. .5R TY 0 R 0.8
1.40.2 0.50.2 0.750.3 2.54 TYP.
R 0.5
2.54 TYP.
0.8
R
2.54 TYP.
0.50.2
2.80.2
Note This package is produced only in Japan.
EQUIVALENT CIRCUIT
Drain
Remark
Gate Body Diode
The diode connected between the gate and source of the transistor serves as a protector against ESD. When this device actually used, an additional protection circuit is externally required if a voltage exceeding the rated voltage may be applied to this device.
Gate Protection Diode
Source
2.80.2
1.Gate 2.Drain 3.Source 4.Fin (Drain)
1.Gate 2.Drain 3.Source 4.Fin (Drain)
Data Sheet D14650EJ2V0DS
7


▲Up To Search▲   

 
Price & Availability of 2SJ605

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X