Part Number Hot Search : 
SB315 AA112 23DGG RN4910FE LT1813 Z1021AI C1250 8800V
Product Description
Full Text Search
 

To Download 2SJ604 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
MOS FIELD EFFECT TRANSISTOR
2SJ604
SWITCHING P-CHANNEL POWER MOS FET
DESCRIPTION
The 2SJ604 is P-channel MOS Field Effect Transistor designed for solenoid, motor and lamp driver.
ORDERING INFORMATION
PART NUMBER 2SJ604 2SJ604-S 2SJ604-ZJ 2SJ604-Z PACKAGE TO-220AB TO-262 TO-263 TO-220SMD
Note
FEATURES
* Super low on-state resistance: RDS(on)1 = 30 m MAX. (VGS = -10 V, ID = -23 A) RDS(on)2 = 43 m MAX. (VGS = -4.0 V, ID = -23 A) * Low input capacitance: Ciss = 3300 pF TYP. (VDS = -10 V, VGS = 0 V) * Built-in gate protection diode
Note TO-220SMD package is produced only in Japan
(TO-220AB)
ABSOLUTE MAXIMUM RATINGS (TA = 25C)
Drain to Source Voltage (VGS = 0 V) Gate to Source Voltage (VDS = 0 V) Drain Current (DC) (TC = 25C) Drain Current (pulse)
Note1
VDSS VGSS ID(DC) ID(pulse) PT PT Tch Tstg
-60
V V A A W W C C A mJ (TO-262)
m 20 m 45 m 120
70 1.5 150 -55 to +150 -35 123
Total Power Dissipation (TC = 25C) Total Power Dissipation (TA = 25C) Channel Temperature Storage Temperature Single Avalanche Current Single Avalanche Energy
Note2 Note2
IAS EAS
Notes 1. PW 10 s, Duty cycle 1% 2. Starting Tch = 25C, VDD = -30 V, RG = 25 , VGS = -20 0 V (TO-263, TO-220SMD)
The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for availability and additional information.
Document No. D14649EJ3V0DS00 (3rd edition) Date Published July 2002 NS CP(K) Printed in Japan
The mark 5 shows major revised points.
(c)
2000, 2001
2SJ604
ELECTRICAL CHARACTERISTICS (TA = 25C)
CHARACTERISTICS Zero Gate Voltage Drain Current Gate Leakage Current Gate Cut-off Voltage Forward Transfer Admittance Drain to Source On-state Resistance SYMBOL IDSS IGSS VGS(off) | yfs | RDS(on)1 RDS(on)2 Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Total Gate Charge Gate to Source Charge Gate to Drain Charge Body Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Ciss Coss Crss td(on) tr td(off) tf QG QGS QGD VF(S-D) trr Qrr VDD= -48 V VGS = -10 V ID = -45 A IF = 45 A, VGS = 0 V IF = 45 A, VGS = 0 V di/dt = 100 A / s TEST CONDITIONS VDS = -60 V, VGS = 0 V VGS = MIN. TYP. MAX. -10 UNIT
A A
V S
m 20 V, VDS = 0 V
-1.5 20 -2.0 41 23 30 3300 580 230 12 11 77 52 63 11 16 1.0 51 105
m 10
-2.5
VDS = -10 V, ID = -1 mA VDS = -10 V, ID = -23 A VGS = -10 V, ID = -23 A VGS = -4.0 V, ID = -23 A VDS = -10 V VGS = 0 V f = 1 MHz VDD = -30 V, ID = -23 A VGS = -10 V RG = 0
30 43
m m pF pF pF ns ns ns ns nC nC nC V ns nC
TEST CIRCUIT 1 AVALANCHE CAPABILITY
D.U.T. RG = 25 PG. VGS = -20 0 V - ID VDD BVDSS VDS 50 L VDD
TEST CIRCUIT 2 SWITCHING TIME
D.U.T. RL PG. RG VDD VDS (-)
90% 90% 10% 10%
VGS (-) VGS
Wave Form
0
10%
VGS
90%
IAS
VGS (-) 0 = 1 s Duty Cycle 1%
VDS VDS
Wave Form
0
td(on) ton
tr
td(off) toff
tf
Starting Tch
TEST CIRCUIT 3 GATE CHARGE
D.U.T. IG = -2 mA 50 RL VDD
PG.
2
Data Sheet D14649EJ3V0DS
2SJ604
TYPICAL CHARACTERISTICS (TA = 25C)
DERATING FACTOR OF FORWARD BIAS SAFE OPERATING AREA 100
TOTAL POWER DISSIPATION vs. CASE TEMPERATURE
dT - Percentage of Rated Power - %
100 80 60 40 20 0
PT - Total Power Dissipation - W
0 20 40 60 80 100 120 140 160
80
60
40
20
0 0
20
40
60
80
100
120 140
160
Tch - Channel Temperature - C
TC - Case Temperature - C
FORWARD BIAS SAFE OPERATING AREA -1000
PW
10 0 s
ID(pulse)
ID - Drain Current - A
-100
)
=1
0 s
-10
R
DS
(on
Lim
i
ted
ID(DC)
D Po C Lim wer ite Dis s d
10
ipa tio
ms
1m
s
n
-1 TC = 25C Single Pulse -1 -10 -100
-0.1 -0.1
VDS - Drain to Source Voltage - V
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH 1000
rth(t) - Transient Thermal Resistance - C/W
100
Rth(j-A) = 83.3C/W
10 Rth(j-C) = 1.79C/W 1
0.1 Single Pulse 0.01 10 100 1m 10 m 100 m 1 10 100 1000
PW - Pulse Width - s
Data Sheet D14649EJ3V0DS
3
2SJ604
FORWARD TRANSFER CHARACTERISTICS -1000 -120
DRAIN CURRENT vs. DRAIN TO SOURCE VOLTAGE
VGS = -10 V -100
ID - Drain Current - A
ID - Drain Current - A
-100
-80 -4.5 V -60 -40 -20 0 Pulsed -5 -4.0 V
-10 TA = -55C 25C 75C 125C VDS = -10 V Pulsed -2 -3 -4 -5 VGS - Gate to Source Voltage - V
-1
-0.1 -1
0
-1
-2
-3
-4
VDS - Drain to Source Voltage - V
| yfs | - Forward Transfer Admittance - S
100
RDS(on) - Drain to Source On-state Resistance - m
FORWARD TRANSFER ADMITTANCE vs. DRAIN CURRENT
DRAIN TO SOURCE ON-STATE RESISTANCE vs. GATE TO SOURCE VOLTAGE 80 Pulsed 60 ID = -45 A -23 A -9 A
10 TA = 125C 75C 25C -55C
1
40
0.1 VDS = -10 V Pulsed -0.1 -1 -10 -100 ID - Drain Current - A
20
0.01 -0.01
0 0 -5 -10 -15 -20 VGS - Gate to Source Voltage - V
RDS(on) - Drain to Source On-state Resistance - m
DRAIN TO SOURCE ON-STATE RESISTANCE vs. DRAIN CURRENT 80 Pulsed
GATE CUT-OFF VOLTAGE vs. CHANNEL TEMPERATURE -4.0
VGS(off) - Gate Cut-off Voltage - V
VDS = -10 V ID = -1 mA
60 VGS = -4.0 V -4.5 V -10 V
-3.0
40
-2.0
20
-1.0
0 -1
-10
-100
-1000
0
-50
0
50
100
150
ID - Drain Current - A
Tch - Channel Temperature - C
4
Data Sheet D14649EJ3V0DS
2SJ604
RDS(on) - Drain to Source On-state Resistance - m
DRAIN TO SOURCE ON-STATE RESISTANCE vs. CHANNEL TEMPERATURE 60 Pulsed 50 40 -10 V 30 20 10 0 -50 ID = -23 A 150 VGS = -4.0 V -4.5 V
SOURCE TO DRAIN DIODE FORWARD VOLTAGE -1000 Pulsed
ISD - Diode Forward Current - A
-100 VGS = -10 V -10 -4.0 V 0V -1
0
50
100
-0.1 0
-0.5
-1.0
-1.5
Tch - Channel Temperature - C
VSD - Source to Drain Voltage - V
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE 10000 1000 Ciss
SWITCHING CHARACTERISTICS
td(on), tr, td(off), tf - Switching Time - ns
Ciss, Coss, Crss - Capacitance - pF
VDD = -30 V VGS = -10 V RG = 0 td(off)
1000 Coss
100 tf td(on) 10 tr
100
Crss
10 -0.1
VGS = 0 V f = 1 MHz -1 -10 -100
1 -0.1
-1
-10
-100
VDS - Drain to Source Voltage - V
ID - Drain Current - A
REVERSE RECOVERY TIME vs. DRAIN CURRENT 1000
DYNAMIC INPUT/OUTPUT CHARACTERISTICS -60 ID = -45 A VDD = -48 V -30 V -12 V -12 -10 -8 -6 -4 -2 0 70
VDS - Drain to Source Voltage - V
trr - Reverse Recovery Time - ns
-50 -40 -30 -20 -10 0 0
100
VGS
10
VDS 10 20 30 40 50 60
1 0.1
1
10
100
ID - Drain Current - A
QG - Gate Charge - nC
Data Sheet D14649EJ3V0DS
VGS - Gate to Source Voltage - V
di/dt = 100 A/ s VGS = 0 V
5
2SJ604
SINGLE AVALANCHE CURRENT vs. INDUCTIVE LOAD 100 160 IAS = -35 A
=1 23
SINGLE AVALANCHE ENERGY DERATING FACTOR
VDD = -30 V RG = 25 VGS = -20 0 V IAS -35 A
IAS - Single Avalanche Current - A
Energy Derating Factor - %
10 m
EAS
140
mJ
120 100 80 60 40 20
10
1 VDD = -30 V RG = 25 VGS = -20 0 V 100 1m
0.1 10
0 25
50
75
100
125
150
L - Inductive Load - H
Starting Tch - Starting Channel Temperature - C
6
Data Sheet D14649EJ3V0DS
2SJ604
5 PACKAGE DRAWINGS (Unit: mm) 1) TO-220AB (MP-25)
3.00.3
10.6 MAX. 10.0 TYP. 4.8 MAX.
2) TO-262 (MP-25 Fin Cut)
1.00.5
3.60.2
5.9 MIN.
4.8 MAX. 1.30.2
1.30.2
10 TYP.
15.5 MAX.
4 1
2 3
4 123
6.0 MAX.
1.30.2
1.30.2
12.7 MIN.
12.7 MIN.
8.50.2
0.750.1 2.54 TYP.
0.50.2 2.54 TYP.
1.Gate 2.Drain 3.Source 4.Fin (Drain)
2.80.2
0.750.3 2.54 TYP.
0.50.2
2.54 TYP.
2.80.2
1.Gate 2.Drain 3.Source 4.Fin (Drain)
3) TO-263 (MP-25ZJ)
10 TYP. 4 4.8 MAX. 1.30.2
4) TO-220SMD (MP-25Z)
10 TYP. 4
Note
4.8 MAX. 1.30.2
1.00.5
8.50.2
1.00.5
1 1.40.2 0.70.2 2.54 TYP.
2
3
1
TY P.
T . YP
2
3
1.10.4
5.70.4
3.00.5
8.50.2
1.40.2 0.50.2 0.750.3 2.54 TYP.
0
.5R
2.54 TYP.
0.8
R
.8 2.54 TYP. 0
0
.5R
TY
R
P. P. TY
0.50.2
2.80.2
Note This package is produced only in Japan.
EQUIVALENT CIRCUIT
Drain
Gate
Body Diode
Remark The diode connected between the gate and source of the transistor serves as a protector against ESD. When this device actually used, an additional protection circuit is externally required if a voltage exceeding the rated voltage may be applied to this device.
Gate Protection Diode
Source
2.80.2
1.Gate 2.Drain 3.Source 4.Fin (Drain)
1.Gate 2.Drain 3.Source 4.Fin (Drain)
Data Sheet D14649EJ3V0DS
7


▲Up To Search▲   

 
Price & Availability of 2SJ604

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X