Part Number Hot Search : 
9904BSA P6SMB7 HPTA0700 1H101 2N519406 15402 SC503 N74F823N
Product Description
Full Text Search
 

To Download XC18V512 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 0
R
XC18V00 Series In-System Programmable Configuration PROMs
0
DS026 (v4.1) December 15, 2003
0
Product Specification
Features
* In-system programmable 3.3V PROMs for configuration of Xilinx FPGAs - Endurance of 20,000 program/erase cycles Program/erase over full commercial/industrial voltage and temperature range (-40C to +85C) IEEE Std 1149.1 boundary-scan (JTAG) support Simple interface to the FPGA Cascadable for storing longer or multiple bitstreams Low-power advanced CMOS FLASH process -
*
Dual configuration modes Serial Slow/Fast configuration (up to 33 MHz) - Parallel (up to 264 Mb/s at 33 MHz) 5V tolerant I/O pins accept 5V, 3.3V and 2.5V signals 3.3V or 2.5V output capability Available in PC20, SO20, PC44, and VQ44 packages Design support using the Xilinx Alliance and Foundation series software packages. JTAG command initiation of standard FPGA configuration
* * * *
* * * * *
Description
Xilinx introduces the XC18V00 series of in-system programmable configuration PROMs (Figure 1). Devices in this 3.3V family include a 4-megabit, a 2-megabit, a 1-megabit, and a 512-kilobit PROM that provide an easy-to-use, cost-effective method for re-programming and storing Xilinx FPGA configuration bitstreams. When the FPGA is in Master Serial mode, it generates a configuration clock that drives the PROM. A short access time after CE and OE are enabled, data is available on the PROM DATA (D0) pin that is connected to the FPGA DIN pin. New data is available a short access time after each rising clock edge. The FPGA generates the appropriate number of clock pulses to complete the configuration. When the FPGA is in Slave Serial mode, the PROM and the FPGA are clocked by an external clock.
CLK CE
When the FPGA is in Master-SelectMAP mode, the FPGA generates a configuration clock that drives the PROM. When the FPGA is in Slave-Parallel or Slave-SelectMAP Mode, an external oscillator generates the configuration clock that drives the PROM and the FPGA. After CE and OE are enabled, data is available on the PROMs DATA (D0-D7) pins. New data is available a short access time after each rising clock edge. The data is clocked into the FPGA on the following rising edge of the CCLK. A free-running oscillator can be used in the Slave-Parallel or Slave-SelecMAP modes. Multiple devices can be concatenated by using the CEO output to drive the CE input of the following device. The clock inputs and the DATA outputs of all PROMs in this chain are interconnected. All devices are compatible and can be cascaded with other members of the family or with the XC17V00 one-time programmable Serial PROM family.
OE/Reset
TCK TMS TDI TDO
Control and JTAG Interface
Data Memory Address Data Serial or Parallel Interface
7
CEO D0 DATA Serial or Parallel Mode D[1:7] Parallel Interface
CF
DS026_01_090502
Figure 1: XC18V00 Series Block Diagram
(c)2003 Xilinx, Inc. All rights reserved. All Xilinx trademarks, registered trademarks, patents, and further disclaimers are as listed at http://www.xilinx.com/legal.htm. All other trademarks and registered trademarks are the property of their respective owners. All specifications are subject to change without notice. NOTICE OF DISCLAIMER: Xilinx is providing this design, code, or information "as is." By providing the design, code, or information as one possible implementation of this feature, application, or standard, Xilinx makes no representation that this implementation is free from any claims of infringement. You are responsible for obtaining any rights you may require for your implementation. Xilinx expressly disclaims any warranty whatsoever with respect to the adequacy of the implementation, including but not limited to any warranties or representations that this implementation is free from claims of infringement and any implied warranties of merchantability or fitness for a particular purpose.
DS026 (v4.1) December 15, 2003 Product Specification
www.xilinx.com 1-800-255-7778
1
XC18V00 Series In-System Programmable Configuration PROMs
R
Pinout and Pin Description
Table 1 provides a list of the pin names and descriptions for the 44-pin VQFP and PLCC and the 20-pin SOIC and PLCC packages. Table 1: Pin Names and Descriptions Pin Name D0 Boundary Scan Order 4 3 D1 6 5 D2 2 1 D3 8 7 D4 24 23 D5 10 9 D6 17 16 D7 14 13 CLK 0 44-pin VQFP 40 44-pin PLCC 2 20-pin SOIC & PLCC 1
Function DATA OUT OUTPUT ENABLE DATA OUT OUTPUT ENABLE DATA OUT OUTPUT ENABLE DATA OUT OUTPUT ENABLE DATA OUT OUTPUT ENABLE DATA OUT OUTPUT ENABLE DATA OUT OUTPUT ENABLE DATA OUT OUTPUT ENABLE DATA IN
Pin Description D0 is the DATA output pin to provide data for configuring an FPGA in serial mode.
D0-D7 are the output pins to provide parallel data for configuring a Xilinx FPGA in Slave-Parallel/SelectMap mode. D1-D7 remain in HIGHZ state when the PROM operates in serial mode. D1-D7 can be left unconnected when the PROM is used in serial mode.
29
35
16
42
4
2
27
33
15
9
15
7(1)
25
31
14
14
20
9
19
25
12
Each rising edge on the CLK input increments the internal address counter if both CE is Low and OE/RESET is High. When Low, this input holds the address counter reset and the DATA output is in a high-impedance state. This is a bidirectional open-drain pin that is held Low while the PROM is reset. Polarity is NOT programmable. When CE is High, the device is put into low-power standby mode, the address counter is reset, and the DATA pins are put in a high-impedance state.
43
5
3
OE/ RESET
20 19 18
DATA IN DATA OUT OUTPUT ENABLE DATA IN
13
19
8
CE
15
15
21
10
2
www.xilinx.com 1-800-255-7778
DS026 (v4.1) December 15, 2003 Product Specification
R
XC18V00 Series In-System Programmable Configuration PROMs
Table 1: Pin Names and Descriptions (Continued) Pin Name CF Boundary Scan Order 22 21 44-pin VQFP 10 44-pin PLCC 16 20-pin SOIC & PLCC 7(1)
Function DATA OUT OUTPUT ENABLE DATA OUT OUTPUT ENABLE
Pin Description Allows JTAG CONFIG instruction to initiate FPGA configuration without powering down FPGA. This is an open-drain output that is pulsed Low by the JTAG CONFIG command. Chip Enable Output (CEO) is connected to the CE input of the next PROM in the chain. This output is Low when CE is Low and OE/RESET input is High, AND the internal address counter has been incremented beyond its Terminal Count (TC) value. CEO returns to High when OE/RESET goes Low or CE goes High. GND is the ground connection.
CEO
12 11
21
27
13
GND TMS MODE SELECT
6, 18, 28 & 41 5
3, 12, 24 & 34 11
11 5
The state of TMS on the rising edge of TCK determines the state transitions at the Test Access Port (TAP) controller. TMS has an internal 50K ohm resistive pull-up on it to provide a logic "1" to the device if the pin is not driven. This pin is the JTAG test clock. It sequences the TAP controller and all the JTAG test and programming electronics. This pin is the serial input to all JTAG instruction and data registers. TDI has an internal 50K ohm resistive pull-up on it to provide a logic "1" to the system if the pin is not driven. This pin is the serial output for all JTAG instruction and data registers. TDO has an internal 50K ohm resistive pull-up on it to provide a logic "1" to the system if the pin is not driven. Positive 3.3V supply voltage for internal logic. Positive 3.3V or 2.5V supply voltage connected to the input buffers(2) and output voltage drivers. No connects.
TCK
CLOCK
7
13
6
TDI
DATA IN
3
9
4
TDO
DATA OUT
31
37
17
VCCINT VCCO
17, 35 & 38(3) 8, 16, 26 & 36 1, 2, 4, 11, 12, 20, 22, 23, 24, 30, 32, 33, 34, 37, 39, 44
23, 41 & 44(3) 14, 22, 32 & 42 1, 6, 7, 8, 10, 17, 18, 26, 28, 29, 30, 36, 38, 39, 40, 43
18 & 20(3) 19
NC
Notes:
1. 2. 3. By default, pin 7 is the D4 pin in the 20-pin packages. However, CF --> D4 programming option can be set to override the default and route the CF function to pin 7 in the Serial mode. For devices with IDCODES 0502x093h, the input buffers are supplied by VCCINT. For devices with IDCODES, 0503x093h, these VCCINT pins are no connects: pin 38 in 44-pin VQFP package, pin 44 in 44-pin PLCC package and pin 20 in 20-pin SOIC and20-pin PLCC packages.
DS026 (v4.1) December 15, 2003 Product Specification
www.xilinx.com 1-800-255-7778
3
XC18V00 Series In-System Programmable Configuration PROMs
R
Pinout Diagrams
DATA(D0) D2 CLK TDI TMS TCK CF/D4* OE/RESET D6 CE 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11
NC CLK D2 GND D0 NC VCCINT* NC VCCO VCCINT* NC
18 19 20 21 22 23 24 25 26 27 28
3 2 1 20 19
CLK D2 D0 VCCINT* VCCO
18
NC NC TDI NC TMS GND TCK VCCO D4 CF NC
7 8 9 10 11 12 13 14 15 16 17
PC44 Top View
39 38 37 36 35 34 33 32 31 30 29
NC NC TDO NC D1 GND D3 VCCO D5 NC NC
SO20 Top View
VCCINT* VCCO VCCINT* TDO D1 D3 D5 CEO D7 GND
DS026_14_060403
6 5 4 3 2 1 44 43 42 41 40
*See pin descriptions.
*See pin descriptions.
DS026_12_060403
*See pin descriptions.
NC CLK D2 GND D0 NC VCCINT* NC VCCO VCCINT* NC
D6 CE GND D7 CEO
9 10 11 12 13
TDI TMS TCK D4/CF* OE/RESET
4 5 6 7 8
PC20 17 Top View 16
15 14
VCCINT* TDO D1 D3 D5
NC OE/RESET D6 CE VCCO VCCINT* GND D7 NC CEO NC
DS026_15_060403
NC NC TDI NC TMS GND TCK VCCO D4 CF NC
1 2 3 4 5 6 7 8 9 10 11
44 43 42 41 40 39 38 37 36 35 34
VQ44 Top View
33 32 31 30 29 28 27 26 25 24 23
NC NC TDO NC D1 GND D3 VCCO D5 NC NC
NC OE/RESET D6 CE VCCO VCCINT* GND D7 NC CEO NC
4
12 13 14 15 16 17 18 19 20 21 22
*See pin descriptions.
DS026_13_060403
www.xilinx.com 1-800-255-7778
DS026 (v4.1) December 15, 2003 Product Specification
R
XC18V00 Series In-System Programmable Configuration PROMs
Xilinx FPGAs and Compatible PROMs
Table 2 provides a list of Xilinx FPGAs and compatible PROMs. Table 2: Xilinx FPGAs and Compatible PROMs Device XC2VP2 XC2VP4 XC2VP7 XC2VP20 XC2VP30 XC2VP40 XC2VP50 XC2VP70 XC2VP100 XC2VP125 XC2V40 XC2V80 XC2V250 XC2V500 XC2V1000 XC2V1500 XC2V2000 XC2V3000 XC2V4000 XC2V6000 XC2V8000 XCV50 XCV100 XCV150 XCV200 XCV300 XCV400 XCV600 Configuration Bits 1,305,440 3,006,560 4,485,472 8,214,624 11,364,608 15,563,264 19,021,472 25,604,096 33,645,312 42,782,208 360,096 635,296 1,697,184 2,761,888 4,082,592 5,659,296 7,492,000 10,494,368 15,659,936 21,849,504 29,063,072 559,200 781,216 1,040,096 1,335,840 1,751,808 2,546,048 3,607,968 XC18V00 Solution XC18V02 XC18V04 XC18V04 + XC18V512 2 of XC18V04 3 of XC18V04 4 of XC18V04 5 of XC18V04 6 of XC18V04 + XC18V512 8 of XC18V04 + XC18V512 10 of XC18V04 + XC18V01 XC18V512 XC18V01 XC18V02 XC18V04 XC18V04 XC18V04 + XC18V02 2 of XC18V04 3 of XC18V04 4 of XC18V04 5 of XC18V04 + XC18V02 7 of XC18V04 XC18V01 XC18V01 XC18V01 XC18V02 XC18V02 XC18V04 XC18V04 Table 2: Xilinx FPGAs and Compatible PROMs Device XCV800 XCV1000 XCV50E XCV100E XCV200E XCV300E XCV400E XCV405E XCV600E XCV812E XCV1000E XCV1600E XCV2000E XCV2600E XCV3200E XC2S15 XC2S30 XC2S50 XC2S100 XC2S150 XC2S200 XC2S50E XC2S100E XC2S150E XC2S200E XC2S300E XC2S400E XC2S600E XC3S50 XC3S200 XC3S400 XC3S1000 Configuration Bits 4,715,616 6,127,744 630,048 863,840 1,442,016 1,875,648 2,693,440 3,430,400 3,961,632 6,519,648 6,587,520 8,308,992 10,159,648 12,922,336 16,283,712 197,696 336,768 559,200 781,216 1,040,096 1,335,840 630,048 863,840 1,134,496 1,442,016 1,875,648 2,693,440 3,961,632 439,264 1,047,616 1,699,136 3,223,488 XC18V00 Solution XC18V04 + XC18V512 XC18V04 + XC18V02 XC18V01 XC18V01 XC18V02 XC18V02 XC18V04 XC18V04 XC18V04 2 of XC18V04 2 of XC18V04 2 of XC18V04 3 of XC18V04 4 of XC18V04 4 of XC18V04 XC18V512 XC18V512 XC18V01 XC18V01 XC18V01 XC18V02 XC18V01 XC18V01 XC18V02 XC18V02 XC18V02 XC18V04 XC18V04 XC18V512 XC18V01 XC18V02 XC18V04
DS026 (v4.1) December 15, 2003 Product Specification
www.xilinx.com 1-800-255-7778
5
XC18V00 Series In-System Programmable Configuration PROMs Table 2: Xilinx FPGAs and Compatible PROMs Device XC3S1500 XC3S2000 XC3S4000 XC3S5000 Configuration Bits 5,214,784 7,673,024 11,316,864 13,271,936 XC18V00 Solution XC18V04 + XC18V01 2 of XC18V04 3 of XC18V04 3 of XC18V04 + XC18V01
R
protocol as shown in Figure 2. In-system programming offers quick and efficient design iterations and eliminates unnecessary package handling or socketing of devices. The Xilinx development system provides the programming data sequence using either Xilinx iMPACT software and a download cable, a third-party JTAG development system, a JTAG-compatible board tester, or a simple microprocessor interface that emulates the JTAG instruction sequence. The iMPACT software also outputs serial vector format (SVF) files for use with any tools that accept SVF format and with automatic test equipment. All outputs are held in a high-impedance state or held at clamp levels during in-system programming.
Capacity
Devices XC18V04 XC18V02 XC18V01 XC18V512 Configuration Bits 4,194,304 2,097,152 1,048,576 524,288
OE/RESET
The ISP programming algorithm requires issuance of a reset that causes OE to go Low.
External Programming
Xilinx reprogrammable PROMs can also be programmed by the Xilinx HW-130, Xilinx MultiPRO, or a third-party device programmer. This provides the added flexibility of using pre-programmed devices with an in-system programmable option for future enhancements and design changes.
In-System Programming
In-System Programmable PROMs can be programmed individually, or two or more can be daisy-chained together and programmed in-system via the standard 4-pin JTAG
V CCIN
T
GND
(a)
(b)
DS026_02_06/1103
Figure 2: In-System Programming Operation (a) Solder Device to PCB and (b) Program Using Download Cable
Reliability and Endurance
Xilinx in-system programmable products provide a guaranteed endurance level of 20,000 in-system program/erase cycles and a minimum data retention of 20 years. Each device meets all functional, performance, and data retention specifications within this endurance limit.
Design Security
The Xilinx in-system programmable PROM devices incorporate advanced data security features to fully protect the programming data against unauthorized reading via JTAG. Table 3 shows the security setting available.
6
www.xilinx.com 1-800-255-7778
DS026 (v4.1) December 15, 2003 Product Specification
R
XC18V00 Series In-System Programmable Configuration PROMs instruction scan sequence. In preparation for an instruction scan sequence, the instruction register is parallel loaded with a fixed instruction capture pattern. This pattern is shifted out onto TDO (LSB first), while an instruction is shifted into the instruction register from TDI. The detailed composition of the instruction capture pattern is illustrated in Figure 3. The ISP Status field, IR(4), contains logic "1" if the device is currently in ISP mode; otherwise, it contains logic "0". The Security field, IR(3), contains logic "1" if the device has been programmed with the security option turned on; otherwise, it contains logic "0".
IR[7:5] TDI-> Notes: 000 IR[4] ISP Status IR[3] Security IR[2] 0 IR[1:0] 01 ->TDO
The read security bit can be set by the user to prevent the internal programming pattern from being read or copied via JTAG. When set, it allows device erase. Erasing the entire device is the only way to reset the read security bit. Table 3: Data Security Options Default = Reset Read Allowed Program/Erase Allowed Verify Allowed Set Read Inhibited via JTAG Program/Erase Allowed Verify Inhibited
IEEE 1149.1 Boundary-Scan (JTAG)
The XC18V00 family is fully compliant with the IEEE Std. 1149.1 Boundary-Scan, also known as JTAG. A Test Access Port (TAP) and registers are provided to support all required boundary scan instructions, as well as many of the optional instructions specified by IEEE Std. 1149.1. In addition, the JTAG interface is used to implement in-system programming (ISP) to facilitate configuration, erasure, and verification operations on the XC18V00 device. Table 4 lists the required and optional boundary-scan instructions supported in the XC18V00. Refer to the IEEE Std. 1149.1 specification for a complete description of boundary-scan architecture and the required and optional instructions. Table 4: Boundary Scan Instructions
Boundary-Scan Command BYPASS SAMPLE/ PRELOAD EXTEST Binary Code [7:0] 11111111 00000001 00000000 Description Enables BYPASS Enables boundary-scan SAMPLE/PRELOAD operation Enables boundary-scan EXTEST operation Enables boundary-scan CLAMP operation all outputs in high-impedance state simultaneously Enables shifting out 32-bit IDCODE Enables shifting out 32-bit USERCODE Initiates FPGA configuration by pulsing CF pin Low once
1. IR(1:0) = 01 is specified by IEEE Std. 1149.1 Figure 3: Instruction Register Values Loaded into IR as Part of an Instruction Scan Sequence
Boundary Scan Register
The boundary-scan register is used to control and observe the state of the device pins during the EXTEST, SAMPLE/PRELOAD, and CLAMP instructions. Each output pin on the XC18V00 has two register stages that contribute to the boundary-scan register, while each input pin only has one register stage. For each output pin, the register stage nearest to TDI controls and observes the output state, and the second stage closest to TDO controls and observes the High-Z enable state of the pin. For each input pin, the register stage controls and observes the input state of the pin.
Required Instructions
Identification Registers
The IDCODE is a fixed, vendor-assigned value that is used to electrically identify the manufacturer and type of the device being addressed. The IDCODE register is 32 bits wide. The IDCODE register can be shifted out for examination by using the IDCODE instruction. The IDCODE is available to any other system component via JTAG. The IDCODE register has the following binary format:
vvvv:ffff:ffff:aaaa:aaaa:cccc:cccc:ccc1
Optional Instructions CLAMP HIGHZ IDCODE USERCODE 11111010 11111100 11111110 11111101
where v = the die version number f = the family code (50h for XC18V00 family) a = the ISP PROM product ID (36h for the XC18V04) c = the company code (49h for Xilinx) Note: The LSB of the IDCODE register is always read as logic "1" as defined by IEEE Std. 1149.1.
7
XC18V00 Specific Instructions CONFIG 11101110
Instruction Register
The Instruction Register (IR) for the XC18V00 is eight bits wide and is connected between TDI and TDO during an
DS026 (v4.1) December 15, 2003 Product Specification
www.xilinx.com 1-800-255-7778
XC18V00 Series In-System Programmable Configuration PROMs Table 5 lists the IDCODE register values for the XC18V00 devices. Table 5: IDCODES Assigned to XC18V00 Devices ISP-PROM XC18V01 XC18V02 XC18V04 XC18V512 IDCODE 05024093h or 05034093h 05025093h or 05035093h 05026093h or 05036093h 05023093h or 05033093h
R
the XC18V00 device. If the device is blank or was not loaded during programming, the USERCODE register contains FFFFFFFFh.
XC18V00 TAP Characteristics
The XC18V00 family performs both in-system programming and IEEE 1149.1 boundary-scan (JTAG) testing via a single 4-wire Test Access Port (TAP). This simplifies system designs and allows standard Automatic Test Equipment to perform both functions. The AC characteristics of the XC18V00 TAP are described as follows.
The USERCODE instruction gives access to a 32-bit user programmable scratch pad typically used to supply information about the device's programmed contents. By using the USERCODE instruction, a user-programmable identification code can be shifted out for examination. This code is loaded into the USERCODE register during programming of
TAP Timing
Figure 4 shows the timing relationships of the TAP signals. These TAP timing characteristics are identical for both boundary-scan and ISP operations.
TCKMIN1,2
TCK
TMSS TMSH
TMS
TDIS TDIH
TDI
TDOV
TDO
DS026_04_032702
Figure 4: Test Access Port Timing
TAP AC Parameters
Table 6 shows the timing parameters for the TAP waveforms shown in Figure 4. Table 6: Test Access Port Timing Parameters Symbol TCKMIN1 TCKMIN2 TMSS TMSH TDIS TDIH TDOV Parameter TCK minimum clock period TCK minimum clock period, Bypass Mode TMS setup time TMS hold time TDI setup time TDI hold time TDO valid delay Min 100 50 10 25 10 25 Max 25 Units ns ns ns ns ns ns ns
8
www.xilinx.com 1-800-255-7778
DS026 (v4.1) December 15, 2003 Product Specification
R
XC18V00 Series In-System Programmable Configuration PROMs
Connecting Configuration PROMs
Connecting the FPGA device with the configuration PROM (see Figure 5 and Figure 6). * * The DATA output(s) of the PROM(s) drives the DIN input of the lead FPGA device. The Master FPGA CCLK output drives the CLK input(s) of the PROM(s) (in Master-Serial and Master-SelectMAP modes only). The CEO output of a PROM drives the CE input of the next PROM in a daisy chain (if any). The OE/RESET pins of all PROMs are connected to the INIT pins of all FPGA devices. This connection assures that the PROM address counter is reset before the start of any (re)configuration, even when a reconfiguration is initiated by a VCCINT glitch. The PROM CE input can be driven from the DONE pin. The CE input of the first (or only) PROM can be driven by the DONE output of all target FPGA devices, provided that DONE is not permanently grounded. CE can also be permanently tied Low, but this keeps the DATA output active and causes an unnecessary supply current of 10 mA maximum. Slave-Parallel/SelectMap mode is similar to slave serial mode. The DATA is clocked out of the PROM one byte per CCLK instead of one bit per CCLK cycle. See FPGA data sheets for special configuration requirements. through a user control register in the XC18V00 device. This control register is accessible through JTAG, and is set using the "Parallel mode" setting on the Xilinx iMPACT software. Serial output is the default configuration mode.
Master Serial Mode Summary
The I/O and logic functions of the Configurable Logic Block (CLB) and their associated interconnections are established by a configuration program. The program is loaded either automatically upon power up, or on command, depending on the state of the three FPGA mode pins. In Master Serial mode, the FPGA automatically loads the configuration program from an external memory. Xilinx PROMs are designed to accommodate the Master Serial mode. Upon power-up or reconfiguration, an FPGA enters the Master Serial mode whenever all three of the FPGA mode-select pins are Low (M0=0, M1=0, M2=0). Data is read from the PROM sequentially on a single data line. Synchronization is provided by the rising edge of the temporary signal CCLK, which is generated by the FPGA during configuration. Master Serial Mode provides a simple configuration interface. Only a serial data line, a clock line, and two control lines are required to configure an FPGA. Data from the PROM is read sequentially, accessed via the internal address and bit counters which are incremented on every valid rising edge of CCLK. If the user-programmable, dual-function DIN pin on the FPGA is used only for configuration, it must still be held at a defined level during normal operation. The Xilinx FPGA families take care of this automatically with an on-chip pull-up resistor.
* *
*
*
Initiating FPGA Configuration
The XC18V00 devices incorporate a pin named CF that is controllable through the JTAG CONFIG instruction. Executing the CONFIG instruction through JTAG pulses the CF low once for 300-500 ns, which resets the FPGA and initiates configuration. The CF pin must be connected to the PROGRAM pin on the FPGA(s) to use this feature. The iMPACT software can also issue a JTAG CONFIG command to initiate FPGA configuration through the "Load FPGA" setting. The 20-pin packages do not have a dedicated CF pin. For 20-pin packages, the CF --> D4 setting can be used to route the CF pin function to pin 7 only if the parallel output mode is not used.
Cascading Configuration PROMs
For multiple FPGAs configured as a serial daisy-chain, or a single FPGA requiring larger configuration memories in a serial or SelectMAP configuration mode, cascaded PROMs provide additional memory (Figure 5). Multiple XC18V00 devices can be concatenated by using the CEO output to drive the CE input of the downstream device. The clock inputs and the data outputs of all XC18V00 devices in the chain are interconnected. After the last data from the first PROM is read, the next clock signal to the PROM asserts its CEO output Low and drives its DATA line to a high-impedance state. The second PROM recognizes the Low level on its CE input and enables its DATA output. See Figure 7. After configuration is complete, address counters of all cascaded PROMs are reset if the PROM OE/RESET pin goes Low or CE goes High.
Selecting Configuration Modes
The XC18V00 accommodates serial and parallel methods of configuration. The configuration modes are selectable
DS026 (v4.1) December 15, 2003 Product Specification
www.xilinx.com 1-800-255-7778
9
XC18V00 Series In-System Programmable Configuration PROMs
R
VCCO
(See Note 2)
VCCO VCCINT
(See Note 2)
VCCO VCCINT
(See Note 2)
4.7K MODE PINS
(See Note 1)
MODE PINS
(See Note 1)
DIN VCCINT VCCO D0 VCCINT VCCO D0
DOUT
DIN
Xilinx FPGA
VCCO
(See Note 1)
Xilinx FPGA
4.7K
XC18V00 Cascaded PROM
1 2 3 4 TDI TMS TCK CLK CE CEO OE/RESET CF GND TDO GND TDI TMS TCK
XC18V00 First PROM
CLK CE CEO OE/RESET CF TDO
Master Serial
Slave Serial
J1
TDI TMS TCK TDO
CCLK DONE INIT PROGRAM TDI TMS TCK TDO
CCLK DONE INIT PROGRAM TDI TMS TCK TDO
Notes: 1For Mode pin connections and DONE pin pullup value, refer to appropriate FPGA data sheet. 2For compatible voltages, refer to the appropriate FPGA data sheet.
DS026_08_061003
Figure 5: Configuring Multiple Devices in Master/Slave Serial Mode
VCCO
(2)
(2)
VCCO VCCINT
VCCO VCCINT 4.7K D[0:7] (3) VCCINT VCCO (3) D[0:7] VCCINT VCCO D[0:7] (3)
(1)
(2)
MODE PINS
MODE PINS **D[0:7]
XC18V00 Cascaded PROM
1 2 3 4 TDI TMS TCK CLK CE CEO OE/RESET CF GND TDO GND TDI TMS TCK
XC18V00 First PROM
CLK CE CEO OE/RESET CF TDO
VCCO
(2)
Xilinx Virtex-II FPGA Master Serial/ SelectMAP
CCLK DONE INIT PROGRAM TDI TMS TCK TDO
4.7K
Xilinx Virtex-II FPGA Slave Serial/ SelectMAP
CCLK DONE INIT PROGRAM TDI TMS TCK TDO
(1)
J1
TDI TMS TCK TDO
Notes: 1 For Mode pin connections and DONE pin pullup value, refer to the appropriate FPGA data sheet. 2 For compatible voltges, refer to the appropriate FPGA data sheet. 3 Master/Slave Serial Mode does not require D[1:7] to be connected.
DS026_09_051003
Figure 6: Configuring Multiple Virtex-II Devices with Identical Patterns in Master/Slave or Serial/SelectMAP Modes
10 www.xilinx.com 1-800-255-7778 DS026 (v4.1) December 15, 2003 Product Specification
R
XC18V00 Series In-System Programmable Configuration PROMs
DOUT
OPTIONAL Daisy-chained FPGAs with different configurations Vcco(2) 4.7K Vcco(2) OPTIONAL Slave FPGAs with identical configurations (2) VCCINT VCCO
FPGA
Modes (1)
(2) VCCINT VCCO
(2) Vcco
4.7K DIN CCLK DONE INIT PROGRAM VCCINT VCCO DATA First CLK PROM CEO CE OE/RESET CF VCCINT VCCO DATA CLK CE OE/RESET CF Cascaded PROM
1 For Mode pin connections and Done pullup value, refer to the appropriate FPGA data sheet. 2 For compatible voltages, refer to the appropriate FPGA data sheet.
Notes:
(a) Master Serial Mode
I/O(1) I/O (1) Modes(2) CS WRITE 1K 1K Vcco(4) (2) CCLK PROGRAM D[0:7] DONE INIT Notes: 8 (4) Vcco 4.7K CLK D[0:7] CE OE/RESET CEO CF VCCINT VCCO XC18Vxx (4) Vcco 4.7K VCCINT VCCO XC18Vxx CLK D[0:7] CE OE/RESET CEO CF External Osc (3) VCCINT VCCO (4) (4) VCCINT VCCO
VIRTEX Select MAP NC BUSY
1 CS and WRITE must be either driven Low or pulled down externally. One option is shown. 2 For Mode pin connections and Done pullup value, refer to the appropriate FPGA data sheet. 3 External oscillator required for Virtex/Virtex-E SelectMAP or Virtex-II/Virtex-II Pro Slave-SelectMAP modes. 4 For compatible voltages, refer to the appropriate FPGA data sheet.
(b) Virtex/Virtex-E/Virtex-II/Virtex-II Pro SelectMAP Mode
I/O(1) I/O (1) Modes(2) CS WRITE 1K 1K Vcco (4) (2) CCLK PROGRAM D[0:7] DONE INIT 8 Vcco(4) 3.3K CLK D[0:7] CE OE/RESET CF VCCINT VCCO XC18Vxx (4) VCCINT 4.7K External Osc (3) (4) VCCINT VCCO
Spartan-II, Spartan-IIE NC BUSY
Notes: 1 CS and WRITE must be pulled down to be used as I/O. One option is shown. 2 For Mode pin connections and Done pullup value and if Drive Done configuration option is not active, refer to the appropriate FPGA data sheet. 3 External oscillator required for Spartan-II/Spartan-IIE Slave-Parallel modes. 4 For compatible voltages, refer to the appropriate FPGA data sheet.
(c) Spartan-II/Spartan-IIE Slave-Parallel Mode
DS026_05_060403
Figure 7: (a) Master Serial Mode (b) Virtex/Virtex-E/Virtex-II Pro SelectMAP Mode (c) Spartan-II/Spartan-IIE Slave-Parallel Mode (dotted lines indicate optional connection)
DS026 (v4.1) December 15, 2003 Product Specification
www.xilinx.com 1-800-255-7778
11
XC18V00 Series In-System Programmable Configuration PROMs
R
Reset Activation
On power up, OE/RESET is held low until the XC18V00 is active (1 ms). OE/RESET is connected to an external 4.7k resistor to pull OE/RESET HIGH releasing the FPGA INIT and allowing configuration to begin. If the power drops below 2.0V, the PROM resets. OE/RESET polarity is not programmable. See Figure 8 for power-up requirements. external pull-up resistor should be used. Typically a 330 pull-up resistor is used, but refer to the appropriate FPGA data sheet for the recommended DONE pin pull-up value. If the DONE circuit is connected to an LED to indicate FPGA configuration is complete, and also connected to the PROM CE pin to enable low-power standby mode, then an external buffer should be used to drive the LED circuit to ensure valid transitions on the PROMs CE pin. If low-power standby mode is not required for the PROM, then the CE pin should be connected to ground.
3.6V
Recommended Operating Range
3.0V
Volts
Recommended VCCINT Rise Time
5V Tolerant I/Os
The I/Os on each re-programmable PROM are fully 5V tolerant even through the core power supply is 3.3V. This allows 5V CMOS signals to connect directly to the PROM inputs without damage. In addition, the 3.3V VCCINT power supply can be applied before or after 5V signals are applied to the I/Os. In mixed 5V/3.3V/2.5V systems, the user pins, the core power supply (VCCINT), and the output power supply (VCCO) can have power applied in any order. This makes the PROM devices immune to power supply sequencing issues.
0V 0ms 1ms Time (ms)
50ms
ds026_10_061103
Figure 8: VCCINT Power-Up Requirements
Standby Mode
The PROM enters a low-power standby mode whenever CE is asserted High. The address is reset. The output remains in a high-impedance state regardless of the state of the OE input. JTAG pins TMS, TDI and TDO can be in a high-impedance state or High. See Table 7. When using the FPGA DONE signal to drive the PROM CE pin High to reduce standby power after configuration, an Table 7: Truth Table for PROM Control Inputs Control Inputs OE/RESET High Low High Low CE Low Low High High Internal Address
Customer Control Bits
The XC18V00 PROMs have various control bits accessible by the customer. These can be set after the array has been programmed using "Skip User Array" in Xilinx iMPACT software. The iMPACT software can set these bits to enable the optional JTAG read security, parallel configuration mode, or CF-->D4 pin function. See Table 7.
Outputs DATA Active High-Z High-Z High-Z High-Z CEO High Low High High High ICC Active Reduced Active Standby Standby
If address < TC(1): increment If address > TC(1): don't change Held reset Held reset Held reset
Notes: 1. TC = Terminal Count = highest address value. TC + 1 = address 0.
12
www.xilinx.com 1-800-255-7778
DS026 (v4.1) December 15, 2003 Product Specification
R
XC18V00 Series In-System Programmable Configuration PROMs
Absolute Maximum Ratings(1,2)
Symbol VCCINT/VCCO VIN VTS TSTG TSOL TJ Description Supply voltage relative to GND Input voltage with respect to GND Voltage applied to High-Z output Storage temperature (ambient) Maximum soldering temperature (10s @ 1/16 in.) Junction temperature Value -0.5 to +4.0 -0.5 to +5.5 -0.5 to +5.5 -65 to +150 +220 +125 Units V V V C C C
Notes: 1. Maximum DC undershoot below GND must be limited to either 0.5V or 10 mA, whichever is easier to achieve. During transitions, the device pins can undershoot to -2.0V or overshoot to +7.0V, provided this over- or undershoot lasts less then 10 ns and with the forcing current being limited to 200 mA. 2. Stresses beyond those listed under Absolute Maximum Ratings might cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those listed under Operating Conditions is not implied. Exposure to Absolute Maximum Ratings conditions for extended periods of time might affect device reliability.
Recommended Operating Conditions
Symbol VCCINT VCCO VIL VIH VO TVCC TA Internal voltage supply Supply voltage for output drivers for 3.3V operation Supply voltage for output drivers for 2.5V operation Low-level input voltage High-level input voltage Output voltage VCCINT rise time from 0V to nominal voltage(1) Operating ambient temperature Parameter Min 3.0 3.0 2.3 0 2.0 0 1 -40 Max 3.6 3.6 2.7 0.8 5.5 VCCO 50 85 Units V V V V V V ms C
Notes: 1. At power up, the device requires the VCCINT power supply to monotonically rise from 0V to nominal voltage within the specified VCCINT rise time. If the power supply cannot meet this requirement, then the device might not perform power-on-reset properly. See Figure 8.
Quality and Reliability Characteristics
Symbol TDR NPE VESD Data retention Program/erase cycles (Endurance) Electrostatic discharge (ESD) Description Min 20 20,000 2,000 Max Units Years Cycles Volts
DS026 (v4.1) December 15, 2003 Product Specification
www.xilinx.com 1-800-255-7778
13
XC18V00 Series In-System Programmable Configuration PROMs
R
DC Characteristics Over Operating Conditions
Symbol VOH VOL ICC ICCS IILJ IIL Parameter High-level output voltage for 3.3V outputs High-level output voltage for 2.5V outputs Low-level output voltage for 3.3V outputs Low-level output voltage for 2.5V outputs Supply current, active mode Supply current, standby mode JTAG pins TMS, TDI, and TDO pull-up current Input leakage current VCCINT = MAX VIN = GND VCCINT = Max VIN = GND or VCCINT VCCINT = Max VIN = GND or VCCINT VIN = GND f = 1.0 MHz VOUT = GND f = 1.0 MHz Test Conditions IOH = -4 mA IOH = -500 A IOL = 8 mA IOL = 500 A 25 MHz Min 2.4 90% VCCO -10 Max 0.4 0.4 25 10 100 10 Units V V V V mA mA A A
IIH
Input and output High-Z leakage current
-10
10
A
CIN COUT
Input capacitance Output capacitance
-
8 14
pF pF
Notes: 1. Internal pull-up resistors guarantee valid logic levels at unconnected input pins. These pull-up resistors do not guarantee valid logic levels when input pins are connected to other circuits.
14
www.xilinx.com 1-800-255-7778
DS026 (v4.1) December 15, 2003 Product Specification
R
XC18V00 Series In-System Programmable Configuration PROMs
AC Characteristics Over Operating Conditions for XC18V04 and XC18V02
CE
TSCE THCE
OE/RESET
TLC THC TCYC THOE
CLK
TOE TCE TCAC TOH TDF
DATA
TOH
DS026_06_012000
Symbol TOE TCE TCAC TOH TDF TCYC TLC THC TSCE THCE THOE OE/RESET to data delay CE to data delay CLK to data delay
Description
Min 0 50 10 10 25 250 250
Max 10 20 20 25 -
Units ns ns ns ns ns ns ns ns ns ns ns
Data hold from CE, OE/RESET, or CLK CE or OE/RESET to data float delay(2) Clock periods CLK Low time(3) CLK High time(3) CE setup time to CLK (guarantees proper counting)(3) CE High time (guarantees counters are reset) OE/RESET hold time (guarantees counters are reset)
Notes: 1. AC test load = 50 pF. 2. Float delays are measured with 5 pF AC loads. Transition is measured at 200 mV from steady state active levels. 3. Guaranteed by design, not tested. 4. All AC parameters are measured with VIL = 0.0V and VIH = 3.0V. 5. If THCE High < 2 s, TCE = 2 s. 6. If THCE Low < 2 s, TOE = 2 s.
DS026 (v4.1) December 15, 2003 Product Specification
www.xilinx.com 1-800-255-7778
15
XC18V00 Series In-System Programmable Configuration PROMs
R
AC Characteristics Over Operating Conditions for XC18V01 and XC18V512
CE
TSCE THCE
OE/RESET
TLC THC TCYC THOE
CLK
TOE TCE TCAC TOH TDF
DATA
TOH
DS026_06_012000
Symbol TOE TCE TCAC TOH TDF TCYC TLC THC TSCE THCE THOE OE/RESET to data delay CE to data delay CLK to data delay
Description
Min 0 30 10 10 counting)(3) 20 250 250
Max 10 15 15 25 -
Units ns ns ns ns ns ns ns ns ns ns ns
Data hold from CE, OE/RESET, or CLK CE or OE/RESET to data float Clock periods CLK Low time(3) delay(2)
CLK High time(3) CE setup time to CLK (guarantees proper
CE High time (guarantees counters are reset) OE/RESET hold time (guarantees counters are reset)
Notes: 1. AC test load = 50 pF. 2. Float delays are measured with 5 pF AC loads. Transition is measured at 200 mV from steady state active levels. 3. Guaranteed by design, not tested. 4. All AC parameters are measured with VIL = 0.0V and VIH = 3.0V. 5. If THCE High < 2 s, TCE = 2 s. 6. If THOE High < 2 s, TOE = 2 s.
16
www.xilinx.com 1-800-255-7778
DS026 (v4.1) December 15, 2003 Product Specification
R
XC18V00 Series In-System Programmable Configuration PROMs
AC Characteristics Over Operating Conditions When Cascading for XC18V04 and XC18V02
OE/RESET
CE
CLK
TCDF TOCE First Bit TOOE
DATA
Last Bit TOCK
CEO
DS026_07_020300
Symbol TCDF TOCK TOCE TOOE
Description CLK to data float delay(2,3) CLK to CEO delay(3) CE to CEO delay(3) OE/RESET to CEO delay(3)
Min -
Max 25 20 20 20
Units ns ns ns ns
Notes: 1. AC test load = 50 pF. 2. Float delays are measured with 5 pF AC loads. Transition is measured at 200 mV from steady state active levels. 3. Guaranteed by design, not tested. 4. All AC parameters are measured with VIL = 0.0V and VIH = 3.0V.
DS026 (v4.1) December 15, 2003 Product Specification
www.xilinx.com 1-800-255-7778
17
XC18V00 Series In-System Programmable Configuration PROMs
R
AC Characteristics Over Operating Conditions When Cascading for XC18V01 and XC18V512
OE/RESET
CE
CLK
TCDF TOCE First Bit TOOE
DATA
Last Bit TOCK
CEO
DS026_07_020300
Symbol TCDF TOCK TOCE TOOE CLK to data float
Description delay(2,3)
Min -
Max 25 20 20 20
Units ns ns ns ns
CLK to CEO delay(3) CE to CEO delay(3)
OE/RESET to CEO delay(3)
Notes: 1. AC test load = 50 pF. 2. Float delays are measured with 5 pF AC loads. Transition is measured at 200 mV from steady state active levels. 3. Guaranteed by design, not tested. 4. All AC parameters are measured with VIL = 0.0V and VIH = 3.0V.
18
www.xilinx.com 1-800-255-7778
DS026 (v4.1) December 15, 2003 Product Specification
R
XC18V00 Series In-System Programmable Configuration PROMs
Ordering Information
XC18V04 VQ44 C
Device Number XC18V04 XC18V02 XC18V01 XC18V512 Package Type VQ44 = 44-pin Plastic Quad Flat Package PC44 = 44-pin Plastic Chip Carrier(1) SO20 = 20-pin Small-Outline Package(2) PC20 = 20-pin Plastic Leaded Chip Carrier(2)
Notes: 1. XC18V04 and XC18V02 only. 2. XC18V01 and XC18V512 only.
Operating Range/Processing C = (TA = -40C to +85C)
Valid Ordering Combinations
XC18V04VQ44C XC18V04PC44C XC18V02VQ44C XC18V02PC44C XC18V01VQ44C XC18V01PC20C XC18V01SO20C XC18V512VQ44C XC18V512PC20C XC18V512SO20C
Marking Information
44-pin Package Device Number XC18V04 XC18V02 XC18V01 XC18V512 Package Type VQ44 = 44-pin Plastic Quad Flat Package PC44 = 44-pin Plastic Leaded Chip Carrier(1)
Notes: 1. XC18V02 and XC18V04 only.
XC18V04 VQ44
Operating Range/Processing C = (TA = -40C to +85C)
20-pin Package(1) Due to the small size of the serial PROM packages, the complete ordering part number cannot be marked on the package. The XC prefix is deleted and the package code is simplified. Device marking is as follows:
18V01 S C
Device Number 18V01 18V512 Package Type S = 20-pin Small-Outline Package J = 20-pin Plastic Leaded Chip Carrier
Notes: 1. XC18V01 and XC18V512 only.
Operating Range/Processing C = (TA = -40C to +85C)
DS026 (v4.1) December 15, 2003 Product Specification
www.xilinx.com 1-800-255-7778
19
XC18V00 Series In-System Programmable Configuration PROMs
R
Revision History
The following table shows the revision history for this document. Date 2/9/99 8/23/99 9/1/99 9/16/99 01/20/00 02/18/00 04/04/00 06/29/00 11/13/00 Version 1.0 1.1 1.2 1.3 2.0 2.1 2.2 2.3 2.4 Revision First publication of this early access specification Edited text, changed marking, added CF and parallel load Corrected JTAG order, Security and Endurance data. Corrected SelectMAP diagram, control inputs, reset polarity. Added JTAG and CF description, 256 Kbit and 128 Kbit devices. Added Q44 Package, changed XC18xx to XC18Vxx Updated JTAG configuration, AC and DC characteristics Removed stand alone resistor on INIT pin in Figure 5. Added Virtex-E and EM parts to FPGA table. Removed XC18V128 and updated format. Added AC characteristics for XC18V01, XC18V512, and XC18V256 densities. Features: changed 264 MHz to 264 Mb/s at 33 MHz; AC Spec.: TSCE units to ns, THCE CE High time units to s. Removed Standby Mode statement: "The lower power standby modes available on some XC18V00 devices are set by the user in the programming software". Changed 10,000 cycles endurance to 20,000 cycles. Updated Figures 5 and 6, added 4.7 resistors. Identification registers: changes ISP PROM product ID from 06h to 26h. Updated Figure 6, Virtex SelectMAP mode; added XC2V products to Compatible PROM table; changed Endurance from 10,000 cycles, 10 years to 20,000, 20 years; Updated Figure 6: removed Virtex-E in Note 2, fixed SelectMAP mode connections. Under AC Characteristics Over Operating Conditions for XC18V04 and XC18V02, changed TSCE from 25 ms to 25 ns. AC Characteristics Over Operating Conditions for XC18V01 and XC18V512. Changed Min values for TSCE from 20 ms to 20 ns and for THCE from 2 ms to 2 s. Changed the boundary scan order for the CEO pin in Table 1, updated the configuration bits values in the table under Xilinx FPGAs and Compatible PROMs, and added information to the Recommended Operating Conditions table. Updated for Spartan-IIE FPGA family. Changed Figure 7(c). Updated Table 2 and Figure 6 for the Virtex-II Pro family of devices. Updated Xilinx software and modified Figure 6 and Figure 7. Made changes to pages 1-3, 5, 7-11, 13, 14, and 18. Added new Figure 8 and Figure 9. Made additions and changes to Table 2. Changed last bullet under Connecting Configuration PROMs, page 9. Multiple minor changes throughout, plus the addition of Pinout Diagrams, page 4 and the deletion of Figure 9. Made minor change on Figure 7 (b) and changed orientation of SO20 diagram on page 5. Added XC2S400E and XC2S600E to Table 2.
01/15/01 04/04/01 04/30/01
2.5 2.6 2.7
06/11/01 09/28/01
2.8 2.9
11/12/01 12/06/01 02/27/02 03/15/02 03/27/02 06/14/02 07/24/02 09/06/02 10/31/02 11/18/02
3.0 3.1 3.2 3.3 3.4 3.5 3.6 3.7 3.8 3.9
20
www.xilinx.com 1-800-255-7778
DS026 (v4.1) December 15, 2003 Product Specification
R
XC18V00 Series In-System Programmable Configuration PROMs
04/17/03 06/11/03
3.10 4.0
Changes to Description, External Programming, and Table 2. Added alternate IDCODES to Table 5, discontinued XC18V256 density, eliminated industrial ordering combinations, extended commercial temperature range, and added MultiPRO Desktop Tool support. Changed THOE and THCE to 250 ns in the tables on page 15 and page 16. Made change in capacitance values DC Characteristics Over Operating Conditions. Added Note 3 to Table 1. Other minor edits. * * Added specification (4.7k) for recommended pull-up resistor on OE/RESET pin to section Reset Activation, page 12. Added paragraph to section Standby Mode, page 12, concerning use of a pull-up resistor and/or buffer on the DONE pin.
12/15/03
4.1
DS026 (v4.1) December 15, 2003 Product Specification
www.xilinx.com 1-800-255-7778
21


▲Up To Search▲   

 
Price & Availability of XC18V512

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X