Part Number Hot Search : 
AS4028 ANTX1 PE2023 ARF1501 171ED 03515 S6B1400X 1100P
Product Description
Full Text Search
 

To Download UPA610TA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
MOS FIELD EFFECT TRANSISTOR
PA610TA
P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
DESCRIPTION
The PA610TA is a switching device which can be driven directly by a 2.5 V power source. The PA610TA has excellent switching characteristics, and is
2.8 0.2
Package Drawings (unit: mm)
0.65 +0.1 -0.15
0.32 +0.1 -0.05 0.16 +0.1 -0.06
suitable for use as a high-speed switching device in digital circuits.
1.5
0 to 0.1
FEATURES
* Can be driven by a 2.5 V power source. * Low Gate Cut-off Voltage.
0.95 0.95 1.9 2.9 0.2
0.8 1.1 to 1.4
ABSOLUTE MAXIMUM RATINGS (TA = 25 C)
Drain to Source Voltage Gate to Source Voltage Drain Current (DC) Drain Current (pulse) Total Power Dissipation Channel Temperature Storage Temperature VDSS VGSS ID(DC) ID(pulse) PT Tch Tstg -30 +20 +0.1 +0.4 Note 300 (TOTAL) 150 -55 to +150 V V A A mW C C
Gate
Equivalent Circuit
Drain
Internal Diode
Note PW 10 s, Duty Cycle 1 %
Gate Protect Diode Source
Pin Connection (Top View)
6 5 4 1. Source 1 2. Source 2 3. Gate 2 4. Drain 2 5. Gate 1 6. Drain 1
1
2
3
Marking : JB
The diode connected between the gate and source of the transistor serves as a protector against ESD. When this device is actually used, an additional protection circuit is externally required if a voltage exceeding the rated voltage may be applied to this device.
Document No. D11199EJ1V0DS00 (1st edition) Date Published September 1996 P Printed in Japan
(c)
1996
PA610TA
ELECTRICAL CHARACTERISTICS (TA = 25 C)
CHARACTERISTIC Drain Cut-off Current Gate Leakage Current Gate Cut-off Voltage Forward Transfer Admittance Drain to Source On-State Resistance Drain to Source On-State Resistance Drain to Source On-State Resistance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time SYMBOL IDSS IGSS VGS(off) | yfs | RDS(on)1 -1.0 20 23 60 -1.4 MIN. TYP. MAX. -1 +10 -1.7 UNIT TEST CONDITIONS VDS = -30 V, VGS = 0 VGS = +20 V, VDS = 0 VDS = -3 V, ID = -10 A VDS = -3 V, ID = -10 mA VGS = -2.5 V, ID = -1 mA
A A
V mS
RDS(on)2
11
23
VGS = -4 V, ID = -10 mA
RDS(on)3
6
13
VGS = -10 V, ID = -10 mA
Ciss Coss Crss td(on) tr td(off) tf
5 15 1.3 140 330 220 320
pF pF pF ns ns ns ns
VDS = -3 V VGS = 0 f = 1 MHz VDD = -3 V, ID = -10 mA VGS(on) = -4 V, RG = 10 RL = 300
2
PA610TA
DERATING FACTOR OF FORWARD BIAS SAFE OPERATING AREA 100 -100 DRAIN CURRENT vs. DRAIN TO SOURCE VOLTAGE
dT - Derating Factor - %
ID - Drain Current - mA
80
-80
VGS = -10 V VGS = -6 V VGS = -4 V VGS = -3 V
60
-60
40
-40
20
-20
VGS = -2.5 V
0 0 30 60 90 120 TA - Ambient Temperature - C 150
0 0
-1 -2 -3 -4 VDS - Drain to Source Voltage - V
-5
TRANSFER CHARACTERISTICS -100
IyfsI - Forward Transfer Admittance - mS
FORWARD TRANSFER ADMITTANCE vs. DRAIN CURRENT 1000 VDS = -3 V
VDS = -3 V
-10
ID - Drain Current - mA
TA = 125 C -1 TA = 75 C TA = 25 C -0.1 TA = -25 C
100 TA = -25 C TA = 25 C 10 TA = 75 C TA = 125 C 1 -0.1
-0.01
-0.001 0
-0.8
-1.6
-2.4
-3.2
-4.0
-1
-10
-100
-1000
VGS - Gate to Source Voltage - V
ID - Drain Current - mA
RDS(on) - Drain to Source On-State Resistance -
RDS(on) - Drain to Source On-State Resistance -
DRAIN TO SOURCE ON-STATE RESISTANCE vs. DRAIN CURRENT 60 50 40 30 20 TA = 25 C 10 0 -0.1 TA = -25 C TA = 125 C TA = 75 C VGS = -2.5 V
DRAIN TO SOURCE ON-STATE RESISTANCE vs. DRAIN CURRENT 60 VGS = -4 V 50 40 30 20 10 0 -0.1 TA = 25 C TA = -25 C -1 -10 -100 ID - Drain Current - mA -1000 TA = 125 C TA = 75 C
-1 -10 -100 ID - Drain Current - mA
-1000
3
PA610TA
RDS(on) - Drain to Source On-Stage Resistance -
RDS(on) - Drain to Source On-State Resistance -
DRAIN TO SOURCE ON-STATE RESISTANCE vs. DRAIN CURRENT 60 VGS = -10 V 50 40 30 20 10 0 -0.1 TA = 25 C TA = -25 C TA = 75 C TA = 125 C
DRAIN CURRENT vs. DRAIN TO SOURCE VOLTAGE 60 50 ID = -1 mA 40 30 20 10 0 0 -2 -4 -6 -8 VGS - Gate to Source Voltage - V -10 ID = -10 mA ID = -100 mA
-1 -10 -100 ID - Drain Current - mA
-1000
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE 100
Ciss,Coss,Crss - Capacitance - pF td(on),tr,td(off),tf - Switching Time - ns
SWITCHING CHARACTERISTICS 1000 tr tf td(on) 100 td(off)
VGS = 0 f = 1 MHz
Coss 10 Ciss
Crss 1 -1 -10 VDS - Drain to Source Voltage - V -100
10 -10
VDD = -3 V VGS(on) = -4 V Rin = 10 -100 ID - Drain Current - mA -1000
SOURCE TO DRAIN DIODE FORWARD VOLTAGE -1000
ID - Reverse Drain Current - mA
-100
-10
-1
-0.1 -0.2
-0.4
-0.6
-0.8
-1.0
-1.2
VSD - Source to Drain Voltage - V
4
PA610TA
REFERENCE
Document Name NEC semiconductor device reliability/quality control system Quality grade on NEC semiconductor devices Semiconductor device mounting technology manual Guide to quality assurance for semiconductor devices Semiconductor selection guide Document No. TEI-1202 C11531E C10535E MEI-1202 X10679E
5
PA610TA
[MEMO]
6
PA610TA
[MEMO]
7
PA610TA
No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC semiconductor device, customers must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices is "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact an NEC sales representative in advance. Anti-radioactive design is not implemented in this product.
M4 96.5
2


▲Up To Search▲   

 
Price & Availability of UPA610TA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X