Part Number Hot Search : 
R05P05D HAB13118 L8231 CO600D57 PMBF4393 0B095 UAA2082 103LF
Product Description
Full Text Search
 

To Download TSOP1137TB1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TSOP11..TB1
Photo Modules for PCM Remote Control Systems
Available types for different carrier frequencies
Type TSOP1130TB1 TSOP1136TB1 TSOP1138TB1 TSOP1156TB1 f0 30 kHz 36 kHz 38 kHz 56 kHz Type f0 TSOP1133TB1 33 kHz TSOP1137TB1 36.7 kHz TSOP1140TB1 40 kHz
Description
The TSOP11..TB1 - series are miniaturized receivers for infrared remote control systems. PIN diode and preamplifier are assembled on lead frame, the epoxy package is designed as IR filter. The demodulated output signal can directly be decoded by a microprocessor. The main benefit is the operation with short burst transmission codes (e.g. RECS 80) and high data rates.
GND VS OUT
94 8692
Features
D Photo detector and preamplifier in one package D Internal filter for PCM frequency D Improved shielding against electrical field disturbance
D D D D
TTL and CMOS compatibility Output active low Low power consumption High immunity against ambient light
Special Features
D Enhanced data rate of 2400 bit/s D Operation with short bursts possible
(6 cycles/burst)
Block Diagram
2 Input Control Circuit VS
100 kW 3 OUT
PIN AGC Band Pass Demodulator 1
GND
94 8136
TELEFUNKEN Semiconductors Rev. A2, 14-May-97
1 (7)
TSOP11..TB1
Absolute Maximum Ratings
Tamb = 25_C Parameter Supply Voltage Supply Current Output Voltage Output Current Junction Temperature Storage Temperature Range Operating Temperature Range Power Consumption Soldering Temperature (Pin 2) (Pin 2) (Pin 3) (Pin 3) Test Conditions Symbol VS IS VO IO Tj Tstg Tamb Ptot Tsd Value -0.3...6.0 5 -0.3...6.0 5 100 -25...+85 -25...+85 50 260 Unit V mA V mA C C C mW C
(Tamb 85 C) t 5s
x
x
Basic Characteristics
Tamb = 25_C Parameter Supply Current ( pp y (Pin 2) ) Transmission Distance Output Voltage Low (Pin 3) Irradiance ( - 40 kHz) (30 ) Irradiance ( kHz) (56 ) Irradiance Directivity Test Conditions VS = 5 V, Ev = 0 VS = 5 V, Ev = 40 klx, sunlight Ev = 0, test signal see fig.8, IR diode TSIP5201, IF = 0.4 A IOSL = 0.5 mA,Ee = 0.7 mW/m2, f = fo, test signal see fig.7 Test signal see fig.7 Test signal see fig.8 Test signal see fig.7 Test signal see fig.8 Test signal see fig.7 Angle of half transmission distance Symbol ISD ISH d VOSL Ee min Ee min Ee min Ee min Ee max 1/2 0.4 0.35 0.45 0.40 30 45 Min 0.4 Typ 0.5 1 35 Max 0.8 Unit mA mA m mV mW/m2 mW/m2 mW/m2 mW/m2 W/m2 deg
250 0.6 0.5 0.7 0.6
Application Circuit
330 W *) 2 TSOP11.. TSAL62.. 3 4.7 mF *) >10 kW optional +5 V **)
mC
1
12755
GND *) only necessary to suppress power supply disturbances **) tolerated supply voltage range : 4.5 V2 (7)
TELEFUNKEN Semiconductors Rev. A2, 14-May-97
TSOP11..TB1
Typical Characteristics (Tamb = 25_C unless otherwise specified)
Ee min - Threshold Irradiance ( mW/m2 ) 1.0 E e min / E e - Rel. Responsitivity ( % ) 0.8 2.0 f ( E ) = f0 1.6 1.2 0.8 0.4 0.0 0.7
94 9102
0.6
0.4 0.2 0.0 0.8 0.9 1.0 1.1 1.2 1.3 f / f0 - Relative Frequency
Df ( 3 dB ) = f0 / 7
f = f0
"5%
0.0
94 8147
0.4
0.8
1.2
1.6
2.0
E - Field Strength of Disturbance ( kV / m )
Figure 1. Frequency Dependence of Responsivity
0.30 tpo - Output Pulse Length (ms) 0.25 0.20 Input burst duration 0.15 0.10 0.05 0 0.1
12751
Figure 4. Sensitivity vs. Electric Field Disturbances
10 f = f0 1 kHz
Ee min - Threshold Irradiance ( mW/m2 )
10 kHz 1
l = 950 nm, optical test signal, fig.7
100 Hz
1.0
10.0
100.0 1000.0 10000.0
94 9106
0.1 0.01
0.1
1
10
100
1000
Ee - Irradiance ( mW/m2 )
DVs RMS - AC Voltage on DC Supply Voltage ( mV )
Figure 2. Pulse Length and Sensitivity in Dark Ambient
5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 0.01 0.10 1.00 10.00 100.00 Ambient, l = 950 nm Correlation with ambient light sources ( Disturbance effect ) : 10W/m2 ( Stand.illum.A, T = 2855 K )^8.2 klx ( Daylight, T = 5900 K )
Figure 5. Sensitivity vs. Supply Voltage Disturbances
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 -30 -15 0 15 30 45 60 75 90 Sensitivity in dark ambient
E e min - Threshold Irradiance (mW/m2 )
^1.4klx
E e min - Threshold Irradiance (mW/m2 )
96 12111
E - DC Irradiance (W/m2)
96 12112
Tamb - Ambient Temperature ( C )
Figure 3. Sensitivity in Bright Ambient
Figure 6. Sensitivity vs. Ambient Temperature
TELEFUNKEN Semiconductors Rev. A2, 14-May-97
3 (7)
TSOP11..TB1
Ee Optical Test Signal ( IR diode TSIP 5201, IF=0.4 A, N=6 pulses, f=f0, T=10 ms ) T on ,T - Output Pulse Length (ms) off 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0.1 t tpo2 )
12753
Ton
tpi
*
t
* tpi VO VOH VOL td1 )
w 6/fo is recommended for optimal function
12754
T
Toff
Output Signal
1) 2)
l = 950 nm, optical test signal, fig.8
3/f0 < td < 9/f0 tpi - 4/f0 < tpo < tpi + 7/f0
1.0
10.0
100.0 1000.0 10000.0
Ee - Irradiance (mW/m2)
Figure 7. Output Function
Ee Optical Test Signal 1.0 0.9 I s - Supply Current ( mA ) 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1
Figure 10. Output Pulse Diagram
Vs = 5 V
600 ms T = 60 ms
600 ms
t
94 8134
VO VOH VOL
Output Signal, ( see Fig.10 )
0 -30 -15 Ton Toff t
96 12115
0
15
30
45
60
75
90
Tamb - Ambient Temperature ( C )
Figure 8. Output Function
3.0 E e min - Threshold Irradiance (mW/m2 ) 2.5 2.0 N=10 1.5 N=16 1.0 N=32 0.5 0 0
12752
Figure 11. Supply Current vs. Ambient Temperature
1.2 1.0 0.8 0.6 0.4 0.2 0 750
94 8408
N=6 pulses per burst
S ( l ) rel - Relative Spectral Sensitivity
0.1
0.2
0.3
0.4
0.5
0.6
0.7
850
950
1050
1150
tp/T - Duty Cycle
l - Wavelength ( nm )
Figure 9. Sensitivity vs. Duty Cycle
Figure 12. Relative Spectral Sensitivity vs. Wavelength
4 (7)
TELEFUNKEN Semiconductors Rev. A2, 14-May-97
TSOP11..TB1
0 10 20 30 0 10 20 30
40 1.0 0.9 0.8 0.7 50 60 70 80 0.6
95 11339p2
40 1.0 0.9 0.8 0.7 50 60 70 80 0.6
95 11340p2
0.6 0.4 0.2 0 0.2 0.4 drel - Relative Transmission Distance
0.6 0.4 0.2 0 0.2 0.4 drel - Relative Transmission Distance
Figure 13. Vertical Directivity y
Figure 14. Horizontal Directivity x
Board Hole Diagram (Solder side, dimensions in mm, tolerances
18.2 9.65 2.6 R 1.0 ( 3 )
$0.3 mm)
VO 3.25 7.62 1.27 2.54 VS 2.6 ( 3 ) GND 1.4
94 8135
10.4 3.05
2.4 ( 2 )
3.0
TELEFUNKEN Semiconductors Rev. A2, 14-May-97
5 (7)
TSOP11..TB1
Dimensions in mm
96 12118
6 (7)
TELEFUNKEN Semiconductors Rev. A2, 14-May-97
TSOP11..TB1
Ozone Depleting Substances Policy Statement
It is the policy of TEMIC TELEFUNKEN microelectronic GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs). The Montreal Protocol ( 1987) and its London Amendments ( 1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. TEMIC TELEFUNKEN microelectronic GmbH semiconductor division has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. TEMIC can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use TEMIC products for any unintended or unauthorized application, the buyer shall indemnify TEMIC against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. TEMIC TELEFUNKEN microelectronic GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
TELEFUNKEN Semiconductors Rev. A2, 14-May-97
7 (7)


▲Up To Search▲   

 
Price & Availability of TSOP1137TB1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X