Part Number Hot Search : 
AM7381P AM7381P NTE573 C341M FAIRCHIL TXN17209 XC61C IHW40N
Product Description
Full Text Search
 

To Download TPC8110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TPC8110
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPC8110
Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
* * * * * Small footprint due to small and thin package Low drain-source ON resistance: RDS (ON) = 17 m (typ.) High forward transfer admittance: |Yfs| = 16 S (typ.) Low leakage current: IDSS = -10 A (max) (VDS = -40 V) Enhancement-mode: Vth = -0.8 to -2.0 V (VDS = -10 V, ID = -1 mA) Unit: mm
Maximum Ratings (Ta = 25C)
Characteristics Drain-source voltage Drain-gate voltage (RGS = 20 k) Gate-source voltage Drain current DC (Note 1) Symbol VDSS VDGR VGSS ID IDP PD PD EAS IAR EAR Tch Tstg Rating -40 -40 20 -8 -32 1.9 1.0 59.4 -8 0.19 150 -55 to 150 Unit V V V A
Pulsed(Note 1)
JEDEC
W W mJ A mJ C C
2-6J1B
Drain power dissipation (t = 10 s) (Note 2a) Drain power dissipation (t = 10 s) (Note 2b) Single pulse avalanche energy (Note 3) Avalanche current Repetitive avalanche energy (Note 2a) (Note 4) Channel temperature Storage temperature range
JEITA TOSHIBA
Weight: 0.080 g (typ.)
Circuit Configuration
8 7 6 5
Note: For (Note 1), (Note 2), (Note 3) and (Note 4), please refer to the next page. This transistor is an electrostatic sensitive device. Please handle with caution.
1 2 3 4
1
2002-05-24
TPC8110
Thermal Characteristics
Characteristics Thermal resistance, channel to ambient (t = 10 s) (Note 2a) Thermal resistance, channel to ambient (t = 10 s) (Note 2b) Symbol Rth (ch-a) Rth (ch-a) Max 65.8 125 Unit C/W C/W
Marking (Note 5)
TPC8110
Type
Note 1: Please use devices on condition that the channel temperature is below 150C. Note 2: (a) Device mounted on a glass-epoxy board (a) (b) Device mounted on a glass-epoxy board (b)
FR-4 25.4 x 25.4 x 0.8 (unit: mm)
FR-4 25.4 x 25.4 x 0.8 (unit: mm)
(a)
(b)
Note 3: VDD = -24 V, Tch = 25C (initial), L = 1.0 mH, RG = 25 , IAR = -8 A Note 4: Repetitive rating: pulse width limited by maximum channel temperature Note 5: * on lower left of the marking indicates Pin 1. shows lot number. (year of manufacture: last decimal digit of the year of manufacture, month of manufacture: January to December are denoted by letters A to L respectively.)
2
2002-05-24
TPC8110
Electrical Characteristics (Ta = 25C)
Characteristics Gate leakage current Drain cut-OFF current Drain-source breakdown voltage Gate threshold voltage Drain-source ON resistance Forward transfer admittance Input capacitance Reverse transfer capacitance Output capacitance Rise time Turn-ON time Switching time Fall time Turn-OFF time Total gate charge (gate-source plus gate-drain) Gate-source charge 1 Gate-drain ("miller") charge tf toff Qg Qgs1 Qgd Symbol IGSS IDSS V (BR) DSS V (BR) DSX Vth RDS (ON) |Yfs| Ciss Crss Coss tr ton 0V VGS -10 V 4.7 ID = -4 A VOUT RL = 5 VDS = -10 V, VGS = 0 V, f = 1 MHz Test Condition VGS = 16 V, VDS = 0 V VDS = -40 V, VGS = 0 V ID = -10 mA, VGS = 0 V ID = -10 mA, VGS = 20 V VDS = -10 V, ID = -1 mA VGS = -4 V, ID = -4.0 A VGS = -10 V, ID = -4.0 A VDS = -10 V, ID = -4.0 A Min -40 -25 -0.8 8 VDD -32 V, VGS = -10 V, - ID = -8 A Typ. 27 17 16 2180 275 330 6.0 15 30 115 48 5.5 12 Max 10 -10 -2.0 35 25 ns nC pF Unit A A V V m S
VDD -20 V - Duty < 1%, tw = 10 s =
Source-Drain Ratings and Characteristics (Ta = 25C)
Characteristics Drain reverse current Forward voltage (diode) Pulse (Note 1) Symbol IDRP VDSF Test Condition IDR = -8 A, VGS = 0 V Min Typ. Max -32 1.2 Unit A V
3
2002-05-24
TPC8110
ID - VDS
-10 -10 -8 -8 -6 -5 -6 -3.0 -4 -3.75 -3.5 -3.25 -2.75 -40 -8 -6 -5 -4
ID - VDS
Common source Ta = 25C Pulse test -3.25
ID
ID
Common source Ta = 25C Pulse test
(A)
(A)
-30
-10
-3.75 -3.5
Drain current
Drain current
-2.5 -4 VGS = -2.25 V -2
-20
-3.0
-2.75 -10 -2.5 VGS = -2.25 V
0 0
-0.2
-0.4
-0.6
-0.8
-1
0 0
-1
-2
-3
-4
-5
Drain-source voltage VDS
(V)
Drain-source voltage VDS
(V)
ID - VGS
-40 Common source VDS = -10 V Pulse test -0.8
VDS - VGS
Common source Ta = 25C -0.6 Pulse test
(A)
Drain-source voltage VDS
-30
Drain current
ID
(V)
-0.4 25
-20
-10
100
ID = -8.0 A -0.2
-2.0
-4.0
Ta = -55C 0 0 -1 -2 -3 -4 -5 0 0 -2 -4 -6 -8 -10 -12
Gate-source voltage
VGS
(V)
Gate-source voltage
VGS
(V)
|Yfs| - ID
100
|Yfs| (S)
50 30
Common source VDS = -10 V Pulse test
1000
RDS (ON) - ID
Ta = -55C
Forward transfer admittance
100 10 5 3
25
Drain-source ON resistance RDS (ON) (m)
Common source Ta = 25C 500 Pulse test 300
100 50 30
VGS = -4 V
-10 10 5
1 0.5 0.3 -0.1 -0.3 -0.5 -1 -3 -5 -10 -30 -50
3 -0.1
-0.3 -0.5
-1
-3 -5
-10
-30 -50
Drain current
ID
(A)
Drain current
ID
(A)
4
2002-05-24
TPC8110
RDS (ON) - Tc
50 Common source Pulse test -100
IDR - VDS
-5
(A)
Drain-source ON resistance RDS (ON) (m)
40
IDR
ID = 8.0 A -2.0/-4.0 A
-10 -10 -3
VGS = -4 V 20 ID = -2.0/-4.0/-8.0 A 10 -10 V
Drain reverse current
30
-1
-1
VGS = 0 V, 1 V
0 -80
-40
0
40
80
120
160
-0.1 0
Common source Ta = 25C Pulse test 0.4 0.8 1.2 1.6
Case temperature Tc
(C)
Drain-source voltage VDS
(V)
Capacitance - VDS
10000 5000 3000 Ciss -2
Vth - Tc
Common source VDS = -10 V -1.6 ID = -1 mA Pulse test -1.2
1000 500 300 Coss Crss 100 50 30 -0.1 Common source VGS = 0 V f = 1 MHz Ta = 25C -0.3 -0.5 -1 -3 -5 -10 -30 -50
Gate threshold voltage Vth (V)
Capacitance
C
(pF)
-0.8
-0.4
0 -80
-40
0
40
80
120
160
Drain-source voltage VDS
(V)
Case temperature Tc
(C)
PD - Tc
2.0 (1) (1) Device mounted on a glass-epoxy board (a) (Note 2a) (2) Device mounted on a glass-epoxy board (b) (Note 2b) t = 10 s -40
Dynamic Input/Output Characteristics
Common source ID = -10 A Ta = 25C Pulse test -40
(W)
(V)
1.6
PD
Drain-source voltage VDS
Drain power dissipation
(2) 0.8
-20 -16 -8 -10 VGS VDD = 32 V
-20
-10
0.4
0 0
25
50
75
100
125
150
175
0 0
20
40
80
0 80
Ambient temperature Tc
(C)
Total gate charge
Qg
(nC)
5
2002-05-24
Gate-source voltage
1.2
VGS
-30
-30
(V)
VDS
TPC8110
rth - tw
1000
Normalized transient thermal impedance rth (C/W)
(1) Device mounted on a glass-epoxy board (a) (Note 2a) (2) Device mounted on a glass-epoxy board (b) (Note 2b) 100 t = 10 s
(2) (1)
10
1
Single pulse 0.1 0.001 0.01 0.1 1 10 100 1000
Pulse width
tw
(s)
Safe Operating Area
-100 -50 -30 10 ms* ID max (pulse)* 1 ms*
(A) ID Drain current
-10 -5 -3
-1 -0.5 *: Single pulse Ta = 25C
-0.3 Curves must be derated linearly with increase in temperature. -0.1 -0.1 -1
VDSS max -10 -100
Drain-source voltage VDS
(V)
6
2002-05-24
TPC8110
RESTRICTIONS ON PRODUCT USE
000707EAA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
7
2002-05-24


▲Up To Search▲   

 
Price & Availability of TPC8110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X