Part Number Hot Search : 
2SC3267 SR30150 TEA6320 6KE12 SPX1581U LM144 LM1100BG NPO1210
Product Description
Full Text Search
 

To Download STPS20L60CR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
STPS20L60CT/CG/CR
POWER SCHOTTKY RECTIFIER
MAIN PRODUCT CHARACTERISTICS
A1
IF(AV) VRRM Tj (max) VF (max)
2 x 10 A 60 V 150 C 0.56 V
A2
K
K
FEATURES AND BENEFITS LOW FORWARD VOLTAGE DROP NEGLIGIBLE SWITCHING LOSSES LOW THERMAL RESISTANCE AVALANCHE CAPABILITY SPECIFIED
s s s s
A2
A2 A1 K
A1
TO-220AB STPS20L60CT
D2PAK STPS20L60CG
DESCRIPTION Dual center tap Schottky rectifiers suited for Switched Mode Power Supplies and high frequency DC to DC converters. Packaged in TO-220AB, I2PAK and D2PAK, this device is intended for use in high frequency inverters.
A2 K A1
I2PAK STPS20L60CR ABSOLUTE RATINGS (limiting values, per diode) Symbol VRRM IF(RMS) IF(AV) IFSM IRRM PARM Tstg Tj dV/dt *: Parameter Repetitive peak reverse voltage RMS forward current Average forward current Surge non repetitive forward current Repetitive peak reverse current Repetitive peak avalanche power Storage temperature range Maximum operating junction temperature * Critical rate of rise of reverse voltage Tc = 140C = 0.5 Per diode Per device Value 60 30 10 20 220 1 5800 - 65 to + 175 150 10000 Unit V A A A A W C C V/s
tp = 10 ms Sinusoidal tp = 2 s square F = 1kHz tp = 1s Tj = 25C
dPtot 1 thermal runaway condition for a diode on its own heatsink < dTj Rth( j - a )
1/6
July 2003 - Ed: 3C
STPS20L60CT/CG/CR
THERMAL RESISTANCE Symbol Rth (j-c) Rth (c) Junction to case Parameter TO-220AB / I PAK / D PAK TO-220AB / I2PAK / D2PAK
2 2
Value Per diode Total Coupling 1.6 0.85 0.1
Unit C/W C/W
When the diodes 1 and 2 are used simultaneously : Tj(diode 1) = P(diode1) x Rth(j-c)(Per diode) + P(diode 2) x Rth(c)
STATIC ELECTRICAL CHARACTERISTICS (per diode) Symbol IR * Parameter Reverse leakage current Tests conditions Tj = 25C Tj = 125C VF * Forward voltage drop Tj = 25C Tj = 125C Tj = 25C Tj = 125C
Pulse test : * tp = 380 s, < 2%
Min.
Typ.
Max. 350
Unit A mA V
VR = VRRM 65 IF = 10 A IF = 10 A IF = 20 A IF = 20 A 0.62 0.48
95 0.6 0.56 0.74 0.7
To evaluate the conduction losses use the following equation : P = 0.42x IF(AV) + 0.014 IF2(RMS)
Fig. 1: Average forward power dissipation versus average forward current (per diode).
PF(av)(W)
= 0.1 = 0.2
Fig. 2: Average current versus temperature (=0.5) (per diode).
IF(av)(A)
12
ambient
8 7 6 5 4 3 2 1 0
= 0.5
=1
Rth(j-a)=Rth(j-c)
= 0.05
10 8 6
T
Rth(j-a)=15C/W
4 2
=tp/T
T
IF(av) (A)
0 1 2 3 4 5 6 7 8 9
=tp/T
tp
tp
Tamb(C)
50 75 100 125 150
10
11
12
0
0
25
2/6
STPS20L60CT/CG/CR
Fig. 3: Normalized avalanche power derating versus pulse duration.
PARM(tp) PARM(1s)
1
Fig. 4: Normalized avalanche power derating versus junction temperature.
PARM(tp) PARM(25C)
1.2 1
0.1
0.8 0.6
0.01
0.4 0.2
0.001
0.01 0.1 1
tp(s)
10 100 1000
Tj(C)
0 0 25 50 75 100 125 150
Fig. 5: Non repetitive surge peak forward current versus overload duration (maximum values, per diode).
IM(A) 200 180 160 140 120 100 80 60 40 IM 20 0 1E-3
Fig. 6: Relative variation of thermal transient impedance junction to case versus pulse duration.
Zth(j-c)/Rth(j-c) 1.0
0.8 0.6
Tc=25C
= 0.5
0.4
Tc=75C
= 0.2
T
0.2
t
= 0.1
Tc=100C
=0.5
t(s)
1E-2 1E-1 1E+0
Single pulse
tp(s)
1E-3 1E-2
=tp/T
tp
0.0 1E-4
1E-1
1E+0
Fig. 7: Reverse leakage current versus reverse voltage applied (typical values, per diode).
IR(mA)
5E+2 1E+2 1E+1 1E+0 1E-1 1E-2 1E-3
Tc=150C Tc=125C
Fig. 8: Junction capacitance versus reverse voltage applied (typical values, per diode).
C(nF)
2.0
F=1MHz Tj=25C
1.0
Tc=100C Tc=75C
0.5
Tc=50C Tc=25C
0.2
VR(V)
0 5 10 15 20 25 30 35 40 45 50 55 60
VR(V)
0.1 1 10 100
3/6
STPS20L60CT
Fig. 9: Forward voltage drop versus forward current (maximum values, per diode).
IFM(A)
100.0
Tj=150C (typical values) Tj=25C
10.0
Tj=125C
1.0
VFM(V) 0.1 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2
PACKAGE MECHANICAL DATA I2PAK
DIMENSIONS REF.
A E L2 c2
Millimeters Min. Max. 4.60 2.69 0.93 1.17 1.17 0.60 1.36 9.35 2.70 10.4 13.6 3.78 1.40 4.40 2.49 0.70 1.14 1.14 0.45 1.23 8.95 2.40 10.0 13.1 3.48 1.27
Inches Min. 0.173 0.098 0.028 0.044 0.044 0.018 0.048 0.352 0.094 0.394 0.516 0.137 0.050 Max. 0.181 0.106 0.037 0.046 0.046 0.024 0.054 0.368 0.106 0.409 0.535 0.149 0.055
A A1 b b1 b2 c c2 D
D
L1 b2 L b1 b e
A1
e E L L1
c
L2
4/6
STPS20L60CT/CG/CR
PACKAGE MECHANICAL DATA D2PAK DIMENSIONS
A E L2 C2
REF. A A1 A2 B B2 C C2 D E G L L2 L3 M R V2
Millimeters Min. Max. 4.40 4.60 2.49 2.69 0.03 0.23 0.70 0.93 1.14 1.70 0.45 0.60 1.23 1.36 8.95 9.35 10.00 10.40 4.88 5.28 15.00 15.85 1.27 1.40 1.40 1.75 2.40 3.20 0.40 typ. 0 8
Inches Min. Max. 0.173 0.181 0.098 0.106 0.001 0.009 0.027 0.037 0.045 0.067 0.017 0.024 0.048 0.054 0.352 0.368 0.393 0.409 0.192 0.208 0.590 0.624 0.050 0.055 0.055 0.069 0.094 0.126 0.016 typ. 0 8
D L L3 A1 B2 B G A2 C R
M
*
V2
* FLAT ZONE NO LESS THAN 2mm
FOOTPRINT
16.90
10.30 1.30
5.08
3.70 8.90
5/6
STPS20L60CT/CG/CR
PACKAGE MECHANICAL DATA TO-220AB DIMENSIONS REF.
H2 Dia L5 C L7 L6 L2 F2 F1 L9 L4 F G1 G M E D A
Millimeters Min. Max. 4.40 4.60 1.23 1.32 2.40 2.72 0.49 0.70 0.61 0.88 1.14 1.70 1.14 1.70 4.95 5.15 2.40 2.70 10 10.40 16.4 typ. 13 14 2.65 2.95 15.25 15.75 6.20 6.60 3.50 3.93 2.6 typ. 3.75 3.85
Inches Min. Max. 0.173 0.181 0.048 0.051 0.094 0.107 0.019 0.027 0.024 0.034 0.044 0.066 0.044 0.066 0.194 0.202 0.094 0.106 0.393 0.409 0.645 typ. 0.511 0.551 0.104 0.116 0.600 0.620 0.244 0.259 0.137 0.154 0.102 typ. 0.147 0.151
A C D E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 M Diam.
s
s
s
COOLING METHOD: C RECOMMENDED TORQUE VALUE: 0.55 M.N MAXIMUM TORQUE VALUE: 0.70 M.N Ordering type STPS20L60CT STPS20L60CT STPS20L60CG STPS20L60CG-TR STPS20L60CR Marking STPS20L60CT STPS20L60CT STPS20L60CG STPS20L60CG STPS20L60CR Package TO-220AB TO-220AB D PAK D PAK I2PAK
2 2
Weight 2.2g 2.2g 1.48 g 1.48 g 1.49 g
Base qty 50 1000 50 1000 50
Delivery mode Tube Bulk Tube Tape & reel Tube
s
EPOXY MEETS UL94,V0
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com 6/6


▲Up To Search▲   

 
Price & Availability of STPS20L60CR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X