Part Number Hot Search : 
C1G12 BTA416 TQ2SA NH00M2 QEA95EA0 TLP581 B2010 TOP60252
Product Description
Full Text Search
 

To Download STPS20L15TS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-20627 05/01
STPS20L15T STPS20L15TS
SCHOTTKY RECTIFIER
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM IFSM @ tp = 5 s sine VF TJ @ 19 Apk, TJ=125C ( Typical) range
20 Amps
Description/Features Units
A V A V The Schottky rectifier module has been optimized for ultra low forward voltage drop specifically for the OR-ing of parallel power supplies. The proprietary barrier technology allows for reliable operation up to 125 C junction temperature. Typical applications are in parallel switching power supplies, converters, reverse battery protection, and redundant power subsystems. 125C TJ operation (VR < 5V) Center tap module Optimized for OR-ing applications Ultra low forward voltage drop High frequency operation Guard ring for enhanced ruggedness and long term reliability High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
Values
20 15 700 0.25
- 55 to 125
C
Case Styles STPS20L15T STPS20L15TS
BASE Cathode
2
BASE CATHODE
2
1
Anode
3
Anode
1
CATHODE
3
ANODE
TO-220AC
D2PAK
www.irf.com
1
STPS20L15T, STPS20L15TS
Bulletin PD-20626 05/01
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) @ TJ = 100 C VRWM Max. Working Peak Reverse Voltage (V) @ TJ = 100 C
Values
15
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current * See Fig. 5 IFSM EAS IAR Max. Peak One Cycle Non-Repetitive Surge Current * See Fig. 7 Non-Repetitive Avalanche Energy Repetitive Avalanche Current 700 330 10 2 A mJ A Following any rated load condition and with 10ms Sine or 6ms Rect. pulse rated VRRM applied 5s Sine or 3s Rect. pulse TJ = 25 C, IAS = 2 Amps, L = 6 mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 1.5 x VR typical
Values
20
Units
A
Conditions
50% duty cycle @ TC = 85C, rectangular wave form
Electrical Specifications
Parameters
VFM Forward Voltage Drop * See Fig. 1
Values
Typ. 0.25 0.37 (1) 7.6 8 2000 Max. 0.41 0.52 0.33 0.50 10 600
Units
V V V V mA mA V m pF nH V/ s @ 19A @ 40A @ 19A @ 40A
Conditions
TJ = 25 C TJ = 125 C VR = rated VR
(1)
IRM
Reverse Leakage Current * See Fig. 2
TJ = 25 C TJ = 100 C TJ = TJ max.
VF(TO) Threshold Voltage rt CT LS Forward Slope Resistance Max. Junction Capacitance Typical Series Inductance
0.182
VR = 5VDC, (test signal range 100Khz to 1Mhz) 25C Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change (Rated VR)
10000
(1) Pulse Width < 300s, Duty Cycle <2%
Thermal-Mechanical Specifications
Parameters
TJ T stg Max. Junction Temperature Range Max. Storage Temperature Range
Values
-55 to 125 -55 to 150 1.5 0.50 40 2 (0.07) Min. Max. 6 (5) 12 (10)
Units
C C
Conditions
RthJC Max. Thermal Resistance Junction to Case RthCS Typical Thermal Resistance Case to Heatsink RthJA Max. Thermal Resistance Junction to Ambient wt T Approximate Weight Mounting Torque
C/W DC operation
* See Fig. 4
C/W Mounting surface , smooth and greased For TO-220 C/W DC operation For D2Pak g (oz.) Kg-cm Non-lubricated threads (Ibf-in)
2
www.irf.com
STPS20L15T, STPS20L15TS
Bulletin PD-20626 05/01
1 00 0 10 0 0 T J = 100 C 100 75 C 50 C
Reverse C urren t - I R (m A)
10
25 C 1
Instan ta n eo us Forw ard C ur ren t - I F (A )
100
0 .1 0 3 6 9 12 15 Reverse V oltag e - V R (V )
Fig. 2 - Typical Values of Reverse Current Vs. Reverse Voltage
1 00 0 0 Jun ction C a pa cita n ce - C T (pF) T J = 12 5 C TJ = 7 5 C TJ = 2 5 C
10
T J = 25 C
1 0 00
1 0 0 .2 0 .4 0.6 0.8 1 1 .2 1.4 1 .6 Forw a rd V olta ge D rop - V FM (V )
100 0 5 10 15 20 Reverse V olta ge - VR (V )
Fig. 1 - Maximum Forward Voltage Drop Characteristics
10 Th erm a l Im pedance Z thJC ( C /W )
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage
1
D D D D D
= = = = =
0 .75 0 .50 0 .33 0 .25 0 .2 0
PD M
0 .1 Sin gle Pu lse (Therm a l Resista n ce) Notes:
t1 t2
1. D uty factor D = t 1/ t 2 2. Peak T J = P D M x Z thJC+ T C 0 .1 1 10 100
0 .0 1 0.00 00 1
0 .00 0 1
0 .0 01
0.0 1
t 1 , Re ctan g ular Pu lse D ura tio n (Seco nd s)
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
www.irf.com
3
STPS20L15T, STPS20L15TS
Bulletin PD-20626 05/01
1 00 Allow a b le Ca se Te m pera t ure - ( C ) A vera ge Pow er Loss - (W a tts) 95 90 85 80 75
se e no te ( 2)
14 12 10 8 6 4 2 0 0 4 8 12 16 20 24 0 5 10 15 20 25 30 A vera ge Forw ard C urren t - I F(AV) (A) A vera ge Forw a rd C urren t - I F(AV) (A) D D D D D = = = = = 0.20 0.25 0.33 0.50 0.75
RM S Lim it DC
Squa re w ave (D = 0.50)
70
Fig. 5 - Maximum Allowable Case Temperature Vs. Average Forward Current
1000 Non-Repetitive Surge C urrent - I FSM (A)
Fig. 6 - Forward Power Loss Characteristics
At An y Rated Load C ond ition An d W ith Rated V RRM Ap plied Follow in g Surg e 100 10
100
1000
10000
Sq uare W ave Pulse D uration - t p (m icrosec)
Fig. 7 - Maximum Non-Repetitive Surge Current
L H IG H -SPE ED SW ITC H FREE-W HE EL D IO D E 40H FL40S02 V d = 25 V olt
D UT
IRFP460 Rg = 25 ohm
+
C UR RE N T M O N ITO R
Fig. 8 - Unclamped Inductive Test Circuit
(2) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); PdREV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = 80% rated VR
4
www.irf.com
STPS20L15T, STPS20L15TS
Bulletin PD-20626 05/01
Outline Table
10.16 (0.40) REF.
4.69 (0.18) 4.20 (0.16)
1.32 (0.05)
6.47 (0.25)
15.49 (0.61)
1.22 (0.05)
93
6.18 (0.24)
14.73 (0.58)
2.61 (0.10)
2.32 (0.09) 8.89 (0.35)
5.28 (0.21) 4.78 (0.19)
0.55 (0.02) 0.46 (0.02)
3X
1.40 (0.055)
REF.
0.93 (0.37) 0.69 (0.27)
1.14 (0.045) 2X
BASE Cathode
MINIMUM RECOMMENDED FOOTPRINT
11.43 (0.45)
2
1 3
4.57 (0.18)
4.32 (0.17)
8.89 (0.35)
1
Anode
3
Anode
2
17.78 (0.70) 3.81 (0.15)
2.08 (0.08) 2X
0.61 (0.02) MAX. 5.08 (0.20) REF.
2.54 (0.10) 2X
Conform to JEDEC outline D Pak (SMD-220) Dimensions in millimeters and (inches)
2
10.54 (0.41) MAX. 3.78 (0.15) 3.54 (0.14) 15.24 (0.60) 14.84 (0.58) 1 14.09 (0.55) 13.47 (0.53) 3 3.96 (0.16) 3.55 (0.14) 2.04 (0.080) MAX. 1.40 (0.05) 1.15 (0.04) 0.94 (0.04) 0.69 (0.03) 2.92 (0.11) 2.54 (0.10) TERM 2 DIA. 6.48 (0.25) 6.23 (0.24) 2
1.32 (0.05) 1.22 (0.05)
0.10 (0.004)
2.89 (0.11) 2.64 (0.10)
BASE CATHODE
2
1
3
ANODE
1 4.57 (0.18) 4.32 (0.17)
3
0.61 (0.02) MAX.
CATHODE
5.08 (0.20) REF.
Conform to JEDEC outline TO-220AC Dimensions in millimeters and (inches)
www.irf.com
5
STPS20L15T, STPS20L15TS
Bulletin PD-20626 05/01
Tape & Reel Information
TRR
1.60 (0.063) 1.50 (0.059) 4.10 (0.161) 3.90 (0.153) 1.60 (0.063) 1.50 (0.059)
DIA. 0.368 (0.0145) 0.342 (0.0135)
FEED DIR ECTION
1.85 (0.073) 1.65 (0.065)
11.60 (0.457) 11.40 (0.449)
15.42 (0.609) 15.22 (0.601) 1.75 (0.069) 24.30 (0.957) 23.90 (0.941)
TRL
10.90 (0.429) 10.70 (0.421)
1.25 (0.049) 16.10 (0.634) 15.90 (0.626)
DIA.
4.72 (0.186) 4.52 (0.178)
FEED DIRECTION
13.50 (0.532)
12.80 (0.504) DIA.
26.40 (1.039) 24.40 (0.961)
SMD-220 Tape & Reel When ordering, indicate the part number, part orientation, and the quantity. Quantities are in multiples
60 (2.362) D IA . MIN .
360 (14.173) DIA. MAX.
of 800 pieces per reel for both TRL and TRR.
Dimensions in millimeters and (inches)
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 05/01
6
www.irf.com


▲Up To Search▲   

 
Price & Availability of STPS20L15TS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X