Part Number Hot Search : 
8C10DC6 SMB220 00F253 UPD63210 IMT41 SCL4014B 05482 2SC4981
Product Description
Full Text Search
 

To Download S5277G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S5277B,S5277G,S5277J,S5277N
TOSHIBA Rectifier Silicon Diffused Type
S5277B, S5277G, S5277J, S5277N
General Purposer Rectifier Applications
Unit: mm Average Forward Current: IF (AV) = 1.0 A Repetitive Peak Reverse Voltage: VRRM = 100~1000 V
* *
Maximum Ratings (Ta = 25C)
Characteristics S5277B Repetitive peak reverse voltage S5277G S5277J S5277N Average forward current S5277B Peak one cycle surge forward current (non repetitive) S5277G S5277J S5277N Junction temparature Storage temparature range Tj Tstg IFSM IF (AV) VRRM Symbol Rating 100 400 600 1000 1.0 50 (50 Hz) 55 (60 Hz) 30 (50 Hz) 33 (60 Hz) -40~150 -40~150 C C A A V Unit
JEDEC JEITA TOSHIBA
3-3C1A
Weight: 0.3 g (typ.)
Electrical Characteristics (Ta = 25C)
Characteristics Peak forward voltage Repetitive peak reverse current Thermal resistance (junction to ambient) Symbol VFM IRRM Rth (j-a) Test Condition IFM = 1.0 A VRRM = Rated DC Min 3/4 3/4 3/4 Typ. 3/4 3/4 3/4 Max 1.2 10 120 Unit V mA C/W
Marking
Type Code Lot No. Code Month of manufacture Year of manufacture Cathode Mark Color: Silver January to December are denoted by letter A to L respectively. Last decimal digit of the year of manufacture 77G 77B 77G 77J 77N Type S5277B S5277G S5277J S5277N
1
2002-08-29
S5277B,S5277G,S5277J,S5277N
iF - vF
20 10 5 3 150C 200
Ta max - IF (AV)
Maximum allowable ambient temperature Ta max (C)
(A)
iF
160
Instantaneous forward current
Tj = 25C
120
Resistive and inductive load
1 0.5 0.3
80 Capacitive load 40
0.1 0.4
0.8
1.2
1.6
2.0
2.4
0 0
0.2
0.4
0.6
0.8
1.0
1.2
Instantaneous forward voltage VF
(V)
Average forward current
IF (AV)
(A)
rth (j-a) - t
10000 60
Surge forward current (non-repetitive)
(A)
Tj = 25C 50 60 Hz S5277B-G 40 50 Hz 30 60 Hz 20 50 Hz
Transient thermal impedance rth (j-a) (C/W)
100
10
1
0.1 0.001
Peak surge forward current IFSM
1000
0.01
0.1
1
10
100
1000
Time t (s)
10 1
S5277J-N 3 5 10 30 50 100
Number of cycles at 50 Hz and 60 Hz
2
2002-08-29
S5277B,S5277G,S5277J,S5277N
RESTRICTIONS ON PRODUCT USE
000707EAA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
3
2002-08-29
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of S5277G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X