Part Number Hot Search : 
IR91458N R5110210 3362H501 0001TR NCV8614B MMC4055 HC405 MIP2E3D
Product Description
Full Text Search
 

To Download PCF8558 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
PCF8558 Universal LCD driver for small graphic panels
Objective specification Supersedes data of 1997 Feb 27 File under Integrated Circuits, IC12 1998 Apr 07
Philips Semiconductors
Objective specification
Universal LCD driver for small graphic panels
FEATURES * Single-chip LCD controller/driver * 40 row and 101 column outputs * Display data RAM 40 x 101 bits = 505 bytes = 4040 bits * On-chip: - Generation of intermediate LCD bias voltages - Oscillator requires no external components (external clock also possible) * 400 kHz fast I2C-bus interface * CMOS compatible * MUX rate 1 : 40 * Logic supply voltage range VDD - VSS = 2.5 to 6 V * Display supply voltage range VDD - VLCD = 3.5 to 9 V * Low power consumption, suitable for battery operated systems. APPLICATIONS * Telecom equipment * Portable instruments * Point of sale terminals * Alarm systems. ORDERING INFORMATION TYPE NUMBER PCF8558U/10 PCF8558U/12 Note 1. For further details see Chapter "Bonding pad locations". PACKAGE(1) NAME - - chip on FFC chip with bumps on FFC DESCRIPTION GENERAL DESCRIPTION
PCF8558
The PCF8558 is a low power CMOS LCD controller driver, designed to drive a graphic display of 40 rows and 101 columns. All necessary functions for the display are provided in a single chip, including on-chip generation of LCD bias voltages, resulting in a minimum of external components and lower power consumption. The PCF8558 interfaces to most microcontrollers via a I2C-bus interface.
VERSION - -
1998 Apr 07
2
Philips Semiconductors
Objective specification
Universal LCD driver for small graphic panels
BLOCK DIAGRAM
PCF8558
handbook, full pagewidth
C1 to C101
R1 to R40
COLUMN DRIVERS BIAS VOLTAGE GENERATOR DATA LATCHES VLCD
ROW DRIVERS
SHIFT REGISTER
CURSOR AND DATA CONTROL
OSCILLATOR
OSC
VDD VSS T1 T3 ADDRESS COUNTER T2 DATA REGISTER POWER-ON RESET DISPLAY DATA RAM 505 BYTES TIMING GENERATOR
DISPLAY ADDRESS COUNTER
PCF8558
I/O BUFFER
MGG558
SDA SCL
SA0
Fig.1 Block diagram.
1998 Apr 07
3
Philips Semiconductors
Objective specification
Universal LCD driver for small graphic panels
PINNING SYMBOL SCL R20 to R1 C101 to C1 R21 to R40 T2 SDA VSS T1 VLCD SA0 T3 OSC VDD PAD 1 2 to 21 22 to 122 123 to 142 143 144 145 146 147 148 149 150 151 I2C-bus serial clock input LCD row driver data outputs LCD column driver data outputs LCD row driver data outputs test pad output, must be left unconnected (not user accessible) I2C-bus serial data input/output ground test pad input, must be connected to VSS (not user accessible) negative supply voltage input DESCRIPTION
PCF8558
the LSB bit of the I2C-bus slave address input is set by connecting this pin to either 0 (VSS) or 1 (VDD) test pad input, must be connected to VDD (not user accessible) when the on-chip oscillator is used this pin must be connected to VDD; an external clock signal, if used, is input at this pin positive supply voltage
1998 Apr 07
4
Philips Semiconductors
Objective specification
Universal LCD driver for small graphic panels
FUNCTIONAL DESCRIPTION LCD bias voltage generator The intermediate bias voltages for the LCD display are generated and buffered on-chip. This removes the need for an external resistor bias chain and significantly reduces the system power consumption. Oscillator The on-chip oscillator provides the clock signal for the display system. No external components are required and the OSC pin must be connected to VDD. External clock If an external clock is to be used it is input at the OSC pin. The resulting display frame frequency is given by f OSC f frame = ------------ . 3072 Only in the power-down state is the clock allowed to be stopped (OSC connected to VSS), otherwise the LCD will be frozen in a state where a DC voltage is applied to it. Power-on reset The on-chip power-on reset block initializes the chip after power-on or power failure. This is a synchronous reset and requires 2 oscillator cycles to execute. These oscillator cycles must be provided from the external clock source if the internal oscillator is not used. If this is not done, the device may not respond to command sequences transmitted via the I2C-bus interface. Power-down The chip can be put into power-down mode where all static currents are switched off (no internal oscillator, no internal power-on reset, no bias level generation and all LCD outputs are internally connected to VDD) when PD = logic 1. During power-down the information in the RAMs and the internal chip states are preserved. Instruction execution during power-down is possible if an externally clock signal is applied to pad OSC. Registers The PCF8558 has one 8-bit register, time shared as a Command Register (CR) and a Data Register (DR). The command register stores the command code such as display on or display off and address information for the Display control
PCF8558
Display Data RAM (DDRAM). Both registers can be written to but not read from by the system controller. Address Counter (AC) The address counter assigns addresses to the DDRAM for writing and is set by Y2 to Y0 in the command and X6 to X0 in the address. After a write operation the address counter is automatically incremented by 1 in accordance with the V flag. Display Data RAM (DDRAM) The PCF8558 contains a 40 x 101-bit static RAM which stores the display data. The RAM is divided into 5 banks of 101 bytes (5 x 8 x 101 bits). During RAM access, data is transferred to the RAM via the I2C-bus. There is a direct correspondence between the X address and the column output number. Timing generator The timing generator produces the various signals required to drive the internal circuitry. Internal chip operation is not disturbed by operations on the data buses.
The display is generated by continuously shifting rows of RAM data to the dot matrix LCD via the column outputs. The display status (all dots on/off and normal/inverse video) is set by bits E and D in the command word. LCD row and column drivers The PCF8558 contains 40 row and 101 column drivers, which connect the appropriate LCD bias voltages in sequence to the display in accordance with the data to be displayed. Figure 3 illustrates typical waveforms. Unused outputs should be left unconnected. The bias voltage levels, V2 to V5, are chosen to give optimum display contrast for a multiplex rate of 1 : 40. Table 1 Voltage bias levels VOLTAGE 0.8635 x (VDD - VLCD) 0.7270 x (VDD - VLCD) 0.2730 x (VDD - VLCD) 0.1365 x (VDD - VLCD)
LEVEL V2 V3 V4 V5
1998 Apr 07
5
Philips Semiconductors
Objective specification
Universal LCD driver for small graphic panels
PCF8558
RAM
bank 0
top of LCD
bank 1
bank 2
bank 3
LCD
bank 4
MGG559
Fig.2 DDRAM to display mapping.
1998 Apr 07
6
Philips Semiconductors
Objective specification
Universal LCD driver for small graphic panels
PCF8558
frame n VDD V2 V3 V4 V5 VLCD VDD V2 V3 V4 V5 VLCD VDD V2 V3 V4 V5 VLCD VDD V2 V3 V4 V5 VLCD
frame n + 1
Vstate 1(t) Vstate 2(t)
ROW 1 R1 (t)
ROW 2 R2 (t)
COL 1 C1 (t)
COL 2 C2 (t)
VOP 0.7269VOP Vstate 1(t) 0.2731VOP 0V 0.2731VOP 0.7269VOP VOP VOP 0.7269VOP Vstate 2(t) 0.2731VOP 0V 0.2731VOP 0.7269VOP VOP
12 3 4 56 7 8 9 ... 40 1 2 3 4 5 6 7 8 9 ... 40
MGG560
Vstate1(t) = C2(t) - R1(t); Vstate2(t) = C2(t) - R2(t).
Fig.3 Typical LCD driver waveforms (MUX rate 1 : 40).
1998 Apr 07
7
Philips Semiconductors
Objective specification
Universal LCD driver for small graphic panels
ADDRESSING The data is downloaded into the matrix of the PCF8558 as indicated in Figs 4 and 5.
PCF8558
The display RAM has a matrix of 40 by 101 bits (5 by 101 bytes). The columns are addressed by the address pointer. After writing one byte the pointer is set to the next byte. Control of address increment, horizontal or vertical, is by bit V in the command byte.
LSB handbook, full pagewidth display line 0 to 7 display line 8 to 15 display line 16 to 23 MSB display line 24 to 31 display line 32 to 39 address 2 address 1 address 0 X address 98 address 99 address 100 000 001 010 011 100 Y address
MGG561
Fig.4 RAM format, addressing.
DATA STRUCTURE
handbook, full pagewidth 0 5
0
1
2
...
16 27 38 49
101 102 103 . . . 202 203 204 . . . 303 304 305 . . . 404 405 406 . . .
MGG562
a.
Order of writing data bytes into RAM (V = 1).
b.
Order of writing data bytes into RAM (V = 0).
Fig.5 Order of writing data bytes into RAM.
1998 Apr 07
8
Philips Semiconductors
Objective specification
Universal LCD driver for small graphic panels
I2C-BUS PROTOCOL Two 7-bit slave addresses (0111100 and 0111101) are reserved for both the PCF8558. The least-significant bit of the slave address is set by connecting input SA0 to either 0 (VSS) or 1 (VDD). Therefore, two PCF8558 can be used on the same I2C-bus allowing displays of up to 80 x 101 or 40 x 202 dots to be driven. The I2C-bus protocol is shown in Fig.6. All communications are initiated with a START condition (S) from the I2C-bus master, which is followed by the desired slave address and write bit. All devices with this slave address acknowledge in parallel. All other devices ignore the bus transfer. In write mode (indicated by setting the read/write bit LOW) one or more commands follow the slave address acknowledgement. The commands are also acknowledged by all addressed devices on the bus. The last command must clear the continuation bit C. After the last command a series of data bytes may follow. The acknowledgement after each byte is made only by the addressed device. After the last data byte has been acknowledged, the I2C-bus master issues a STOP condition (P). For PCF8558, no read mode is provided. Display bytes are written into the RAM at the address specified by the data pointer and subaddress counter. Both the data pointer and subaddress counter are
PCF8558
automatically incremented, enabling a stream of data to be transferred to the DDRAM. The instruction format is composed of I2C-bus slave address followed by one command byte, one X address pointer, followed by any number of data bytes. Command execution/storing of data takes place during the acknowledge cycle. Definitions * Transmitter: the device which sends the data to the bus * Receiver: the device which receives the data from the bus * Master: the device which initiates a transfer, generates clock signals and terminates a transfer * Slave: the device addressed by a master * Multi-master: more than one master can attempt to control the bus at the same time. The I2C-bus can accommodate this without data los/contention. * Arbitration: procedure to ensure that, if more than one master simultaneously tries to control the bus, only one is allowed to do so and the message is not corrupted * Synchronization: procedure to synchronize the clock signals of two or more devices.
R/W
handbook, full pagewidth
S S011110A O slave address
A C K
COMMAND
A C K
X ADDRESS
A C K
DISPLAY DATA
A CP K
N 0 bytes
MGG563
Fig.6 I2C-bus protocol.
1998 Apr 07
9
Philips Semiconductors
Objective specification
Universal LCD driver for small graphic panels
COMMANDS Display Control BIT PD V Table 2 LOGIC 0 normal horizontal addressing Display status BITS DISPLAY STATUS E Blank Normal All segments on Inverse video PD: POWER-DOWN * All LCD outputs at VDD (display off) * Bias generator off * Power-on reset on, oscillator off (external clock still possible) * VLCD can be disconnected * I2C-bus, RAM, commands, etc. still function in power-down mode. Set Address Table 3 Y2 0 0 0 0 1 Table 4 Y0, Y1 and Y2 define the Y address vector address of the display RAM Y1 0 0 1 1 0 Y0 0 1 0 1 0 LINE 0 1 2 3 4 0 1 1 0 D 0 1 0 1 LOGIC 1 power-down vertical addressing Reset function Set X address
PCF8558
The X address points to the columns. The range of X is 0 to 100 (64H).
After power-on the chip has the following state: * Power-down mode (PD = 1) * RAM undefined * RAM X and Y address undefined * Display control bits (except PD) undefined * I2C-bus interface reset. Note If the chip is used with an external clock source, after power-on, the chip requires at least 2 clock pulses to ensure that an internal synchronous reset is carried out. After the internal reset, the chip goes into power-down mode (PD = 1). If the clock pulses are not supplied, and the reset is not cleared, the chip cannot respond to commands in the I2C bus. In applications where the internal oscillator is used (pin OSC = VDD), the oscillator starts after power-on. As soon as the synchronous reset is cleared, the chip goes into power-down mode, and the oscillator is stopped.
Instructions: control byte, address DB7 0 0 DB6 E DB5 D DB4 PD DB3 V X address DB2 Y2 DB1 Y1 DB0 Y0 DESCRIPTION Y address vector, display control set column address
INSTRUCTION Display control X address
1998 Apr 07
10
Philips Semiconductors
Objective specification
Universal LCD driver for small graphic panels
CHARACTERISTICS OF THE I2C-BUS The I2C-bus is for bidirectional, two-line communication between different ICs or modules. The two lines are a serial data line (SDA) and a serial clock line (SCL) which must be connected to a positive supply via a pull-up resistor. Data transfer may be initiated only when the bus is not busy. Bit transfer One data bit is transferred during each clock pulse. The data on the SDA line must remain stable during the HIGH period of the clock pulse as changes in the data line at this moment will be interpreted as control signals. START and STOP conditions Both data and clock lines remain HIGH when the bus is not busy. A HIGH-to-LOW transition of the data line, while the clock is HIGH, is defined as the START condition (S). A LOW-to-HIGH transition of the data line while the clock is HIGH, is defined as the STOP condition (P). System configuration A device transmitting a message is a 'transmitter', a device receiving a message is the 'receiver'. The device that controls the message flow is the 'master' and the devices which are controlled by the master are the 'slaves'. Acknowledge
PCF8558
The number of data bytes transferred between the START and STOP conditions from transmitter to receiver is unlimited. Each data byte of eight bits is followed by one acknowledge bit. The acknowledge bit is a HIGH level put on the bus by the transmitter, whereas the master generates an extra acknowledge related clock pulse. A slave receiver which is addressed must generate an acknowledge after the reception of each byte. Also a master must generate an acknowledge after the reception of each byte that has been clocked out of the slave transmitter. The device that acknowledges must pull down the SDA line during the acknowledge clock pulse, so that the SDA line is stable LOW during the HIGH period of the acknowledge related clock pulse (set-up and hold times must be taken into consideration). A master receiver must signal the end of a data transmission to the transmitter by not generating an acknowledge on the last byte that has been clocked out of the slave. In this event the transmitter must leave the data line HIGH to enable the master to generate a stop condition.
handbook, full pagewidth
SDA
SCL data line stable; data valid change of data allowed
MBC621
Fig.7 Bit transfer.
1998 Apr 07
11
Philips Semiconductors
Objective specification
Universal LCD driver for small graphic panels
PCF8558
handbook, full pagewidth
SDA
SDA
SCL S START condition P STOP condition
SCL
MBC622
Fig.8 Definition of START and STOP condition.
MASTER TRANSMITTER/ RECEIVER SDA SCL
SLAVE RECEIVER
SLAVE TRANSMITTER/ RECEIVER
MASTER TRANSMITTER
MASTER TRANSMITTER/ RECEIVER
MGA807
Fig.9 System configuration.
1998 Apr 07
12
Philips Semiconductors
Objective specification
Universal LCD driver for small graphic panels
PCF8558
handbook, full pagewidth
DATA OUTPUT BY TRANSMITTER not acknowledge DATA OUTPUT BY RECEIVER acknowledge SCL FROM MASTER S START condition clock pulse for acknowledgement
MBC602
1
2
8
9
The general characteristics and detailed specification of the I2C-bus are available on request (order number 9398 393 40011).
Fig.10 Acknowledgment on the I2C-bus.
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VDD VLCD Vi1 Vi2 Vo1 Vo2 II IO IDD, ISS, ILCD Ptot Po Tstg HANDLING Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe it is desirable to take normal precautions appropriate to handling MOS devices. supply voltage LCD supply voltage input voltage T1, T3, SA0 and OSC input voltage SDA and SCL output voltage T2 and SDA output voltage R1 to R40 and C1 to C101 DC input current DC output current VDD, VSS or VLCD current power dissipation per package power dissipation per output storage temperature PARAMETER MIN. -0.5 VDD - 11 VSS - 0.5 VSS - 0.5 VSS - 0.5 -10 -10 -50 - - -65 MAX. +8.0 VDD VDD + 0.5 8.0 VDD + 0.5 +10 +10 +50 400 100 +150 V V V V V V mA mA mA mW mW C UNIT
VLCD - 0.5 VDD + 0.5
1998 Apr 07
13
Philips Semiconductors
Objective specification
Universal LCD driver for small graphic panels
PCF8558
DC CHARACTERISTICS VDD = 2.5 to 6 V; VSS = 0 V; VLCD = VDD - 3.5 V to VDD - 9 V; Tamb = -40 to +85 C; unless otherwise specified, note 1. SYMBOL Supplies VDD VLCD IDD(PD) IDD1 IDD2 ILCD VPOR Logic VIL1 VIH1 VIL2 VIH2 IL1 CI1 LOW level input voltage (all inputs except OSC) HIGH level input voltage (all inputs except OSC) LOW level input voltage (pin OSC) HIGH level input voltage (pin OSC) leakage current at T1, T3 OSC and SA0 input capacitance at T1, T3 OSC and SA0 VI = VDD or VSS note 3 VSS 0.7VDD VSS -1 - - - - - - 0.3VDD VDD V V supply voltage LCD supply voltage supply current in power-down mode supply current external clock supply current internal clock LCD input current power-on reset level note 2 2.5 VDD - 9 - - - - 0.6 - - 5 120 130 50 1.3 6.0 10 180 200 100 1.8 V A A A A V VDD - 3.5 V PARAMETER CONDITIONS MIN. TYP. MAX. UNIT
VDD - 1.5 V VDD +1 5 V mA pF
VDD - 0.1 -
LCD outputs VDC RROW RCOL I2C-bus; VIL3 VIH3 IL2 CI2 IOL Notes 1. Outputs are open-circuit; inputs at VDD or VSS; I2C-bus inactive; external clock with 50% duty factor. 2. Resets all logic when VDD < VPOR. 3. Periodically sampled, not 100% tested. 4. Resistance of output terminals (R1 to R40 and C1 to C101) with IL = 20 A; VOP = VDD - VLCD = 9 V; outputs measured one at a time. 5. When the voltages are above or below the supply voltages VDD or VSS, an input current may flow. This current must not exceed 0.5 mA. DC component of LCD drivers R1 to R40 and C1 to C101 output resistance R1 to R40 output resistance C1 to C101 SDA and SCL LOW level input voltage HIGH level input voltage leakage current input capacitance LOW level output current at SDA note 5 note 5 VI = VDD or VSS note 3 VOL = 0.4 V; VDD = 5 V VSS 0.7VDD -1 - 3.0 - - - - - 0.3VDD 6 +1 7 - V V mA pF mA note 4 note 4 - - - 20 1.5 3 - 6 10 mV k k
1998 Apr 07
14
Philips Semiconductors
Objective specification
Universal LCD driver for small graphic panels
PCF8558
AC CHARACTERISTICS All timing values are referenced to VIH and VIL levels with an input voltage swing of VSS to VDD. VDD = 2.5 to 6 V; VSS = 0 V; VLCD = VDD - 3.5 V to VDD - 9 V; Tamb = -40 to +85 C; unless otherwise specified. SYMBOL fFR) fOSC(ext) tPLCD PARAMETER LCD frame frequency (internal oscillator) external clock frequency driver delays VDD - VLCD = 9 V; with test loads CONDITIONS 37 90 - MIN. TYP. 62.5 150 - MAX. 94 225 100 UNIT Hz kHz s
I2C-bus (see Fig.12) fSCL tCLKL tCLKH tBUF tr tf tSU;STA tHD;STA tSU;DAT tHD;DAT tSU;STO tSW Cb Notes 1. The rise and fall times specified here refer to the driver device (i.e. not PCF8558) and are part of the general fast I2C-bus specification. However, when PCF8558 asserts an acknowledge on SDA, the fall time is given by parameter tf. Cb = capacitive load per bus line. 2. The device inputs SDA and SCL are filtered and will reject spikes on the bus lines of width handbook, full pagewidth
R1 to R40, C1 to C101
1 nF SDA
1.5 k VDD
MGG564
Fig.11 AC test loads.
1998 Apr 07
15
Philips Semiconductors
Objective specification
Universal LCD driver for small graphic panels
PCF8558
ndbook, full pagewidth
SDA
t BUF
t LOW
tf
SCL
t HD;STA
tr
t HD;DAT
t HIGH
t SU;DAT
SDA t SU;STA
MGA728
t SU;STO
Fig.12 I2C-bus timing waveforms.
1998 Apr 07
16
Philips Semiconductors
Objective specification
Universal LCD driver for small graphic panels
APPLICATION INFORMATION
PCF8558
The pinning of the PCF8558 is optimized for single plane wiring e.g. for Chip-on-glass display modules.
handbook, full pagewidth
VDD VDD
VDD
OSC
SA0 R1 to R40 40 x 101 dots full graphic display
VDD 100 nF VLCD 100 nF VSS
VDD PCF8558 VLCD VSS SCL SDA
40 C1 to C101 101
VSS
OSC
SA0 R1 to R40 40 x 101 dots full graphic display
VDD 100 nF VLCD 100 nF VSS
VDD PCF8558 VLCD VSS SCL SDA
40 C1 to C101 101
SCL SDA MASTER TRANSMITTER PCF84C81A; P80CL410
MGG565
Fig.13 Application using I2C-bus interface.
1998 Apr 07
17
Philips Semiconductors
Objective specification
Universal LCD driver for small graphic panels
PCF8558
handbook, halfpage
DISPLAY 40 x 101
handbook, halfpage
9 mm
20
101
20
4 mm
PCF8558
Y X
PCF8558
pitch
8 supply, I/O
MGG566 MGG567
Fig.14 Application, display size 40 x 101 pixels.
Fig.15 Bonding pads.
CHIP INFORMATION The PCF8558 is manufactured in p-well CMOS technology. VDD - VLCD is positive. The chip substrate is connected to VDD. Bonding pads Pad pitch Pad size, aluminium Bump dimensions Wafer thickness 100 80 x 120 59 x 99 x 15 381 m m m m
1998 Apr 07
18
Philips Semiconductors
Objective specification
Universal LCD driver for small graphic panels
BONDING PAD LOCATIONS
PCF8558
R32
R21
handbook, full pagewidth
R33
C17 C18 y x C95 Y R1 C101 X
MGG568
R40
dummy 1
~8.95
mm dummy 6 0 0
PCF8558
T2 VSS VLCD SDA T1
SA0 T3 OSC VDD
SCL
R20
C1
~3.99 mm Fig.16 Bonding pad locations.
1998 Apr 07
19
C96
R8
R7
Philips Semiconductors
Objective specification
Universal LCD driver for small graphic panels
Table 5 Bonding pad locations (dimensions in m). All x/y coordinates are referenced to the centre of the chip, see Fig.16. PAD 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 x -4303.6 -4303.6 -4303.6 -4303.6 -4303.6 -4303.6 -4303.6 -4303.6 -4303.6 -4303.6 -4303.6 -4303.6 -4303.6 -4303.6 -4303.6 -4303.6 -4303.6 -4303.6 -4303.6 -4303.6 -4303.6 -4303.6 -4303.6 -4303.6 -4303.6 -4303.6 -4303.6 -3903.6 -3803.6 -3703.6 -3603.6 -3503.6 -3403.6 -3303.6 -3203.6 -3103.6 -3003.6 -2903.6 -2803.6 -2703.6 -2603.6 y 1280.0 1005.8 905.8 805.8 705.8 605.8 505.8 405.8 305.8 205.8 105.8 5.8 -94.3 -194.3 -383.3 -483.3 -583.3 -683.3 -783.3 -883.3 -983.3 -1083.3 -1183.3 -1283.3 -1383.3 -1483.3 -1583.3 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 SYMBOL C81 C80 C79 C78 C77 C76 C75 C74 C73 C72 C71 C70 C69 C68 C67 C66 C65 C64 C63 C62 C61 C60 C59 C58 C57 C56 C55 C54 C53 C52 C51 C50 C49 C48 C47 C46 C45 C44 C43 C42 C41 PAD 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 x -2503.6 -2403.6 -2303.6 -2203.6 -2103.6 -2003.6 -1814.6 -1714.6 -1614.6 -1514.6 -1414.6 -1314.6 -1214.6 -1114.6 -1014.6 -914.6 -814.6 -714.6 -614.6 -514.6 -414.6 -314.6 -214.6 -114.6 -14.6 85.4 274.4 374.4 474.4 574.4 674.4 774.4 874.4 974.4 1074.4 1174.4 1274.4 1374.4 1474.4 1574.4 1674.4
PCF8558
SYMBOL SCL R20 R19 R18 R17 R16 R15 R14 R13 R12 R11 R10 R9 R8 R7 R6 R5 R4 R3 R2 R1 C101 C100 C99 C98 C97 C96 C95 C94 C93 C92 C91 C90 C89 C88 C87 C86 C85 C84 C83 C82
y -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5
1998 Apr 07
20
Philips Semiconductors
Objective specification
Universal LCD driver for small graphic panels
SYMBOL C40 C39 C38 C37 C36 C35 C34 C33 C32 C31 C30 C29 C28 C27 C26 C25 C24 C23 C22 C21 C20 C19 C18 C17 C16 C15 C14 C13 C12 C11 C10 C9 C8 C7 C6 C5 C4 C3 C2 C1 R21 R22 R23 R24 PAD 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 101 102 103 104 105 106 107 108 109 110 111 112 113 114 115 116 117 118 119 120 121 122 123 124 125 126 x 1774.4 1874.4 1974.4 2074.4 2174.4 2363.4 2463.4 2563.4 2663.4 2763.4 2863.4 2963.4 3063.4 3163.4 3263.4 3363.4 3463.4 3563.4 3663.4 3763.4 3863.4 3963.4 4063.4 4303.6 4303.6 4303.6 4303.6 4303.6 4303.6 4303.6 4303.6 4303.6 4303.6 4303.6 4303.6 4303.6 4303.6 4303.6 4303.6 4303.6 4303.6 4303.6 4303.6 4303.6 y -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1823.5 -1583 -1483 -1383 -1283 -1183 -1083 -983 -883 -783 -683 -583 -483 -383 -283 -183 5.8 105.8 483 583 683 783 SYMBOL R25 R26 R27 R28 R29 R30 R31 R32 R33 R34 R35 R36 R37 R38 R39 R40 T2 SDA VSS T1 VLCD SA0 T3 OSC VDD Dummy pads dummy 1 dummy 2 dummy 3 dummy 4 dummy 5 dummy 6 dummy 7 dummy 8 dummy 9 dummy 10 Alignment marks Sign C Sign C Sign F - - - -4082.6 4147.4 -4262.6 - - - - - - - - - - -257.1 -155.6 -54.1 47.4 148.9 250.4 -4223.6 4303.5 -4303.6 4323.6 PAD 127 128 129 130 131 132 133 134 135 136 137 138 139 140 141 142 143 144 145 146 147 148 149 150 151 x 4303.6 4303.6 4303.6 4303.6 4303.6 4303.6 4303.6 4303.6 4017.1 3917.1 3817.1 3717.1 3617.1 3517.1 3417.1 3317.1 -2695.6 -3044.1 -3190.6 -3362.1 -3463.6 -3635.1 -3735.1 -3839.1 -3939.6
PCF8558
y 883 983 1083 1183 1283 1383 1483 1583 1823.5 1823.5 1823.5 1823.5 1823.5 1823.5 1823.5 1823.5 1823.5 1823.5 1823.5 1823.5 1823.5 1823.5 1823.5 1823.5 1823.5 1790.4 1790.4 1790.4 1790.4 1790.4 1790.4 1823.4 1843.5 -1843.5 -1843.5 -1782.5 1807.5 1417.5
1998 Apr 07
21
Philips Semiconductors
Objective specification
Universal LCD driver for small graphic panels
DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values
PCF8558
This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. PURCHASE OF PHILIPS I2C COMPONENTS
Purchase of Philips I2C components conveys a license under the Philips' I2C patent to use the components in the I2C system provided the system conforms to the I2C specification defined by Philips. This specification can be ordered using the code 9398 393 40011.
1998 Apr 07
22
Philips Semiconductors
Objective specification
Universal LCD driver for small graphic panels
NOTES
PCF8558
1998 Apr 07
23
Philips Semiconductors - a worldwide company
Argentina: see South America Australia: 34 Waterloo Road, NORTH RYDE, NSW 2113, Tel. +61 2 9805 4455, Fax. +61 2 9805 4466 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 160 1010, Fax. +43 160 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 200 733, Fax. +375 172 200 773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 689 211, Fax. +359 2 689 102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Prags Boulevard 80, PB 1919, DK-2300 COPENHAGEN S, Tel. +45 32 88 2636, Fax. +45 31 57 0044 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 9 615800, Fax. +358 9 61580920 France: 51 Rue Carnot, BP317, 92156 SURESNES Cedex, Tel. +33 1 40 99 6161, Fax. +33 1 40 99 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 23 53 60, Fax. +49 40 23 536 300 Greece: No. 15, 25th March Street, GR 17778 TAVROS/ATHENS, Tel. +30 1 4894 339/239, Fax. +30 1 4814 240 Hungary: see Austria India: Philips INDIA Ltd, Band Box Building, 2nd floor, 254-D, Dr. Annie Besant Road, Worli, MUMBAI 400 025, Tel. +91 22 493 8541, Fax. +91 22 493 0966 Indonesia: PT Philips Development Corporation, Semiconductors Division, Gedung Philips, Jl. Buncit Raya Kav.99-100, JAKARTA 12510, Tel. +62 21 794 0040 ext. 2501, Fax. +62 21 794 0080 Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, PO Box 18053, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Piazza IV Novembre 3, 20124 MILANO, Tel. +39 2 6752 2531, Fax. +39 2 6752 2557 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108, Tel. +81 3 3740 5130, Fax. +81 3 3740 5077 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Pakistan: see Singapore Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Ul. Lukiska 10, PL 04-123 WARSZAWA, Tel. +48 22 612 2831, Fax. +48 22 612 2327 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 755 6918, Fax. +7 095 755 6919 Singapore: Lorong 1, Toa Payoh, SINGAPORE 319762, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 7430 Johannesburg 2000, Tel. +27 11 470 5911, Fax. +27 11 470 5494 South America: Al. Vicente Pinzon, 173, 6th floor, 04547-130 SAO PAULO, SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 821 2382 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 3 301 6312, Fax. +34 3 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 5985 2000, Fax. +46 8 5985 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2741 Fax. +41 1 488 3263 Taiwan: Philips Semiconductors, 6F, No. 96, Chien Kuo N. Rd., Sec. 1, TAIPEI, Taiwan Tel. +886 2 2134 2865, Fax. +886 2 2134 2874 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260, Tel. +66 2 745 4090, Fax. +66 2 398 0793 Turkey: Talatpasa Cad. No. 5, 80640 GULTEPE/ISTANBUL, Tel. +90 212 279 2770, Fax. +90 212 282 6707 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 181 730 5000, Fax. +44 181 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 625 344, Fax.+381 11 635 777 Internet: http://www.semiconductors.philips.com
For all other countries apply to: Philips Semiconductors, International Marketing & Sales Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 1998
SCA59
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
415106/1200/02/pp24
Date of release: 1998 Apr 07
Document order number:
9397 750 03284


▲Up To Search▲   

 
Price & Availability of PCF8558

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X