Part Number Hot Search : 
F1008 AN630 CH9344 HEM552L HEM552L SF68G 4FCT8 1028721
Product Description
Full Text Search
 

To Download NTE171 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE171 Silicon NPN Transistor Audio/Video Amplifier
Description: The NTE171 is a silicon NPN transistor in a TO202 type case designed for high-voltage TV video and chroma output circuits, high-voltage linear amplifiers, and high-voltage transistor regulators. Features: D High Collector-Emitter Breakdown Voltage Voltage: V(BR)CER = 300V @ IC = 1mA D Low Collector-Base Capacitance: Ccb = 3pF Max @ VCB = 20V Absolute Maximum Ratings: Collector-Emitter Voltage (IC = 1mA, RBE = 10k, Note 1), VCER . . . . . . . . . . . . . . . . . . . . . . . . 300V Collector-Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300V Emitter-Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V Collector Current, IC Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mA Peak . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 700mA Base Current, IB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 250mA Total Power Dissipation (TA = +25C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.67W Derate Above 25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13.3mW/C Total Power Dissipation (TC = +25C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.25W Derate Above 25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mW/C Operating Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Thermal Resistance, Junction to Ambient, RJA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75C/W Thermal Resistance, Junction to Case, RJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20C/W Lead Temperature (During Soldering, 1/16" from case, 10sec), TL . . . . . . . . . . . . . . . . . . . . . +260C Note 1. Pulse Test: Pulse Width 300s, Duty Cycle 2%.
Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter OFF Characteristics Collector-Emitter Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current ON Characteristics (Note 1) DC Current Gain hFE IC = 4mA, VCE = 10V IC = 20mA, VCE = 10V IC = 40mA, VCE = 10V Dynamic Characteristics Current Gain-Bandwidth Product Collector-Base Capacitance fT Ccb IC = 20mA, VCE = 10V, f = 20MHz VCB = 20V, IE = 0, f = 1MHz 50 - - - - 3 MHz pF 20 30 20 - - - - 90 - V(BR)CER ICBO IEBO IC = 1mA, IB = 0, Note 1 VCB = 300V, IE = 0 VBE = 5V, IC = 0 300 - - - - - - 10 10 V A A Symbol Test Conditions Min Typ Max Unit
Note 1. Pulse Test: Pulse Width 300s, Duty Cycle 2%.
.380 (9.56) C .500 (12.7) 1.200 (30.48) Ref
.180 (4.57) .132 (3.35) Dia
.325 (9.52)
.300 (7.62)
.070 (1.78) x 45 Chamf .050 (1.27)
.400 (10.16) Min E B C
.100 (2.54)
.100 (2.54)


▲Up To Search▲   

 
Price & Availability of NTE171

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X