Part Number Hot Search : 
65N03 TCRD11VA UPD75 SY10EP 010B0 UPD7003C VR203 527268ZN
Product Description
Full Text Search
 

To Download NTE1718 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE1718 Integrated Circuit Dual Comparator
Description: The NTE1718 is an dual voltage comparator integrated circuit in a 9-Lead SIP type package with a wide range of supply voltages. Features: D Wide Range of Operating Voltages: Single Supply: 2V to 36V Dual Supply: 1V to 18V D Low Circuit Current: 0.6mA Typ. D Wide Range of Common-Mode Input Voltages: Single Supply: 0V to VCC-1.5V D Open Collector Output Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36V Common-Mode Input Voltage, VICM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +36V Differential Input Voltage, VID . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36V Output Applied Voltage, V1, V7 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24V Power Dissipation, PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500mW Operating Ambient Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -30 to +85C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Electrical Characteristics: (VCC = 5V, TA = +25C unless otherwise specified)
Parameter Input Offset Current Input Offset Current Input Bias Current Voltage Gain Common-Mode Input Voltage Range Supply Current Response Time Output Sink Current Low Level Output Voltage Output Pin Leakage Current Symbol VI(Offset) IIO IBias GV VCM ICC tr ISink VOL IO(Leak) RL = RL = 5.1k, VRL = 5V VREF = 0V, VIN = 1V, VO 1.5V VREF = 0V, VIN = 1V, ISink = 3mA VIN = 0V, VREF = 1V, VO = 5V RL = 15k Test Conditions Min - - - - 0 - - 10 - - Typ 1 - - 200 - 0.6 1.3 - 0.2 0.1 Max 5 50 250 - VCC-1.5 1.5 - - 0.4 - Unit mA nA nA V/mV V mA s mA V nA
Pin Connection Diagram (Front View)
9 VCC 8 VOUT (2) 7 (-) VIN (2) 6 (+) VIN (2) 5 GND 4 (+) VIN (1) 3 (-) VIN (1) 2 VOUT (1) 1 VCC
.126 (3.2)
.906 (23.0) Max
.323 (8.2) Max
1
9
.100 (2.54)
.020 (0.50) .800 (20.3)
.099 (2.5) Min


▲Up To Search▲   

 
Price & Availability of NTE1718

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X