Part Number Hot Search : 
HR002B HE83149 336X0 BC848C JR220V 90SMOCD NE68100 MAX11102
Product Description
Full Text Search
 

To Download NJU7250F33 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NJU7250
Low Dropout Voltage Regulator
s GENERAL DESCRIPTION s PACKAGE OUTLINE The NJU7250 series is low dropout voltage and high precision positive voltage regulator with ON/OFF control. This IC is suitable for the battery items because of low operating current and 150mA output current. NJU7250F Furthermore, this series is packaged with MTP5
s FEATURES * Low Operating Current * Output Current * High Precision Output Voltage * Low Dropout Voltage * Standby Function * Short Current Protection Circuit * C-MOS Technology * Package Outline s OUTPUT VOLTAGE LINE-UP Device Name VOUT NJU7250F25 2.5V NJU7250F27 2.7V NJU7250F28 2.8V NJU7250F29 2.9V
35A typ. 150mA Vo2% 0.2V typ. @Io=100mA, 2.8VVo3.3V
MTP5
Device Name NJU7250F30 NJU7250F32 NJU7250F33
VOUT 3.0V 3.2V 3.3V
s TERMINAL DESCRIPTION No. Symbol Function 1 VIN Input 2 GND GND H: Regulation 3 STB L: Standby, Output off 4 NC Non Connection 5 VOUT Output s EQUIVALENT CIRCUIT
s PIN CONFIGURATION
1 2 3 4 5
Short Current Protection Circuit VIN VOUT
STB
Vref GND GND
- 1/3 -
NJU7250
s ABSOLUTE MAXIMUM RATINGS Parameter Input Voltage Control Voltage Output Voltage Output Current Power Dissipation Operating Temperature Storage Temperature Symbol VIN VCONT VOUT IOUT PD Topr Tstg Ratings 9 GND-0.3 VIN+0.3 GND-0.3 VIN+0.3 200 250 -40 +85 -40 +150 (Ta=25C) Unit V V V mA mW C C
s ELECTRICAL CHARACTERISTICS Parameter Output Voltage Output Current Symbol VO IO (CIN=0.1F, CO=2.2F, Ta=25C) Condition MIN. TYP. MAX. Unit -2% +2% V VIN=VO+1V, 1mAIO30mA 100 1.5VO1.7, VIN=VO+1V mA 150 1.8VO5.0, VIN=VO+1V VO=1.5V, IO=100mA 0.5 VO=1.6V, IO=100mA 0.4 VO=1.7V, IO=100mA 0.3 0.60 1.40 1.8VO1.9, IO=100mA V 0.35 0.70 2.0VO2.4, IO=100mA 0.24 0.35 2.5VO2.7, IO=100mA 0.20 0.30 2.8VO3.3, IO=100mA 0.17 0.26 3.4VO5.0, IO=100mA VIN=VO+1V, VCONT(ON)=VIN 35 70 A VIN=VO+1V, VCONT(OFF)=GND 0.1 1.0 A 12 40 mV VIN=VO+1V, 1mAIO80mA 0.05 100 8 VO=0V 2.5 1.5 0 50 5 10 VIN 0.25 0.2 %/V ppm/C V mA M V V V/rms
Dropout Voltage
VIO
Operating Current Standby Current Load Regulation Line Regulation Output Voltage Temperature Coefficient Input Voltage Short Current Limit Pull-down Resistance H Level Control Voltage L Level Control Voltage Output Noise Voltage
IQ
IQ(OFF) VO/IO VO/ V =V +0.5V8V, IO=30mA VINVOUT IN O VO/T VIN ILIM RPD -40Ta+85C, IO=10mA
VCONT(ON) VCONT(OFF) VNO f=10Hz100kHz
30
- 2/3 -
NJU7250
TEST CIRCUIT
1. Output Voltage, Output Current, Dropout Voltage, 2. Input Voltage Operating Current, Line Regulation, Line Regulation, Output Voltage Temperature Coefficient, Short Current Limit
A V
V IN
VOUT
A V
VIN
VOUT
STB
GND
STB GND
V A
3. Standby Current
4. H Level Control Voltage, L Level Control Voltage, Pull-down Resistance
VIN VOUT VIN STB VOUT
A V
STB GND
A V
GND
[CAUTION] The specifications on this databook are only given for information , without any guarantee as regards either mistakes or omissions. The application circuits in this databook are described only to show representative usages of the product and not intended for the guarantee or permission of any right including the industrial rights.
- 1/ 1 -


▲Up To Search▲   

 
Price & Availability of NJU7250F33

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X