Part Number Hot Search : 
SY5PA REF191GP BFY180 TL062ACP MC1H1R CXP5084 30130 ADR3412
Product Description
Full Text Search
 

To Download MSM6636B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 E2E1035-27-Y2 Semiconductor
Semiconductor MSM6636B
This version:MSM6636B Jan. 1998 Previous version: Nov. 1996
SAE-J1850 Multiplex Communication Protocol Conformity Transmission Controller for Automotive LAN
GENERAL DESCRIPTION
The MSM6636B is a transmission controller for automotive LAN based on data communication protocol SAE-J1850. This device can realize a data bus topology bus LAN system with a PWM bit encoding method (41.6 kbps). In addition to a protocol control circuit, MSM6636B has an enclosed quartz oscillation circuit, host CPU interface (parallel interface), a transmit/receive buffer, and a bus receiver circuit that decreases the burden on the host CPU.
FEATURES
* Based on SAE-J1850 CLASS B DATA COMMUNICATION NETWORK INTERFACE (issued August 12, 1991) * Non-destructive collision and priority control using CSMA/CD * Internal transmit buffer (1 frame) and receive buffer (2 frames) * Modulating/demodulating: PWM (Pulse Width Modulation) * Transmission speed: 41.6 kbps * Multi-address setting with physical addressing: 1 type / functional addressing: 15 types * Address filter function by multi-addressing (broadcasting possible) * Automatic retransmission function by arbitration loss and non ACK * Three types of in-frame response support: q Single-byte response from a single node w Multi-byte response from a single node (with CRC code) e Single-byte response from multiple nodes (ID response as ACK) * Error detection by cyclic redundancy check (CRC) * Various communication error detections * Dual-wire bus abnormality detection by internal bus receiver and fault tolerance function * Host CPU interface is accessed in parallel * Sleep function Low current consumption mode by oscillation stop (IDS Max < 50A) SLEEP / WAKE UP control from host CPU, WAKE UP via LAN bus * Package: 24-pin plastic SOP (SOP24-P-430-1.27-K) (Product name : MSM6636BGS-K)
1/13
Semiconductor
MSM6636B
BLOCK DIAGRAM
LAN Bus Input
Buffer Register Receive Register
Parallel Interface
LAN Controller S-P Converter CRC Checker PWM Decoder Degital Filter Bus Receiver
Receive Buffer
Address Register
Address Filter Receive Controller
CPU
Status Register
Transmission Register CRC Generator P-S Converter
Transmission Controller
Response Register x'tal Clock Generator
PWM Encoder
LAN Bus Output
MSM6636B
2/13
Semiconductor
MSM6636B
PIN CONFIGURATION (TOP VIEW)
WR RD ALE INT RES AVDD BO- BI- BI+ BO+ AGND DGND
1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13
DVDD AD7 AD6 AD5 AD4 AD3 AD2 AD1 AD0 CS OSC0 OSC1
24-Pin Plastic SOP
PIN DESCRIPTION
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16-23 24 Symbol WR RD ALE INT RES AVDD BO- BI- BI+ BO+ AGND DGND OSC1 OSC0 CS AD0-7 DVDD Type I I I O I -- O I I O -- -- O I I I/O -- Data write enable input pin Data read enable input pin Address latch input pin Interrupt output pin Reset input pin Analog power supply voltage LAN--BUS output - LAN--BUS input - LAN--BUS input + LAN--BUS output + Analog ground pin Digital ground pin Crystal (or ceramic resonator) oscillation output Crystal (or ceramic resonator) oscillaiton input Chip select input pin Address input/data input-output pin Digital power supply voltage Description
3/13
Semiconductor
MSM6636B
ABSOLUTE MAXIMUM RATINGS
DGND=AGND=0V Parameter Power Supply Voltage Input Voltage Output Voltage Power Dissipation Storage Temperature Symbol DVDD, AVDD VI VO PD(SOP)*1 TSTG Condition -- AVDD=DVDD AVDD=DVDD Ta=25C -- Rating -0.3 to +7.0 -0.3 to DVDD+0.3 -0.3 to DVDD+0.3 780 -55 to +150 Unit V V V mW C
*1 24-pin SOP package power dissipation
Power Dissipation Curve
< 24-pin SOP package>
Power dissipation PD(SOP) [mW]
1000 780 500
-40 25
125 150
Ambient temperature Ta (C)
4/13
Semiconductor
MSM6636B
RECOMMENDED OPERATING CONDITIONS
DGND=AGND=0V Parameter Power Supply Voltage Operating Frequency Ambient Temperature Symbol DVDD, AVDD fOSC Ta Condition AVDD=DVDD
DVDD=AVDD=5V10%
Range 4.5 to 5.5 2 to 16 -40 to +85
Unit V MHz C
--
ELECTRICAL CHARACTERISTICS
DC Characteristics
DVDD=AVDD=5V10%, DGND=AGND=0V, Ta=-40 to +85C Applied pin (see below Condition Unit Min. Typ. Max. for A-E) -- A DVDD 0.8 -- DVDD+0.3 V -- -- -- -- -- -- VI=VDD VI=0V VI=VDD VI=0V VI=VDD VI=0V IO=-400A IO=+3.2mA IO=-4.0mA IO=+4.0mA -- During sleep f=16MHz, no load A E E B B E B B RES RES BI (+) BI (-) C, AD0-7 C, AD0-7 D D -- -- -- DGND-0.3 DVDD 0.7 DGND-1.0 2.4 -0.3 100 -- -- -- -- -- -- DVDD-0.4 -- DVDD-0.4 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- *1 -- DVDD 0.2 DVDD+1.0 DVDD+0.3 0.8 400 +1 -1 +1 -100 +100 -100 -- DGND+0.4 -- DGND+0.4 1 50 10 V V V V V mV mA mA mA mA mA mA V V V V V mA mA
Parameter "H" Input Voltage "L" Input Voltage "H" Input Voltage "L" Input Voltage "H" Input Voltage "L" Input Voltage Receiver Hysteresis Width "H" Input Current "L" Input Current "H" Input Current "L" Input Current "H" Input Current "L" Input Current "H" Output Voltage "L" Output Voltage "H" Output Voltage "L" Output Voltage GND Offset Voltage Current Consumption 1 Current Consumption 2
Symbol VIH1 VIL1 VIH2 VIL2 VIH3 VIL3 VH IIH1 IIL1 IIH2 IIL2 IIH3 IIL3 VOH1 VOL1 VOH2 VOL2 VOFF IDS IDD
-- DGND 0.3
A: RES, CS B: ALE, WR, RD, AD0-7 C: INT D: BO-, BO+ E: BI-, BI+ *1 Typ.=0.2mA when VDD=5V, f=16 MHz, Ta=25C
5/13
Semiconductor AC Chacteristics * PWM bit timing
MSM6636B
DVDD=AVDD=5V10%, Ta=-40 to +85C, In setting 41.6 kbps Parameter Bit Length "1" Dominant Width "0" Dominant Width "SOF" Dominant Width "SOF, BRK" Length "BRK" Dominant Width "EOD" + Bit Length "EOF" + Bit Length "EOF + IFS" " + Bit Length "0" Passive Width Symbol TP1 TP2 TP3 TP4 TP5 TP6 TP7 TP8 TP9 TP10 Transmit min 23.64 6.90 14.87 30.54 47.28 38.42 47.28 70.92 94.56 8.86 typ 24.00 7.00 15.00 31.00 48.00 39.00 48.00 72.00 96.00 9.00 max 24.36 7.11 15.23 31.47 48.72 39.59 48.72 -- -- 9.14 Receive min 21.00 5.00 13.00 29.00 45.00 37.00 43.00 69.00 86.00 4.00 max 28.00 12.00 20.00 36.00 52.00 44.00 51.00 76.00 -- 15.00 Unit ms ms ms ms ms ms ms ms ms ms
Note: The sending timing in the above table does not include the delay of the bus drivers.
Dominant "1" Passive Dominant "0 " Passive TP3 TP1 TP10 Dominant " SOF " Passive TP4 TP5 TP2
Dominant " EOD " Passive LAST BIT TP7 " EOF " " IFS " Dominant Passive LAST BIT TP8 TP9 Dominant " BRK " Passive TP6 TP5 EOF IFS EOD
6/13
Semiconductor * CPU parallel interface timing
MSM6636B
DVDD=AVDD=5V10%, Ta=-40 to +85C Parameter ALE Pulse Width Address Setup Time Address Hold Time CS Setup Time RD Setup Time Continuous Read Cycle Time RD Output Enable Delay Time RD Output Floating Delay Time RD Pulse Width RD Hold Time at Read WR Setup Time Continuous Write Cycle Time WR Pulse Width Data Setup Time Data Hold Time CS Hold Time at Write Symbol tAW tAS tAH tCSS tRDS tRDCY tRD tRDH tRDW tRCSH tWRS tWRCY tWRW tDS tDH tWCSH CL=50pF Measuring condition Min. 65 65 5 50 20 160 -- -- 75 0 100 160 75 100 40 50 Max. -- -- -- -- -- -- 70 50 -- -- -- -- -- -- -- -- ns Unit
7/13
Semiconductor Parallel Interface Timing
tAW
MSM6636B
ALE
tAS tAH
tRDS
AD0-7
tCSS
Address
tRD
Data Output
tRDH
CS
tRDW tRCSH
RD
Read Timing
ALE
tWRS
AD0-7
Address
Data Input
tDS tDH
CS
tWRW tWCSH
WR
Write Timing
8/13
Semiconductor Timing When Automatic Address Increment is Used
MSM6636B
ALE
tRDS
AD0-7
Address
Data Output
Data Output
Data Output
CS RD
tRD tRDCY tRDW
tRDH
Read Timing
ALE
tWRS
AD0-7
Address
Data Input
tDS tDH
Data Input
Data Input
CS WR
tWRCY tWRW
Write Timing
9/13
Semiconductor * Wakeup input signal
MSM6636B
DVDD=AVDD=5V10%, Ta=-40 to +85C Parameter LAN bus Passive AE Dominant Change Pulse Width RXD Terminal Input Pulse Width Bus Receiver Stable Time *1 Symbol tWD tWR tRS Min. 7 400 1 Typ. -- -- -- Max. -- -- -- Unit ms ns ms
*1 The stable time of the bus receiver is from just after wakeup to the restart of message transmission and reception. However, the clock oscillation source should use an external clock. (A clock is input even in the sleep status.)
tWD BI+ BI- RXD tWR
tWD
tWD
Note: The time chart shows the wakeup input signals from each sleep status.
10/13
Semiconductor * Fault tolerant function operation conditions
MSM6636B
DVDD=AVDD=5V10%, Ta=-40 to +85C, In setting 41.6 kbps Parameter LAN bus (+) GND Short Circuit Detection Pulse Width LAN bus (+) VDD Short Circuit Detection Pulse Width LAN bus (-) GND Short Circuit Detection Pulse Width LAN bus (-) VDD Short Circuit Detection Pulse Width Symbol tPG tPV tNG tNV Min. 5 48 48 5 Typ. -- -- -- -- Max. -- -- -- -- Unit ms ms ms ms
BUS(+) BUS(-) tPG BUS(+) BUS(-) tNV tNG tPV
* Reset input pulse width
DVDD=AVDD=5V10%, Ta=-40 to +85C Parameter Reset Input Pulse Width Symbol tRES Min. 0.1 Typ. -- Max. -- Unit ms
RES tRES
Note: The oscillation stable time after power ON is determined by the crystal used and the parasitic capacitance generated by connection. Make tRES greater than or equal to the oscillation stable time. In the table above, the reset input pulse width indicates the minimum pulse width when oscillation is stable after power is turned on.
11/13
Semiconductor
MSM6636B
APPLICATION CIRCUIT
Host CPU and J1850 Line Bus Connection Example
Unit A Host CPU AD0-7 ALE RD WR PXX INT CLKOUT RES MSM6636B DVDD AVDD AD0-7 ALE RD WR CS INT OSC0 C *1 BI (-) BO (-) RR RB RS ZD ZD BO (+) BI (+) RB RR RS
OPEN OSC1 RES DGND AGND
Unit B
RP
. . .
RD
Bus + Bus -
An optimum system can be constructed by selecting an optimum host CPU and combining it with the MSM6636B. *1 Insert a capacitor between the power supply and GND to prevent supply noise. It is recommended to connect a small-capacitance bypass capacitor and a large-capacitance filter capacitor serially. The typical capacitors are as follows: 0.01 to 0.22 mF : Ceramic capacitor 10 to 100 mF : Tantalum capacitor
12/13
Semiconductor
MSM6636B
PACKAGE DIMENSIONS
(Unit : mm)
SOP24-P-430-1.27-K
Mirror finish
Package material Lead frame material Pin treatment Solder plate thickness Package weight (g)
Epoxy resin 42 alloy Solder plating 5 mm or more 0.58 TYP.
Notes for Mounting the Surface Mount Type Package The SOP, QFP, TSOP, SOJ, QFJ (PLCC), SHP and BGA are surface mount type packages, which are very susceptible to heat in reflow mounting and humidity absorbed in storage. Therefore, before you perform reflow mounting, contact Oki's responsible sales person for the product name, package name, pin number, package code and desired mounting conditions (reflow method, temperature and times).
13/13


▲Up To Search▲   

 
Price & Availability of MSM6636B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X