Part Number Hot Search : 
EMK11 A3001 EMK11 UR6515A EMK11 0SERI 4HC164 LS244
Product Description
Full Text Search
 

To Download MN6556A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A/D, D/C Converters for Image Signal Processing
MN6556A, MN6556AS
Low Power 8-Bit CMOS D/A Converters for Image Processing
Overview
The MN6556A and MN6556AS are 8-bit CMOS digital-to-analog converters with a maximum conversion rate of 20 MSPS. They use both a matrix cell and weighted current technology to achieve a low power consumption of only 50 mW. Output has an amplitude of one volt above the ground level.
Pin Assignment
MN6556A : DIP022-P-0400 MN6556AS : SOP022-P-0375
AVDD AVDD IO VC VIB COMP VREF IREF AVSS N.C. N.C.
1 2 3 4 5 6 7 8 9 10 11
22 21 20 19 18 17 16 15 14 13 12
DVSS DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 CLK DVDD
Features
Maximum conversion rate: 20 MSPS (min.) Linearity error: 0.3 LSB (typ.) Differential linearity error: 0.3 LSB (typ.) Power supply voltage: 5.00.5 V Power consumption: 50 mW (typ.) Full scale current: 5 mA (typ.)
Applications
Digital television Digital video equipment Digital image processing equipment Measuring instrument
(TOP VIEW)
1
MN6556A, MN6556AS
Block Diagram
A/D, D/C Converters for Image Signal Processing
6 COMP
13
17
VREF 7 IREF 8 RREF Current Source
X-Decoder
18
Latch
19
20
Latch
DB3
16
Y-Decoder
1/2
Latch
DB2 DB1 (MSB)
15 14
21
1/4
DB8 (LSB)
CLK
DB4
DB5
DB6
DB7
10
11
12
22
5
N.C.
AVDD
AVDD
N.C.
DVSS
DVDD
AVSS
VIB
-
2
VC 4
1
2
9
+
-
3 IO ROUT
Matrix Current Cell
+
A/D, D/C Converters for Image Signal Processing
Pin Descriptions
Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 Symbol AVDD AVDD IO VC VIB COMP VREF IREF AVSS N.C. N.C. DVDD CLK DB1 DB2 DB3 DB4 DB5 DB6 DB7 DB8 DVSS Function Description Power supply for analog circuits Power supply for analog circuits Analog current output Capacitor connection Capacitor connection Phase compensation Reference voltage input pin Reference resistor Ground for analog circuits No connection No connection Ground for digital circuits Sampling clock Digital input (MSB) Digital input Digital input Digital input Digital input Digital input Digital input Digital input (LSB) Power supply for digital circuits
MN6556A, MN6556AS
Absolute Maximum Ratings
Parameter
Power supply voltage for digital circuits Power supply voltage for analog circuits
Ta=25C
Symbol DVDD AVDD VI VO Topr Tstg
Rating - 0.3 to +7.0 - 0.3 to +7.0 DVSS - 0.3 to DVDD +0.3 AVSS - 0.3 to AVDD +0.3 -20 to +70 -55 to +125
Unit V V V V C C
Input voltage Output voltage Operating ambient temperature Storage temperature
3
MN6556A, MN6556AS
A/D, D/C Converters for Image Signal Processing
VDD=AVDD=DVDD=5.0V, VSS=AVSS=DVSS=0V, Ta=25C
Recommended Operating Conditions
Parameter Power supply voltage Reference voltage Reference resistance External compensation capacitor Output load resistance Digital input voltage Clock "H" level "L" level
"H" level pulse width "L" level pulse width
Symbol VDD VREF RREF CCOMP ROUT VIH VIL tWH tWL
min 4.5 1.5
typ 5.0 1.8 1 200
max 5.5
Unit V V k F
2.4 VSS 20 20
VDD 0.8
V V ns ns
Electrical Characteristics
Parameter Power supply voltage Resolution Linearity error Differential linearity error Full scale current Setup time Hold time Settling time Maximum conversion speed
DVDD=AVDD=5.0V, DVSS=AVSS=0V, Ta=25C
Symbol IDD RES EL ED IFS tS tH tST FC(max.)
Conditions
min
typ 10 8 0.3 0.3
max 20 0.5 0.5 5.5
Unit mA bit LSB LSB mA ns ns
RREF=1.5k, ROUT=200 VREF=1.8V RREF=1.5k, VREF=1.8V 4.5 15 15 RREF=1.5k, ROUT=200 VREF=1.8V 20
5.0
50
ns MSPS
4
A/D, D/C Converters for Image Signal Processing
Timing Chart
MN6556A, MN6556AS
tWH CLK
tWL 2.4V
0.8V tS tH
Data
Dn-1
Dn
Dn+1
1/2LSB Analog Output (Settling waveform) An 1/2LSB
td tST
td tST
5
MN6556A, MN6556AS
Package Dimensions (Unit:mm)
MN6556A DIP022-P-0400
27.70.4 22
A/D, D/C Converters for Image Signal Processing
12
1
11
3.650.20 0.7min. 5.3max.
8.60.2
3.30.3
10.160.20
2.54
0.50.1 1.20.1
0 to 15 SEATING PLANE
0.25 -0
+0.20 .05
MN6556AS
SOP022-P-0375
15.300.20 22 12 1.100.20
7.200.20
9.400.30
0.15
+0.10 -0.05
0 to 10 0.30min. 1 11
(1.29)
1.27
0.400.10 SEATING PLANE
6
0.100.10
2.40max.
2.000.20


▲Up To Search▲   

 
Price & Availability of MN6556A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X