Part Number Hot Search : 
01922 3AYO11 41000 ICS87 500000 PJ664L P6KE56C CY29940
Product Description
Full Text Search
 

To Download MM74HCT574 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MM74HCT573 * MM74HCT574 Octal D-Type Latch * 3-STATE Octal D-Type Flip-Flop
February 1990 Revised May 1999
MM74HCT573 * MM74HCT574 Octal D-Type Latch * 3-STATE Octal D-Type Flip-Flop
General Description
The MM74HCT573 octal D-type latches and MM74HCT574 octal D-type flip-flop advanced silicon-gate CMOS technology, which provides the inherent benefits of low power consumption and wide power supply range, but are LS-TTL input and output characteristic and pin-out compatible. The 3-STATE outputs are capable of driving 15 LS-TTL loads. All inputs are protected from damage due to static discharge by internal diodes to VCC and ground. When the MM74HCT573 Latch Enable input is HIGH, the Q outputs will follow the D inputs. When the Latch Enable goes LOW, data at the D inputs will be retained at the outputs until Latch Enable returns HIGH again. When a high logic level is applied to the Output Control input, all outputs go to a high impedance state, regardless of what signals are present at the other inputs and the state of the storage elements. The MM74HCT574 are positive edge triggered flip-flops. Data at the D inputs, meeting the setup and hold time requirements, are transferred to the Q outputs on positive going transitions of the Clock (CK) input. When a high logic level is applied to the Output Control (OC) input, all outputs go to a high impedance state, regardless of what signals are present at the other inputs and the state of the storage elements. The MM74HCT devices are intended to interface between TTL and NMOS components and standard CMOS devices. These parts are also plug in replacements for LS-TTL devices and can be used to reduce power consumption in existing designs.
Features
s TTL input characteristic compatible s Typical propagation delay: 18 ns s Low input current: 1 A maximum s Low quiescent current: 80 A maximum s Compatible with bus-oriented systems s Output drive capability: 15 LS-TTL loads
Ordering Codes:
Order Number MM74HCT573WM MM74HCT573SJ MM74HCT573MTC MM74HCT573N MM74HCT574WM MM74HCT574SJ MM74HCT574MTC MM74HCT574N Package Number M20B M20D MTC20 N20A M20B M20D MTC20 N20A Package Description 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide 20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide 20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Devices also available in Tape and Reel. Specify by appending suffix letter "X" to the ordering code.
(c) 1999 Fairchild Semiconductor Corporation
DS010627.prf
www.fairchildsemi.com
MM74HCT573 * MM74HCT574
Connection Diagrams
Truth Tables
MM74HCT573 Output Control L L L H LE H H L X Data H L X X Output H L Q0 Z
H = HIGH Level L = LOW Level Q0 = Level of output before steady-state input conditions were established. Z = High Impedance State
Top View MM74HCT573
MM74HCT574 Output Control L L L H LE L X Data H L X X Output H L Q0 Z
H = HIGH Level L = LOW Level Q0 = Level of output before steady-state input conditions were established. X = Don't Care Z = High Impedance State = Transition from LOW-to-HIGH
Top View MM74HCT574
www.fairchildsemi.com
2
MM74HCT573 * MM74HCT574
Absolute Maximum Ratings(Note 1)
(Note 2) Supply Voltage (VCC) DC Input Voltage (VIN) DC Output Voltage (VOUT) Clamp Diode Current (IIK, IOK) DC Output Current, per pin (IOUT) DC VCC or GND Current, per pin (ICC) Storage Temperature Range (TSTG) Power Dissipation (PD) (Note 3) S. O. Package only Lead Temperature (TL) (Soldering 10 seconds) 260C 600 mW 500 mW -0.5 to +7.0V -1.5 to VCC+ 1.5V -0.5 to VCC+ 0.5V 20 mA 35 mA 70 mA -65C to +150C
Recommended Operating Conditions
Min Supply Voltage (VCC) DC Input or Output Voltage (VIN, VOUT) Operating Temperature Range (TA) Input Rise or Fall Times tr, tf 500 ns
Note 1: Absolute Maximum Ratings are those values beyond which damage to the device may occur. Note 2: Unless otherwise specified all voltages are referenced to ground. Note 3: Power Dissipation temperature derating -- plastic "N" package: - 12 mW/C from 65C to 85C.
Max 5.5 VCC +85
Units V V C
4.5 0 -40
DC Electrical Characteristics
VCC = 5V 10% (unless otherwise specified) Symbol VIH VIL VOH Parameter Minimum HIGH Level Input Voltage Maximum LOW Level Input Voltage Minimum HIGH Level Output Voltage VIN = VIH or VIL |IOUT| = 20 A |IOUT| = 6.0 mA, VCC = 4.5V |IOUT| = 7.2 mA, VCC = 5.5V VOL Maximum LOW Level Voltage VIN = VIH or VIL |IOUT| = 20 A |IOUT| = 6.0 mA, VCC = 4.5V |IOUT| = 7.2 mA, VCC = 5.5V IIN IOZ Maximum Input Current Maximum 3-STATE Output Leakage Current ICC Maximum Quiescent Supply Current VIN = VCC or GND IOUT = 0 A VIN = 2.4V or 0.5V (Note 4)
Note 4: Measured per pin. All others tied to VCC or ground.
Conditions
TA = 25C Typ 2.0 0.8
TA = -40 to 85C
TA = -55 to 125C
Guaranteed Limits 2.0 0.8 2.0 0.8
Units V V
VCC 4.2 5.7 0 0.2 0.2
VCC - 0.1 3.98 4.98 0.1 0.26 0.26 0.1
VCC - 0.1 3.84 4.84 0.1 0.33 0.33 1.0
VCC - 0.1 3.7 4.7 0.1 0.4 0.4 1.0
V
V
VIN = VCC or GND, VIH or VIL VOUT = VCC or GND Enable = VIH or VIL
A
0.5
5.0
10
A
8.0 1.5
80 1.8
160 2.0
A mA
3
www.fairchildsemi.com
MM74HCT573 * MM74HCT574
AC Electrical Characteristics MM74HCT573
VCC = 5.0V, tr = tf = 6 ns, TA = 25C (unless otherwise specified) Symbol tPHL tPLH tPHL tPLH tPZH tPZL tPHZ tPLZ tW tS tH Parameter Maximum Propagation Delay Data to Output Maximum Propagation Delay Latch Enable to Output Maximum Enable Propagation Delay Control to Output Maximum Disable Propagation Delay Control to Output Minimum Clock Pulse Width Minimum Setup Time Data to Clock Minimum Hold Time Clock to Data CL = 45 pF RL = 1 k CL = 5 pF RL = 1 k CL = 45 pF Conditions CL = 45 pF Typ 17 16 21 14 Guaranteed Limit 27 27 30 23 15 5 12 Units ns ns ns ns ns ns ns
AC Electrical Characteristics MM74HCT573
VCC= 5.0V 10%, tr = tf = 6 ns (unless otherwise specified) Symbol tPHL tPLH tPHL tPLH tPZH tPZL tPHZ tPLZ tTHL tTLH tW tS tH CIN COUT CPD Parameter Maximum Propagation Delay Data to Output Maximum Propagation Delay Latch Enable to Output Maximum Enable Propagation Delay Control to Output Maximum Disable Propagation Delay Control to Output Maximum Output Rise and Fall Time Minimum Clock Pulse Width Minimum Setup Time Data to Clock Minimum Hold Time Clock to Data Maximum Input Capacitance Maximum Output Capacitance Power Dissipation Capacitance (Note 5) OC = V CC OC = GND -3 4 CL = 50 pF RL = 1 k CL = 50 pF RL = 1 k CL = 50 pF CL = 50 pF Conditions CL = 50 pF TA = 25 Typ 18 17 22 15 6 30 30 30 30 12 15 5 12 10 20 5 52 TA = -40 to 85C TA = -55 to 125C Guaranteed Limits 38 44 38 38 15 20 6 15 10 20 45 53 45 45 18 24 8 18 10 20 Units ns ns ns ns ns ns ns ns pF pF pF
Note 5: CPD determines the no load dynamic power consumption, PD = CPD VCC2 f+ICC VCC, and the no load dynamic current consumption, IS = CPD VCC f+ICC.
www.fairchildsemi.com
4
MM74HCT573 * MM74HCT574
AC Electrical Characteristics
VCC = 5.0V, tr = tf = 6 ns, TA = 25C Symbol fMAX tPHL tPLH tPZH tPZL tPHZ tPLZ tW tS tH Parameter Maximum Clock Frequency Maximum Propagation Delay to Output Maximum Enable Propagation Delay Control to Output Maximum Disable Propagation Delay Control to Output Minimum Clock Pulse Width Minimum Setup Time Data to Clock Minimum Hold Time Clock to Data
MM74HCT574
Conditions CL = 45 pF CL = 45 pF RL = 1 k CL = 45 pF RL = 1 k Typ 60 17 19 14 Guaranteed Limit 33 27 28 25 15 12 5 Units MHz ns ns ns ns ns ns
AC Electrical Characteristics MM74HCT574
VCC = 5.0V 10%, tr = tf = 6 ns (unless otherwise specified) Symbol fMAX tPHL tPLH tPZH tPZL tPHZ tPLZ tTHL tTLH tW tS tH CIN COUT CPD Parameter Maximum Clock Frequency Maximum Propagation Delay Clock to Output Maximum Enable Propagation Delay Control to Output Maximum Disable Propagation Delay Control to Output Maximum Output Rise and Fall Time Minimum Clock Pulse Width Minimum Setup Time Data to Clock Minimum Hold Time Clock to Data Maximum Input Capacitance Maximum Output Capacitance Power Dissipation Capacitance (Note 6) OC = VCC OC = GND
2
Conditions
TA = 25C Typ 33
TA = -40 to 85C TA = -55 to 125C Guaranteed Limits 28 38 38 38 15 20 15 6 10 20 23 45 45 45 18 24 18 8 10 20
Units MHz ns ns ns ns ns ns ns pF pF pF
CL = 50 pF CL = 50 pF RL = 1 k CL = 50 pF RL = 1 k CL = 50 pF
18 22 15 6
30 30 30 12 15
6 -1
12 5 10 20
5 58
Note 6: CPD determines the no load power consumption, PD = CPD VCC f + ICC VCC, and the no load dynamic current consumption, IS = CPD VCC f + ICC.
5
www.fairchildsemi.com
MM74HCT573 * MM74HCT574
Physical Dimensions inches (millimeters) unless otherwise noted
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide Package Number M20B
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M20D www.fairchildsemi.com 6
MM74HCT573 * MM74HCT574
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Package Number MTC20
7
www.fairchildsemi.com
MM74HCT573 * MM74HCT574 Octal D-Type Latch * 3-STATE Octal D-Type Flip-Flop
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Package Number N20A
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component in any component of a life support 1. Life support devices or systems are devices or systems device or system whose failure to perform can be reawhich, (a) are intended for surgical implant into the sonably expected to cause the failure of the life support body, or (b) support or sustain life, and (c) whose failure device or system, or to affect its safety or effectiveness. to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the www.fairchildsemi.com user.
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications.


▲Up To Search▲   

 
Price & Availability of MM74HCT574

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X