![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
r Undement elop Dev Saves power during standby, enhances efficiency MIP2C2 High-Performance IPD for Battery Chargers Unit : mm +0 0.25 -0.05 I Overview MIP2C2 is a high-performance IPD designed for 7W battery chargers. It features built-in protection circuits necessary for compact power source charger circuitry. This allows a significant reduction in externally connected parts. MIP2C2 provides PWM control when a normal load is applied and intermittent control with low load. This results in greater efficiency for very low to maximum loads, while also conserving power during standby. 9.40.3 8 7 5 7.620.25 3.40.3 3.80.25 6.30.2 1 2 3 4 2.540.25 I Features G Built-in charge protection circuit Built-in overcurrent, overheating, load shorting and overvoltage protection circuits G Significantly reduced power consumption with no load* 20mW at 100VAC, 25mW at 240VAC G High efficiency with rated load* 75% at 100VAC,72% at 240VAC G Reduced number of parts (12 less than conventional Panasonic models) * With worldwide input and 5.8V/0.7A output 0.50.1 1.20.25 (2,3,7PIN) 0.40.1 0.60.1 (1,4,5,8PIN) DIP8-A1(CF) I Applications G Chargers (for cellular phones, etc. ) I Block Diagram I Pin Descriptions Pin No. Function VDD FB CL VCC Drain Source Source VCC VCC UV 12V 10V DRAIN Reg. 1 5.7V VDD VCC OVP 22V Overheat protection Oscillator Restart trigger 2 3 4 5 6 SOURCE S R Q Q VDD UV 5.7V 4.7V CL Max Duty Clock 15% 20% Gate driver Power MOSFET S R Q Q Blanking pulse circuit Clamp voltage variable circuit (10 to100%) Low load detection Intermittent control Drain current detection FB 7 8 The products and specifications are subject to change without any notice. Please ask for the latest product standards to guarantee the satisfaction of your product requirements. 1 Kotari-yakemachi, Nagaokakyo, Kyoto 617-8520, Japan E00107AE Tel. (075) 951-8151 http://www.panasonic.co.jp/semicon/ New publication, effective from Jan. 25. 2002. 0.6+0.25 -0.01 3 to 15 .10 I Absolute Maximum Ratings Parameters Drain voltage Supply voltage Feedback voltage CL terminal voltage Drain current Operating Junction Temperature Symbol VD VCC VFB VCL ID Tch Tstg Rating 700 30 7 7 500 150 -55 to +150 Unit V V V V V C C Storage temperature I Electrical Characteristics (Ta = 25C 3C) Parameters ( Control Function ) Oscillator output frequency fOSC MAXDC VDD VUV ICC VCC(ON) VCC(OFF) VCC Ich1 Ich2 Feedback current Feedback current hystereses LC terminal current LC terminal current (Protection Function) IFB IFBHYS ICLMAX ICLMIN ILIMITMIN ILIMITMAX VCC(0V) TOTP Vcreset RDS(ON) IDSS VDSS tr tf VD(MIN) ID = 0.1 A VDS = 630 V ID = 0.25 mA ICL < ICLMIN ICL > ICLMAX VDD = 0V VDD = 4V FB:Open FB:Open 90 20 130 700 50 100 50 5.7 5.1 0.5 12 10 2 3.0 1.5 120 3 0.05 0.35 20 140 3 22 100 50 110 5 150 27 250 V C V A V ns ns V kHz % V V mA V V V mA mA A A A A A Symbol Conditions min typ max Unit Max. Duty cycle VDD reference voltage VDD stop voltage Circuit current VCC charge start voltage VCC charge stop voltage VCC charge voltage hysteresis VDD charge current Overcurrent detection Overvoltage detection Overheating detection Latch reset voltage (Output Function) ON resistance Drain leak current Drain breakdown voltage Rise time Fall time (Supply Voltage) Minimum drain voltage I Electrical Characteristics ( With 100VAC input and 5.8V/0.7A output) Vo vs Io 6 5 60 80 vs Po Vo (V) 4 3 2 1 0 0 0.2 0.4 Io (A) 0.6 0.8 0 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 MIP2C2 MIP286 (%) 40 20 MIP2C2 MIP286 Po (W) I Application Circuit Example 10 H 2200 pF 500 V 200 k 0.5 W 470 F 10 V 10 k 47 100 F 10 V 28 k VIN+ 5.8 V/0.7 A 600 V 0.8 A 60 V 3A 0.1 F PC1 0.22 47 0.1 F RETURN D VCC CL FB VDD 270 k 200 V 0.3 A 10 F 25 V 22 MIP2C2 S Constant voltage/ Constant current Control IC 1 k 0.1 F PC1 VIN- |
Price & Availability of MIP2C2
![]() |