Part Number Hot Search : 
56F80 L3015 PT460F SF103 7B991 CM6807CR LT1P53A 2SC4002
Product Description
Full Text Search
 

To Download MF228 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MF228
High Performance LED
DS5454
ISSUE 1
May 2001
Ordering Information
MF228 MF228 MF228 MF228 MF228 ST SC SMA FC 11914.11 TO-46 Package 12517.11 ST Housing 13308.11 SC Housing 12135.11 SMA Housing 13008.11 FC Housing
Note: Rated Fiber coupled power apply only on the TO-46 package, for housing options fiber coupled power is typically 10% less
Description
This device is capable of providing high power into large-core fiber over a wide temperature range. Thanks to its very uniform phase distribution of the opticalpower, it is ideal for Electronic Distance Measurement equipment.
TO-46 Package with Lens
Optical and Electrical Characteristics - Case Temperature 25C
Parameter Fiber-Coupled Power (Fig. 1,2 & 3) (Table 1) Rise and Fall Time (10-90%) Bandwidth (3dBel) Peak Wavelength Spectral Width (FWHM) Forward Voltage (Fig. 5) Reverse Current Capacitance Symbol Pfiber tr'tf fc p VF IR C 250 830 Min. 1000 Typ. 1200 7 50 850 50 1.8 2.2 20 870 10 Max. Unit W ns MHz nm nm V A pF Test Condition IF=100mA (Note 1) IF=100mA (no bias) IF=100mA IF=100mA IF=100mA IF=100mA VR=1V VR=0V, f=1MHz Fiber: 200/ 280m Step Index NA=0.24
Note 1: Measured at the exit of 100 meters of fiber
O4.7 O1.5 0.6
CASE
3.7
14
2.5 5.4 BOTTOM VIEW
0.4
The anode is in electrical contact with the case
All dimensions in mm
1
CATHODE
ANODE
MF228
Absolute Maximum Ratings
Parameter Storage Temperature Operating Temperature see (derating: Fig. 4) Electrical Power Dissipation (derating: Fig. 4) Continuous Forward Current (f<10kHz) Peak Forward Current (duty cycle<50%, f>1MHz) Reverse Voltage Soldering Temperature (2mm from the case for 10sec) Symbol Tstg Top Ptot IF IFRM VR Tsld Limit -55 to +125C -40 to +85C 250 mW 110 mA 180 mA 1.5V 260C
Thermal Characteristics
Parameter Thermal Resistance-Infinite Heat Sink Thermal Resistance-No Heat Sink Temperature Coefficient - Optical Power Temperature Coefficient - Wavelength Symbol Rthjc Rthja dP/dTj d/dTj -0.4 0.3 Min. Typ. Max. 100 400 Unit C/W C/W %/C nm/C
Typical Fiber-Coupled Power
Core Diameter/Cladding Diameter Numberical Aperture 50/125 m 0.20 60 W 62.5/125 m 0.275 150 W 100/140 m 0.29 450 W 200/230 m 0.37 1300 W 200/280 m 0.24 1200 W
2
MF228
%
100
%
100
r z = opt. Oc = 200Em
RELATIVE FIBER-COUPLED POWER
RELATIVE FIBER-COUPLED POWER
80
80
z
60
60
40
40
r
20
r = opt. Oc = 200Em z
20
0 0.5 1.0 1.5 2.0 2.5 3.0 mm
0 0 40 80 120 160 200 m
z - AXIAL DISPLACEMENT OF FIBER
r - RADIAL DISPLACEMENT OF FIBER
Figure 1
%
100
Figure 2
mW
300
80
50% DUTY CYCLE
MAX. ELECTRICAL POWER DISSIPATION
Note: Maximum junction temperature can be increased to 150C after additional burn-in and screening.
RELATIVE FIBER-COUPLED POWER
200
60
DC
NO HEAT SINK
INFINITE HEAT SINK
40
100
20
HEAT SINKED
0 0 40 80 120 160 200 mA
0 0 50 100 150C
FORWARD CURRENT
OPERATING TEMPERATURE
Figure 3
mA
200
Figure 4
mA
200 Note: Dashed line indicates that the power dissipation may exceed the maximum ratings. Also see figure 4.
a HEAT SINKED b
160
PEAK FORWARD CURRENT
FORWARD CURRENT
120
c d
100
80
40
a) b) c) d)
Pfiber = const.A1450W peak Pfiber = const.A1200W peak Pfiber = const.A950W peak Pfiber = const.A700W peak
0 0 1 2 3V
0 -60 -20 20 60 100 140 C
FORWARD VOLTAGE
OPERATING TEMPERATURE
Figure 5
Figure 6
3
For more information about all Zarlink products visit our Web Site at
www.zarlink.com
Information relating to products and services furnished herein by Zarlink Semiconductor Inc. trading as Zarlink Semiconductor or its subsidiaries (collectively "Zarlink") is believed to be reliable. However, Zarlink assumes no liability for errors that may appear in this publication, or for liability otherwise arising from the application or use of any such information, product or service or for any infringement of patents or other intellectual property rights owned by third parties which may result from such application or use. Neither the supply of such information or purchase of product or service conveys any license, either express or implied, under patents or other intellectual property rights owned by Zarlink or licensed from third parties by Zarlink, whatsoever. Purchasers of products are also hereby notified that the use of product in certain ways or in combination with Zarlink, or non-Zarlink furnished goods or services may infringe patents or other intellectual property rights owned by Zarlink. This publication is issued to provide information only and (unless agreed by Zarlink in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded as a representation relating to the products or services concerned. The products, their specifications, services and other information appearing in this publication are subject to change by Zarlink without notice. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not been superseded. Manufacturing does not necessarily include testing of all functions or parameters. These products are not suitable for use in any medical products whose failure to perform may result in significant injury or death to the user. All products and materials are sold and services provided subject to Zarlink's conditions of sale which are available on request.
Purchase of Zarlink's I2C components conveys a licence under the Philips I2C Patent rights to use these components in an I2C System, provided that the system conforms to the I2C Standard Specification as defined by Philips. Zarlink and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc. Copyright 2002, Zarlink Semiconductor Inc. All Rights Reserved.
TECHNICAL DOCUMENTATION - NOT FOR RESALE


▲Up To Search▲   

 
Price & Availability of MF228

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X