|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MOTOROLA SEMICONDUCTOR TECHNICAL DATA Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs High-Performance Silicon-Gate CMOS The MC54/74HCT574A is identical in pinout to the LS574. This device may be used as a level converter for interfacing TTL or NMOS outputs to High Speed CMOS inputs. Data meeting the setup time is clocked to the outputs with the rising edge of the Clock. The Output Enable input does not affect the states of the flip-flops, but when Output Enable is high, all device outputs are forced to the high-impedance state. Thus, data may be stored even when the outputs are not enabled. The HCT574A is identical in function to the HCT374A but has the flip-flop inputs on the opposite side of the package from the outputs to facilitate PC board layout. * * * * * * Output Drive Capability: 15 LSTTL Loads TTL NMOS Compatible Input Levels Outputs Directly Interface to CMOS, NMOS and TTL Operating Voltage Range: 4.5 to 5.5 V Low Input Current: 1.0 A In Compliance with the Requirements Defined by JEDEC Standard No. 7A * Chip Complexity: 286 FETs or 71.5 Equivalent Gates MC54/74HCT574A J SUFFIX CERAMIC PACKAGE CASE 732-03 1 20 20 1 N SUFFIX PLASTIC PACKAGE CASE 738-03 20 1 DW SUFFIX SOIC PACKAGE CASE 751D-04 ORDERING INFORMATION MC54HCTXXXAJ MC74HCTXXXAN MC74HCTXXXADW Ceramic Plastic SOIC PIN ASSIGNMENT OUTPUT ENABLE D0 D1 D2 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 VCC Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 CLOCK LOGIC DIAGRAM D0 D1 D2 DATA INPUTS D3 D4 D5 D6 D7 CLOCK OUTPUT ENABLE 2 3 4 5 6 7 8 9 11 1 PIN 20 = VCC PIN 10 = GND OE L L L H 19 18 17 16 15 14 13 12 Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 NON- INVERTING OUTPUTS D3 D4 D5 D6 D7 GND FUNCTION TABLE Inputs Output D H L X X Q H L No Change Z Clock 3/97 (c) Motorola, Inc. 1997 II I IIIIIIIIIIIIIII II IIIIIIIIIIIIIII II I II II IIIIIIIIIIIIIII IIIIIIIIIIIIIII IIIIIIIIIIIIII II II III I II IIIIIIIIIIIIIII IIIIIIIIIIIII III I II IIIIIIIIIIIIIII IIII IIIIIIIIIIIIIII II IIIIIIIIIIIIIII IIIIIIIIIIIII IIIIIIIIII Design Criteria Value 71.5 1.5 5.0 Units ea ns Internal Gate Count* Internal Gate Propagation Delay Internal Gate Power Dissipation Speed Power Product W pJ 0.0075 * Equivalent to a two-input NAND gate. 3-1 L,H, X X = don't care Z = high impedance REV 7 MC54/74HCT574A II I II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIII IIIIIIIIIIII I I II I I I II I I II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I III I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I III I I I I I I II I I I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIII IIIIIIIIIIIIIIIIIIII I I II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I I I III I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I II I I I II I I II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II IIIIIIIII IIIIIIIIIIII I I II I I I II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I III I I I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIII I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIIIIIIIIIIIIIIIIIIIIII III I I IIIIIIIIIIIIIIIIIIIIIII III I III I I II I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I I IIIIIIIIIIIIIIIIIIIIIII III II I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIII I I IIIIIIII I I I I IIIIIIIIIIIIIIII II I I I IIIIIIIIIIIIIIIIIIIIIII III I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIII I I I I I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII I I III I I I IIIIIIIIIIIIIIIIIIIIIII I III I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII IIIIII I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIII MAXIMUM RATINGS* Symbol VCC Vin Parameter Value Unit V V V DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) - 0.5 to + 7.0 - 0.5 to VCC + 0.5 - 0.5 to VCC + 0.5 20 35 75 750 500 Vout Iin DC Output Voltage (Referenced to GND) DC Input Current, per Pin mA mA mA Iout DC Output Current, per Pin ICC PD DC Supply Current, VCC and GND Pins Power Dissipation in Still Air, Plastic or Ceramic DIP SOIC Package Storage Temperature mW Tstg TL - 65 to + 150 260 300 _C _C This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range GND (Vin or Vout) VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open. v v Lead Temperature, 1 mm from Case for 10 Seconds (Plastic DIP or SOIC Package) (Ceramic DIP) * Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. Derating -- Plastic DIP: - 10 mW/_C from 65_ to 125_C Ceramic DIP: - 10 mW/_C from 100_ to 125_C SOIC Package: - 7 mW/_C from 65_ to 125_C For high frequency or heavy load considerations, see Chapter 2 of the Motorola High-Speed CMOS Data Book (DL129/D). RECOMMENDED OPERATING CONDITIONS Symbol VCC Parameter Min 4.5 0 Max 5.5 Unit V V DC Supply Voltage (Referenced to GND) Vin, Vout TA DC Input Voltage, Output Voltage (Referenced to GND) Operating Temperature, All Package Types Input Rise and Fall Time (Figure 1) VCC - 55 0 + 125 500 _C ns tr, tf DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND) Guaranteed Limit Symbol S bl VIH VIL Parameter P Test C di i T Conditions VCC V 4.5 5.5 4.5 5.5 4.5 5.5 4.5 4.5 5.5 4.5 5.5 5.5 - 55 to 25_C 2.0 2.0 0.8 0.8 4.4 5.4 v 85_C v 125_C 2.0 2.0 0.8 0.8 4.4 5.4 2.0 2.0 0.8 0.8 4.4 5.4 3.7 0.1 0.1 0.4 Unit Ui V V Minimum High-Level Input Voltage Vout = 0.1 V or VCC - 0.1 V |Iout| 20 A v v v v v v Maximum Low-Level Input Voltage Vout = 0.1 V or VCC - 0.1 V |Iout| 20 A Vin = VIH or VIL |Iout| 20 A Vin = VIH or VIL |Iout| 6.0 mA Vin = VIH or VIL |Iout| 20 A Vin = VIH or VIL |Iout| 6.0 mA VOH Minimum High-Level Output Voltage V 3.98 0.1 0.1 3.84 0.1 0.1 VOL Maximum Low-Level Output Voltage 0.26 0.33 Iin Maximum Input Leakage Current Maximum Quiescent Supply Current (per Package) Vin = VCC or GND Vin = VCC or GND Iout = 0 A 0.1 4.0 1.0 40 1.0 160 A A ICC 1. Output in high-impedance state. NOTE: Information on typical parametric values can be found in Chapter 2 of the Motorola High-Speed CMOS Data Book (DL129/D). MOTOROLA 3-2 High-Speed CMOS Logic Data DL129 -- Rev 6 III I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I I IIII I I I I I I I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII * Used to determine the no-load dynamic power consumption: P D = C PD V CC 2 f + I CC V CC . For load considerations, see Chapter 2 of the Motorola High-Speed CMOS Data Book (DL129/D). NOTE: For propagation delays with loads other than 50 pF, and information on typical parametric values, see Chapter 2 of the Motorola High- Speed CMOS Data Book (DL129/D). II I III I I I IIII IIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I III I I I IIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII IIII III III I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I IIII I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I IIII I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIII IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIII I II I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIII IIIIIIIIIIIIIIIIIIIIIII I I II I I I II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I III I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I IIIIIIIIIII I I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII I I I 1. Output in high-impedance state. High-Speed CMOS Logic Data DL129 -- Rev 6 Symbol S bl Symbol S bl Symbol S bl ICC tr, If tsu IOZ tw tPZH, tPZL tPLH, tPHL tTLH, fMAX th tPLZ, tPHZ tTHL CPD Cin Maximum Input Rise and Fall Times Minimum Pulse Width, Clock Minimum Hold Time, Clock to Data Minimum Setup Time, Data to Clock Additional Quiescent Supply Current Maximum Three-State Leakage Current Power Di i i C P Dissipation Capacitance (P Fli Fl )* i (Per Flip-Flop)* Maximum Input Capacitance Maximum Output Transition Time, Any Output (Figures 1, 2 and 4) Maximum Propagation Delay, Output Enable to Q (Figures 2 and 5) Maximum Propagation Delay, Clock to Q (Figures 1 and 4) Parameter P Parameter P Parameter P AC ELECTRICAL CHARACTERISTICS (VCC = 5.0 V 10%, CL = 50 pF, Input tr = tf = 6.0 ns) DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND) TIMING REQUIREMENTS (VCC = 5.0 V 10%, CL = 50 pF, Input tr = tf = 6.0 ns) Maximum Propagation Delay Time, Output Enable to Q (Figures 2 and 5) Maximum Clock Frequency (50% Duty Cycle) (Figures 1 and 4) Vin = 2.4 V, Any One Input Vin = VCC or GND, Other Inputs lout = 0 A Vin = VIL or VIH (Note 1) Vout = VCC or GND Test C di i T Conditions 3-3 Fig. Fi 1 1 3 3 - 55 to 25_C Min 5.0 15 10 VCC V 5.5 55 5.5 Max 500 - 55 to 25_C Typical @ 25C, VCC = 5.0 V 10 12 28 28 30 30 - 55 to 25_C - 0.5 Guaranteed Limit - 55_C Min Guaranteed Limit 5.0 19 13 2.9 v 85_C Guaranteed Limit v 85_C v 85_C v 125_C Max 10 15 35 35 38 24 58 500 - 5.0 MC54/74HCT574A 25_C to 125_C Min 5.0 22 15 v 125_C v 125_C 2.4 - 10 10 18 42 42 45 20 Max 500 MOTOROLA MHz Unit Ui Unit Ui mA A A Unit Ui pF pF F ns ns ns ns ns ns ns ns MC54/74HCT574A EXPANDED LOGIC DIAGRAM D0 2 D1 3 D2 4 D3 5 D4 6 D5 7 D6 8 D7 9 CLOCK 11 C D Q C D Q C D Q C D Q C D Q C D Q C D Q C D Q ENABLE OUTPUT 1 19 Q0 18 Q1 17 Q2 16 Q3 15 Q4 14 Q5 13 Q6 12 Q7 SWITCHING WAVEFORMS tr CLOCK 2.7 V 1.3 V 0.3 V tw 1/fmax tPLH Q 90% 1.3 V 10% tTLH tTHL tPHL Q tf 3.0 V GND OUTPUT ENABLE 1.3 V GND tPZL 1.3 V tPZH Q 1.3 V tPHZ 10% 90% tPLZ HIGH IMPEDANCE VOL VOH HIGH IMPEDANCE 3.0 V Figure 1. Figure 2. TEST POINT VALID 3.0 V 1.3 V DATA GND tsu th 3.0 V 1.3 V CLOCK GND DEVICE UNDER TEST OUTPUT CL* * Includes all probe and jig capacitance Figure 3. TEST POINT OUTPUT DEVICE UNDER TEST 1 k Figure 4. Test Circuit CL* CONNECT TO VCC WHEN TESTING tPLZ AND tPZL. CONNECT TO GND WHEN TESTING tPHZ AND tPZH. * Includes all probe and jig capacitance Figure 5. Test Circuit MOTOROLA 3-4 High-Speed CMOS Logic Data DL129 -- Rev 6 MC54/74HCT574A OUTLINE DIMENSIONS J SUFFIX CERAMIC PACKAGE CASE 732-03 ISSUE E B A F C L DIM A B C D F G H J K L M N NOTES: 1. LEADS WITHIN 0.25 (0.010) DIAMETER, TRUE POSITION AT SEATING PLANE, AT MAXIMUM MATERIAL CONDITION. 2. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 3. DIMENSIONS A AND B INCLUDE MENISCUS. MILLIMETERS MIN MAX 23.88 25.15 6.60 7.49 3.81 5.08 0.38 0.56 1.40 1.65 2.54 BSC 0.51 1.27 0.20 0.30 3.18 4.06 7.62 BSC 0_ 15 _ 0.25 1.02 INCHES MIN MAX 0.940 0.990 0.260 0.295 0.150 0.200 0.015 0.022 0.055 0.065 0.100 BSC 0.020 0.050 0.008 0.012 0.125 0.160 0.300 BSC 0_ 15_ 0.010 0.040 20 1 11 10 N H D SEATING PLANE G K J M -A- 20 11 N SUFFIX PLASTIC PACKAGE CASE 738-03 ISSUE E B 1 10 C L NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. INCHES MIN MAX 1.010 1.070 0.240 0.260 0.150 0.180 0.015 0.022 0.050 BSC 0.050 0.070 0.100 BSC 0.008 0.015 0.110 0.140 0.300 BSC 0_ 15 _ 0.020 0.040 MILLIMETERS MIN MAX 25.66 27.17 6.10 6.60 3.81 4.57 0.39 0.55 1.27 BSC 1.27 1.77 2.54 BSC 0.21 0.38 2.80 3.55 7.62 BSC 0_ 15_ 0.51 1.01 -T- SEATING PLANE K M E G F D 20 PL N J 0.25 (0.010) M 20 PL 0.25 (0.010) TA M M TB M DIM A B C D E F G J K L M N -A- 20 11 DW SUFFIX PLASTIC SOIC PACKAGE CASE 751D-04 ISSUE E 10X -B- 1 10 P 0.010 (0.25) M B M NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.150 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN EXCESS OF D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 12.65 12.95 7.40 7.60 2.35 2.65 0.35 0.49 0.50 0.90 1.27 BSC 0.25 0.32 0.10 0.25 0_ 7_ 10.05 10.55 0.25 0.75 INCHES MIN MAX 0.499 0.510 0.292 0.299 0.093 0.104 0.014 0.019 0.020 0.035 0.050 BSC 0.010 0.012 0.004 0.009 0_ 7_ 0.395 0.415 0.010 0.029 20X D M 0.010 (0.25) TA S B J S F R X 45 _ C -T- 18X SEATING PLANE G K M High-Speed CMOS Logic Data DL129 -- Rev 6 3-5 MOTOROLA MC54/74HCT574A Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 303-675-2140 or 1-800-441-2447 JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 81-3-3521-8315 MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, - US & Canada ONLY 1-800-774-1848 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 INTERNET: http://www.mot.com/SPS/ MOTOROLA 3-6 MC74HCT574A/D High-Speed CMOS Logic Data DL129 -- Rev 6 |
Price & Availability of MC5474HCT574A |